Part Number Hot Search : 
2N603 AS8202N GR3AB IRFF133 74ALVC 2SB817E SK170 IRFSL
Product Description
Full Text Search
 

To Download CM1204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CM1204 4-Channel ESD Array in CSP
Features
* * * * * * * * Functionally and pin compatible with CMD's CSPESD304 OptiguardTM coated for improved reliability Four channels of ESD protection +15kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge) +30kV ESD protection on each channel (HBM) Chip Scale Package features extremely low lead inductance for optimum ESD protection 5-bump, 0.960mm X 1.330mm footprint Chip Scale Package (CSP) Lead-free version available
Product Description
The CM1204 is a quad ESD transient voltage supression diode array. Each diode provides a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). These diodes are designed and characterized to safely dissipate ESD strikes of +15kV, exceeding the maximum requirement of the IEC 61000-4-2 international standard. Using the MIL-STD-883 (Method 3015) specification for Human Body Model (HBM) ESD, the device provides protection for contact discharges to greater than +30kV. The CM1204 is particularly well suited for portable electronics (e.g., cellular telephones, PDAs, notebook computers) because of its small package format and low weight. The CM1204 features OptiguardTM coating which results in improved reliability at assembly. It is available in a space-saving, low-profile chip scale package with optional lead-free finishing.
Applications
* * * * * * * * ESD protection for sensitive electronic equipment I/O port and keypad and button circuitry protection for portable devices Wireless Handsets Handheld PCs / PDAs MP3 Players Digital Camcorders Notebooks Desktop PCs
Electrical Schematic
ESD_1 ESD_2 ESD_3 ESD_4 C1 C3 A1 A3
GND
B2
(c) 2004 California Micro Devices Corp. All rights reserved. 05/10/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112 Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
1
CM1204
PACKAGE / PINOUT DIAGRAMS
TOP VIEW (Bumps Down View)
Orientation Marking (see note 2)
BOTTOM VIEW (Bumps Up View)
ESD_3 ESD_4
123 A
C1
GND
C3 B2
S
Orientation Marking
ESD_1
B C
ESD_2
A1
A3
A1
CM1204
Notes: CSP Package with OptiGuardTM 1) These drawings are not to scale. 2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
PIN DESCRIPTIONS
PIN A1 A3 B2 C1 C3 NAME ESD1 ESD2 GND ESD3 ESD4 DESCRIPTION ESD Channel1 ESD Channel 2 Device Ground ESD Channel 3 ESD Channel 4
Ordering Information
PART NUMBERING INFORMATION
Standard Finish Ordering Part Pins 5 Package CSP Number1 CM1204-03CS Part Marking S Lead-free Finish2 Ordering Part Number1 CM1204-03CP Part Marking S
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified. Note 2: Lead-free devices are specified by using a "+" character for the top side orientation mark.
(c) 2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112 Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
05/10/04
CM1204
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER Storage Temperature Range DC Package Power Rating RATING -65 to +150 200 UNITS C mW
STANDARD OPERATING CONDITIONS
PARAMETER Operating Temperature Range RATING -40 to +85 UNITS C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL VDIODE ILEAK VSIG PARAMETER Diode Reverse Breakdown Voltage Diode Leakage Current Signal Voltage Positive Clamp Negative Clamp In-system ESD Withstand Voltage a) Human Body Model, MIL-STD-883, Method 3015 b) Contact Discharge per IEC 61000-4-2 Clamping Voltage during ESD Discharge MIL-STD-883 (Method 3015), 8kV Positive Transients Negative Transients Diode Capacitance CONDITIONS IDIODE = 10A VIN=3.3V, TA=25C IDIODE = 10mA 5.6 -0.4 Notes 2, 3 and 4 30 15 Notes 2, 3 and 4 +15 -8 At 2.5VDC Reverse Bias, 1MHz, 30mVAC 22 27 32 V V pF kV kV 6.8 -0.8 9.0 -1.5 V V MIN 5.5 100 TYP MAX UNITS V nA
VESD
VCL
C DIODE
Note 1: Note 2: Note 3: Note 4:
TA=-40 to +85C unless otherwise specified. ESD applied to input and output pins with respect to GND, one at a time. Unused pins are left open These parameters are guaranteed by design and characterization.
(c) 2004 California Micro Devices Corp. All rights reserved. 05/10/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
3
CM1204
Performance Information
Diode Characteristics (nominal conditions unless specified otherwise)
Capacitance (Normalized)
DC Voltage
Figure 1. Typical Diode Capacitance VS. Input Voltage (normalized to 2.5VDC)
(c) 2004 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112 Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
05/10/04
CM1204
Application Information
Refer to Application Note AP-217, "The Chip Scale Package", for a detailed description of Chip Scale Packages offered by California Micro Devices.
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER Pad Size on PCB Pad Shape Pad Definition Solder Mask Opening Solder Stencil Thickness Solder Stencil Aperture Opening (laser cut, 5% tapered walls) Solder Flux Ratio Solder Paste Type Pad Protective Finish Tolerance -- Edge To Corner Ball Solder Ball Side Coplanarity Maximum Dwell Time Above Liquidous Soldering Maximum Temperature VALUE 0.275mm Round Non-Solder Mask defined pads 0.325mm Round 0.125mm - 0.150mm 0.330mm Round 50/50 by volume No Clean OSP (Entek Cu Plus 106A) +50m +20m 60 seconds 260C
Non-Solder Mask Defined Pad 0.275mm DIA.
Solder Stencil Opening 0.330mm DIA.
Solder Mask Opening 0.325mm DIA.
Figure 2. Recommended Non-Solder Mask Defined Pad Illustration
250
Temperature (C)
200 150 100 50 0 1:00.0 2:00.0 3:00.0 Time (minutes) 4:00.0
Figure 3. Eutectic (SnPb) Solder Ball Reflow Profile
(c) 2004 California Micro Devices Corp. All rights reserved. 05/10/04
Figure 4. Lead-free (SnAgCu) Solder Ball Reflow Profile
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
5
CM1204
Mechanical Details
CSP Mechanical Specifications CM1204 devices are packaged in a custom Chip Scale Package (CSP). Dimensions are presented below. For complete information on CSP packaging, see the California Micro Devices CSP Package Information document. Mechanical Package Diagrams OptiGuardTM Coated CSP
BOTTOM VIEW
A1 C1 B2 B1 C A2 B OptiGuardTM Coating
PACKAGE DIMENSIONS
Package Bumps Dim A1 A2 B1 B2 B3 B4 C1 C2 D1 D2 Millimeters Min 0.915 1.285 0.495 0.245 0.430 0.430 0.180 0.180 0.600 0.394 Nom 0.960 1.330 0.500 0.250 0.435 0.435 0.230 0.230 0.670 0.445 Max 1.005 1.375 0.505 0.255 0.440 0.440 0.280 0.280 0.739 0.495 Min Custom CSP 5 Inches Nom Max 0.0360 0.0378 0.0396 0.0506 0.0524 0.0541 0.0195 0.0197 0.0199 0.0096 0.0098 0.0100 0.0169 0.0171 0.0173 0.0169 0.0171 0.0173 0.0071 0.0091 0.0110 0.0071 0.0091 0.0110 0.0236 0.0264 0.0291 0.0155 0.0175 0.0195 3500 pieces
B4 B3
A 123
0.30 DIA. 63/37 Sn/Pb (Eutectic) or 95.5/3.8/0.7 Sn/Ag/Cu (Lead-free) SOLDER BUMPS DIMENSIONS IN MILLIMETERS
Package Dimensions for CM1204 Chip Scale Packages
C2
D1 D2
SIDE VIEW
# per tape and reel
Controlling dimension: millimeters
CSP Tape and Reel Specifications
PART NUMBER CM1204 CHIP SIZE (mm) 1.33 X 0.96 X 0.670 POCKET SIZE (mm) B0 X A0 X K0 1.42 X 1.07 X 0.740
Po Top Cover Tape
TAPE WIDTH W 8mm
REEL DIAMETER 178mm (7")
QTY PER REEL 3500
P0 4mm
P1 4mm
10 Pitches Cumulative Tolerance On Tape 0.2 mm
Ao W
Ko
Bo
For tape feeder reference only including draft. Concentric around B.
Embossment
P1 User Direction of Feed
Center Lines of Cavity
Figure 5. Tape and Reel Mechanical Data
(c) 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112 Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
05/10/04


▲Up To Search▲   

 
Price & Availability of CM1204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X