Part Number Hot Search : 
BD414 BD414 AD7705BR R7600U 4R3ML SR106 SP432 5KE440A
Product Description
Full Text Search
 

To Download CDLL4107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N4099UR-1 THRU 1N4135UR-1 AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/435 * LEADLESS PACKAGE FOR SURFACE MOUNT * LOW CURRENT OPERATION AT 250 A * METALLURGICALLY BONDED * DOUBLE PLUG CONSTRUCTION MAXIMUM RATINGS
Junction and Storage Temperature: -65C to +175C DC Power Dissipation: 500mW @ TEC = +125C Power Derating: 10mW/ C above TEC = +125C Forward Derating @ 200 mA: 1.1 Volts maximum ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
CDI TYPE NUMBER NOMINAL ZENER VOLTAGE VZ @ lZT (Note 1) VOLTS CDLL4099 CDLL4100 CDLL4101 CDLL4102 CDLL4103 CDLL4104 CDLL4105 CDLL4106 CDLL4107 CDLL4108 CDLL4109 CDLL4110 CDLL4111 CDLL4112 CDLL4113 CDLL4114 CDLL4115 CDLL4116 CDLL4117 CDLL4118 CDLL4119 CDLL4120 CDLL4121 CDLL4122 CDLL4123 CDLL4124 CDLL4125 CDLL4126 CDLL4127 CDLL4128 CDLL4129 CDLL4130 CDLL4131 CDLL4132 CDLL4133 CDLL4134 CDLL4135 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 ZENER TEST CURRENT lZT MAXIMUM ZENER IMPEDANCE ZZT (Note 2) OHMS 200 200 200 200 200 200 200 200 200 200 100 100 100 100 150 150 150 150 150 150 200 200 200 200 200 250 250 300 300 400 500 700 700 800 1000 1200 1500 MAXIMUM REVERSE LEAKAGE CURRENT lR @ VR MAXIMUM ZENER CURRENT lZM mA 56 51 46 44 42 38 35 32 29 27 25 24 22 21 20 19 17 16 15 14 14 13 12 11 9.8 8.9 8.1 7.5 6.7 6.4 6.1 5.6 5.1 4.6 4.4 4.2 3.8
1N4099UR-1 thru 1N4135UR-1 and CDLL4099 thru CDLL4135
A
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
A
10 10 1.0 1.0 1.0 1.0 .05 .05 .05 .05 .05 .05 .05 .05 .05 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01
VOLTS 5.17 5.70 6.24 6.61 6.92 7.60 8.44 9.12 9.87 10.65 11.40 12.15 12.92 13.67 14.44 15.20 16.72 18.25 19.00 20.46 21.28 22.80 25.08 27.38 29.65 32.65 35.75 38.76 42.60 45.60 47.10 51.68 57.00 62.32 66.12 69.16 76.00
DIM D F G G1 S
MILLIMETERS INCHES MIN MAX MIN MAX 1.60 1.70 0.063 0.067 0.41 0.55 0.016 0.022 3.30 3.70 .130 .146 2.54 REF. .100 REF. 0.03 MIN. .001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34) LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 100 C/W maximum at L = 0 inch THERMAL IMPEDANCE: (ZOJX): 35 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device.
NOTE 1
The CDI type numbers shown above have a Zener voltage tolerance of + 5% of the nominal Zener voltage. Nominal Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25C + 3C. A "C" suffix denotes a + 2% tolerance and a "D" suffix denotes a + 1% tolerance. Zener impedance is derived by superimposing on lZT, A 60 Hz rms a.c. current equal to 10% of lZT (25 A a.c.).
NOTE 2
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
1N4099UR-1 CDLL4099
Pd, Rated Power Dissipation (mW) 500 400 300 200 100 0 0 25 50
thru thru
FIGURE 2
1N4135UR-1 CDLL4135
75
100
125
150
175
TEC , End cap temperature (C)
POWER DERATING CURVE
1000
500 400 300 200
ZENER IMPEDANCE ZZT (OHMS)
100
50 40 30 20
28 VOLT
10
5 4 3 2
11 VOLT
6.8 VOLT
1 .1
2
.5
1 2 5 10 OPERATING CURRENT IZT (mA) FIGURE 3
20
50
100
ZENER IMPEDANCE VS. OPERATING CURRENT


▲Up To Search▲   

 
Price & Availability of CDLL4107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X