Part Number Hot Search : 
VSM51221 APA4835 VSN182M C9827HT VSM51221 C9827HT BC184 4LS37
Product Description
Full Text Search
 

To Download CD4072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4071BMS, CD4072BMS CD4075BMS
December 1992
CMOS OR Gate
Pinout
CD4071BMS TOP VIEW
Features
* High-Voltage Types (20V Rating) * CD4071BMS Quad 2-Input OR Gate * CD4072BMS Dual 4-Input OR Gate * CD4075BMS Triple 3-Input OR Gate * Medium Speed Operation: - tPHL, tPLH = 60ns (typ) at 10V * 100% Tested for Quiescent Current at 20V * Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC * Standardized Symmetrical Output Characteristics * Noise Margin (Over Full Package Temperature Range): - 1V at VDD = 5V - 2V at VDD = 10V - 2.5V at VDD = 15V * 5V, 10V and 15V Parametric Ratings * Meets All Requirements of JEDEC Tentative Standard No. 13B, "Standard Specifications for Description of `B' Series CMOS Devices"
A1 B2 J=A+B 3 K=C+C 4 C5 D6 VSS 7
14 VDD 13 H 12 G 11 M = G + H 10 L = E + F 9F 8E
CD4072BMS TOP VIEW
J=A+B+C+D 1 A2 B3 C4
14 VDD 13 K = E +F + G + H 12 H 11 G 10 F 9E 8 NC
Description
CD4071BMS, CD4072BMS and CD4075BMS OR gates provide the system designer with direct implementation of the positive-logic OR function and supplement the existing family of CMOS gates. The CD4071BMS, CD4072BMS and CD4075BMS are supplied in these 14 lead outline packages: Braze Seal DIP Frit Seal DIP Ceramic Flatpack *CD4071, CD4072 *H4H H1B H3W CD4075 Only H4Q
D5 NC 6 VSS 7
NC = NO CONNECTION
CD4075BMS TOP VIEW
A1 B2 D3 E4 F5 K=D+E+F 6 VSS 7
14 VDD 13 G 12 H 11 I 10 L = G + H + I 9 J=A+B+C 8C
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
File Number
3323
7-444
CD4071BMS, CD4072BMS, CD4075BMS Functional Diagram
VDD 14 B A D C F E H G 1 2 5 6 8 9 12 13 3 4
J K L M
10 11
7 VSS
CD4071BMS
VDD 14 A B C D 2 3 4 5
1
J
9 E 10 F 11 G 12 H 7 VSS
13
K
CD4072BMS
VDD 14 C B A F E 1 2 8 3 4 6 K 9 J
5 D 11 I 12 H 13 G 7 VSS
10
L
CD4075BMS
7-445
Specifications CD4071BMS, CD4072BMS, CD4075BMS
Absolute Maximum Ratings
DC Supply Voltage Range, (VDD) . . . . . . . . . . . . . . . -0.5V to +20V (Voltage Referenced to VSS Terminals) Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VDD +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . .10mA Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Package Types D, F, K, H Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . +265oC At Distance 1/16 1/32 Inch (1.59mm 0.79mm) from case for 10s Maximum
Reliability Information
Thermal Resistance . . . . . . . . . . . . . . . . ja jc Ceramic DIP and FRIT Package . . . . . 80oC/W 20oC/W Flatpack Package . . . . . . . . . . . . . . . . 70oC/W 20oC/W o Maximum Package Power Dissipation (PD) at +125 C For TA = -55oC to +100oC (Package Type D, F, K) . . . . . . 500mW For TA = +100oC to +125oC (Package Type D, F, K) . . . . . Derate Linearity at 12mW/oC to 200mW Device Dissipation per Output Transistor . . . . . . . . . . . . . . . 100mW For TA = Full Package Temperature Range (All Package Types) Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 1 2 VDD = 18V, VIN = VDD or GND Input Leakage Current IIL VIN = VDD or GND VDD = 20 VDD = 18V Input Leakage Current IIH VIN = VDD or GND VDD = 20 VDD = 18V Output Voltage Output Voltage Output Current (Sink) Output Current (Sink) Output Current (Sink) Output Current (Source) Output Current (Source) Output Current (Source) Output Current (Source) N Threshold Voltage P Threshold Voltage Functional VOL15 VOH15 IOL5 IOL10 IOL15 IOH5A IOH5B IOH10 IOH15 VNTH VPTH F VDD = 15V, No Load VDD = 15V, No Load (Note 3) VDD = 5V, VOUT = 0.4V VDD = 10V, VOUT = 0.5V VDD = 15V, VOUT = 1.5V VDD = 5V, VOUT = 4.6V VDD = 5V, VOUT = 2.5V VDD = 10V, VOUT = 9.5V VDD = 15V, VOUT = 13.5V VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VDD = 2.8V, VIN = VDD or GND VDD = 20V, VIN = VDD or GND VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Input Voltage Low (Note 2) Input Voltage High (Note 2) Input Voltage Low (Note 2) Input Voltage High (Note 2) VIL VIH VIL VIH VDD = 5V, VOH > 4.5V, VOL < 0.5V VDD = 5V, VOH > 4.5V, VOL < 0.5V VDD = 15V, VOH > 13.5V, VOL < 1.5V VDD = 15V, VOH > 13.5V, VOL < 1.5V 3 1 2 3 1 2 3 1, 2, 3 1, 2, 3 1 1 1 1 1 1 1 1 1 7 7 8A 8B 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 +25oC, LIMITS TEMPERATURE +25oC +125oC -55oC +25o C +125oC -55oC +25oC +125oC -55oC +25oC, +125oC, -55oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +125oC -55oC +125oC, -55oC 3.5 11 1.5 4 V V V V MIN -100 -1000 -100 0.53 1.4 3.5 -2.8 0.7 MAX 0.5 50 0.5 100 1000 100 50 -0.53 -1.8 -1.4 -3.5 -0.7 2.8 UNITS A A A nA nA nA nA nA nA mV V mA mA mA mA mA mA mA V V V
PARAMETER Supply Current
SYMBOL IDD
CONDITIONS (NOTE 1) VDD = 20V, VIN = VDD or GND
+25oC, +125oC, -55oC 14.95
VOH > VOL < VDD/2 VDD/2
+25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC
NOTES: 1. All voltages referenced to device GND, 100% testing being implemented. 2. Go/No Go test with limits applied to inputs.
3. For accuracy, voltage is measured differentially to VDD. Limit is 0.050V max.
7-446
Specifications CD4071BMS, CD4072BMS, CD4075BMS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS TEMPERATURE 9 10, 11 VDD = 5V, VIN = VDD or GND 9 10, 11 +25oC +125oC, -55oC LIMITS MIN MAX 250 338 200 270 UNITS ns ns ns ns
PARAMETER Propagation Delay
SYMBOL TPHL TPLH TTHL TTLH
CONDITIONS (NOTES 1, 2) VDD = 5V, VIN = VDD or GND
Transition Time
+25oC +125oC, -55oC
NOTES: 1. CL = 50pF, RL = 200K, Input TR, TF < 20ns. 2. -55oC and +125oC limits guaranteed, 100% testing being implemented. TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current SYMBOL IDD CONDITIONS VDD = 5V, VIN = VDD or GND NOTES 1, 2 TEMPERATURE -55oC, +25oC +125 C VDD = 10V, VIN = VDD or GND 1, 2 -55 C, +25 C +125oC VDD = 15V, VIN = VDD or GND 1, 2 -55oC, +25oC
oC o o o
MIN 4.95 9.95 0.36 0.64 0.9 1.6 2.4 4.2 7 -
MAX 0.25 7.5 0.5 15 0.5 30 50 50 -0.36 -0.64 -1.15 -2.0 -0.9 -2.6 -2.4 -4.2 3 120 90
UNITS A A A A A A mV mV V V mA mA mA mA mA mA mA mA mA mA mA mA mA mA V V ns ns
+125 Output Voltage Output Voltage Output Voltage Output Voltage Output Current (Sink) VOL VOL VOH VOH IOL5 VDD = 5V, No Load VDD = 10V, No Load VDD = 5V, No Load VDD = 10V, No Load VDD = 5V, VOUT = 0.4V 1, 2 1, 2 1, 2 1, 2 1, 2
+25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +125oC -55oC +125oC -55oC +125oC -55oC +125oC -55oC +125oC -55oC +125oC -55oC +125oC -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC +25oC
Output Current (Sink)
IOL10
VDD = 10V, VOUT = 0.5V
1, 2
Output Current (Sink)
IOL15
VDD = 15V, VOUT = 1.5V
1, 2
Output Current (Source)
IOH5A
VDD = 5V, VOUT = 4.6V
1, 2
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1, 2
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
1, 2
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
Input Voltage Low Input Voltage High Propagation Delay
VIL VIH TPHL TPLH
VDD = 10V, VOH > 9V, VOL < 1V VDD = 10V, VOH > 9V, VOL < 1V VDD = 10V VDD = 15V
1, 2 1, 2 1, 2, 3 1, 2, 3
7-447
Specifications CD4071BMS, CD4072BMS, CD4075BMS
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) LIMITS PARAMETER Transition Time SYMBOL TTHL TTLH CIN CONDITIONS VDD = 10V VDD = 15V Any Input NOTES 1, 2, 3 1, 2, 3 1, 2 TEMPERATURE +25oC +25 C +25oC
o
MIN -
MAX 100 80 7.5
UNITS ns ns pF
Input Capacitance NOTES:
1. All voltages referenced to device GND. 2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on initial design release and upon design changes which would affect these characteristics. 3. CL = 50pF, RL = 200K, Input TR, TF < 20ns. TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current N Threshold Voltage N Threshold Voltage Delta P Threshold Voltage P Threshold Voltage Delta Functional SYMBOL IDD VNTH VTN VTP VTP F CONDITIONS VDD = 20V, VIN = VDD or GND VDD = 10V, ISS = -10A VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VSS = 0V, IDD = 10A VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Propagation Delay Time TPHL TPLH VDD = 5V 1, 2, 3, 4 +25oC NOTES 1, 4 1, 4 1, 4 1, 4 1, 4 1 TEMPERATURE +25 C +25oC +25oC +25oC +25oC +25oC
o
MIN -2.8 0.2 VOH > VDD/2 -
MAX 2.5 -0.2 1 2.8 1 VOL < VDD/2 1.35 x +25oC Limit
UNITS A V V V V V
ns
NOTES: 1. All voltages referenced to device GND. 2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit. 4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25OC PARAMETER Supply Current - SSI Output Current (Sink) Output Current (Source) SYMBOL IDD IOL5 IOH5A 0.1A 20% x Pre-Test Reading 20% x Pre-Test Reading DELTA LIMIT
TABLE 6. APPLICABLE SUBGROUPS CONFORMANCE GROUP Initial Test (Pre Burn-In) Interim Test 1 (Post Burn-In) Interim Test 2 (Post Burn-In) PDA (Note 1) Interim Test 3 (Post Burn-In) PDA (Note 1) Final Test Group A MIL-STD-883 METHOD 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 Sample 5005 GROUP A SUBGROUPS 1, 7, 9 1, 7, 9 1, 7, 9 1, 7, 9, Deltas 1, 7, 9 1, 7, 9, Deltas 2, 3, 8A, 8B, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11 IDD, IOL5, IOH5A READ AND RECORD IDD, IOL5, IOH5A IDD, IOL5, IOH5A IDD, IOL5, IOH5A
7-448
Specifications CD4071BMS, CD4072BMS, CD4075BMS
TABLE 6. APPLICABLE SUBGROUPS (Continued) CONFORMANCE GROUP Group B Subgroup B-5 Subgroup B-6 Group D MIL-STD-883 METHOD Sample 5005 Sample 5005 Sample 5005 GROUP A SUBGROUPS 1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas 1, 7, 9 1, 2, 3, 8A, 8B, 9 Subgroups 1, 2 3 READ AND RECORD Subgroups 1, 2, 3, 9, 10, 11
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION MIL-STD-883 METHOD 5005 TEST PRE-IRRAD 1, 7, 9 POST-IRRAD Table 4 READ AND RECORD PRE-IRRAD 1, 9 POST-IRRAD Table 4
CONFORMANCE GROUPS Group E Subgroup 2
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS OSCILLATOR FUNCTION OPEN GROUND VDD 9V -0.5V 50kHz 25kHz
PART NUMBER CD4071BMS Static Burn-In 1 Note 1 Static Burn-In 2 Note 1 Dynamic BurnIn Note 1 Irradiation Note 2 3, 4, 10, 11 3, 4, 10, 11 3, 4, 10, 11 1, 2, 5 - 9, 12 - 13 7 7 7 14 1, 2, 5, 6, 8, 9, 12 - 14 14 1, 2, 5, 6, 8, 9, 12 - 14 3, 4, 10, 11 1, 2, 5, 6, 8, 9, 12, 13
PART NUMBER CD4072BMS Static Burn-In 1 Note 1 Static Burn-In 2 Note 1 Dynamic BurnIn Note 1 Irradiation Note 2 1, 6, 8, 13 1, 6, 8, 13 6, 8 1, 6, 8, 13 2 - 5, 7, 9 - 12 7 7 7 14 2 - 5, 9 - 12, 14 14 2 - 5, 9 - 12, 14 1, 13 2 - 5, 9 - 12
PART NUMBER CD4075BMS Static Burn-In 1 Note 1 Static Burn-In 2 Note 1 Dynamic BurnIn Note 1 Irradiation Note 2 NOTE: 1. Each pin except VDD and GND will have a series resistor of 10K 5%, VDD = 18V 0.5V 2. Each pin except VDD and GND will have a series resistor of 47K 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD = 10V 0.5V 6, 9, 10 6, 9, 10 6, 9, 10 1 - 5, 7, 8, 11 - 13 7 7 7 14 1 - 5, 8, 11 - 14 14 1 - 5, 8, 11 - 14 6, 9, 10 1 - 5, 8, 11 - 13
7-449
CD4071BMS, CD4072BMS, CD4075BMS
VDD 14 p p p n n n n 3 (4, 10, 11) VDD p p
*
1 (6, 8, 13)
*
2 (5,9, 12)
p
n
VSS
n 7 VSS
*
ALL INPUTS PROTECTED BY CMOS PROTECTION NETWORK
FIGURE 1. SCHEMATIC DIAGRAM FOR CD4071BMS (1 OF 4 IDENTICAL GATES)
B 1 (6, 8, 13) A 2 (5, 9, 12) J 3 (4, 10, 11)
FIGURE 2. LOGIC DIAGRAM FOR CD4071BMS (1 OF 4 IDENTICAL GATES)
VDD INV.1** VDD p p p n p p n n n VSS VSS VDD p p VSS 1 (13) n n VDD p VDD
*
2 (12)
VSS
*
3 (11) INV 2**
*
5 (9) INV 3** n
n
VDD
*
4 (10) INV 4** VSS
VSS
** INVERTERS 2, 3 AND 4 ARE IDENTICAL TO INVERTER 1.
*
ALL INPUTS PROTECTED BY CMOS PROTECTION NETWORK
FIGURE 3. SCHEMATIC DIAGRAM FOR CD4072BMS (1 OF 2 IDENTICAL GATES)
A 2 (12) B 3 (11) D 5 (9) C 4 (10) J 1 (13)
FIGURE 4. LOGIC DIAGRAM FOR CD4072BMS (1 OF 2 IDENTICAL GATES)
7-450
CD4071BMS, CD4072BMS, CD4075BMS
VDD 14
p p
p n
p p p 9 (6, 10)
*
8 (5, 13) n p
n
n
n
n
*
2 (4, 12) n p VDD n
*
1 (3, 11) n
VSS
*
7 VSS
ALL INPUTS PROTECTED BY CMOS PROTECTION NETWORK
FIGURE 5. SCHEMATIC DIAGRAM FOR CD4075BMS (1 OF 3 IDENTICAL GATES)
A 1 (3, 11) B 2 (4, 12) 9 (6, 10) C 8 (5, 13) J
FIGURE 6. LOGIC DIAGRAM FOR CD4075BMS (1 OF 3 IDENTICAL GATES)
Typical Performance Characteristics
PROPAGATION DELAY TIME (tPHL, tPLH) (ns) 20 200 AMBIENT TEMPERATURE (TA) = +25oC SUPPLY VOLTAGE (VDD) = 15V 15 AMBIENT TEMPERATURE (TA) = +25oC
OUTPUT VOLTAGE (VO) (V)
150 SUPPLY VOLTAGE (VDD) = 5V
10
10V
100
5V 5
50
10V 15V
0
5
10 15 INPUT VOLTAGE (VIN) (V)
20
0
20
40
60
80
LOAD CAPACITANCE (CL) (pF)
FIGURE 7. TYPICAL VOLTAGE TRANSFER CHARACTERISTICS
FIGURE 8. TYPICAL PROPAGATION DELAY TIME AS A FUNCTION OF LOAD CAPACITANCE
7-451
CD4071BMS, CD4072BMS, CD4075BMS Typical Performance Characteristics
AMBIENT TEMPERATURE (TA) = +25oC
(Continued)
OUTPUT LOW (SINK) CURRENT (IOL) (mA)
OUTPUT LOW (SINK) CURRENT (IOL) (mA)
AMBIENT TEMPERATURE (TA) = +25oC
30 25 20 15 10 5
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
15.0 GATE-TO-SOURCE VOLTAGE (VGS) = 15V 12.5 10.0 7.5 5.0 2.5 10V
10V
5V 0 5 10 15 DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
5V 0 5 10 15 DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
FIGURE 9. TYPICAL OUTPUT LOW (SINK) CURRENT CHARACTERISTICS
DRAIN-TO-SOURCE VOLTAGE (VDS) (V) -15 -10 -5 AMBIENT TEMPERATURE (TA) = +25oC GATE-TO-SOURCE VOLTAGE (VGS) = -5V
FIGURE 10. MINIMUM OUTPUT LOW (SINK) CURRENT CHARACTERISTICS
DRAIN-TO-SOURCE VOLTAGE (VDS) (V) -15 -10 -5 OUTPUT HIGH (SOURCE) CURRENT (IOH) (mA) AMBIENT TEMPERATURE (TA) = +25oC GATE-TO-SOURCE VOLTAGE (VGS) = -5V -5
0
0 -5 -10 -15
0
0 OUTPUT HIGH (SOURCE) CURRENT (IOH) (mA) 104
-10V
-20 -25
-10V
-10
-15V
-30
-15V
-15
FIGURE 11. TYPICAL OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS
o
FIGURE 12. MINIMUM OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS
105 POWER DISSIPATION PER GATE (PD) (W)
8 6 4 2
AMBIENT TEMPERATURE (TA) = +25oC SUPPLY VOLTAGE (VDD) = 15V 10V 10V 5V
AMBIENT TEMPERATURE (TA) = +25 C TRANSITION TIME (tTHL, tTLH) (ns)
104
8 6 4
200 SUPPLY VOLTAGE (VDD) = 5V
150
103
2 8 6 4 2
100 10V 50 15V
102
8 6 4 2
CL = 50pF CL = 15pF
2 4 68 2 4 68 2 4 68 2 4 68
0 0
10 20 40 60 80 100 LOAD CAPACITANCE (CL) (pF) 1 103 10 102 INPUT FREQUENCY (fI) (kHz)
FIGURE 13. TYPICAL TRANSITION TIME AS A FUNCTION OF LOAD CAPACITANCE
FIGURE 14. TYPICAL DYNAMIC POWER DISSIPATIONAS A FUNCTION OF FREQUENCY
7-452
CD4071BMS, CD4072BMS, CD4075BMS Chip Dimensions and Pad Layouts
CD4071BMS
CD4072BMS
CD4075BMS Dimensions in parentheses are in millimeters and are derived from the basic inch dimensions as indicated. Grid graduations are in mils (10-3 inch)
METALLIZATION: PASSIVATION:
Thickness: 11kA - 14kA,
AL.
10.4kA - 15.6kA, Silane
BOND PADS: 0.004 inches X 0.004 inches MIN DIE THICKNESS: 0.0198 inches - 0.0218 inches
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
453


▲Up To Search▲   

 
Price & Availability of CD4072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X