Part Number Hot Search : 
32000 EPA1073 CD4583A EGA64 UC383QTR 33000 EMIF0 UL8797JF
Product Description
Full Text Search
 

To Download CD4066 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4066BMS
December 1992
CMOS Quad Bilateral Switch
Description
CD4066BMS is a quad bilateral switch intended for the transmission or multiplexing of analog or digital signals. It is pin for pin compatible with CD4016B, but exhibits a much lower on state resistance. In addition, the on-state resistance is relatively constant over the full input signal range. The CD4066BMS consists of four independent bilateral switches. A single control signal is required per switch. Both the p and the n device in a given switch are biased on or off simultaneously by the control signal. As shown in Figure 1, the well of the n channel device on each switch is either tied to the input when the switch is on or to VSS when the switch is off. This configuration eliminates the variation of the switch transistor threshold voltage with input signal, and thus keeps the on-state resistance low over the full operating signal range. The advantages over single channel switches include peak input signal voltage swings equal to the full supply voltage, and more constant on-state impedance over the input signal range. For sample and hold applications, however, the CD4016B is recommended. The CD4066BMS is supplied in these 14-lead outline packages:
Braze Seal DIP H4Q Frit Seal DIP H1B Ceramic Flatpack H3W
Features
* For Transmission or Multiplexing of Analog or Digital Signals * High Voltage Types (20V Rating) * 15V Digital or 7.5V Peak-to-Peak Switching * 125 Typical On-State Resistance for 15V Operation * Switch On-State Resistance Matched to Within 5 Over 15V Signal Input Range * On-State Resistance Flat Over Full Peak-to-Peak Signal Range * High On/Off Output Voltage Ratio - 80dB Typ. at FIS = 10kHz, RL = 1k * High Degree of Linearity: <0.5% Distortion Typ. at FIS = 1kHz, VIS = 5Vp-p, VDD - VSS 10V, RL = 10k * Extremely Low Off-State Switch Leakage Resulting in Very Low Offset Current and High Effective Off-State Resistance: 10pA Typ. at VDD - VSS = 10V, TA = +25oC * Extremely High Control Input Impedance (Control Circuit Isolated from Signal Circuit): 1012 Typ. * Low Crosstalk Between Switches: -50dB Typ. at FIS = 8MHz, RL = 1k * Matched Control Input to Signal Output Capacitance: Reduces Output Signal Transients * Frequency Response, Switch on = 40MHz (Typ.) * 100% Tested for Quiescent Current at 20V * 5V, 10V and 15V Parametric Ratings * Meets All Requirements of JEDEC Tentative Standard No. 13B, "Standard Specifications for Description of "B" Series CMOS Devices"
Pinout
CD4066BMS TOP VIEW
IN/OUT A 1 OUT/IN A 2
14 VDD 13 CONT A 12 CONT D 11 IN/OUT D 10 OUT/IN D 9 OUT/IN C 8 IN/OUT C
Applications
* Analog Signal Switching/Multiplexing - Signal Gating - Modulator - Squelch Control - Demodulator - Chopper - Commutating Switch * Digital Signal Switching/Multiplexing * Transmission Gate Logic Implementation * Analog to Digital & Digital to Analog Conversion * Digital Control of Frequency, Impedance, Phase, and Analog Signal Gain
OUT/IN B 3 IN/OUT B 4 CONT B 5 CONT C 6 VSS 7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
File Number
3319
7-966
Specifications CD4066BMS
Absolute Maximum Ratings
DC Supply Voltage Range, (VDD) . . . . . . . . . . . . . . . -0.5V to +20V (Voltage Referenced to VSS Terminals) Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VDD +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . .10mA Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Package Types D, F, K, H Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . +265oC At Distance 1/16 1/32 Inch (1.59mm 0.79mm) from case for 10s Maximum
Reliability Information
Thermal Resistance . . . . . . . . . . . . . . . . ja jc Ceramic DIP and FRIT Package . . . . . 80oC/W 20oC/W Flatpack Package . . . . . . . . . . . . . . . . 70oC/W 20oC/W o Maximum Package Power Dissipation (PD) at +125 C For TA = -55oC to +100oC (Package Type D, F, K) . . . . . . 500mW For TA = +100oC to +125oC (Package Type D, F, K) . . . . . Derate Linearity at 12mW/oC to 200mW Device Dissipation per Output Transistor . . . . . . . . . . . . . . . 100mW For TA = Full Package Temperature Range (All Package Types) Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 1 2 VDD = 18V, VIN = VDD or GND Input Leakage Current IIL VC = VDD or GND 3 1 2 3 Input Leakage Current IIH VC = VDD or GND 1 2 3 Input/Output Leakage Current (Switch OFF) IOZL VC = 0V, VIS = 18V, VOS = 0V, VIS = 0V, VOS = 18V VDD = 20 1 2 VDD = 18V IOZH VDD = 20 3 1 2 VDD = 18V On Resistance RON5 RON10 RON15 On Resistance RON5 VC = VDD, RL = 10kW VDD = 5V returned to VDD VDD = 10V VSS/2 VDD = 15V VIS = VSS to VDD VDD = 5V 3 1 1 1 1, 2 LIMITS TEMPERATURE +25
oC
PARAMETER Supply Current
SYMBOL IDD
CONDITIONS (NOTE 1) VDD = 20V, VIN = VDD or GND
MIN -100 -1000 -100 -100 -1000 -100 1050 400 240 -
MAX 0.5 50 0.5 100 1000 100 100 1000 100 1300 800 550 310 320 220
UNITS A A A nA nA nA nA nA nA nA nA nA nA nA nA V
+125oC -55oC +25o C
+125oC -55oC +25oC +125oC -55oC +25oC +125oC -55oC +25oC +125oC -55oC +25oC +25oC +25oC +125oC -55oC
On Resistance
RON10
VDD = 10V
1, 2
+125oC -55oC
On Resistance
RON15
VDD = 15V
1, 2
+125oC -55oC
Functional (Note 3)
F
VDD = 2.8V, VIN = VDD or GND VDD = 20V, VIN = VDD or GND VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND
7 7 8A 8B 1, 2, 3 1, 2, 3 1 1
+25oC +25oC +125oC -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC +25oC
VOH > VOL < VDD/2 VDD/2
Switch Threshold RL = 100k to VDD N Threshold Voltage P Threshold Voltage
SWTHRH5 VDD = 5V, VC = 1.5V, VIS = GND SWTHRH15 VDD = 15V, VC = 2V, VIS = GND VNTH VPTH VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A
4.1 14.1 -2.8 0.7
-0.7 2.8
V V V V
7-967
Specifications CD4066BMS
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 1, 2, 3 1, 2, 3 LIMITS TEMPERATURE +25oC, +125oC, -55oC +25oC, +125oC, -55oC MIN MAX 1 2 UNITS V V
PARAMETER Control Input Low Voltage (Note 2) |IIS| < 10a, VIS = VSS, VOS = VDD and VIS = VDD, VOS = VSS Control Input High Voltage (Note 2, Figure 2) VIS = VSS and VIS = VDD
SYMBOL VILC5 VILC15
CONDITIONS (NOTE 1) VDD = 5V VDD = 15V
VIHC
VDD = 5V, |IIS| = .51mA, 4.6V < VOS < 0.4V VDD = 5V, |IIS| = .36mA, 4.6V < VOS < 0.4V VDD = 5V, |IIS| = .64mA, 4.6V < VOS < 0.4V
1 2 3 1 2 3
+25oC +125oC -55oC +25oC +125oC -55oC
3.5 3.5 3.5 11 11 11
-
V V V V V V
VIHC
VDD = 15V, |IIS| = 3.4mA, 13.5V < VOS <1.5V VDD = 15V, |IIS| = 2.4mA, 13.5V < VOS < 1.5V VDD = 15V, |IIS| = 4.2mA, 13.5V < VOS <1.5V
NOTES: 1. All voltages referenced to device GND, 100% testing being implemented. 2. Go/No Go test with limits applied to inputs.
3. VDD = 2.8V/3.0V, RL = 100K to VDD VDD = 20V/18V, RL = 10K to VDD
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS TEMPERATURE 9 10, 11 9 10, 11 +25oC +125oC, -55oC LIMITS MIN MAX 40 54 70 95 UNITS ns ns ns ns
PARAMETER Propagation Delay Signal Input to Signal Output Propagation Delay Turn-On, Turn-Off NOTES:
SYMBOL TPLH TPHL
CONDITIONS VC = VDD = 5V, VSS = GND (Notes 2, 3)
TPHZ/ZH VIS = VDD = 5V (Notes 1, 2) TPLZ/ZL
+25oC +125oC, -55oC
1. CL = 50pF, RL = 1K, Input TR, TF < 20ns. 2. -55oC and +125oC limits guaranteed, 100% testing being implemented. 3. CL = 50pF, RL = 200K, Input TR, TF < 20ns. TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current SYMBOL IDD CONDITIONS VDD = 5V, VIN = VDD or GND NOTES 1, 2 TEMPERATURE -55oC, +25oC MIN MAX 0.25 7.5 0.5 15 0.5 30 2 UNITS A A A A A A V
+125oC VDD = 10V, VIN = VDD or GND 1, 2 -55oC, +25oC +125oC VDD = 15V, VIN = VDD or GND 1, 2 -55oC, +25oC
+125oC Control Input Low Voltage |IIS| < 10a, VIS = VSS, VOS = VDD and VIS = VDD, VOS = VSS VILC10 VDD = 10V 1, 2 +25oC, +125oC, -55oC
7-968
Specifications CD4066BMS
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) LIMITS PARAMETER Control Input High Voltage (See Figure 2) Propagation Delay Signal Input to Signal Output Propagation Delay Turn-On, Turn-Off Input Capacitance NOTES: 1. All voltages referenced to device GND. 2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on initial design release and upon design changes which would affect these characteristics. 3. CL = 50pF, RL = 200K, Input TR, TF < 20ns. TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current N Threshold Voltage N Threshold Voltage Delta P Threshold Voltage P Threshold Voltage Delta Functional SYMBOL IDD VNTH VTN VTP VTP F CONDITIONS VDD = 20V, VIN = VDD or GND VDD = 10V, ISS = -10A VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VSS = 0V, IDD = 10A VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Propagation Delay Time TPHL TPLH VDD = 5V 1, 2, 3, 4 +25oC NOTES 1, 4 1, 4 1, 4 1, 4 1, 4 1 TEMPERATURE +25oC +25oC +25oC +25oC +25oC +25oC MIN -2.8 0.2 VOH > VDD/2 MAX 25 -0.2 1 2.8 1 VOL < VDD/2 1.35 x +25oC Limit UNITS A V V V V V SYMBOL VIHC10 TPLH TPHL CONDITIONS VDD = 10V, VIS = VDD or GND VDD = 10V VDD = 15V NOTES 2 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2 TEMPERATURE +25oC, +125oC, -55oC +25oC +25oC +25oC +25oC +25oC MIN 7 MAX 20 15 40 30 7.5 UNITS V ns ns ns ns pF
TPHZ/ZH VDD = 10V TPLZ/ZL VDD = 15V CIN Any Input
ns
NOTES: 1. All voltages referenced to device GND. 2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit. 4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25OC PARAMETER Supply Current - SSI ON Resistance SYMBOL IDD RONDEL10 0.1A 20% x Pre-Test Reading DELTA LIMIT
TABLE 6. APPLICABLE SUBGROUPS CONFORMANCE GROUP Initial Test (Pre Burn-In) Interim Test 1 (Post Burn-In) Interim Test 2 (Post Burn-In) PDA (Note 1) Interim Test 3 (Post Burn-In) PDA (Note 1) MIL-STD-883 METHOD 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 GROUP A SUBGROUPS 1, 7, 9 1, 7, 9 1, 7, 9 1, 7, 9, Deltas 1, 7, 9 1, 7, 9, Deltas IDD, IOL5, IOH5A, RONDEL10 READ AND RECORD IDD, IOL5, IOH5A, RONDEL10 IDD, IOL5, IOH5A, RONDEL10 IDD, IOL5, IOH5A, RONDEL10
7-969
Specifications CD4066BMS
TABLE 6. APPLICABLE SUBGROUPS (Continued) CONFORMANCE GROUP Final Test Group A Group B Subgroup B-5 Subgroup B-6 Group D MIL-STD-883 METHOD 100% 5004 Sample 5005 Sample 5005 Sample 5005 Sample 5005 GROUP A SUBGROUPS 2, 3, 8A, 8B, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas 1, 7, 9 1, 2, 3, 8A, 8B, 9 Subgroups 1, 2 3 Subgroups 1, 2, 3, 9, 10, 11 READ AND RECORD
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION MIL-STD-883 METHOD 5005 TEST PRE-IRRAD 1, 7, 9 POST-IRRAD Table 4 READ AND RECORD PRE-IRRAD 1, 9 POST-IRRAD Table 4
CONFORMANCE GROUPS Group E Subgroup 2
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS OSCILLATOR FUNCTION Static Burn-In 1 (Note 1) Static Burn-In 2 (Note 1) Dynamic Burn-In (Note 1) Irradiation (Note 2) NOTE: 1. Each pin except VDD and GND will have a series resistor of 10K 5%, VDD = 18V 0.5V 2. Each pin except VDD and GND will have a series resistor of 47K 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD = 10V 0.5V OPEN 2, 3, 9, 10 2, 3, 9, 10 2, 3, 9, 10 GROUND 1, 4-8, 11-13 7 7 7 VDD 14 1, 4-6, 8, 11-14 14 1, 4-6, 8, 11-14 2, 3, 9, 10 5, 6, 12, 13 1, 4, 8, 11 9V -0.5V 50kHz 25kHz
Functional Diagram
TRUTH TABLE EACH SWITCH
IN/OUT SIG A OUT/IN 2 1 SW A 13 CONTROL A 14 VDD
INPUT VC 1 1 VIS 0 1 0 1
OUTPUT VOS 0 1 Open Open
OUT/IN SIG B IN/OUT
3
SW D
12
CONTROL D
0 0
4 SW B
11
IN/OUT SIG D
CONTROL B
5
10
OUT/IN
Positive Logic: Switch ON VC = "1" Switch OFF VC = "0"
CONTROL C
6 SW C
9
OUT/IN SIG C
VSS
7
8
IN/OUT
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
970
CD4066BMS Schematic
SWITCH CONTROL IN VIS NORMAL OPERATION CONTROL LINE BIASING: SWITCH ON, VC "I" = VDD SWITCH OFF, VC "O" = VSS
VDD
P
N P N OUT VOS
*
ALL CONTROL INPUTS ARE PROTECTED BY THE CMOS PROTECTION NETWORK
CONTROL VC
N VSS SIGNAL LEVEL RANGE: VSS VIS VDD NOTE: All "P" Substrates Connected to VDD VSS
*
FIGURE 1. SCHEMATIC DIAGRAM OF 1 OF 4 IDENTICAL SWITCHES AND ITS ASSOCIATED CONTROL CIRCUITRY
VDD IIS VIS CD4066BMS 1 OF 4 SWITCHES |VIS - VOS| RON = |IIS| VOS VSS TG "ON"
KEITHLY 160 DIGITAL MULTIMETER 1k RANGE Y X-Y PLOT TER X
10k
HP MOSELEY 7030A
FIGURE 2. DETERMINATION OF RON AS A TEST CONDITION FOR CONTROL INPUT HIGH VOLTAGE (VIHC) SPECIFICATION
FIGURE 3. CHANNEL ON-STATE RESISTANCE MEASUREMENT CIRCUIT
CIOS VC = -5V VDD = +5V MEASURED ON BOONTON CAPACITANCE BRIDGE MODEL 75A (1MHz) TEST FIXTURE CAPACITANCE NULLED OUT
VC = VSS
VDD
CD4066BMS 1 OF 4 SWITCHES CIS VSS = -5V COS
VIS = VDD
CD4066BMS 1 OF 4 SWITCHES VSS
ALL UNUSED TERMINALS ARE CONNECTED TO VSS
FIGURE 4. CAPACITANCE TEST CIRCUIT
FIGURE 5. OFF SWITCH INPUT OR OUTPUT LEAKAGE
VC = VDD
VDD
ALL UNUSED INPUTS ARE CONNECTED TO VSS VOS 50 pF
+10V tr = tf = 20ns
VC
VDD
ALL UNUSED TERMINALS ARE CONNECTED TO VSS VOS
ViS
CD4066BMS 1 OF 4 SWITCHES
VIS 200k 1k
CD4066BMS 1 OF 4 SWITCHES
VDD tr = tf = 20ns
VSS
VSS
10k
FIGURE 6. PROPAGATION DELAY TIME SIGNAL INPUT (VIS) TO SIGNAL OUTPUT (VOS)
FIGURE 7. CROSSTALK CONTROL INPUT TO SIGNAL OUTPUT
7-971
CD4066BMS
VC tr = tf = 20ns VOS 90% 20ns 1 0 10% 20ns REP RATE
VC = VDD VDD tr = tf = 20ns VDD
VDD
ALL UNUSED TERMINALS ARE CONNECTED TO VSS VOS 50 pF
+10V tr = tf = 20ns
VC
VDD = +10V
ALL UNUSED INPUTS ARE CONNECTED TO VSS
CD4066BMS 1 OF 4 SWITCHES
VIS = +10V
CD4066BMS 1 OF 4 SWITCHES
VOS = 1/2VOS AT 1kHz 50 pF
1k VSS
1k
VSS
FIGURE 8. PROPAGATION DELAY TPLH, TPHL CONTROL SIGNAL OUTPUT. DELAY IS MEASURED AT VOS LEVEL OF +10% FROM GROUND (TURN ON) OR ON-STATE OUTPUT LEVEL (TURN OFF).
FIGURE 9. MAXIMUM ALLOWABLE CONTROL INPUT REPETITION RATE
10 10 CLOCK RESET 14 15 1 Q1 Q2 5 4 1
1/ 4
2
3 J2
7 J3
9
12
2
3 J2
7 J3
9
12 CLOCK 14 15 1 CD4066B 2 Q1 Q2 5 4 PE J1 J4 J5 EXT RESET
PE J1
J4 J5 13
CD4018B
CD4018B
1 3 2 3
1/ 3 CD4049B
7
1/ 3
6 CD4049B 10
13
12
9
8
6
5
2
1
2
5 4 6
9
CD4001B
5
4
CD4001B 8 10 9 12 11 13 6 5 13 12 11 2 CD4066B 3 9 4 10 10K
1/ CD4066B 4 1/ CD4049B 6
11
10
4
3
6
5
11
SIGNALS OUTPUTS LPF CHANNEL 1
SIGNALS INPUTS
12 CHANNEL 1 CHANNEL 2 CHANNEL 3 CHANNEL 4 1 4 8 11
12
2 10K 1 4 3 8 11 9 CD4066B 3 10K
5
LPF
CHANNEL 2
PACKAGE COUNT 2 - CD4001B 1 - CD4049B 3 - CD4066BMS 2 - CD4018B
LPF
CHANNEL 3
CLOCK MAX. ALLOWABLE SIGNAL LEVEL CHAN. 1 CHAN. 2 CHAN. 3 CHAN. 4
VDD 30% (VDD - VSS) VSS
10K CHANNEL 4
10 10K
LPF
FIGURE 10. 4 CHANNEL PAM MULTIPLEX SYSTEM DIAGRAM
7-972
CD4066BMS
+5 ANALOG INPUTS (5V) -5 VDD = 5V CD4066BMS 5V 0 SWB IN CD4054B SWC SWD DIGITAL CONTROL INPUTS VSS = 0V VEE = -5V SWA VDD = +5V
ANALOG OUTPUTS (5V)
VSS = -5V
FIGURE 11. BIDIRECTIONAL SIGNAL TRANSMISSION VIA DIGITAL CONTROL LOGIC
Typical Performance Characteristics
CHANNEL ON-STATE RESISTANCE (RON) () CHANNEL ON-STATE RESISTANCE (RON) () SUPPLY VOLTAGE (VDD - VEE) = 5V 600 500 400 300 200 100 0 -4 -3 -2 -1 0 1 2 3 4 INPUT SIGNAL VOLTAGE (VIS) (V) +25oC -55oC AMBIENT TEMPERATURE (TA) = +125oC SUPPLY VOLTAGE (VDD - VEE) = 10V 300 250 200 150 100 50 0 -10.0 -7.5 +25oC -55oC AMBIENT TEMPERATURE (TA) = +125oC
-5.0
-2.5
0
2.5
5.0
7.5
10.0
INPUT SIGNAL VOLTAGE (VIS) (V)
FIGURE 12. TYPICAL ON-STATE RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES)
CHANNEL ON-STATE RESISTANCE (RON) ()
FIGURE 13. TYPICAL ON-STATE vs INPUT SIGNAL VOLTAGE (ALL TYPES).
CHANNEL ON-STATE RESISTANCE (RON) ()
SUPPLY VOLTAGE (VDD - VSS) = 15V 300 250 200 150 100 50 0 -10.0 -7.5 -5.0 -2.5 0 2.5 5.0 7.5 10.0 INPUT SIGNAL VOLTAGE (VIS) (V)
600 500 400 300 200
AMBIENT TEMPERATURE (TA) = +25oC SUPPLY VOLTAGE (VDD - VSS) = 5V
AMBIENT TEMPERATURE (TA) = +125oC
+25oC -55oC
10V 100 0 -10.0 -7.5 -5.0 -2.5 0 2.5 5.0 7.5 10.0 INPUT SIGNAL VOLTAGE (VIS) (V) 15V
FIGURE 14. TYPICAL ON-STATE RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES)
FIGURE 15. ON-STATE RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES)
7-973
CD4066BMS Typical Performance Characteristics
3 OUTPUT VOLTAGE (VO) (V) 2 1 0 -1 VC = VDD AMBIENT TEMPERATURE (TA) = +25oC VDD = 2.5V, VSS = -2.5V INPUT = TERM 1, OUTPUT = TERM 2 RL = 100K
(Continued)
POWER DISSIPATION PER PACKAGE (PD) (W) 104
8 6 4 2
AMBIENT TEMPERATURE (TA) = +25oC
10K 1K 500 100 VDD
SUPPLY VOLTAGE (VDD) = 15V
103 8
6 4
10V VDD 14 5V f 5 6 12 13 7 VSS
2 4 6 8 2 4 6 8
100 500
2
VIS CD4066BMS VOS 1 OF 4 SWITCHES RL ALL UNUSED TERMINALS VSS ARE CONNECTED TO VSS -1 0 1 2 3 4
102
8 6 4 2
CD4066/ BMS
-2 1K 10K -3 -3 100K -2
10 10 102 SWITCHING FREQUENCY (f) (kHz)
INPUT VOLTAGE (VI) (V)
103
FIGURE 16. TYPICAL ON CHARACTERISTICS FOR 1 OF 4 CHANNELS
FIGURE 17. POWER DISSIPATION PER PACKAGE vs SWITCHING FREQUENCY
Chip Dimensions and Pad Layout
Dimensions in parenthesis are in millimeters and are derived from the basic inch dimensions as indicated. Grid graduations are in mils (10-3 inch).
Special Considerations In applications that employ separate power sources to drive VDD and the signal inputs, the VDD current capability should exceed VDD/RL (RL = effective external load of the four CD4066B bilateral switches). This provision avoids any permanent current flow or clamp action on the VDD supply when power is applied or removed from the CD4066B. In certain applications, the external load-resistor current may include both VDD and signal line components. To avoid drawing VDD current when switch current flows into terminals 1, 4, 8 or 11 the voltage drop across the bidirectional switch must not exceed 0.8 volts (calculated from RON values shown). No VDD current will flow through RL if the switch current flows into terminals 2, 3, 9, or 10. METALLIZATION: PASSIVATION: BOND PADS: Thickness: 11kA - 14kA,
AL.
10.4kA - 15.6kA, Silane 0.004 inches X 0.004 inches MIN
DIE THICKNESS: 0.0198 inches - 0.0218 inches
7-974


▲Up To Search▲   

 
Price & Availability of CD4066

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X