Part Number Hot Search : 
SBC84622 PE4352 A1021 2CDMK RJK0349 S1C17002 2414M 30KPA43A
Product Description
Full Text Search
 

To Download BUK7528-100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
TrenchMOS transistor Standard level FET
GENERAL DESCRIPTION
N-channel enhancement mode standard level field-effect power transistor in a plastic envelope available in TO220AB and SOT404 . Using 'trench' technology which features very low on-state resistance. It is intended for use in automotive and general purpose switching applications.
BUK7528-100A BUK7628-100A
QUICK REFERENCE DATA
SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance VGS = 10 V MAX. 100 47 166 175 28 UNIT V A W C m
PINNING TO220AB & SOT404
PIN 1 2 3 DESCRIPTION gate drain
2
PIN CONFIGURATION
mb tab
SYMBOL
d
g
3 SOT404
1 23
source
1
tab/mb drain
TO220AB
s
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg, Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage & operating temperature CONDITIONS RGS = 20 k Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 100 100 20 47 33 187 166 175 UNIT V V V A A A W C
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a Rth j-a PARAMETER Thermal resistance junction to mounting base Thermal resistance junction to ambient(TO220AB) Thermal resistance junction to ambient(SOT404) CONDITIONS in free air Minimum footprint, FR4 board TYP. 60 50 MAX. 0.9 UNIT K/W K/W K/W
March 2000
1
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOS transistor Standard level FET
STATIC CHARACTERISTICS
Tj= 25C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IGSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Gate source leakage current Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA; Tj = -55C VDS = VGS; ID = 1 mA Tj = 175C Tj = -55C VDS = 100 V; VGS = 0 V; VGS = 20 V; VDS = 0 V VGS = 10 V; ID = 25 A Tj = 175C Tj = 175C MIN. 100 89 2 1 -
BUK7528-100A BUK7628-100A
TYP. 3 0.05 2 20 -
MAX. 4 4.4 10 500 100 28 76
UNIT V V V V V A A nA m m
DYNAMIC CHARACTERISTICS
Tmb = 25C unless otherwise specified SYMBOL Ciss Coss Crss td on tr td off tf Ld Ld Ld Ls PARAMETER Input capacitance Output capacitance Feedback capacitance Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal drain inductance Internal drain inductance Internal source inductance CONDITIONS VGS = 0 V; VDS = 25 V; f = 1 MHz MIN. TYP. 2320 315 187 15 70 83 45 4.5 3.5 2.5 7.5 MAX. 3100 378 256 23 105 116 63 UNIT pF pF pF ns ns ns ns nH nH nH nH
VDD = 30 V; Rload =1.2; VGS = 10 V; RG = 10
Measured from drain lead 6 mm from package to centre of die Measured from contact screw on tab to centre of die(TO220AB) Measured from upper edge of drain tab to centre of die(SOT404) Measured from source lead to source bond pad
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tj = 25C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS MIN. IF = 25 A; VGS = 0 V IF = 47 A; VGS = 0 V IF = 47 A; -dIF/dt = 100 A/s; VGS = -10 V; VR = 30 V TYP. 0.85 1.1 66 0.24 MAX. 47 187 1.2 UNIT A A V V ns C
March 2000
2
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOS transistor Standard level FET
AVALANCHE LIMITING VALUE
SYMBOL W
1 DSS
BUK7528-100A BUK7628-100A
PARAMETER Drain-source non-repetitive unclamped inductive turn-off energy
CONDITIONS ID = 30 A; VDD 25 V; VGS = 5 V; RGS = 50 ; Tmb = 25 C
MIN. -
TYP. -
MAX. 45
UNIT mJ
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
1000
ID/A RDS(ON)=VDS/ID
100
tp = 1us 10us 100us
10
1ms DC 10ms 100ms
0
20
40
60
80 100 Tmb / C
120
140
160
180
1
1
10
VSD/V
100
1000
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
120 110 100 90 80 70 60 50 40 30 20 10 0
ID%
Normalised Current Derating
Zth/(K/W) 1
0.5 0.2
0.1
0.1 0.05 0.02
0.01
0
0.001 1E-07
0 20 40 60 80 100 Tmb / C 120 140 160 180
1E-05 t/s
1E-03
1E-01
1E+01
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); conditions: VGS 5 V
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
1 For maximum permissible repetive avalanche current see fig.18. March 2000 3 Rev 1.000
Philips Semiconductors
Product specification
TrenchMOS transistor Standard level FET
BUK7528-100A BUK7628-100A
180 ID/A 160 140 120 100 80
10.0
VGS/V =
20.0 13.5 9.0 8.0 7.5 7.0 6.5 6.0
100 ID/A 90 80 70 60 50 40 30
5.5
60 40 20 0 0 2 4 VDS/V 6 8 10
Tj/C= 175 C 25 C
o
o
20
5.0 4.5
10 0 0 2 4 VGS/V 6 8
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
Fig.8. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj
RDS(ON)/mOhm
45
5.5 6.0
65 60 55 50 45 40 35 30 25 20 15 5 25
gfs/S
40 35
6.5
30 25
7.0 7.5 8.0 10.0
20 15 10 5 0 0 20 40 ID/A 60 80 100
45
65 ID/A
85
105
125
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); paramter VGS
Fig.9. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 25 V
a
31 29 27 25 23 21 19 17 15
RDS(ON) Ohm
2
30V TrenchMOS
1.5
1
0.5
5
7
9 VGS/V
11
13
15
0 -100
-50
0
50 Tj / C
100
150
200
Fig.7. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(VGS); conditions: ID = 25 A;
Fig.10. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 25 A; VGS = 5 V
March 2000
4
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOS transistor Standard level FET
BUK7528-100A BUK7628-100A
5
VGS(TO) / V max.
BUK759-60
10 VGS / V 9 8
VDS = 14V
4 typ. 3 min. 2
7
VDS = 44V
6 5 4 3
1
2 1
0 -100
0
-50
0
50 Tj / C
100
150
200
0
50
QG / nC
100
150
Fig.11. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Fig.14. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 25 A; parameter VDS
1E-01
Sub-Threshold Conduction
100 IF/A 90 80
1E-02 2% typ 98%
70 60 Tj/C= 175 C 25 C
o o
1E-03
50 40
1E-04
30 20
1E-05
10 0 0.0 0.2 0.4 0.6 0.8 VSDS/V 1.0 1.2 1.4
1E-06
0
1
2
3
4
5
Fig.12. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
Fig.15. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
WDSS%
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5
Capacitance / nF
120 110 100 90 80 70 60
Ciss
50 40 30 20
0.0 0.01
Coss Crss
10 0 20 40 60 80 100 120 Tmb / C 140 160 180
0.1
1 VDS/V
10
100
Fig.13. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
Fig.16. Normalised avalanche energy rating. WDSS% = f(Tmb); conditions: ID = 75 A
March 2000
5
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOS transistor Standard level FET
BUK7528-100A BUK7628-100A
+
L VDS VGS 0 RGS T.U.T. R 01 shunt
VDD
+
RD VDS
VDD
-ID/100
VGS 0 RG T.U.T.
-
Fig.17. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD )
Fig.19. Switching test circuit.
100 IAV
25C
10
Tj prior to avanche 150C
1 0.001
0.01
0.1
1
10
Avalanche Time, tAV (ms)
Fig.18. Maximum permissible repetitive avalanche current(IAV) versus avalanche time(tAV) for unclamped inductive loads.
March 2000
6
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOS transistor Standard level FET
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
BUK7528-100A BUK7628-100A
4,5 max 10,3 max
1,3
3,7 2,8
5,9 min
15,8 max
3,0 max not tinned
3,0
13,5 min
1,3 max 1 2 3 (2x)
2,54 2,54
0,9 max (3x)
0,6 2,4
Fig.20. SOT78 (TO220AB); pin 2 connected to mounting base. Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Refer to mounting instructions for SOT78 (TO220) envelopes. 3. Epoxy meets UL94 V0 at 1/8".
March 2000
7
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOS transistor Standard level FET
MECHANICAL DATA
Plastic single-ended surface mounted package (Philips version of D2-PAK); 3 leads (one lead cropped)
BUK7528-100A BUK7628-100A
SOT404
A E A1 mounting base
D1
D
HD
2
Lp
1
3
b c Q
e
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.50 4.10 A1 1.40 1.27 b 0.85 0.60 c 0.64 0.46 D max. 11 D1 1.60 1.20 E 10.30 9.70 e 2.54 Lp 2.90 2.10 HD 15.40 14.80 Q 2.60 2.20
OUTLINE VERSION SOT404
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 98-12-14 99-06-25
Fig.21. SOT404 surface mounting package. Centre pin connected to mounting base. Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18. 3. Epoxy meets UL94 V0 at 1/8".
March 2000
8
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOS transistor Standard level FET
MOUNTING INSTRUCTIONS
Dimensions in mm
11.5
BUK7528-100A BUK7628-100A
9.0
17.5 2.0
3.8
5.08
Fig.22. SOT404 : soldering pattern for surface mounting.
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. Philips Electronics N.V. 2000 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
March 2000
9
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BUK7528-100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X