Part Number Hot Search : 
W49F002U MT48LC3 2SD2385 MT48LC3 AAT250 3296X100 LU3802PB 1N5232B
Product Description
Full Text Search
 

To Download AT88SC0404CNBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* One of a Family of Devices with User Memories from 1 Kbit to 1 Mbit * 4-Kbit EEPROM User Memory
- Four 128 x 8 (1-Kbit) Zones - Self-timed Write Cycle (5 ms) - Single Byte or 16-byte Page Write Mode - Programmable Access Rights for Each Zone 2-Kbit Configuration Zone - 37-byte OTP Area for User-defined Codes - 160-byte Area for User-defined Keys and Passwords Low Voltage Operation: 2.7V to 5.5V Dual Protocol - ISO 7816-3 Asynchronous T = 0 Protocol - Synchronous Two-wire Protocol High Security Features - 64-bit Patented Dynamic Symetric Mutual Authentication Protocol (Under Exclusive Patent License from ELVA) - Encrypted Checksum - Stream Encryption - Four Key Sets for Authentication and Encryption - Eight Sets of Two 24-bit Passwords - Anti-tearing Function - Voltage and Frequency Monitor High Reliability - Endurance: 100,000 Cycles - Data Retention: 10 years - ESD Protection: 4,000V min ISO-compliant Bond Pad Locations and Package Options
* * * *
8 x 128 x 4 CryptoMemoryTM AT88SC0404C Summary
*
*
Table 1. Pin Configuration
Pad VCC GND SCL/CLK SDA/IO RST Description Supply Voltage Ground Serial Clock Input Serial Data Input/Output Reset Input ISO Module Contact C1 C5 C3 C7 C2 Standard Package Pin 8 4 6 5 NC
Card Module Contact
VCC = C1 RST = C2 SCL/CLK = C3 NC = C4 C5 = GND C6 = NC C7 = SDA/IO C8 = NC
8-lead SOIC, PDIP or LAP
NC NC NC GND 1 2 3 4 8 7 6 5 VCC NC SCL SDA
Rev. 2023BS-SMEM-10/02
Note: This is a summary document. A complete document is available under NDA. For more information, please contact your local Atmel sales office.
1
Description
The AT88SC0404C member of the CryptoMemory family is a high-performance secure memory providing 4 Kbits of user memory with advanced security and cryptographic features built in. The user memory is divided into 4 zones, each of which may be individually set with different security access rights or combined together to provide space for 1 to 4 data files. The AT88SC0404C provides high security, low cost and ease of implementation for smart card applications without the need for a microprocessor operating system. The embedded cryptographic engine provides for a dynamic, symmetric-mutual authentication between the device and host, and for performing stream encryption for all data and passwords exchanged between the device and host. Up to four unique key sets may be used for these operations. The AT88SC0404C offers the ability to communicate with virtually any smart card reader using the asynchronous T = 0 protocol defined in ISO 7816-3. For closed systems or applications using the device on a circuit board, the AT88SC0404C will also communicate using a synchronous two-wire protocol at clock speeds up to 1.5 MHz. In this communication mode, up to 15 devices may be connected and individually addressed on the same serial data bus. The two-wire protocol may also be used for high-speed personalization of the device in card form. Figure 1. Block Diagram
VCC GND Power Management Authentication, Encryption and Certification Unit Random Generator
Synchronous Interface SCL/CLK SDA/IO RST Asynchronous ISO Interface Reset Block
Data Transfer Password Verification Answer to Reset
EEPROM
Pin Descriptions
Supply Voltage (VCC) Clock (SCL/CLK) The VCC input is a 2.7V to 5.5V positive voltage supplied by the host. In the asynchronous T = 0 protocol, the SCL/CLK input is used to provide the device with a carrier frequency f. The nominal length of one bit emitted on I/O is defined as an "elementary time unit" (ETU) and is equal to 372/f. When the synchronous protocol is used, the SCL/CLK input is used to positive edge clock data into the device and negative edge clock data out of the device. Serial Data (SDA/IO) The SDA pin is bidirectional for serial data transfer. This pin is open-drain driven and may be wired with any number of other open drain or open collector devices. An external pull-up resistor should be connected between SDA and V CC. The value of this resistor and the system capacitance loading the SDA bus will determine the rise time of SDA. This rise time will determine the maximum frequency during read operations. Low value pull-up resistors will allow higher frequency operations while drawing higher average power supply current. The AT88SC0404C provides an ISO 7816-3 compliant asynchronous answer to reset sequence. When the reset sequence is activated, the device will output the data pro-
Reset (RST)
2
AT88SC0404C
2023BS-SMEM-10/02
AT88SC0404C
grammed into the 64-bit answer-to-reset register. An internal pull-up on the RST input pad allows the device to be used in synchronous mode without bonding RST. The AT88SC0404C does not support the synchronous answer-to-reset sequence.
Device Architecture
User Zones
The EEPROM user memory is divided into 4 zones of 1024 bits each. Multiple zones allow for different types of data or files to be stored in different zones. Access to the user zones is allowed only after security requirements have been met. These security requirements are defined by the user during the personalization of the device in the configuration zone. If the same security requirements are selected for multiple zones, then these zones may effectively be accessed as one larger zone. Table 2. User Zones
ZONE $0 $1 $2 $3 $4 $5 $6 $7 $000 128 bytes User 0 - $078 $000 128 bytes User 1 - $078 $000 128 bytes User 2 - $078 $000 128 bytes User 3 - $078 - - -
Control Logic
Access to the user zones occurs only through the control logic built into the device. This logic is configurable through access registers, key registers and keys programmed into the configuration zone during device personalization. Also implemented in the control logic is a cryptographic engine for performing the various higher-level security functions of the device.
3
2023BS-SMEM-10/02
Configuration Zone
The configuration zone consists of 2048 bits of EEPROM memory used for storing passwords, keys and codes and defining security levels to be used for each user zone. Access rights to the configuration zone are defined in the control logic and may not be altered by the user. Table 3. Configuration Zone
Component Answer to Reset Fab Code Memory Test Zone Card Manufacturers Code Lot History Code Device Configuration Register Identification Number Access Registers Password/Key Registers Issuer Code Authentication Attempts Counters Cryptograms Session Encryption Keys Secret Seeds Password Attempts Counters Write Passwords Read Passwords Reserved $B0 $50 $18 Address $00
Security Fuses
There are three fuses on the device that must be blown during the device personalization process. Each fuse locks certain portions of the configuration zone as OTP memory. Fuses are designed for the module manufacturer, card manufacturer and card issuer and should be blown in sequence, although all programming of the device and blowing of the fuses may be performed at one final step.
4
AT88SC0404C
2023BS-SMEM-10/02
AT88SC0404C
Protocol Selection
The AT88SC0404C is compatible with two different communication protocols: asynchronous T = 0 as defined by ISO 7816-3 or synchronous two-wire protocol. The power-up sequence determines which of the two protocols will be used. The power-up sequence complies with ISO 7816-3 for a cold reset. * * * * VCC goes high; RST, I/O-SDA and CLK-SCL are low. Set I/O-SDA in receive mode. Provide a clock signal to CLK-SCL. RST goes high after 400 clock cycles.
Asynchronous T = 0 Protocol
The device will respond with a 64-bit ATR code, including historical bytes to indicate the memory density within the CryptoMemory family. Once the asynchronous mode has been selected, it is not possible to switch to the synchronous mode without powering off the device. Figure 2. Asynchronous T = 0 Protocol
Vcc I/O-SDA RST CLK-SCL
ATR
Synchronous Two-wire Protocol
The synchronous mode is the default after powering up VCC due to the internal pull-up on RST. * * Power-up VCC, RST goes high also. After stable VCC, CLK-SCL and I/O-SDA may be driven.
Figure 3. Synchronous Two-wire Protocol
Vcc I/O-SDA RST CLK-SCL
Note:
1 2 3 4
Four clock pulses must be sent before the first command is issued.
5
2023BS-SMEM-10/02
Communication Security Modes
Communications between the device and host operate in three basic modes. Standard mode is the default mode for the device after power-up. Authentication mode is activated by a successful authentication sequence. Encryption mode is activated by a successful encryption activation following a successful authentication.
Table 4. Communication Security Modes(1)
Mode Standard Authentication Encryption Note: Configuration Data Clear Clear Clear User Data Clear Clear Encrypted Passwords Clear Encrypted Encrypted Data Integrity Check MDC MAC MAC
1. Configuration data include viewable areas of the Configuration Zone except the passwords: MDC: Modification Detection Code. MAC: Message Authentication Code.
Security Options
Anti-tearing
In the event of a power loss during a write cycle, the integrity of the device's stored data may be recovered. This function is optional: the host may choose to activate the antitearing function, depending on application requirements. When anti-tearing is active, write commands take longer to execute, since more write cycles are required to complete them, and data are limited to eight bytes. Data are written first to a buffer zone in EEPROM instead of the intended destination address, but with the same access conditions. The data are then written in the required location. If this second write cycle is interrupted due to a power loss, the device will automatically recover the data from the system buffer zone at the next power-up. In two-wire mode, the host is required to perform ACK polling for up to 20 ms after write commands when anti-tearing is active. At power-up, the host is required to perform ACK polling, in some cases for up to 10 ms, in the event that the device needs to carry out the data recovery process.
Write Lock
If a user zone is configured in the write lock mode, the lowest address byte of an 8-byte page constitutes a write access byte for the bytes of that page. Example: The write lock byte at $080 controls the bytes from $080 to $087.
$080 11011001
$081 xxxx xxxx locked
$082 xxxx xxxx locked
$083 xxxx xxxx
$084 xxxx xxxx
$085 xxxx xxxx locked
$086 xxxx xxxx
$087 xxxx xxxx
@ $80
The write lock byte may also be locked by writing its least significant (rightmost) bit to "0". Moreover, when write lock mode is activated, the write lock byte can only be programmed - that is, bits written to "0" cannot return to "1". In the write lock configuration, only one byte can be written at a time. Even if several bytes are received, only the first byte will be taken into account by the device.
6
AT88SC0404C
2023BS-SMEM-10/02
AT88SC0404C
Password Verification
Passwords may be used to protect read and/or write access of any user zone. When a valid password is presented, it is memorized and active until power is turned off, unless a new password is presented or RST becomes active. There are eight password sets that may be used to protect any user zone. Only one password is active at a time, but write passwords give read access also. The access to a user zone may be protected by an authentication protocol. Any one of four keys may be selected to use with a user zone. The authentication success is memorized and active as long as the chip is powered, unless a new authentication is initialized or RST becomes active. If the new authentication request is not validated, the card loses its previous authentication and it should be presented again. Only the last request is memorized.
Note: Password and authentication may be presented at any time and in any order. If the trials limit has been reached (after four consecutive incorrect attempts), the password verification or authentication process will not be taken into account.
Authentication Protocol
Figure 4. Password and Authentication Operations
VERIFY RPW DATA Checksum (CS)
VERIFY CS
VERIFY CS Write DATA
CS
Checksum
The AT88SC0404C implements a data validity check function in the form of a checksum, which may function in standard, authentication or encryption modes. In the standard mode, the checksum is implemented as a Modification Detection Code (MDC), in which the host may read a MDC from the device in order to verify that the data sent was received correctly. In the authentication and encryption modes, the checksum becomes more powerful since it provides a bidirectional data integrity check and data origin authentication capability in the form of a Message Authentication Code (MAC). Only the host/device that carried out a valid authentication is capable of computing a valid MAC. While operating in the authentication or encryption modes, the use of a MAC is required. For an ingoing command, if the device calculates a MAC different from the MAC transmitted by the host, not only is the command abandoned but the mode is also reset. A new authentication and/or encryption activation will be required to reactivate the MAC.
7
2023BS-SMEM-10/02
Encryption
The data exchanged between the device and the host during read, write and verify password commands may be encrypted to ensure data confidentiality. The issuer may choose to require encryption for a user zone by settings made in the configuration zone. Any one of four keys may be selected for use with a user zone. In this case, activation of the encryption mode is required in order to read/write data in the zone and only encrypted data will be transmitted. Even if not required, the host may elect to activate encryption provided the proper keys are known.
Supervisor Mode Modify Forbidden
Enabling this feature allows the holder of one specific password to gain full access to all eight password sets, including the ability to change passwords. No write access is allowed in a user zone protected with this feature at any time. The user zone must be written during device personalization prior to blowing the security fuses. For a user zone protected by this feature, data within the zone may be changed from a "1" to a "0", but never from a "0" to a "1".
Program Only
8
AT88SC0404C
2023BS-SMEM-10/02
AT88SC0404C
Packaging Information
Ordering Code: 09ET
Module Size: M2 Dimension*: 12.6 x 11.4 [mm] Glob Top: Round - 8.0 [mm] Thickness: 0.58 [mm] Pitch: 14.25 mm
Ordering Code: 09CT
Module Size: M4 Dimension*: 12.6 x 12.6 [mm] Glob Top: Square - 9.0 x 9.0 [mm] Thickness: 0.58 [mm] Pitch: 14.25 mm
Ordering Code: 09NT
Module Size: M2 Dimension*: 12.6 x 11.4 [mm] Glob Top: Square - 8.8 x 8.8 [mm] Thickness: 0.58 [mm] Pitch: 14.25 mm
Ordering Code: 09DT
Module Size: M4 Dimension*: 12.6 x 12.6 [mm] Glob Top: Square - 9.0 x 9.0 [mm] Thickness: 0.58 [mm] Pitch: 14.25 mm
Ordering Code: 09PT
Module Size: M2 Dimension*: 12.6 x 11.4 [mm] Glob Top: Square - 8.8 x 8.8 [mm] Thickness: 0.58 [mm] Pitch: 14.25 mm
*Note: The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual dimensions of the module after excise or punching from the carrier tape are generally 0.4 mm greated in both directions (i.e., a punched M2 module will yield 13.0 x 11.8 mm).
9
2023BS-SMEM-10/02
Ordering Code: IOSC 8-lead SOIC
3
2
1
H
N
Top View
e B A
D
Side View
SYMBOL A
COMMON DIMENSIONS (Unit of Measure = mm) MIN - - - - - NOM - - - - - 1.27 BSC - - - - 6.20 1.27 MAX 1.75 0.51 0.25 5.00 4.00 NOTE
A2
C
B C D E
L E
e H L
End View
Note: These drawings are for general information only. Refer to JEDEC Drawing MS-012 for proper dimensions, tolerances, datums, etc.
10/10/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing Small Outline (JEDEC SOIC) DRAWING NO. 8S1 REV. A
R
10
AT88SC0404C
2023BS-SMEM-10/02
AT88SC0404C
Ordering Code: IOPC 8-lead PDIP
1
E E1
N
Top View
c eA
End View
D e D1 A2 A
SYMBOL
COMMON DIMENSIONS (Unit of Measure = inches) MIN NOM MAX NOTE
A A2 b b2 b3 c D 0.115 0.014 0.045 0.030 0.008 0.355 0.005 0.300 0.240 0.310 0.250 0.100 BSC 0.300 BSC 0.115 0.130 0.130 0.018 0.060 0.039 0.010 0.365
0.210 0.195 0.022 0.070 0.045 0.014 0.400
2
5 6 6
3 3
b2 b3
4 PLCS
L
D1 E E1 e eA L
b
0.325 0.280
4 3
Side View
4 0.150 2
Notes:
1. This drawing is for general information only; refer to JEDEC Drawing MS-001, Variation BA for additional information. 2. Dimensions A and L are measured with the package seated in JEDEC seating plane Gauge GS-3. 3. D, D1 and E1 dimensions do not include mold Flash or protrusions. Mold Flash or protrusions shall not exceed 0.010 inch. 4. E and eA measured with the leads constrained to be perpendicular to datum. 5. Pointed or rounded lead tips are preferred to ease insertion. 6. b2 and b3 maximum dimensions do not include Dambar protrusions. Dambar protrusions shall not exceed 0.010 (0.25 mm).
01/09/02 2325 Orchard Parkway San Jose, CA 95131 TITLE 8P3, 8-lead, 0.300" Wide Body, Plastic Dual In-line Package (PDIP) DRAWING NO. 8P3 REV. B
R
11
2023BS-SMEM-10/02
Ordering Code: IOCC 8-lead LAP
Marked Pin1 Indentifier
E
D
A A1
Top View
0.10 mm TYP
8
Side View
L1
1
Pin1 Corner
e
7 2
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN 0.94 0.30 0.36 7.90 4.90 NOM 1.04 0.34 0.41 8.00 5.00 1.27 BSC 0.60 REF 0.62 0.92 .0.67 0.97 0.72 1.02 1 1 MAX 1.14 0.38 0.46 8.10 5.10 1 NOTE
6
3
A
b
5 4
A1 b D E
e1
L
e e1 L L1
Bottom View
Note:
1. Metal Pad Dimensions.
11/13/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 8CN1, 8-lead (8 x 5 x 1.04 mm Body), Lead Pitch 1.27 mm, Leadless Array Package (LAP) DRAWING NO. 8CN1 REV. A
R
12
AT88SC0404C
2023BS-SMEM-10/02
Atmel Headquarters
Corporate Headquarters
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany TEL (49) 71-31-67-0 FAX (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland TEL (41) 26-426-5555 FAX (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France TEL (33) 2-40-18-18-18 FAX (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France TEL (33) 4-76-58-30-00 FAX (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimhatsui East Kowloon Hong Kong TEL (852) 2721-9778 FAX (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4-42-53-60-00 FAX (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland TEL (44) 1355-803-000 FAX (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
(c) Atmel Corporation 2002. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. ATMEL (R) is the registered trademark of Atmel; CryptoMemory TM is a trademark of Atmel. Other terms and product names may be the trademarks of others. Printed on recycled paper.
2023BS-SMEM-10/02


▲Up To Search▲   

 
Price & Availability of AT88SC0404CNBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X