Part Number Hot Search : 
ANTXV2N C46VIT S1210BH 1818M HC245 P4KA20 TFH44D 10150
Product Description
Full Text Search
 

To Download AN7512SH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICs for Audio Common Use
AN7512SH
Dual 1-W BTL audio power amplifier
I Overview
The AN7512SH is an audio power amplifier IC with surface mount package for stereo system. The BTL (Balanced Transformer-Less) method can provide fewer external parts and more easy design for applications.
14.000.10 (6.90) (5.45) 56 29
0.150.05
Unit: mm
Area of no resin flash
(1.00)
I Features
* 1-W output (8 ) with supply voltage of 5 V * On-chip standby function * On-chip volume function * Small and thin surface mount package
(0.25) 0.200.05 0.10 M
(1.00)
(3.70) 6.100.10 8.100.20
(2.25)
0 to 8 0.500.10
1.20 max.
1 0.50
28
0.10
I Applications
* LCD televisions, monitor with speaker for personal computers
Seating plane
0.100.10
Seating plane
HSOP056-P-0300A (Lead-free package)
I Block Diagram
RL = 8 VCC 470 F RL = 8
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
TAB Volume
Standby
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 68 k Standby 270 k 10 F
Off 0V 5V On
1 F 10 k VIN 10 k
1 F
0V
Volume
1.25 V
VIN
Publication date: November 2001
SDC00033BEB
1
AN7512SH
I Pin Descriptions
Pin No. 1 9 12 15 20 28 29 N.C. Pin No. Description Standby (standby state if this pin is open.) Ch.1 input Ground (input) TAB (tablet) Ch.2 input Volume (muting off if this pin is open.) Ch.2 - output Pin No. 33 37 42 45 48 52 56 Description Ground (output ch.2) Ch.2 + output TAB (tablet) Supply voltage Ch.1 + output Ground (output ch.1) Ch.1 - output
2, 3, 4, 5, 6, 7, 8, 10, 11, 13, 14, 16, 17, 18, 19, 21, 22, 23, 24, 25, 26, 27, 30, 31, 32, 34, 35, 36, 38, 39, 40, 41, 43, 44, 46, 47, 49, 50, 51, 53, 54, 55
Note) Please do not apply voltage or current to the N.C. pin from outside.
I Absolute Maximum Ratings
Parameter Supply voltage Supply current Power dissipation
*3 *1 *2
Symbol VCC ICC PD Topr Tstg
Rating 14 2.0 690 -25 to +75 -55 to +150
Unit V A mW C C
Operating ambient temperature Storage temperature
*1
Note) *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25C. *2: At no signal. *3: The power dissipation shown is the value for the independent IC without a heat sink at Ta = 25C. Refer to PD Ta curves at mounted on standard board.
I Recommended Operating Range
Parameter Supply voltage Symbol VCC Range 3 to 8 Unit V
2
SDC00033BEB
AN7512SH
I Electrical Characteristics at VCC = 5.0 V, RL = 8 , f = 1 kHz, Ta = 25C 2C
Parameter Quiescent circuit current Standby current Output noise voltage Voltage gain Total harmonics distortion Maximum output power Ripple rejection ratio Output offset voltage Volume attenuation rate Channel balance 1 Channel balance 2 Intermediate voltage gain Channel crosstalk
* * *
Symbol ICQ ISTB VNO GV THD PO1 RR VOFF Att CB1 CB2 GVM CT
Conditions VIN = 0 mV, Vol. = 0 V VIN = 0 mV, Vol. = 0 V Rg = 10 k, Vol. = 0 V PO = 0.25 W, Vol. = 1.25 V PO = 0.25 W, Vol. = 1.25 V THD = 10%, Vol. = 1.25 V Rg = 10 k, Vol. = 0 V, VR = 0.5 V[rms], fR = 120 Hz Rg = 10 k, Vol. = 0 V PO = 0.25 W, Vol. = 0 V PO = 0.25 W, Vol. = 1.25 V PO = 0.25 W, Vol. = 0.6 V PO = 0.25 W, Vol. = 0.6 V PO = 0.25 W, Vol. = 1.25 V
Min 31 0.7 30 -250 70 -1 -3 20.5 40
Typ 35 1 0.10 33 0.10 1.0 50 0 85 0 0 23.5 55
Max 100 10 0.4 35 0.5 250 1 3 26.5
Unit mA A mV[rms] dB % W dB mV dB dB dB dB dB
Note) *: In measuring, the filter for the range of 15 Hz to 30 kHz (12 dB/OCT) is used.
I Terminal Equivalent Circuits
Pin No. 1 Pin name Standby pin VCC 30 k To the shock sound prevention circuit 10 k 200 2 k 50 k 33 k 5 k 12 k 1/2 VCC 10 k To the constant current circuit VRF ( VCC) Equivalent circuit Voltage Standby off at 5 V application.
1
2 3 4 5 6 7 8
N.C. N.C. N.C. N.C. N.C. N.C. N.C.

SDC00033BEB
3
AN7512SH
I Terminal Equivalent Circuits (continued)
Pin No. 9 Pin name Ch.1 input pin
VCC 50 A 50 A 30 k 100 A
Equivalent circuit
VREF1 (1.4 V)
Voltage 1.4 V (Input circuit bias voltage is output.)
1 k 9
1 k
1 k
500
10 11 12
N.C. N.C. GND 12

0V
13 14 15 16 17 18 19 20
N.C. N.C. GND N.C. N.C. N.C. N.C. Ch.2 input pin
VCC 50 A
Connected to TAB
VREF1 (1.4 V) 50 A 30 k 100 A
1.4 V (Input circuit bias voltage is output.)
1 k 20
1 k
1 k
500
4
SDC00033BEB
AN7512SH
I Terminal Equivalent Circuits (continued)
Pin No. 21 22 23 24 25 26 27 28 Pin name N.C. N.C. N.C. N.C. N.C. N.C. N.C. Volume pin
VCC 50 A
Equivalent circuit
Voltage Supplied with 0 V to 1.25 V
1 k 28 12 k
29
Ch.2 - output pin
VCC
2.15 V (at no signal)
200 1/2 VCC
50
29
800
20 k
30 31 32 33
N.C. N.C. N.C. GND
33

0V
34 35 36
N.C. N.C. N.C.


SDC00033BEB
5
AN7512SH
I Terminal Equivalent Circuits (continued)
Pin No. 37 Pin name Ch.2 + output pin Equivalent circuit
VCC
Voltage 2.15 V (at no signal)
200 1/2 VCC
50
37
800
20 k
38 39 40 41 42 43 44 45 46 47 48
N.C. N.C. N.C. N.C. GND N.C. N.C. VCC N.C. N.C. Ch.1 + output pin
Connected to TAB
VCC
0V 5.0 V 2.15 V (at no signal)
200 1/2 VCC
50
48
800
20 k
49 50 51
N.C. N.C. N.C.


6
SDC00033BEB
AN7512SH
I Terminal Equivalent Circuits (continued)
Pin No. 52 Pin name GND
52
Equivalent circuit
Voltage 0V
53 54 55 56
N.C. N.C. N.C. Ch.1 - output pin

VCC
2.15 V (at no signal)
200 1/2 VCC
50
56
800
20 k
I Usage Notes
* Please avoid the short circuit to VCC , ground, or load short circuit. * Please connect the cooling fin with the GND potential. * The thermal shutdown circuit operates at about Tj = 150C. However, the thermal shutdown circuit is reset automatically if the temperature drops. * Please carefully design the heat radiation especially when you take out high power at high VCC . * Please connect only the ground for the signal input with the signal GND of the amplifier in the previous stage. * Take notice that the ripple rejection ratio is poor in case of headphone use. * Take notice that as to following pins, electric surge voltage is low. At 200 pF, Pin1 = +140 V, Pin9 = +140 V, Pin20 = +130 V, Pin28 = +150 V. * Use a speaker with 8 or more impedance.
SDC00033BEB
7
AN7512SH
I Technical Data
* PD Ta curve of HSOP056-P-0300A
1.400 1.300 1.257 1.200 1.100
90
* Main characteristics CT f
Mounted on standard board (glass epoxy: 50 x 50 x t0.8 mm3) Rth(j-a) = 79.5C/W
80 Ch.1 70
Power dissipation PD (W)
1.000
Cross talk CT (dB)
0.900 0.800 0.700 0.690 0.600 0.500 0.400 0.300 0.200 0.100 Independent IC without a heat sink Rth( j-a) = 144.9C/W
60 50 40 30 20 10 0 Ch.2
VCC = 5 V PO = 0.25 W RL = 8 Rg = 10 k VSTB = 5 V Vol. = 1.25 V
10
100
1 000
10 000
100 000
Frequency f (Hz)
0.000 0 25 50 75 100 125
Ambient temperature Ta (C)
PO VCC
8 7 6 f = 1 kHz THD = 10% RL = 8 400 Hz HPF 30 kHz LPF Both ch. inputs Rg = 10 k VSTB = 5 V Vol. = 1.25 V Ch.1, Ch.2 3 2 1 0 0 2 4 6 8 10 12 14
100 90
ICQ , ISTB VCC
RL = 8 Both ch. inputs Rg = 10 k VSTB = 0 V/5 V VMUTE = 0 V 10 9 8 7 6 5 ICQ 40 30 20 10 0 0 2 ISTB 4 3 2 1 6 8 10 12 14 0
Quiescent circuit current ICQ (mA)
80 70 60 50
5 4
4
Supply voltage VCC (V)
Supply voltage VCC (V)
PO , THD VIN
10 VCC = 5 V f = 1 kHz RL = 8 400 Hz HPF 30 kHz LPF Both ch. inputs Rg = 10 k VSTB = 5 V Vol. = 1.25 V 100
3.5 3.0
PC , ICC PO
0.9 0.8 ICC (8 ) 2.5 0.6 2.0 0.5 0.4 PC (8 ) 1.0 0.5 0.0 0.0 VCC = 5V f = 1 kHz RL = 8 400 Hz HPF 30 kHz LPF 0.5 1.0 Both ch. inputs Rg = 10 k VSTB = 5 V Vol. = 1.25 V 0.3 0.2 0.1 0.0 1.5 0.7
Total harmonic distortion THD (%)
THD (ch.2, 10 kHz) THD (ch.1, 10 kHz) 0.1 THD (ch.1, 100 kHz) THD (ch.2, 100 kHz) THD (ch.2, 1 kHz) 1
1.5
0.01 PO (ch.1, ch.2)
THD (ch.1, 1 kHz)
0.1
0.001 1 10 100
0.01 1 000
Input voltage VIN (mV[rms])
Output power (1-ch) PO (W)
8
SDC00033BEB
Supply current ICC (A)
Output power PO (W)
1
10
Power consumption PC (W)
Standby current ISTB (A)
Output power PO (W)
AN7512SH
I Technical Data (continued)
* Main characteristics (continued) GV , PO f
35 34 33 GV (ch.2) 2.0 1.8 1.6 1.4 PO (ch.1) PO (ch.2) 29 28 27 26 25 10 100 VCC = 5 V RL = 8 400 Hz HPF 30 kHz LPF Both ch. inputs Rg = 10 k VSTB = 5 V Vol. = 1.25 V 0.8 0.6 0.4 0.2
0.01 10 100 1 000 10 000 100 000 10 VCC = 5V PO = 0.25 W RL = 8 400 Hz HPF 30 kHz LPF 1 Both ch. inputs Rg = 10 k VSTB = 5 V Vol. = 1.25 V
THD f
GV (ch.1)
32 31 30
1.2 1.0
Total harmonic distortion THD (%)
Voltage gain GV (dB)
Output power PO (W)
Ch.2 0.1
Ch.1
1 000
10 000
0.0 100 000
Frequency f (Hz)
Frequency f (Hz)
GV , THD VCC
40 39 38 PO = 0.25 W f = 1 kHz RL = 8 400 Hz HPF 30 kHz LPF Both ch. inputs Rg = 10 k VSTB = 5 V Vol. = 1.25 V 1.0 0.9
0
Att Vol.
Volume attenuation Att (dB)
0.8 0.7 0.6 0.5
Total harmonic distortion THD (%)
10 20 Ch.1, Ch.2 30 40 50 60 70 80 90 VCC = 5 V PO = 0.25 W f = 1 kHz RL = 8 400 Hz HPF 30 kHz LPF Rg = 10 k VSTB = 5 V Vol. = 0 V
Voltage gain GV (dB)
37 36 35 34 33 32 GV (ch.1) 31 30 0 2 THD (ch.1) 4 6 8 GV (ch.2)
0.4 0.3 THD (ch.2) 0.2 0.1 10 12 14 0.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Supply voltage VCC (V)
Volume voltage Vol. (V)
RR VRIPPLE
80 Ch.1 (vol.-max.) 70
RR fRIPPLE
80 Ch.1 (vol.-max.) 70
Ripple rejection ratio RR (dB)
Ripple rejection ratio RR (dB)
60 50 40 30 20 10 0 VCC = 5 V RL = 8 30 kHz LPF Rg = 10 k
Ch.2 (vol.-max.) VSTB = 5 V Vol. = 0/1.25 V VRIPPLE = 0.5 V[rms] fRIPPLE = 120 Hz Ch.2
60 50 40 30 20 10 0
Ch.2 (vol.-max.)
Ch.2
VCC = 5 V Vol. = 1.25 V RL = 8 VRIPPLE = 0.5 V[rms] Rg = 10 k fRIPPLE = 120 Hz VSTB = 5V
Ch.1
Ch.1
10
100
1 000
10 000
10
100
1 000
10 000
100 000
Power supply ripple voltage VRIPPLE (mV[rms])
Power supply ripple frequency fRIPPLE (Hz)
SDC00033BEB
9
AN7512SH
I Technical Data (continued)
* Main characteristics (continued) RR VCC
80 Ch.1 (vol.-max.) 70
RR Vol.
80 70
VCC = 5 V RL = 8 30 kHz LPF Rg = 10 k VSTB = 5 V VRIPPLE = 0.5 V[rms] fRIPPLE = 120 Hz Ch.2
Ripple rejection ratio RR (dB)
Ch.2 (vol.-max.) 60 50 40 Ch.2 30 Ch.1 20 10 0 RL = 8 30 kHz LPF Rg = 10 k VSTB = 5 V Vol. = 0 V/1.25 V VRIPPLE = 0.5 V[rms] fRIPPLE = 120 Hz
Ripple rejection ratio RR (dB)
60 50 40
Ch.1
30 20 10 0
0
2
4
6
8
10
12
14
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Supply voltage VCC (V)
Volume voltage Vol. (V)
VNO VCC
800 RL = 8 Rg = 10 k DIN audio filter VSTB = 5 V Vol. = 0 V/1.25 V
VNO Rg
800 VCC = 5 V RL = 8 DIN audio filter VSTB = 5 V Vol. = 0 V/1.25 V
Output noise voltage VNO (V[rms])
600 500 400
Output noise voltage VNO (V[rms])
700
700 600 500 400 300 200 Ch.1 (FLAT), Ch.2 (FLAT)
Ch.1 (vol.-max.) Ch.2 (vol.-max.)
Ch.1, Ch.2 (vol.-max.) 300 Ch.1, Ch.2 (FLAT) 200 100 0
Ch.1, Ch.2 100 0
Ch.1, Ch.2 0 2 4 6 8 10 12 14
10
100
1 000
10 000
100 000
Supply voltage VCC (V)
Input impedance Rg ()
VNO Vol.
1 000 900
ICQ VSTB
80 70
Ch.2 (FLAT)
VCC = 5 V RL = 8 Rg = 10 k Vol. = 1.25 V
Output noise voltage VNO (V[rms])
Quiscent circuit current ICQ (A)
800 700 600 500 400 300 200
Ch.1 (FLAT)
60 50
ICQ
VCC = 5 V RL = 8 Rg = 10 k DIN audio filter VSTB = 5 V
40 30 20 10 0 0.0
Ch.1, Ch.2 100 0 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.5
1.0
1.5
2.0
2.5
3.0
Volume voltage Vol. (V)
Stanby voltage VSTB (V)
10
SDC00033BEB
AN7512SH
I Technical Data (continued)
* Main characteristics (continued) Att VCC
100
100
Att VIN
90
90
Volume attenuation Att (dB)
Volume attenuation Att (dB)
Ch.2 80 Ch.1
80 Ch.1, Ch.2 70 PO = 0.25 W f = 1 kHz RL = 8 400 Hz HPF 30 kHz LPF Rg = 10 k VSTB = 5 V Vol. = 0 V 0 2 4 6 8 10 12 14
70 VCC = 5 V f = 1 kHz RL = 8 400 Hz HPF 30 kHz LPF Rg = 10 k VSTB = 5 V Vol. = 0 V 1 10 100 1 000
60
60
50
50
40
40
Supply voltage VCC (V)
Input voltage VIN (mV[rms])
Att f
100 95
10
THD Vol.
VCC = 5 V PO = 0.25 W f = 1 kHz RL = 8 400 Hz HPF 30 kHz LPF Rg = 10 k VSTB = 5 V Vol. = 1.25 V
Volume attenuation Att (dB)
90 85 80 75 70 65 60 55 50 10 100 1 000 VCC = 5 V PO = 0.25 W RL = 8 Rg = 10 k VSTB = 5 V Vol. = 0 V Ch.1, Ch.2
Total harmonic distortion THD (%)
1
Ch.2 0.1
Ch.1
10 000
100 000
0.01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Frequency f (Hz)
Volume voltage Vol. (V)
CT VCC
90 80 70 Ch.1
90 80
CT VIN
Ch.2 70 Ch.1
Cross talk CT (dB)
60 50 40 30 20 10 0 0 2
Cross talk CT (dB)
Ch.2
60 50 40 30 20 10 0 VCC = 5 V f = 1 kHz RL = 8 400 Hz HPF 30 kHz LPF Rg = 10 k VSTB = 5 V Vol. = 1.25 V 10 100 1 000
PO = 0.25 W f = 1 kHz RL = 8 400 Hz HPF 30 kHz LPF Rg = 10 k VSTB = 5 V Vol. = 1.25 V 4 6 8 10 12 14
Supply voltage VCC (V)
Input voltage VIN (mV[rms])
SDC00033BEB
11
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of AN7512SH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X