Part Number Hot Search : 
BH6056GU CS452 R5F21324 ISL8024 TPVI65 HFM301 87C575 D1213
Product Description
Full Text Search
 

To Download 2SK2074 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:ENN4499
N-Channel Junction Silicon FET
2SK2074
High-Frequency Low-Noise Amplifier Applications
Applications
* AM tuner RF amplifier applications. * Low-noise amplifier.
Package Dimensions
unit:mm 2034A
[2SK2074]
4.0 2.2
Features
* Large | yfs |. * Small Ciss. * Ultralow noise figure.
0.4 0.5
0.6
0.4
1.8 15.0
3.0
0.4
12 1.3
3 1.3
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Drain-to-Source Voltage Gate-to-Drain Voltage Gate Current Drain Current Allowable Power Dissipation Junction Temperature Storage Temperature Symbol VDSX VGDS IG ID PD Tj Tstg Conditions
3.0 3.8nom
1 : Source 2 : Gate 3 : Drain SANYO : SPA
0.7
0.7
Ratings 15 -15 10 50 300 150 -55 to +150
Unit V V mA mA mW C C
Electrical Characteristics at Ta = 25C
Parameter Gate-to-Drain Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Input Capacitance Reverse Transfer Capacitance Noise Figure Symbol V(BR)GDS IG=-10A, VDS=0 IDSS VDS=5V, VGS=0 IGSS VGS(off) | yfs | Ciss Crss NF VGS=-10V, VDS=0 VDS=5V, ID=100A VDS=5V, VGS=0, f=1kHz VDS=5V, VGS=0, f=1MHz VDS=5V, VGS=0, f=1MHz VDS=5V, Rg=1k, ID=1mA, f=1MHz -0.3 20 -0.6 30 9.5 2.7 0.5 Conditions Ratings min -15 6.0* 20.0* -1.0 -1.2 typ max Unit V mA nA V mS pF pF dB
* : The 2SK2074 is classified by IDSS as follows : (unit : mA).
6.0 F 12.0 10.0 G 20.0
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
71599TH (KT)/N3093TH (KOTO) A8-9449 No.4499-1/3
2SK2074
No.4499-2/3
2SK2074
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of July, 1999. Specifications and information herein are subject to change without notice.
PS No.4499-3/3


▲Up To Search▲   

 
Price & Availability of 2SK2074

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X