Part Number Hot Search : 
DM631 U1000 78M12CDT 3842D S9015 TMP87 00AXC TSOP484
Product Description
Full Text Search
 

To Download 2SK1163 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1163, 2SK1164
Silicon N-Channel MOS FET
Application
TO-3P
High speed power switching
Features
* * * * * Low on-resistance High speed switching Low drive current No secondary breakdown Suitable for switching regulator and DC-DC converter
2
1 2 3
1
1. Gate 2. Drain (Flange) 3. Source 3
Table 1 Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage 2SK1163 Symbol VDSS Ratings 450 Unit V
-------------------------------------------------------------------------------------- ----------
2SK1164 Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Channel dissipation Channel temperature Storage temperature VGSS ID ID(pulse)* IDR Pch** Tch Tstg
------
500 30 11 40 11 100 150 -55 to +150 V A A A W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- * PW 10 s, duty cycle 1 % ** Value at TC = 25 C
2SK1163, 2SK1164
Table 2 Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage 2SK1163 Symbol V(BR)DSS Min 450 Typ -- Max -- Unit V Test conditions ID = 10 mA, VGS = 0
-------------------------------------------------------------------------------------- --------
2SK1164 Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current 2SK1163 V(BR)GSS IGSS IDSS
----
500 30 -- -- V IG = 100 A, VDS = 0 VGS = 25 V, VDS = 0 VDS = 360 V, VGS = 0
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- -- -- -- 10 250 A A
-------------------------------------------------------------------------------------- --------
2SK1164 Gate to source cutoff voltage Static Drain to source on state resistance 2SK1163 VGS(off) RDS(on) 2.0 -- -- |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr 5.0 -- -- -- -- -- -- -- -- -- 0.55 0.60 8.0 1150 340 55 17 60 95 50 1.0 3.0 0.7 0.8 -- -- -- -- -- -- -- -- -- S pF pF pF ns ns ns ns V IF = 11 A, VGS = 0 IF = 11 A, VGS = 0, diF/dt = 100 A/s ID = 5 A, VGS = 10 V, RL = 6 ID = 5 A, VDS = 10 V * VDS = 10 V, VGS = 0, f = 1 MHz V
---------------------
VDS = 400 V, VGS = 0 ID = 1 mA, VDS = 10 V ID = 5 A, VGS = 10 V *
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------
2SK1164
--------------------
--------------------------------------------------------------------------------------
Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time * Pulse Test See characteristic curves of 2SK1159, 2SK1160.
-------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- 400 -- ns
--------------------------------------------------------------------------------------
2SK1163, 2SK1164
Power vs. Temperature Derating 120 Channel Dissipation Pch (W)
Maximum Safe Operation Area 50
O is per Lim at ite ion d in by th R is A DS re a (
10
10 0
20 Drain Current ID (A) 10 5 2 1.0 0.5 0.2 0.1 0 50 100 Case Temperature TC (C) 150 0.05
s
PW
1
D
80
C
=
m
s
on )
O
10
s
pe
m
ra
s
tio
(1
n
sh
(T
ot
)
C
=
40
25
C
)
Ta = 25C
2SK1164 2SK1163
1
10 100 300 1,000 3 30 Drain to Source Voltage VDS (V)
Normalized Transient Thermal Impedance S (t)
Normalized Transient Thermal Impedance vs. Pulse Width 3 TC = 25C 1.0 D=1 0.5 0.3 0.1 0.2 0.1 0.05 0.02 0.01 ch-c (t) = S (t) * ch-c ch-c = 1.25C/W, TC = 25C PDM D = PW T
0.03
1S 0.01 10
ho
ls t Pu
e
T 100 1m 10 m Pulse Width PW (s) 100 m
PW 1
10


▲Up To Search▲   

 
Price & Availability of 2SK1163

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X