Part Number Hot Search : 
C1101 6047611 D74LS04P 00000 50N60 SMBJ4 23226153 HD404052
Product Description
Full Text Search
 

To Download 2SK1161 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1161, 2SK1162
Silicon N-Channel MOS FET
Application
TO-3P
High speed power switching
Features
* * * * * Low on-resistance High speed switching Low drive current No secondary breakdown Suitable for switching regulator and DC-DC converter
2
1 2
1
3
1. Gate 2. Drain (Flange) 3. Source 3
Table 1 Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage 2SK1161 Symbol VDSS Ratings 450 Unit V
-------------------------------------------------------------------------------------- ----------
2SK1162 Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Channel dissipation Channel temperature Storage temperature VGSS ID ID(pulse)* IDR Pch** Tch Tstg
------
500 30 10 30 10 100 150 -55 to +150 V A A A W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- * PW 10 s, duty cycle 1 % ** Value at TC = 25 C
2SK1161, 2SK1162
Table 2 Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage 2SK1161 Symbol V(BR)DSS Min 450 Typ -- Max -- Unit V Test conditions ID = 10 mA, VGS = 0
-------------------------------------------------------------------------------------- --------
2SK1162 Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current 2SK1161 V(BR)GSS IGSS IDSS
----
500 30 -- -- V IG = 100 A, VDS = 0 VGS = 25 V, VDS = 0 VDS = 360 V, VGS = 0
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- -- -- -- 10 250 A A
-------------------------------------------------------------------------------------- --------
2SK1162 Gate to source cutoff voltage Static Drain to source on state resistance 2SK1161 VGS(off) RDS(on) 2.0 -- -- |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr 4.0 -- -- -- -- -- -- -- -- -- 0.6 0.7 7.0 1050 280 40 15 60 90 45 1.0 3.0 0.8 0.9 -- -- -- -- -- -- -- -- -- S pF pF pF ns ns ns ns V IF = 10 A, VGS = 0 IF = 10 A, VGS = 0, diF/dt = 100 A/s ID = 5 A, VGS = 10 V, RL = 6 ID = 5 A, VDS = 10 V * VDS = 10 V, VGS = 0, f = 1 MHz V
---------------------
VDS = 400 V, VGS = 0 ID = 1 mA, VDS = 10 V ID = 5 A, VGS = 10 V *
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------
2SK1162
--------------------
--------------------------------------------------------------------------------------
Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time * Pulse Test See characteristic curves of 2SK1157, 2SK1158.
-------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- 350 -- ns
--------------------------------------------------------------------------------------
2SK1161, 2SK1162
Power vs. Temperature Derating 120 Channel Dissipation Pch (W) 100 30 Drain Current ID (A)
Maximum Safe Operation Area
10 s
0
O is per Lim at ite ion d in by th R is A DS re a (
80
10 3 1.0 0.3 0.1
D
PW
10
C
=
1
s
on )
O
pe
10
m
m
s
ra
s
tio
(1
n
40
(T
sh
C
ot
=
)
25
C
)
Ta = 25C 1
2SK1162 2SK1161
0
50 100 Case Temperature TC (C)
150
3 10 30 100 300 1,000 Drain to Source Voltage VDS (V)
Normalized Transient Thermal Impedance S (t)
Normalized Transient Thermal Impedance vs. Pulse Width 3 TC = 25C 1.0 D=1 0.5 0.3 0.1 0.2 0.1 0.05 0.02 0.01 ch-c (t) = S (t) * ch-c ch-c = 1.25C/W, TC = 25C PDM D = PW T
0.03
1S 0.01 10
ho
ls t Pu
e
T 100 1m 10 m Pulse Width PW (s) 100 m
PW 1
10


▲Up To Search▲   

 
Price & Availability of 2SK1161

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X