Part Number Hot Search : 
LPC23XX 370910 8C503 EL5163 NTE2516 D1616 ICL766 200CT
Product Description
Full Text Search
 

To Download 2SD2300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD2300
Silicon NPN Triple Diffused
Application
CTV horizontal deflection output
Features
* High breakdown voltage VCBO = 1500 V * Built-in damper diode type
Outline
TO-3PFM
2
1. Base 2. Collector 3. Emitter
1 ID
1
2
3
3
2SD2300
Absolute Maximum Ratings (Ta = 25C)
Item Collector to emitter voltage Emitter to base voltage Collector current Collector peak current Collector surge current Collector power dissipation Junction temperature Storage temperature C to E diode forward current Note: 1. Value at TC = 25C. Symbol VCES VEBO IC IC(peak) IC(surge) PC* Tj Tstg ID
1
Ratings 1500 6 5 6 16 50 150 -55 to +150 6
Unit V V A A A W C C A
Electrical Characteristics (Ta = 25C)
Item Emitter to base breakdown voltage Collector cutoff current DC current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage C to E diode forward voltage Fall time Symbol V(BR)EBO ICES hFE VCE(sat) VBE(sat) VECF tf Min 6 -- -- -- -- -- -- Typ -- -- -- -- -- -- -- Max -- 500 20 5 1.5 3.0 1.0 V V V s Unit V A Test conditions IE = 350 mA, IC = 0 VCE = 1500 V, RBE = 0 VCE = 5 V, IC = 1 A IC = 4.5 A, IB = 1.2 A IC = 4.5 A, IB = 1.2 A IF = 6 A ICP = 4 A, IB1 = 0.8 A, IB2 -1.5 A
2
2SD2300
Area of Safe Operation 20 (100 V, 16 A) f = 15.75 kHz Ta = 25C For picture tube arcing
Collector current IC (A)
16
12
8
4
(800 V, 3 A) 0.5 mA
0
800 1,200 1,600 2,000 400 Collector to emitter voltage VCE (V) Maximum Collector Dissipation Curve
60 Collector power dissipation PC (W)
40
20
0
50 100 Case temperature TC (C) Typical Output Characteristecs
150
5
1 A
A 0.9 0.8 A 0.7 A
Collector current IC (A)
4
3
0.6 A 0.5 A 0.4 A 0.3 A
0.2 A
2
0.1 A
1 TC = 25C 0 IB = 0
2 4 6 8 10 Collector to emitter voltage VCE (V) DC Current Transfer Ratio vs. Collector Current
50 DC current transfer ratio hFE
20 75C 10 5 25C TC = -25C
2 VCE = 5 V Pulse 1 0.1 0.2 0.5 1.0 2 Collector current IC (A) 5
3
2SD2300
Collector to emitter saturation voltage VCE(sat) (V) Collector to Emitter Saturation Voltage vs. Collector Current 3 2 1.0 0.5 IC = 3 IB Pulse
0.2 0.1 0.05 0.1
25C -25C TC = 75C 0.2 0.5 1.0 Collector current IC (A) 3 5
Base to Emitter Saturation Voltage vs. Collector Current Base to emitter saturation voltage VBE(sat) (V) 5 IC = 3 IB Pulse 2 1.0 0.5 25C 75C TC = -25C
0.2
0.1
0.2 0.5 1.0 2 Collector current IC (A) Collector to Emitter Saturation Voltage vs. Base Current
5
Collector to emitter saturation voltage VCE(sat) (V)
10 TC = 25C Pulse 8 IC = 2 A 4 A 5 A
6
4
2
0 0.1
0.2
0.5 1.0 2 Base current IB (A)
5
4
2SD2300
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
Hitachi, Ltd.
Semiconductor & IC Div. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109 For further information write to: Hitachi America, Ltd. Semiconductor & IC Div. 2000 Sierra Point Parkway Brisbane, CA. 94005-1835 USA Tel: 415-589-8300 Fax: 415-583-4207
Hitachi Europe GmbH Electronic Components Group Continental Europe Dornacher Strae 3 D-85622 Feldkirchen Munchen Tel: 089-9 91 80-0 Fax: 089-9 29 30 00
Hitachi Europe Ltd. Electronic Components Div. Northern Europe Headquarters Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA United Kingdom Tel: 0628-585000 Fax: 0628-778322
Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 0104 Tel: 535-2100 Fax: 535-1533 Hitachi Asia (Hong Kong) Ltd. Unit 706, North Tower, World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon Hong Kong Tel: 27359218 Fax: 27306071
5


▲Up To Search▲   

 
Price & Availability of 2SD2300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X