Part Number Hot Search : 
25HCU04A B655M MAX6854 TLOE1 SMBTA64 FR2528 MC10EP11 07523
Product Description
Full Text Search
 

To Download 2SD1256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD1256
Silicon NPN epitaxial planar type
For power switching Complementary to 2SB933
10.00.3
8.50.2 6.00.5 3.40.3
Unit: mm
1.00.1
s Features
q q q q
1.50.1
1.5max.
1.1max.
Low collector to emitter saturation voltage VCE(sat) Satisfactory linearity of foward current transfer ratio hFE Large collector current IC N type package enabling direct soldering of the radiating fin to the printed circuit board, etc. of small electronic equipment. (TC=25C)
Ratings 130 80 7 10 5 40 1.3 150 -55 to +150 Unit V
10.5min.
2.0
0.80.1
0.5max.
2.540.3 5.080.5 1 2 3
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
1:Base 2:Collector 3:Emitter N Type Package Unit: mm
3.40.3 1.00.1
8.50.2 6.00.3
1.5-0.4
A
2.0
3.0-0.2
A W
4.40.5
0.80.1 2.540.3
R0.5 R0.5 1.1 max.
0 to 0.4
5.080.5
C C
1 2 3
1:Base 2:Collector 3:Emitter N Type Package (DS)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2* VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 100V, IE = 0 VEB = 5V, IC = 0 IC = 10mA, IB = 0 VCE = 2V, IC = 0.1A VCE = 2V, IC = 2A IC = 4A, IB = 0.2A IC = 4A, IB = 0.2A VCE = 10V, IC = 0.5A, f = 10MHz IC = 2A, IB1 = 0.2A, IB2 = - 0.2A, VCC = 50V 30 0.5 1.5 0.15 80 45 60 260 0.5 1.5 V V MHz s s s min typ max 10 50 Unit A A V
FE2
Rank classification
R 60 to 120 Q 90 to 180 P 130 to 260
Rank hFE2
4.40.5
14.70.5
V
10.00.3
V
+0.4
+0
1
Power Transistors
PC -- Ta
50 6 (1) TC=Ta (2) With a 50 x 50 x 2mm Al heat sink (3) Without heat sink (PC=1.3W) TC=25C 5 IB=100mA 70mA 4 50mA 40mA 3 30mA 2 20mA 10mA
2SD1256
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=20 30 10 3 1 TC=100C 0.3 0.1 0.03 0.01 0.01 0.03 25C -25C
VCE(sat) -- IC
Collector power dissipation PC (W)
30
20
10 (2) (3) 0 0 20 40 60 80 100 120 140 160
Collector current IC (A)
40
(1)
1
0 0 1 2 3 4 5 6
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100 10000 IC/IB=20
hFE -- IC
10000 VCE=2V 3000 1000 300 100 30 10 3 1 0.01 0.03
fT -- IC
VCE=10V f=10MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 TC=-25C 100C 25C
1000 300 T =100C C 100 30 10 3 1 0.01 0.03 25C -25C
0.1
0.3
1
3
10
0.1
0.3
1
3
10
Transition frequency fT (MHz)
30
3000
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
10000 100 IE=0 f=1MHz TC=25C 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=10(IB1=-IB2) VCC=50V TC=25C
Area of safe operation (ASO)
100 30 Non repetitive pulse TC=25C ICP IC 10ms 1 0.3 0.1 0.03 0.01 1ms 300ms t=0.5ms
Collector output capacitance Cob (pF)
3000 1000 300 100 30 10 3 1 0.1
Switching time ton,tstg,tf (s)
Collector current IC (A)
5
10 3 1 0.3 0.1 0.03 0.01
10 3
tstg ton tf
0.3
1
3
10
30
100
0
1
2
3
4
1
3
10
30
100
300
1000
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
103 (1) Without heat sink (2) With a 50 x 50 x 2mm Al heat sink (1) (2) 10
2SD1256
Thermal resistance Rth(t) (C/W)
102
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SD1256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X