Part Number Hot Search : 
51163 10120 APED3 80080 TL431AA SIIPB PT50M 0522BS
Product Description
Full Text Search
 

To Download 2SA6732SA673A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA673, 2SA673A
Silicon PNP Epitaxial
Application
* Low frequency amplifier * Complementary pair with 2SC1213 and 2SC1213A
Outline
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg 2SA673 -35 -35 -4 -500 400 150 -55 to +150 2SA673A -50 -50 -4 -500 400 150 -55 to +150 Unit V V V mA mW C C
2SA673, 2SA673A
Electrical Characteristics (Ta = 25C)
2SA673 Item Collector to base breakdown voltage Collector to emitter breakdown voltage Emitter to base breakdown voltage Collector cutoff current Collector to emitter saturation voltage DC current trnsfer ratio DC current trnsfer ratio Symbol V(BR)CBO V(BR)CEO V(BR)EBO I CBO VCE(sat) hFE* 1 hFE Min -35 -35 -4 -- -- 60 10 -- Typ -- -- -- -- -0.2 -- -- Max -- -- -- -0.5 -0.6 320 -- 2SA673A Min -50 -50 -4 -- -- 60 10 -- Typ -- -- -- -- -0.2 -- -- Max -- -- -- -0.5 -0.6 320 -- V Unit V V V A V Test conditions I C = -10 A, IE = 0 I C = -1 mA, RBE = I E = -10 A, IC = 0 VCB = -20 V, IE = 0 I C = -150 mA, I B = -15 mA*2 VCE = -3 V, I C = -10 mA VCE = -3 V, I C = -500 mA*2 VCE = -3 V, I C =-10 mA
Base to emitter voltage VBE
-0.64 --
-0.64 --
Notes: 1. The 2SA673 and 2SA673A are grouped by h FE as follows. 2. Pulse test B 60 to 120 C 100 to 200 D 160 to 320
2
2SA673, 2SA673A
3
2SA673, 2SA673A
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
4


▲Up To Search▲   

 
Price & Availability of 2SA6732SA673A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X