Part Number Hot Search : 
DS049 SPB80 1N5237 DFLT6V0A 7E8FP 01039 NTD4804N NTD4804N
Product Description
Full Text Search
 

To Download 1N5820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
1N5820 THRU 1N5822
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes
FEATURES
* * * * * * Low switching noise Low forward voltage drop High current capability High switching capabitity High surge capability High reliability
DO-201AD
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 1.18 grams
1.0 (25.4) MIN. .052 (1.3) DIA. .048 (1.2)
.375 (9.5) .335 (8.5) .220 (5.6) .197 (5.0) DIA.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375" (9.5mm) lead length at TL = 95 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 2) Typical Junction Capacitance (Note 3) Storage and Operating Temperature Range SYMBOL VRRM VRMS VDC IO IFSM R JA CJ TJ, TSTG 1N5820 20 14 20 1N5821 30 21 30 3.0 80 28 250 -65 to + 125 1N5822 40 28 40 UNITS Volts Volts Volts Amps Amps
0
C/ W pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0A DC (Note 1) Maximum Instantaneous Forward Voltage at 9.4A DC (Note 1) Maximum Average Reverse Current at Rated DC Blocking Voltage (Note 1) @TA = 25 o C @TA = 100 o C SYMBOL VF VF IR 1N5820 .475 .850 1N5821 .500 .900 2.0 20 2001-6 1N5822 .525 .950 UNITS Volts Volts mAmps
NOTES : 1. Measured at Pulse Width 300 uS, Duty 2%. 2. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5" (12.7mm) Lead Length. 3. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
RATING AND CHARACTERISTIC CURVES ( 1N5820 THRU 1N5822 )
AVERAGE FORWARD CURRENT, (A)
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
3 2 1 0 0 20 40 60 80 100 120 ) 140 LEAD TEMPERATURE, (
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
INSTANTANEOUS REVERSE CURRENT, (mA)
4
10
TJ = 125
1.0
TJ = 75
.1
TJ = 25
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 80 70 60 50 40 30 20 10 1 2 5 10 20 50 NUMBER OF CYCLE AT 60Hz 100
TL = 75 8.3ms Single Half Sine-Wave (JEDEC Method)
.01
1N5820 1N5821~1N5822
.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE (pF)
1000 800 600 400 200 100 80 60
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 5 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 10
TJ = 25
1.0
TJ = 25 Pulse Width = 300uS 1% Duty Cycle
20 10 .1 .4 1.0 4 10 REVERSE VOLTAGE, ( V ) 40
1N5820 1N5821 1N5822
.1 .2
.3
.4
.5
.6
.7
.8
.9
INSTANTANEOUS FORWARD VOLTAGE, (V)
RECTRON


▲Up To Search▲   

 
Price & Availability of 1N5820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X