Part Number Hot Search : 
1346634 NJU6343 1SS422 HSBD234 HCC40 4LVC2G 1346634 LQ11S44T
Product Description
Full Text Search
 

To Download 1506FBNBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 200 V - 1,000 V Single Phase Bridge
22.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
1502B - 1510B 1502FB - 1510FB 1502UFB - 1510UFB
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current @TC (Io) 55C Volts 1502B 1506B 1510B 1502FB 1506FB 1510FB 1502UFB 1506UFB 1510UFB Amps 100C Amps Reverse Current @ Vrwm (Ir) 25C A 100C A 25C Volts Amps Forward Voltage 1 Cycle Surge Current tp=8.3ms (Ifsm) 25C Amps Repetitive Surge Current (Ifrm) 25C Amps Reverse Recovery Time (1) (Trr) 25C ns C / W Thermal Impd.
(Vf)
uJ-C
200 600 1000 200 600 1000 200 600 1000
25.0 25.0 25.0 25.0 25.0 25.0 22.0 22.0 22.0
18.0 18.0 18.0 18.0 18.0 18.0 13.0 13.0 13.0
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
25 25 25 25 25 25 25 25 25
1.1 1.1 1.1 1.2 1.5 1.5 1.7 1.7 1.7
3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
150 150 150 150 150 150 150 150 150
25 25 25 25 25 25 25 25 25
3000 3000 3000 150 150 150 70 70 70
2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp. & Stg. Temp. = -55C to +150C Isolation Voltage: 2000V
10
.370(9.40) (2 PL)
_
AC
.193(4.90) THRU 1.125 (28.6) _ AC
.500(12.7) .370(9.40) (2 PL) Aluminum Case
AC
+
.500 (12.7)
.062(1.57) DIA. Steel Pin .062(1.6) MAX.
+
AC .40(10.2) 1.125 (28.6) .062(1.6)
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
243
1502B - 1510B * 1502FB - 1510FB * 1502UFB - 1510UFB
30 25 Maximum Current (I)
1500B-FB
MAXIMUM FORWARD CURRENT VS. TEMPERATURE
2.3 2.1 1.9 Forward Voltage (V) 1.7 1.5 1.3 1.1 0.9
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
20 15
1500UFB
1506-10FB 1500UFB
1502FB
10 5
1500B
0.7 0 25 50 75 100 125 Ambient Temperature (C) Temperature (C) 150 0.5 0 3 6 9 Forward Current (A) 12 15
1000
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
Reverse Current (uA)
100
10
1 25 50 75 100 Temperature (C) Temperature (C) 125 150
244


▲Up To Search▲   

 
Price & Availability of 1506FBNBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X