Part Number Hot Search : 
17101 F06T4 NTE3026 16X5R CM509K R3000 CO55C 30452
Product Description
Full Text Search
 

To Download 121NQ045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-2.249 rev. C 05/02
121NQ...(R) SERIES
SCHOTTKY RECTIFIER 120 Amp
D-67
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 120Apk, TJ=125C range
Description/Features
The 121NQ... (R) high current Schottky rectifier module series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation Unique high power, Half-Pak module Replaces two parallel DO-5's Easier to mount and lower profile than DO-5's High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
121NQ...(R) Units
120 35 to 50 19,800 0.56 - 55 to 175 A V A V C
123NQ100 Lug Terminal Anode
Base Cathode
123NQ100R Lug Terminal Cathode
Base Anode
Outline D-67 HALF PAK Module Dimensions in millimeters and (inches)
www.irf.com
1
121NQ...(R) Series
Bulletin PD-2.249 rev. C 05/02
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
121NQ035
35
121NQ040
40
121NQ045
45
121NQ050
50
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 7 Non-Repetitive Avalanche Energy Repetitive Avalanche Current
121NQ Units
120 19,800 2200 81 12 A
Conditions
50% duty cycle @ TC = 133 C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
A mJ A
TJ = 25 C, IAS = 12 Amps, L = 1.12 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
121NQ Units
0.65 0.83 0.56 0.70 V V V V mA mA pF nH V/ s @ 120A @ 240A @ 120A @ 240A TJ = 25 C TJ = 125 C
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (1) * See Fig. 2 Max. Junction Capacitance Typical Series Inductance
10 90 5200 7.0 10000
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25 C From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
121NQ Units
-55 to 175 -55 to 175 0.40 0.15 C C C/W C/W DC operation
Conditions
RthJC Max. Thermal Resistance Junction to Case RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Terminal Torque Case Style Min. Max. Min. Max.
* See Fig. 4
Mounting surface , smooth and greased
25.6 (0.9) g (oz.) 40 (35) 58 (50) 58 (50) 86 (75) HALF PAK Module Non-lubricated threads Kg-cm (Ibf-in)
2
www.irf.com
121NQ...(R) Series
Bulletin PD-2.249 rev. C 05/02
10 00
10 00 T =1 5 C 7 J 10 0 R v rs C rre t - I (m ) ee e u n A R 1 0 1 .1 .0 1 .0 1 0 0 1 0C 5 1 5C 2 1 0C 0 7 5C 5 0C 2 5C
In ta ta e u F rw rdC rre t - IF (A s n nos o a un )
10 0
5
11223344 05050505 R v rs V lta e- V (V ee e o g R)
T =1 5 C 7 J T =1 5 C 2 J T= 2 5C J 1 0
J n tio C p c n e- C (p ) u c n a a ita c F T
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
100 00
T =2 5C J
1 0
.1 .2 .3 .4 .5 .6 .7 .8 .9 F rw rdV lta eD p- V (V oa o g ro ) F M
11 1 .1 .2
10 00 0
1 0
2 0
3 0
4 0
5 0
R v rs V lta e- V (V ee e o g ) R
Fig. 1 - Maximum Forward Voltage Drop Characteristics
1 T e a Im e a c - Zth C ( /W h rm l p d n e C) J
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
.1
D=0 0 .5 D=0 3 .3 D=0 5 .2 D=0 7 .1 D=0 8 .0
P
D M
t 1 t2 N te : os 1 D tyfa to D= t1/ t2 .u cr
.0 1 S g P ls in le u e (T e a R s ta c ) h rm l e is n e .0 1 0 .0 0 1 00 .0 0 01 .0 1 0 .0 1 .1
2 P a T =P xZ . ek +T JD M th C C J 1 1 0 10 0
t1, R c n u r P ls D ra n(S c n s e ta g la u e u tio eod)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
www.irf.com
3
121NQ...(R) Series
Bulletin PD-2.249 rev. C 05/02
10 8 A w b C s T m e tu e- ( ) llo a le a e e p ra r C 10 7 10 6 10 5 D C 10 4 10 3 10 2 0 11 Q 2N R J (D ) =0 0 C .4 /W th C C 10 0 D=0 8 .0 D=0 7 .1 .2 8 0 D=0 5 D=0 3 .3 D=0 0 .5 6 0 R SL it M im 4 0 D C
A e g P w r L s - (W tts v ra e o e o s a)
2 0
4 0
8 0
10 2
10 6
20 0
0 0
2 4 6 8 1 01 01 01 01 0 000002468 A e g F rw rdC rre t - I v ra e o a un FV (A ) (A )
A e g F rw rdC rre t - IF V (A v ra e o a un (A ) )
Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
100000
Fig. 6 - Forward Power Loss Characteristics
At Any Rated Load Condition And With Rated VRRM Applied Following Surge
Non-Repetitive Surge Current - I
FSM
(A) 10000 1000 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Maximum Non-Repetitive Surge Current
L H IG H -SPE ED SW IT C H FRE E-W H EEL D IO D E 40H FL40S02 V d = 25 V olt
D UT
IRFP460 Rg = 2 5 oh m
+
C UR RE N T M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
121NQ...(R) Series
Bulletin PD-2.249 rev. C 05/02
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 05/02
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of 121NQ045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X