Part Number Hot Search : 
M62456FP LT1006CH 2SK20 MC2500 23100 OPF396C SX8722 MMSZ4693
Product Description
Full Text Search
 

To Download V50100P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V50100P
New Product Vishay General Semiconductor
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.372 V at IF = 5 A
TO-247AD (TO-3P)
Major Ratings and Characteristics
IF(AV) VRRM IFSM VF at IF = 20 A TJ max. 2 x 25 A 100 V 250 A 0.64 V 150 C
PIN 1 PIN 3 PIN 2 CASE
3 2 1
Features
* * * * * Trench MOS Schottky Technology Low forward voltage drop, low power losses High efficiency operation Low thermal resistance Solder Dip 260 C, 40 seconds
Mechanical Data
Case: TO-247AD (TO-3P) Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002B and JESD22-B102D E3 suffix for commercial grade Polarity: As marked Mounting Torque: 10 in-lbs Maximum
Typical Applications
For use in high frequency inverters, switching power supplies, freewheeling diodes, Oring diode, dc-to-dc converters and reverse battery protection.
Maximum Ratings
(TA = 25 C unless otherwise specified) Parameter Maximum repetitive peak reverse voltage RMS reverse voltage for sine wave DC blocking voltage Maximum average forward rectified current (see Fig. 1) Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Peak repetitive reverse current per leg at tp = 2 s, 1 kHz Operating junction and storage temperature range per device per leg per leg IFSM IRRM TJ, TSTG 250 1.0 - 20 to + 150 A A C Symbol VRRM VRMS VR IF(AV) V50100P 100 70 100 50 25 Unit V V V A
Document Number 88929 01-Dec-05
www.vishay.com 1
V50100P
Vishay General Semiconductor Electrical Characteristics
(TA = 25 C unless otherwise specified) Parameter Breakdown voltage Instantaneous forward voltage per leg
(1)
Test condition at IR = 1.0 mA at IF = 5 A IF = 10 A IF = 20 A IF = 25 A IF = 5 A IF = 10 A IF = 20 A IF = 25 A TJ = 125 C TJ = 25 C TJ = 25 C
Symbol V(BR)
Typ. 100 (minimum) 0.463 0.535 0.664 0.700 0.375 0.445 0.605 0.635
Max. 0.78 0.70 500 15 1000 45
Unit V
VF
V
Reverse current at rated VRM (1) per leg
at VR = 70 V at VR = 100 V
TJ = 25 C TJ = 125 C TJ = 25 C TJ = 125 C
13.7 8.4 IR 69.6 22.5
A mA A mA
Thermal Characteristics
(TA = 25 C unless otherwise specified) Parameter Typical thermal resistance per leg Notes: (1) Pulse test: 300 s pulse width, 1 % duty cycle Symbol RJC V50100P 1.5 Unit C/W
Ratings and Characteristics Curves
(TA = 25 C unless otherwise noted)
60 50 300
Peak Forward Surge Current (A)
0 25 50 75 100 125 150 175
Average Forward Current (A)
250
40
200 150
30
20 10
100
50
0
0 1 10 100
Case Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
www.vishay.com 2
Document Number 88929 01-Dec-05
V50100P
Vishay General Semiconductor
100 10000 TJ = 150 C TJ = 125 C 10
Instantaneous Forward Current (A)
Junction Capacitance (pF)
TJ = 100 C 1 TJ = 25 C
1000
0.1 0 0.2 0.4 0.6 0.8 1
100 0.1 1 10 100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics Per Leg
Figure 5. Typical Junction Capacitance
100
10 TJ = 150 C
10
TJ = 125 C TJ = 100 C
1
Transient Thermal Impedance (C/W)
Instantaneous Reverse Current (mA)
1
0.1 TJ = 25 C 0.01
0.001 10 20 30 40 50 60 70 80 90 100
0.1 0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t, Pulse Duration, sec
Figure 4. Typical Reverse Characteristics
Figure 6. Typical Transient Thermal Impedance
Package outline dimensions in inches (millimeters)
TO-247AD (TO-3P)
0.245 (6.2) 0.225 (5.7) 0.645 (16.4) 0.625 (15.9) 0.323 (8.2) 0.313 (7.9) 0.203 (5.16) 0.193 (4.90) 0.078 REF (1.98) 10
30 0.170 (4.3) 0.840 (21.3) 0.820 (20.8) 0.142 (3.6) 0.138 (3.5)
10 TYP. BOTH SIDES
1
2
3 0.086 (2.18) 0.076 (1.93) 0.127 (3.22) 0.118 (3.0) 0.108 (2.7)
1 REF. BOTH SIDES
0.160 (4.1) 0.140 (3.5) 0.795 (20.2) 0.775 (19.6)
0.117 (2.97)
0.225 (5.7) 0.205 (5.2)
0.048 (1.22) 0.044 (1.12) PIN 1 PIN 3
0.030 (0.76) 0.020 (0.51) PIN 2 CASE
Document Number 88929 01-Dec-05
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of V50100P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X