Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download UPG2015TBNBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEC's 1W SINGLE CONTROL L, S-BAND SPDT SWITCH UPG2015TB
FEATURES
* SUPPLY VOLTAGE: VDD = 2.7 to 3.0 V (2.8 V TYP.) * SINGLE SWITCH CONTROL VOLTAGE: Vcont (H) = 2.7 to 3.0 V (2.8 V TYP.) Vcont (L) = -0.2 to +0.2 V (0 V TYP.) * LOW INSERTION LOSS: LINS1 = 0.25 dB TYP. @ f = 0.5 to 1.0 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V LINS2 = 0.30 dB TYP. @ f = 1.0 to 2.0 GHz,VDD = 2.8 V, Vcont = 2.8 V/0 V LINS3 = 0.35 dB TYP. @ f = 2.5 GHz,VDD = 2.8 V, Vcont = 2.8 V/0 V * HIGH ISOLATION: ISL1 = 27 dB TYP. @ f = 0.5 to 2.0 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V ISL2 = 24 dB TYP. @ f =2.5 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V * POWER HANDLING: Pin (0.1 dB) = +27.0 dBm TYP. @ f = 2.5 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V
DESCRIPTION
NEC's UPG2015TB is a single control GaAs MMIC L, S-band SPDT (Single Pole Double Throw) switch for mobile phone and L, S-band applications. This device can operate frequency from 0.5 to 2.5 GHz, with low insertion loss and high isolation. This device is housed in a 6-pin super minimold package, suitable for high-density surface mounting.
APPLICATIONS
* L, S-band digital cellular or cordless handsets * PCS, W-LAN, WLL and BluetoothTM * Short Range Wireless
* HIGH-DENSITY SURFACE MOUNTING: 6-pin super minimold package (2.0 x 1.25 x 0.9 mm)
ORDERING INFORMATION
Part Number UPG2015TB-E3 Package 6-pin super minimold Marking G3J Supplying Form * Embossed tape 8 mm wide * Pin 1, 2, 3 face the perforation side of the tape * Qty 3 kpcs/reel
Remark To order evaluation samples, contact your nearby sales office. Part number for sample order: UPG2015TB
Caution
Observe precautions when handling because these devices are sensitive to electrostatic discharge.
California Eastern Laboratories
UPG2015TB PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
(Top View)
3 43
(Top View)
44
(Bottom View)
3
Pin No. 1 2
Pin Name OUTPUT1 GND OUTPUT2 VCont INPUT VDD
G3J
2
52
55
2
3 4
1
61
66
1
5 6
TRUTH TABLE
Vcont Low High INPUT-OUTPUT1 OFF ON INPUT-OUTPUT2 ON OFF
ABSOLUTE MAXIMUM RATINGS (TA = 25C, unless otherwise specified)
Parameter Supply Voltage Switch Control Voltage Input Power Operating Ambient Temperature Storage Temperature Symbol VDD Vcont Pin TA Tstg Ratings +6.0 +6.0 +33 -45 to +85 -55 to +150 Unit V V dBm C C
RECOMMENDED OPERATING RANGE (TA = 25C, unless otherwise specified)
Parameter Supply Voltage Switch Control Voltage (H) Switch Control Voltage (L) Symbol VDD Vcont (H) Vcont (L) MIN. 2.7 2.7 -0.2 TYP. 2.8 2.8 0 MAX. 3.0 3.0 0.2 Unit V V V
UPG2015TB ELECTRICAL CHARACTERISTICS
(TA = +25C, VDD = 2.8 V, Vcont = 2.8 V/0 V, DC blocking capacitors = 56 pF, unless otherwise specified)
Parameter Insertion Loss 1 Insertion Loss 2 Insertion Loss 3 Isolation 1 Isolation 2 Input Return Loss Output Return Loss 0.1 dB Gain Compression Input Power Note Supply Current Switch Control Current Switch Control Speed IDD Icont tSW Symbol LINS1 LINS2 LINS3 ISL1 ISL2 RLin RLout Test Conditions f = 0.5 to 1.0 GHz f = 1.0 to 2.0 GHz f = 2.5 GHz f = 0.5 to 2.0 GHz f = 2.5 GHz f = 0.5 to 2.5 GHz f = 0.5 to 2.5 GHz MIN. - - - 23 20 15 15 +25.5 +25.5 - - - TYP. 0.25 0.30 0.35 27 24 20 20 +27.0 +27.0 50 4 0.3 MAX. 0.45 0.50 0.55 - - - - - - 100 20 2.0 Unit dB dB dB dB dB dB dB dBm dBm A A s
Pin (0.1 dB) f = 2.0 GHz f = 2.5 GHz
Note Pin (0.1 dB) is the measured input power level when the insertion loss increases 0.1 dB more than that of linear range.
STANDARD CHARACTERISTICS FOR REFERENCE
(TA = +25C, VDD = 2.8 V, Vcont = 2.8 V/0 V, DC blocking capacitors = 56 pF, unless otherwise specified)
Parameter 1 dB Gain Compression Input Power Note Symbol Pin (1 dB) Test Conditions f = 2.0 GHz MIN. - TYP. +30.0 MAX. - Unit dBm
Note Pin (1 dB) is the measured input power level when the insertion loss increases 1 dB more than that of linear range.
Caution
It is necessary to use DC blocking capacitors with the device. The value of DC blocking capacitors should be chosen to accommodate the frequency of operation, bandwidth, switching speed and the condition with actual board of your system. The range of recommended DC blocking capacitor value is less than 100 pF.
UPG2015TB EVALUATION CIRCUIT
(VDD = 2.8 V, Vcont = 2.8 V/0 V, DC blocking capacitors = 56 pF)
OUTPUT1 OUTPUT2
56 pF
56 pF
1
2
3
6
5
4
1 000 pF
56 pF
1 000 pF
VDD
INPUT
Vcont
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
4-277
UPG2015TB ILLUSTRATION OF THE TEST CIRCUIT ASSEMBLED ON EVALUATION BOARD
VDD
6pin SMM SPDT SW
Vc1
OUTPUT1 OUT 1
C2
C 2
C
4
C1
G3J
INPUT C1 IN
C3
C1
C C 5 1
C2
OUT 2
OUTPUT2
Vc2
Vcont
USING THE NEC EVALUATION BOARD
Symbol C1, C2, C3 C4, C5 Values 56 pF 1 000 pF
UPG2015TB TYPICAL CHARACTERISTICS
(TA = 25C, VDD = 2.8 V, Vcont = 2.8 V/0 V, DC blocking capacitors = 56 pF, unless otherwise specified)
INPUT-OUTPUT1 INSERSION LOSS vs. FREQUENCY
0.5 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5 Frequency f (GHz) Insersion Loss LINS (dB) Insersion Loss LINS (dB) 0.5 0 -0.5 -1.0 -1.5 -2.0 -2.5
INPUT-OUTPUT2 INSERSION LOSS vs. FREQUENCY
-3.0 0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5 Frequency f (GHz)
INPUT-OUTPUT1 ISOLATION vs. FREQUENCY
20 10 Isolation ISL (dB) Isolation ISL (dB) 0 -10 -20 -30 -40 -50 0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5 Frequency f (GHz) 20 10 0 -10 -20 -30 -40
INPUT-OUTPUT2 ISOLATION vs. FREQUENCY
-50 0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5 Frequency f (GHz)
INPUT-OUTPUT1 INPUT RETURN LOSS vs. FREQUENCY
20 Input Return Loss RLin (dB) Frequency f (GHz) Input Return Loss RLin (dB) 10 0 -10 -20 -30 -40 -50 0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5
INPUT-OUTPUT2 INPUT RETURN LOSS vs. FREQUENCY
20 10 0 -10 -20 -30 -40 -50 0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5 Frequency f (GHz)
Remark The graphs indicate nominal characteristics.
UPG2015TB
INPUT-OUTPUT1 OUTPUT RETURN LOSS vs. FREQUENCY
20 10 0 -10 -20 -30 -40 -50 0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5 Frequency f (GHz) Output Return Loss RLout (dB) Output Return Loss RLout (dB)
INPUT-OUTPUT2 OUTPUT RETURN LOSS vs. FREQUENCY
20 10 0 -10 -20 -30 -40 -50 0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5 Frequency f (GHz)
OUTPUT POWER vs. INPUT POWER
32 f = 1.0 GHz 30 28 26 24 22 20 18 16 14 12 10 8 10 12 14 16 18 20 22 24 26 28 30 32 34 Input Power Pin (dBm) 30 28 Output Power Pout (dBm) 26 24 22 20 18 16 14 12
OUTPUT POWER vs. INPUT POWER
f = 2.5 GHz
Output Power Pout (dBm)
10 8 10 12 14 16 18 20 22 24 26 28 30 32 Input Power Pin (dBm)
Remark The graphs indicate nominal characteristics.
UPG2015TB PACKAGE DIMENSIONS
6-PIN SUPER MINIMOLD (UNIT: mm)
2.10.1 1.250.1
2.00.2
1.3
0.65
0.65
0.1 MIN.
0.90.1
0.7
0 to 0.1
0.15+0.1 -0.05
0.2+0.1 -0.05
UPG2015TB
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions. For soldering methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method Infrared Reflow Soldering Conditions Peak temperature (package surface temperature) Time at peak temperature Time at temperature of 220C or higher Preheating time at 120 to 180C Maximum number of reflow processes Maximum chlorine content of rosin flux (% mass) Peak temperature (package surface temperature) Time at temperature of 200C or higher Preheating time at 120 to 150C Maximum number of reflow processes Maximum chlorine content of rosin flux (% mass) Peak temperature (molten solder temperature) Time at peak temperature Preheating temperature (package surface temperature) Maximum number of flow processes Maximum chlorine content of rosin flux (% mass) Peak temperature (pin temperature) Soldering time (per side of device) Maximum chlorine content of rosin flux (% mass) : 260C or below : 10 seconds or less : 60 seconds or less : 12030 seconds : 3 times : 0.2%(Wt.) or below : 215C or below : 25 to 40 seconds : 30 to 60 seconds : 3 times : 0.2%(Wt.) or below : 260C or below : 10 seconds or less : 120C or below : 1 time : 0.2%(Wt.) or below : 350C or below : 3 seconds or less : 0.2%(Wt.) or below Condition Symbol IR260
VPS
VP215
Wave Soldering
WS260
Partial Heating
HS350
Caution
Do not use different soldering methods together (except for partial heating).
Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale.
02/18/2004
A Business Partner of NEC Compound Semiconductor Devices, Ltd.


▲Up To Search▲   

 
Price & Availability of UPG2015TBNBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X