|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TFT COLOR LCD MODULE TM121SV-02L11 31cm /12.1" SVGA format Specifications Item Screen size diagonal Display format Pixel pitch Bezel Opening size Outer dimensions Weight Panel mode Backlight type Typ. 31/12.1 800 x (RGB) x 600 0.3075 x 0.3075 249 x 187.5 280 x 218 x 11.5 690 Transmissive type 2 CCFT Unit (cm/inch) W x (RGB) x H [dots] W x H [mm] W x H [mm] W x H x D [mm] g Item Logic voltage Typ. 3.3 Unit V 800 x RGB x 600 dots for POS Terminal,High Brightness 6bits Digital RGB I/F Power consumption Logic & backlight 7.3 W Brightness Contrast ratio Response time Operating temperature Strage temperature 340 300 : 1 50 -20 0 +60 +50 (cd/m2) ms Outer Dimensions 11 . 5 60.3 2.70.3 21.5 3.5 137.5 280 2730.3 605 FLCN1 3 5 1 Active Area (246 x 184.5) Bezel Opening (249 x 187.5) 5 Active Area Center 218 1760.3 1660.3 FLCN2 1 3 605 |
Price & Availability of TM121SV-02L11 |