Part Number Hot Search : 
DS1841 1N6141E3 LR120N AOC2421 UC3844B FST8360L N6763 FH620
Product Description
Full Text Search
 

To Download TLE4274 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Regulator Preliminary Data
TLE 4274
Features * * * * * Output voltage: 3.3 V/2.5 V 4 % Very low current consumption Short-circuit proof Reverse polarity proof Suitable for use in automotive electronics Ordering Code Package Q67006-A9348 P-TO252-3-1 P-SOT223-4-1
Type w TLE 4274 DV 33
TLE 4274 GSV 33 Q67006-A9289 P-SOT223-4-1 w TLE 4274 GSV 25 Q67006-A9359 P-SOT223-4-1 SMD = Surface Mounted Device w New type
P-TO252-3-1 (D-PAK) Functional Description The TLE 4274 is a voltage regulator available in a SOT223 and TO252 package. The IC regulates an input voltage up to 40 V to VQrated = 3.3 V/2.5 V. The maximum output current is 400 mA. The IC is short-circuit proof and incorporates temperature protection that disables the IC at over temperature. Dimensioning Information on External Components The input capacitor CI is necessary for compensating line influences. Using a resistor of approx. 1 in series with CI, the oscillating of input inductivity and input capacitance can be damped. The output capacitor CQ is necessary for the stability of the regulation circuit. Stability is guaranteed at values CQ 10 F and an ESR of 3 within the operating temperature range.
Semiconductor Group
1
1998-11-01
TLE 4274
Circuit Description The control amplifier compares a reference voltage to a voltage that is proportional to the output voltage and drives the base of the series transistor via a buffer. Saturation control as a function of the load current prevents any oversaturation of the power element. The IC also incorporates a number of internal circuits for protection against: * Overload, * Overtemperature, * Reverse polarity. Pin Configuration (top view)
P-SOT223-4-1
P-TO252-3-1 (D-PAK)
GND
GND Q
1 2 3
AEP02282
4
GND
1 Q
AEP02561
3
Figure 1 Pin Definitions and Functions Pin No. 1 2, 4 3 Symbol I GND Q Function Input; block to ground directly at the IC with a ceramic capacitor. Ground; P-TO252-3-1: internally connected to heatsink Output; block to ground with capacitor CQ 10 F
Semiconductor Group
2
1998-11-01
TLE 4274
Temperature Sensor
Saturation Control and Protection Circuit 3 Control Amplifier Q
1
Buffer
Bandgap Reference
2 GND
AEB02283
Figure 2 Block Diagram
Semiconductor Group
3
1998-11-01
TLE 4274
Absolute Maximum Ratings Tj = - 40 to 150 C Parameter Symbol Limit Values min. Voltage Regulator Input Voltage Current Output Voltage Current Ground Current Temperature Junction temperature Storage temperature Tj Tstg - - 50 150 150 C C - - IGND - 100 mA - VQ IQ - 1.0 - 40 - V - - Internally limited VI II - 42 - 45 - max. Unit Test Condition
V
-
- Internally limited
Note: Maximum ratings are absolute ratings; exceeding any one of these values may cause irreversible damage to the integrated circut.
Operating Range Parameter Input voltage Junction temperature Thermal Resistance Junction ambient Junction ambient Junction case Junction case
1) 2) 2
Symbol VI Tj 4.7 4.0
Limit Values min. max. 40 40 150
Unit Remarks
V
C
V33 version V25 version -
- 40
Rthja Rthja Rthjc Rthjc
- - - -
100 70 25 4
K/W SOT2231) K/W TO2522) K/W SOT223 K/W TO252
soldered in, 1 cm copper area at pin 4, FR4 soldered in, minimal footprint, FR4
Semiconductor Group
4
1998-11-01
TLE 4274
Characteristics
VI = 6 V; - 40 C < Tj < 150 C (unless otherwise specified)
Parameter Output voltage V33-Version Output voltage V25-Version Output current limitation1) Current consumption; Iq = II - IQ Current consumption; Iq = II - IQ Drop voltage1) V33-Version Drop voltage1) V25-Version Load regulation Line regulation Power supply ripple rejection Temperature output voltage drift
1)
Symbol VQ VQ IQ Iq 3.17 2.4 400 -
Limit Values min. typ. 3.3 2.5 600 100 max. 3.44 2.6 - 220
Unit
Measuring Condition 5 mA < IQ < 400 mA 4.7 V < VI < 40 V 5 mA < IQ < 400 mA 4.0 V < VQ < 40 V -
V
- mA A
IQ = 1 mA
Iq Iq Vdr Vdr
-
8 20
15 30 1.2 1.5 70 25 - -
mA mA V V mV mV dB
IQ = 250 mA IQ = 400 mA IQ = 300 mA Vdr = VI - VQ IQ = 300 mA Vdr = VI - VQ IQ = 5 mA to
300 mA
- - - - - -
0.7 1.0 40 10 60 0.5
VQ VQ
PSRR
Vl = 12 V to 32 V IQ = 5 mA fr = 100 Hz; Vr = 0.5 VSS
Q ---------
dV dT
mV/K -
Measured when the output voltage VQ has dropped 100 mV from the nominal value obtained at VI = 6 V.
Semiconductor Group
5
1998-11-01
TLE 4274
1 TLE 4274 GSV33
4
Q
V
CQ 100 F
C 100 nF
2, 4 GND
CQ 10 F
VQ
R Load
AES0284
Figure 3 Measuring Circuit
4.5 to 40V Input
1
4Q
3.3V / 2.5V Output
100nF C
TLE 4274 GSV33
2, 4 GND
20F CQ
AES02285
Figure 4 Application Circuit 1
Semiconductor Group
6
1998-11-01
TLE 4274
4.5 - 40 V
C 470 nF
1 k GND TLE 4276
Q
CQ1 20 F
INH
10 V / 5 V e.g. to sensor
e.g. to C
TLE 4274 GSV33
Q
CQ2 20 F
3.3 V to C
GND
AES02579
Figure 5 Application Circuit 2 (Voltage Dropper)
Semiconductor Group
7
1998-11-01
TLE 4274 S
Typical Performance Characteristics: Drop Voltage Vdr versus Output Current IQ
1200
AED02286
Output Current IQ versus Input Voltage VI
800 mA
AED02287
V dr
mV 40 C
Q
600
800
25 C
T j = 25 C VQ = 0 V
400
600
400
125 C
200
200
0
0
0 100 200 300 mA 400 Q
0
10
20
30
40 V 50 V
Current Consumption Iq versus Output Current IQ (high load)
60 mA
AED02267
Current Consumption Iq versus Output Current IQ (low load)
0.6 mA
AED02268
q
T j = 25 C V = 13.5 V
40
q
T j = 25 C V = 13.5 V
0.4
30
0.3
20
0.2
10
0.1
0
0
100
200
300
400
mA Q
600
0
0
10
20
30
40
mA Q
60
Semiconductor Group
8
1998-11-01
TLE 4274 S
Typical Performance Characteristics: Output Voltage VQ versus Junction Temperature Tj (V33-Version)
3.50
AED02288
Input Current Iq versus Input Voltage VI (V33-Version)
3.5 mA 3.0
AED01969
VQ
V 3.40
V = 6.0 V
3.30
2.5 2.0 1.5 1.0
3.20
T j = 25 C R L = 3.3 k
3.10
0.5
3.00
0 -2 -50
2.90
40
0
40
80
120 C 160 Tj
-25
0
25
V
50
V
Semiconductor Group
9
1998-11-01
TLE 4274
Package Outlines P-SOT223-4-1 (SMD) (Plastic Small Outline Transistor)
A
6.5 0.2 3 0.1 0.1 max
1.6 0.1
B
7 0.3
15max
4
1 0.7 0.1
2
3 2.3 4.6
0.5 min
0.28 0.04
0.25
M
A
0.25
M
B
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information" SMD = Surface Mounted Device Semiconductor Group 10 Dimensions in mm 1998-11-01
3.5 0.2
+0.2 acc. to DIN 6784
TLE 4274
P-TO252-3-1 (D-PAK) (Plastic Transistor Single Outline)
6.5 +0.15 -0.10 A 5.4 0.1 B
2.3 +0.05 -0.10 0.9 +0.08 -0.04
1 0.1
9.9 0.5 6.22 -0.2
0.8 0.15
0.51 min
0.15 max per side
3x 0.75 0.1 2.28
0...0.15 0.5 +0.08 -0.04 1 0.1
4.57
0.25
M
AB
0.1
GPT09051
All metal surfaces tin plated, except area of cut.
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information" SMD = Surface Mounted Device Semiconductor Group 11 Dimensions in mm 1998-11-01


▲Up To Search▲   

 
Price & Availability of TLE4274

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X