Part Number Hot Search : 
DMBT1015 LT5503 AT27C 2SJ425 766101 REEL7 00C10 AK8132A
Product Description
Full Text Search
 

To Download SF0140BA03107S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
140 MHz Filter 10 MHz Bandwidth Part Number SF0140BA03107S
TYPICAL PERFORMANCE
Horizontal: 4 MHz/div
Vertical (from top):
Magnitude Phase Deviation Group Delay Variation
10,1 10 50
dB/div deg/div ns/div
SPECIFICATION
Parameter Center Frequency 1 Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 35 dB Bandwidth Passband Ripple 2 Phase Deviation from Linear 2 Group Delay Variation 2 Absolute Delay Ultimate Rejection (30-350 MHz) Substrate Material Temperature Coefficient of Frequency (Tc) 3 Ambient Temperature Source and Load Impedance
Notes:
Min 139.8 9.6 10.5
Typ 140 8.3 9.92 10.9 14.0 0.25 3 30 1.0
Max 140.2 9.5 15 1 6 100
40 YZ Lithium Niobate -94 25 50
Units MHz dB MHz MHz MHz dB deg ns us dB ppm/C C
1. Average of lower & upper 3 dB frequencies. 2. Evaluated over 80% of the 3 dB bandwidth. 3. Typical change of filter frequency response with temperature is f/fref = (T-Tref)*Tc ppm.
Rev X7 22-Mar-05
Page 1 of 4
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3
Integrated Circuit Systems, Inc.
140 MHz Filter 10 MHz Bandwidth Part Number SF0140BA03107S
PACKAGE AND SUGGESTED PCB FOOTPRINT
PACKAGE INFORMATION SUGGESTED PCB FOOTPRINT
15.37
13.33 .20
10 9 8 7
.89
11
ICS
BA03107S YYJJJM
1 2 3 4
6
6.50 .20
5
8.53
2.98
2.54
12
2.54 7.62
2.59
1.98 MAX
PIN CONFIGURATION 11 INPUT 12 INPUT RETURN 5 OUTPUT 6 OUTPUT RETURN GROUND ALL OTHERS
NOTES: DIMENSIONS SHOWN ARE NOMINAL IN MILLIMETERS. ALL TOLERANCES ARE 0.15MM EXCEPT OVERALL LENGTH AND WIDTH
.80
1 12 2 3 4 5
11 10 9 8 7
6
2.54
12X 1.4
Package Material: Body: Al2O3 ceramic Lid: Kovar, Ni plated Terminations: Au plating 1 m min, over a 1.3-8.9 m Ni plating
MARKING
10 9 8 7
LOGO MARKING ESD PIN 1
11
ICS
BA03107S YYJJJM
1 2 3 4
6
12
5
The date code consists of: YY = last two digits of year; JJJ = Julian day; M = manufacturing site code
Rev X7 22-Mar-05
Page 2 of 4
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3
Integrated Circuit Systems, Inc.
140 MHz Filter 10 MHz Bandwidth Part Number SF0140BA03107S
MATCHING CIRCUIT
11 5
1, 2,3,4,6,7,8,9,10,12
Component values in 50 : (Minimum Q = 40)
Ls1 = 68 nH Cp1 = 15 pF
Ls2 = 100 nH Cp2 = 10 pF
Notes: 1. Optimum values may differ from these when using a different fixture or board layout. The values shown here are intended as a guide only.
MAXIMUM RATINGS
Parameter
Storage Temperature Range Maximum Input Power Level D. C. Voltage between Each Terminal
Min
-45
Max
+85 15 15
Units
C dBm V
Rev X7 22-Mar-05
Page 3 of 4
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3
Integrated Circuit Systems, Inc.
140 MHz Filter 10 MHz Bandwidth Part Number SF0140BA03107S
PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
Parameter
Life Testing Temperature Cycling Vibration Mechanical Shock Solder Heat Resistance and Reflow Condition Lead Integrity Solderability Hermeticity ESD Classification Precautions
Qualification Conditions
High temperature bake at +85 C for 168 hours. MIL-STD 883, Method 1010: -40 C to +85 C, 10 cycles, 10 minutes dwell at temperature extremes MIL-STD-202, Method 201A: 10 to 55 Hz, double amplitude of 0.06" for 2 hours in each axis. MIL-STD-883, Method 2002, Test Condition B: 1500 g, 3 impacts each axis Peak temperature 240+/-5 C for 10 seconds. Pre-heat: 150-170 C for 60 to 90 seconds. Peak dwell: over 200 C for 23 to 26 seconds. Handling: Class 1 per MIL-STD-1686 Reflow Profile is shown at the bottom of this table. MIL-STD 883 Method 2004, Condition D 8 oz for 30 seconds. MIL-STD-883 Method 2003: 245 C +/-5 C; 95% coverage; no steam aging MIL-STD 883 Method 1014: Condition A2 and Condition C (no bomb) Class I per MIL-STD-883 Method 3015 Do not subject devices to ultrasonic cleaning, which may cause deterioration and destruction of the device.
Reflow Profile 250 200
TEMP (deg C)
150 100 50 0 0 50 100 150
TIME (sec)
200
250
300
ISO 9001 Registered
Rev X7 22-Mar-05
Page 4 of 4
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3


▲Up To Search▲   

 
Price & Availability of SF0140BA03107S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X