Part Number Hot Search : 
2506100 85EBZ ZMM82 EFY3864X NML0505 S08DZ60 EMIF0 A1A22
Product Description
Full Text Search
 

To Download SERIES2580 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SERIES 2580 8-CHANNEL SOURCE DRIVERS
SERIES 2580
8-CHANNEL SOURCE DRIVERS
This versatile family of integrated circuits will work with many combinations of logic- and load-voltage levels, meeting interface requirements beyond the capabilities of standard logic buffers. Series UDN2580A and A2580SLW source drivers can drive incandescent, LED, or vacuum fluorescent displays. Internal transient-suppression diodes permit the drivers to be used with inductive loads such as relays, solenoids, dc and stepping motors, and magnetic print hammers. The Types UDN2580A and A2580SLW are high-current source drivers used to switch the ground ends of loads that are directly connected to a -50 V supply. Typical loads are telephone relays, PIN diodes, and LEDs. The UDN2585A and A2585SLW are drivers designed for applications requiring low output saturation voltages. Typical loads are lowvoltage LEDs and incandescent displays. The eight non-Darlington, 25 V outputs will simultaneously sustain continuous load currents of -120 mA at ambient temperatures to +70C. The UDN2588A and A2588SLW have separate logic and driver supply lines. Their eight drivers can serve as an interface between positive logic (TTL, CMOS, PMOS) or negative logic (NMOS) and either negative or split-load supplies to -80 V. These drivers are packaged in plastic DlPs (suffix A) or surfacemountable wide-body SOlCs (suffix LW), and are rated for operation over the temperature range of -20C to +85C.
Data Sheet 29316C
UDN2580A and UDN2585A
ABSOLUTE MAXIMUM RATINGS
See next page.
FEATURES
s s s s s TTL, CMOS, PMOS, NMOS Compatible High Output-Current Rating Internal Transient Suppression Efficient Input /Output Structure Through-Hole and Surface-Mount Packages
Always order by complete part number, e.g., UDN2580A .
SERIES 2580 8-CHANNEL SOURCE DRIVERS
ABSOLUTE MAXIMUM RATINGS
at 25C Free-Air Temperature for any one driver (unless otherwise noted).
UDN2580A A2580SLW Output Voltage, VCE Supply Voltage, VS (ref. sub.) Supply Voltage, VCC (ref. sub.) Input Voltage, VIN (ref. VS ) Total Output Current, (lC + IS) Substrate Current ISUB 50 V 50 V -- -30 V -500 mA 3.0 A UDN2585A A2585SLW 25 V 25 V -- -20 V -250 mA 2.0 A UDN2588A A2588SLW 80 V 80 V 80 V -30 V -500 mA 3.0 A
Package Power Dissipation, PD (single output) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 W (total package) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Graph Operating Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20C to +85C Storage Temperature Range, TS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55C to +150C
2.5
20-PIN DIP, RJA = 55C/W
ALLOWABLE PACKAGE POWER DISSIPATION IN WATTS
18-PIN DIP, RJA = 60C/W 20-LEAD SOIC, R JA = 70C/W
2.0
1.5
1.0
0.5
0 25 50 75 100 125 AMBIENT TEMPERATURE IN C 150
Dwg. GP-022-1
115 Northeast Cutoff, Box 15036 W Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1981, 1997 Allegro MicroSystems, Inc.
SERIES 2580 8-CHANNEL SOURCE DRIVERS
For simplification, these devices are characterized on the following pages with specific voltages for inputs, logic supply (VS), load supply (VEE), and collector supply (VCC). Typical use of the UDN2580A and A2580SLW is with negative-referenced logic. The more common application of the UDN2585A, A2585SLW, UDN2588A and A2588SLW are with positive-referenced logic supplies. In application, the devices are capable of operation over a wide range of logic and supply voltage levels:
TYPICAL OPERATING VOLTAGES
VS 0V VlN(ON) -15 V to -3.6 V VlN(OFF) -0.5 V to 0 V VCC NA VEE(MAX) -25 V -50 V +5 V 0 V to +1.4 V +4.5 V to +5 V NA -20 V -45 V 5V +12 V 0 V to +8.4 V +11.5 V to +12 V NA -75 V -13 V -38 V 12 V +15 V 0 V to +11.4 V +14.5 V to +15 V NA -68 V -10V -35 V 15 V -65 V Device Types UDN2585A & A2585SLW UDN2580A & A2580SLW UDN2585A & A2585SLW UDN2580A & A2580SLW UDN2588A & A2588SLW UDN2585A & A2585SLW UDN2580A & A2580SLW UDN2588A & A2588SLW UDN2585A & A2585SLW UDN2580A & A2580SLW UDN2588A & A2588SLW
NOTE: The substrate must be tied to the most negative point in the external circuit to maintain isolation between drivers and to provide for normal circuit operation.
SERIES 2580 8-CHANNEL SOURCE DRIVERS
UDN2580A and A2580SLW ELECTRICAL CHARACTERISTICS at TA = +25C, VS = 0 V, VEE = -45 V (unless otherwise noted).
Characteristic Output Leakage Current Output Sustaining Voltage Output Saturation Voltage Input Current Symbol ICEX VCE(SUS) VCE(SAT) Test Conditions VlN = -0.5 V, VOUT = VEE = -50 V VlN = -0.4 V, VOUT = VEE = -50 V, TA = 70C VlN = -0.4 V, IOUT = -25 mA, Note 1 VlN = -2.4 V, IOUT = -100 mA VlN = -3.0 V, IOUT = -225 mA VlN = -3.6 V, IOUT = -350 mA VlN = -3.6 V, IOUT = -350 mA VlN = -15 V, IOUT = -350 mA IOUT = -500 A, TA = 70C, Note 3 IOUT = -100 mA, VCE 1.8 V, Note 4 IOUT = -225 mA, VCE 1.9 V, Note 4 IOUT = -350 mA, VCE 2.0 V, Note 4 IOUT = -500 A, TA = 70C VR = 50 V, TA = 70C IF = 350 mA Min. -- -- 35 -- -- -- -- -- -50 -- -- -- -0.2 -- -- -- 0.5 EIN to 0.5 E OUT 0.5 EIN to 0.5 E OUT -- -- Limits Max. 50 100 -- 1.8 1.9 2.0 -500 -2.1 -- -2.4 -3.0 -3.6 -- 50 2.0 25 5.0 5.0 Units A A V V V V A mA A V V V V A V pF s s
IIN(ON) IIN(OFF)
Input Voltage
VIN(ON)
VIN(OFF) Clamp Diode Leakage Current Clamp Diode Forward Voltage Input Capacitance Turn-On Delay Turn-Off Delay IR VF CIN tPHL tPLH
NOTES:
1. Pulsed test, tp 300 s, duty cycle 2%. 2. Negative current is defined as coming out of the specified device pin. 3. The IIN(OFF) current limit guarantees against partial turn-on of the output. 4. The VIN(ON) voltage limit guarantees a minimum output source current per the specified conditions. 5. The substrate must always be tied to the most negative point and must be at least 4.0 V below VS.
PARTIAL SCHEMATIC
UDN2580A
A2580SLW
1 2 3 4 5 6 7 8 +V S 9 SUB 10 NC
20 19 18 17 16 15 14 13 12 NC 11 SUB/VEE
Dwg. No. A-11,358
Dwg. No. A-11,359
Dwg. PP-064
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
SERIES 2580 8-CHANNEL SOURCE DRIVERS
UDN2585A and A2585SLW ELECTRICAL CHARACTERISTICS at TA = +25C, VS = 0 V, VEE = -20 V (unless otherwise noted).
Characteristic Output Leakage Current Output Sustaining Voltage Output Saturation Voltage Input Current Input Voltage Clamp Diode Leakage Current Clamp Diode Forward Voltage Input Capacitance Turn-On Delay Turn-Off Delay IIN(ON) VIN(ON) VIN(OFF) IR VF CIN tPHL tPLH 0.5 EIN to 0.5 EOUT 0.5 EIN to 0.5 EOUT Symbol ICEX VCE(SUS) VCE(SAT) Test Conditions VlN = -0.5 V, VOUT = VEE = -25 V VlN = -0.4 V, VOUT = VEE = -25 V, TA = 70C VlN = -0.4 V, IOUT = -25 mA, Note 1 VlN = -4.6 V, IOUT = -60 mA VlN = -4.6 V, IOUT = -120 mA VlN = -4.6 V, IOUT = -120 mA VlN = -14.6 V, IOUT = -120 mA IOUT = -120 mA, VCE 1.2 V, Note 3 IOUT = -100 A, TA = 70C VR = 25 V, TA = 70C IF = 120 mA Min. -- -- 15 -- -- -- -- -- -0.4 -- -- -- -- -- Limits Max. 50 100 -- 1.1 1.2 -1.6 -5.0 -4.6 -- 50 2.0 25 5.0 5.0 Units A A V V V mA mA V V A V pF s s
NOTES: 1. Pulsed test, tp 300 s, duty cycle 2%. 2. Negative current is defined as coming out of the specified device pin. 3. The VIN(ON) voltage limit guarantees a minimum output source current per the specified conditions. 4. The substrate must always be tied to the most negative point and must be at least 4.0 V below VS.
PARTIAL SCHEMATIC
UDN2585A
A2585SLW
1 2 3 4 5 6 7 8 +V S 9 SUB 10 NC
20 19 18 17 16 15 14 13 12 NC 11 SUB/VEE
Dwg. No. A-11,360
Dwg. No. A-11,359
Dwg. PP-064
SERIES 2580 8-CHANNEL SOURCE DRIVERS
UDN2588A and A2588SLW ELECTRICAL CHARACTERISTICS at TA = +25C,VS = 5.0 V, VCC = 5.0 V, VEE = -40 V (unless otherwise noted).
Characteristic Output Leakage Current Output Sustaining Voltage Output Saturation Voltage Input Current Symbol ICEX VCE(SUS) VCE(SAT) Test Conditions VlN 4.5 V, VOUT = VEE = -75 V VlN 4.6 V, VEE = -70 V, IOUT = -25 mA, Note 1 VlN = 2.6 V, IOUT = -100 mA, Ref. VCC VlN = 2.0 V, IOUT = -225 mA, Ref. VCC VlN = 1.4 V, IOUT = -350 mA, Ref. VCC VlN = 1.4 V, IOUT = -350 mA VS = 15 V, VEE = -30 V, VlN = 0 V, IOUT = -350 mA IOUT = -500 A, TA = 70C, Note 3 IOUT = -100 mA, VCE 1.8 V, Note 4 IOUT = -225 mA, VCE 1.9 V, Note 4 IOUT = -350 mA, VCE 2.0 V, Note 4 IOUT = -500 A VR = 80 V IF = 350 mA Min. -- 50 -- -- -- -- -- -50 -- -- -- 4.8 -- -- -- 0.5 EIN to 0.5 EOUT 0.5 EIN to 0.5 EOUT -- -- Limits Max. 50 -- 1.8 1.9 2.0 -500 -2.1 -- 2.6 2.0 1.4 -- 50 2.0 25 5.0 5.0 Units A V V V V A mA A V V V V A V pF s s
IIN(ON) IIN(OFF)
Input Voltage
VIN(ON)
VIN(OFF) Clamp Diode Leakage Current Clamp Diode Forward Voltage Input Capacitance Turn-On Delay Turn-Off Delay IR VF CIN tPLH tPLH
NOTES: 1. Pulsed test, tp 300 s, duty cycle 2%. 2. Negative current is defined as coming out of the specified device pin. 3. The IIN(OFF) current limit guarantees against partial turn-on of the output. 4. The VIN(ON) voltage limit guarantees a minimum output source current per the specified conditions. 5. The substrate must always be tied to the most negative point and must be at least 4.0 V below VS. 6. VCC must be equal to or less positive than VS.
PARTIAL SCHEMATIC
Note the UDN2588A (DIP) and the A2588SLW (SOIC) are electrically identical and share a common terminal number assignment.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
SERIES 2580 8-CHANNEL SOURCE DRIVERS
ALLOWABLE PEAK COLLECTOR CURRENT AT 50C AS A FUNCTION OF DUTY CYCLE
500 450
ALLOWABLE PEAK COLLECTOR CURRENT IN mA AT 50C
400 RECOMMENDED MAXIMUM OUTPUT CURRENT 350
300
3 4
250
5 7 6 8
NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY
200
150
100
VS = 15 V
50
0 0
10
20
30
50 60 40 PER CENT DUTY CYCLE
70
80
90
100
Dwg. No. A-11,107B
ALLOWABLE PEAK COLLECTOR CURRENT 70C AS A FUNCTION OF DUTY CYCLE
500 450
AT
ALLOWABLE PEAK COLLECTOR CURRENT IN mA AT 70C
400 RECOMMENDED MAXIMUM OUTPUT CURRENT 350
300
3
250
4 5
200
6 7 8
150
NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY
100
VS = 15 V
50
0 0
10
20
30
50 60 40 PER CENT DUTY CYCLE
70
80
90
100
Dwg. No. A-11,108B
SERIES 2580 8-CHANNEL SOURCE DRIVERS
TYPICAL APPLICATIONS
Dwg. No. B-1458A Dwg. No. A-11,356
COMMON-CATHODE LED DRIVER
TELECOMMUNICATIONS RELAY DRIVER
(Negative Logic)
+5 V
-36 V -48 V
V EE
Dwg. No. A-11,362A Dwg. No. A-11,363
TELECOMMUNICATIONS RELAY DRIVER
(Positive Logic)
VACUUM-FLUORESCENT DISPLAY DRIVER
(Split Supply)
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
SERIES 2580 8-CHANNEL SOURCE DRIVERS
UDN2580A and UDN2585A
Dimensions in Inches (controlling dimensions)
18 10 0.014 0.008
0.430 0.280 0.240
MAX
0.300
BSC
1
0.070 0.045
0.100 0.920 0.880
BSC
9
0.005
MIN
0.210
MAX
0.015
MIN
0.150 0.115 0.022 0.014
Dwg. MA-001-18A in
Dimensions in Millimeters (for reference only)
18 10 0.355 0.204
10.92 7.11 6.10
MAX
7.62
BSC
1
1.77 1.15
2.54 23.37 22.35
BSC
9
0.13
MIN
5.33
MAX
0.39
MIN
3.81 2.93 0.558 0.356
Dwg. MA-001-18A mm
NOTES: 1. Exact body and lead configuration at vendor's option within limits shown. 2. Lead spacing tolerance is non-cumulative. 3. Lead thickness is measured at seating plane or below.
SERIES 2580 8-CHANNEL SOURCE DRIVERS
A2580SLW and A2585SLW
Dimensions in Inches (for reference only)
20 11 0.0125 0.0091
0.2992 0.2914
0.419 0.394
0.050 0.016 0.020 0.013
1
2
3 0.5118 0.4961
0.050
BSC
0 TO 8
0.0926 0.1043 0.0040 MIN.
Dwg. MA-008-20 in
Dimensions in Millimeters (controlling dimensions)
20 11 0.32 0.23
7.60 7.40
10.65 10.00
1.27 0.40 0.51 0.33
1
2
3 13.00 12.60
1.27
BSC
0 TO 8
2.65 2.35 0.10 MIN.
Dwg. MA-008-20 mm
NOTES: 1. 2.
Exact body and lead configuration at vendor's option within limits shown. Lead spacing tolerance is non-cumulative.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
SERIES 2580 8-CHANNEL SOURCE DRIVERS
UDN2588A
Dimensions in Inches (controlling dimensions)
20 11 0.014 0.008
0.430 0.280 0.240
MAX
0.300
BSC
1
0.070 0.045
0.100 1.060 0.980
BSC
10
0.005
MIN
0.210
MAX
0.015
MIN
0.150 0.115 0.022 0.014
Dwg. MA-001-20 in
Dimensions in Millimeters (for reference only)
20 11 0.355 0.204
10.92 7.11 6.10
MAX
7.62
BSC
1
1.77 1.15
2.54 26.92 24.89
BSC
10
0.13
MIN
5.33
MAX
0.39
MIN
3.81 2.93 0.558 0.356
Dwg. MA-001-20 mm
NOTES: 1. Exact body and lead configuration at vendor's option within limits shown. 2. Lead spacing tolerance is non-cumulative. 3. Lead thickness is measured at seating plane or below.
SERIES 2580 8-CHANNEL SOURCE DRIVERS
POWER SOURCE DRIVERS SELECTION GUIDE
IN ORDER OF 1) OUTPUT CURRENT, 2) OUTPUT VOLTAGE, 3) NUMBER OF DRIVERS
Output Ratings * mA -25 V 60 60 60 60 60 85 -25 30 50 35 50 50 -50 80 80 -80 # 8 10 12 20 32 8 8 8 8 8 8 8 8 8 8 8
Serial Input Latched Drivers
Features
Diode Clamp Saturated Outputs Internal Protection
-120
-350
- X X X X - - - X - - X - - X -
X X X X X - - - X - - X - - X -
-
Active Pull-Down Active Pull-Down Active Pull-Down Active Pull-Down
- X X X X X X X X X X
- - - - - - X X X - - - - - - -
- - - - - - - - - X - - - - - -
Part Number 5815 5810-F 5811 5812-F 5818-F 6118 2585 2985 5895 2987 2981 and 2982 5891 2580 2983 and 2984 5890 2588
*
Current is maximum specified test condition, voltage is maximum rating. See specification for sustaining voltage limits or over-current protection voltage limits. Complete part number includes additional characters to indicate operating temperature range and package style.
Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the design of its products. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringements of patents or other rights of third parties which may result from its use.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000


▲Up To Search▲   

 
Price & Availability of SERIES2580

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X