Part Number Hot Search : 
HY5DU568 B60K460 2G40UM AD2833 WDW3T SY88149 3362W254 S2N65
Product Description
Full Text Search
 

To Download S03A1500W1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model S03A1500W1 Hybrid Couplers
3 dB, 90
Description
The S03A1500W1 is a low profile 3 dB hybrid coupler in an easy to use surface mount package for applications within the 1.0-2.0 GHz band. The S03A1500W1 is ideal for balanced amplifiers and signal distribution and can be used in most high power designs. Parts have been run through rigorous qualifications and units are 100% tested. They are manufactured using materials with X and Y thermal expansion coefficients compatible with common substrates.
Surface Mount Components
Features
* * * * * * * * * 1.0 - 2.0 GHz 100 Watts Low Loss High Isolation 90 Quadrature Surface Mountable Tape and Reel Convenient Package 100% Tested
Electrical Specifications
Frequency GHz 1.0 - 2.0 Amp. Bal. dB Max 0.50 Isolation dB Min 20 Phase Bal. Degrees Max 5 Insert. Loss dB Max 0.25 Temp. C -55 to +85 VSWR Max: 1 1.25 Power Avg. CW Watts 100
Specifications subject to change without notice.
Outline Drawing
VER. 2/7/02
Available on Tape and Reel for Pick and Place Manufacturing.
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121 Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
1
Model S03A1500W1
www.anaren.com
Typical Performance
Surface Mount Components
2
Pin Configuration
Mounting Footprint
Pin 1 #1 #2 Input Isolated
Pin 2 Isolated Input -3dB, 0 -3dB, -90
Pin 3 -3dB, -90 -3dB, 0 Input Isolated
Pin 4 -3dB, 0 -3dB, -90 Isolated Input
#3 -3dB, -90 #4 -3dB, 0
Available on Tape and Reel for Pick and Place Manufacturing.
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121 Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369


▲Up To Search▲   

 
Price & Availability of S03A1500W1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X