|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RURG3040CC, RURG3060CC Data Sheet January 2000 File Number 3549.3 30A, 400V - 600V Ultrafast Dual Diodes RURG3040CC and RURG3060CC are ultrafast dual diodes with soft recovery characteristics (trr < 55ns). They have low forward voltage drop and are silicon nitride passivated ionimplanted epitaxial planar construction. These devices are intended for use as freewheeling/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast recovery with soft recovery characteristics minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors. Formerly developmental type TA09903. Features * Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <55ns * Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC * Reverse Voltage Up to . . . . . . . . . . . . . . . . . . . . . . . .600V * Avalanche Energy Rated * Planar Construction Applications * Switching Power Supplies * Power Switching Circuits * General Purpose Ordering Information PART NUMBER RURG3040CC RURG3060CC PACKAGE TO-247 TO-247 BRAND RURG3040C RURG3060C Packaging JEDEC STYLE TO-247 ANODE 1 CATHODE ANODE 2 CATHODE (BOTTOM SIDE METAL) NOTE: When ordering, use the entire part number. Symbol K A1 A2 Absolute Maximum Ratings (Per Leg) TC = 25oC RURG3040CC RURG3060CC 600 600 600 30 UNITS V V V A 400 400 400 30 Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV) (TC = 130oC) Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM (Square Wave, 20kHz) Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM (Halfwave, 1 Phase, 60Hz) Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Avalanche Energy (See Figures 7 and 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ 70 70 A 325 325 A 125 20 -65 to 175 125 20 -65 to 175 W mJ oC 1 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 2000 RURG3040CC, RURG3060CC Electrical Specifications SYMBOL VF IF = 30A IF = 30A, TC = 150oC IR VR = 400V VR = 600V VR = 400V, TC = 150oC VR = 600V, TC = 150oC trr trr ta tb RJC DEFINITIONS VF = Instantaneous forward voltage (pw = 300s, D = 2%). IR = Instantaneous reverse current. trr = Reverse recovery time (See Figure 6), summation of ta + tb. ta = Time to reach peak reverse current (See Figure 6). tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 6). RJC = Thermal resistance junction to case. pw = Pulse width. D = Duty cycle. IF = 1A, dIF/dt = 100A/s IF = 30A, dIF/dt = 100A/s IF = 30A, dIF/dt = 100A/s IF = 30A, dIF/dt = 100A/s (Per Leg) TC = 25oC, Unless Otherwise Specified MIN TYP 30 20 MAX 1.5 1.3 250 1.0 55 60 1.2 MIN TYP 30 20 MAX 1.5 1.3 250 1.0 55 60 1.2 UNITS V V A A mA mA ns ns ns ns oC/W TEST CONDITION Typical Performance Curves 200 IR, REVERSE CURRENT (A) 100 IF, FORWARD CURRENT (A) 1000 175oC 100 175oC 10 100oC 10 100oC 25oC 1 0.1 25oC 1 0 0.5 1 1.5 2 2.5 VF, FORWARD VOLTAGE (V) 0.01 0 100 200 300 400 500 600 VR , REVERSE VOLTAGE (V) FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE 2 RURG3040CC, RURG3060CC Typical Performance Curves 60 50 t, RECOVERY TIMES (ns) 40 30 20 10 0 (Continued) IF(AV) , AVERAGE FORWARD CURRENT (A) 30 25 DC 20 15 10 5 0 100 SQ. WAVE trr ta tb 1 10 IF, FORWARD CURRENT (A) 30 120 140 160 180 TC , CASE TEMPERATURE (oC) FIGURE 3. trr, ta AND tb CURVES vs FORWARD CURRENT FIGURE 4. CURRENT DERATING CURVE Test Circuits and Waveforms VGE AMPLITUDE AND RG CONTROL dIF/dt t1 AND t2 CONTROL IF L DUT RG VGE t1 t2 CURRENT SENSE + VDD 0 IF dIF dt ta trr tb IGBT - 0.25 IRM IRM FIGURE 5. trr TEST CIRCUIT I = 1A L = 40mH R < 0.1 EAVL = 1/2LI2 [VR(AVL) /(VR(AVL) - VDD)] Q1 = IGBT (BVCES > DUT VR(AVL)) L CURRENT SENSE Q1 VDD DUT R + VDD IV FIGURE 6. trr WAVEFORMS AND DEFINITIONS VAVL IL IL t0 t1 t2 t FIGURE 7. AVALANCHE ENERGY TEST CIRCUIT FIGURE 8. AVALANCHE CURRENT AND VOLTAGE WAVEFORMS All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification. Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site www.intersil.com 3 |
Price & Availability of RURG3040CC |