Part Number Hot Search : 
MC4558 KA3843 KSA1220 GPS40B12 KSA1220 EQW025 BE002 W83L950D
Product Description
Full Text Search
 

To Download RURG30120CC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RURG30120CC
Data Sheet January 2000 File Number 3400.3
30A, 1200V Ultrafast Dual Diode
The RURG30120CC is an ultrafast dual diode with soft recovery characteristic (trr < 110ns). It has low forward voltage drop and is silicon nitride passivated ion-implanted epitaxial planar construction. This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast recovery with soft recovery characteristic minimize ringing and electrical noise in many power switching circuits, reducing power loss in the switching transistors. Formally developmental type TA49031.
Features
* Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . <110ns * Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC * Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V * Avalanche Energy Rated * Planar Construction
Applications
* Switching Power Supplies * Power Switching Circuits * General Purpose
Ordering Information
PART NUMBER RURG30120CC PACKAGE TO-247 BRAND URG30120C
Package
JEDEC STYLE TO-247
ANODE 1 CATHODE ANODE 2 CATHODE (BOTTOM SIDE METAL)
NOTE: When ordering, use the entire part number.
Symbol
K
A1
A2
Absolute Maximum Ratings
(Per Leg) TC = 25oC, Unless Otherwise Specified RURG30120CC UNITS V V V A A A W mJ
oC
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VR Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV) (TC = 110oC) Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM (Square Wave, 20kHz) Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM (Halfwave, 1 Phase, 60Hz) Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD Avalanche Energy (See Figures 7 and 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TSTG, TJ
1200 1200 1200 30 60 300 125 30 -65 to 175
1
1-888-INTERSIL or 321-724-7143 | Copyright
(c) Intersil Corporation 2000
RURG30120CC
Electrical Specifications
SYMBOL VF IF = 30A IF = 30A, TC = 150oC IR VR = 1200V VR = 1200V, TC = 150oC trr IF = 1A, dIF/dt = 100A/s IF = 30A, dIF/dt = 100A/s ta tb RJC DEFINITIONS VF = Instantaneous forward voltage (pw = 300s, D = 2%). IR = Instantaneous reverse current. trr = Reverse recovery time (See Figure 6), summation of ta + tb. ta = Time to reach peak reverse current (See Figure 6). tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 6). RJC = Thermal resistance junction to case. pw = pulse width. D = duty cycle. IF = 30A, dIF/dt = 100A/s IF = 30A, dIF/dt = 100A/s (Per Leg) TC = 25oC, Unless Otherwise Specified TEST CONDITION MIN TYP 90 45 MAX 2.1 1.9 250 1 110 150 1.2 UNITS V V A mA ns ns ns ns
oC/W
Typical Performance Curves
200 100 IF , FORWARD CURRENT (A) IR, REVERSE CURRENT (A) 500 100 175oC
10
175oC 10 100oC 25oC
1.0 0.1
100oC
0.01
25oC
1 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 VF , FORWARD VOLTAGE (V)
0.001 0 200 400 600 800 1000 1200 VR , REVERSE VOLTAGE (V)
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
2
RURG30120CC Typical Performance Curves
150
(Continued)
IF(AV) , AVERAGE FORWARD CURRENT (A)
40
125
30
t, TIME (ns)
100
trr
DC
75
20
SQ. WAVE
ta
50
10
25 0 1 10 IF , FORWARD CURRENT (A)
tb
0
30
75
100
125
150
175
TC, CASE TEMPERATURE (oC)
FIGURE 3. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. CURRENT DERATING CURVE
Test Circuits and Waveforms
VGE AMPLITUDE AND RG CONTROL dIF/dt t1 AND t2 CONTROL IF L
DUT RG VGE t1 t2
CURRENT SENSE + VDD 0
IF
dIF dt ta
trr tb
IGBT
-
0.25 IRM IRM
FIGURE 5. trr TEST CIRCUIT
I = 1.225A L = 40mH R < 0.1 EAVL = 1/2LI2 [VR(AVL) /(VR(AVL) - VDD)] Q1 = IGBT (BVCES > DUT VR(AVL)) L CURRENT SENSE Q1 VDD DUT R + VDD IV
FIGURE 6. trr WAVEFORMS AND DEFINITIONS
VAVL
IL
IL
t0 t1 t2 t
FIGURE 7. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 8. AVALANCHE CURRENT AND VOLTAGE WAVEFORMS
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com 3


▲Up To Search▲   

 
Price & Availability of RURG30120CC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X