Part Number Hot Search : 
MIRO39A6 EDZ10B 1L323229 AD8801 5690F5 FX003QZS 100AXC CD8427CS
Product Description
Full Text Search
 

To Download RN1412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RN1412,RN1413
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1412,RN1413
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
l With built-in bias resistors l Simplify circuit design l Reduce a quantity of parts and manufacturing process l Complementary to RN2412, RN2413 Unit: mm
Equivalent Circuit
Maximum Ratings (Ta = 25C)
Characteristic Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating 50 50 5 100 200 150 -55~125 Unit V V V mA mW C C
JEDEC EIAJ TOSHIBA Weight: 0.012g
TO-236MOD SC-59 2-3F1A
Electrical Characteristics (Ta = 25C)
Characteristic Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance Input resistor RN1412 RN1413 Symbol ICBO IEBO hFE (note) VCE (sat) fT Cob R1 Test Circuit Test Condition VCB = 50V, IE = 0 VEB = 5V, IC = 0 VCE = 5V, IC = 1mA IC = 5mA, IB = 0.25mA VCE = 10V, IC = 5mA VCB = 10V, IE = 0, f = 1MHz Min 120 15.4 32.9 Typ. 0.1 250 3 22 47 Max 100 100 700 0.3 6 28.6 61.1 V MHz pF kW Unit nA nA
1
2001-06-07
RN1412,RN1413
2
2001-06-07
RN1412,RN1413
3
2001-06-07
RN1412,RN1413
Type Name Marking
RN1412
RN1413
4
2001-06-07
RN1412,RN1413
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
5
2001-06-07


▲Up To Search▲   

 
Price & Availability of RN1412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X