Part Number Hot Search : 
NTHD4P02 RS102 1H273 1N4747 NCP5392Q 14000 100EL HN3B02FU
Product Description
Full Text Search
 

To Download RHRG3040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RHRG3040, RHRG3060
Data Sheet January 2000 File Number 3938.3
30A, 400V - 600V Hyperfast Diodes
The RHRG3040 and RHRG3060 are hyperfast diodes with soft recovery characteristics (trr < 40ns). They have half the recovery time of ultrafast diodes and are of silicon nitride passivated ion-implanted epitaxial planar construction. These devices are intended for use as freewheeling/ clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors. Formerly developmental type TA49063.
Features
* Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <40ns * Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC * Reverse Voltage Up To . . . . . . . . . . . . . . . . . . . . . . . .600V * Avalanche Energy Rated * Planar Construction
Applications
* Switching Power Supplies * Power Switching Circuits * General Purpose
Ordering Information
PART NUMBER RHRG3040 RHRG3060 PACKAGE TO-247 TO-247 BRAND RHRG3040 RHRG3060
Packaging
JEDEC STYLE TO-247
ANODE CATHODE (BOTTOM SIDE METAL) CATHODE
NOTE: When ordering, use the entire part number.
Symbol
K
A
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified RHRG3040 RHRG3060 600 600 600 30 70 325 125 20 -65 to 175 UNITS V V V A A A W mJ
oC
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VR Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV) (TC = 120oC) Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM (Square Wave, 20kHz) Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM (Halfwave, 1 Phase, 60Hz) Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TSTG, TJ
400 400 400 30 70 325 125 20 -65 to 175
1
1-888-INTERSIL or 321-724-7143 | Copyright
(c) Intersil Corporation 2000
RHRG3040, RHRG3060
Electrical Specifications
TC = 25oC, Unless Otherwise Specified RHRG3040 SYMBOL VF IF = 30A IF = 30A, TC = 150oC IR VR = 400V VR = 600V VR = 400V, TC = 150oC VR = 600V, TC = 150oC trr IF = 1A, dIF /dt = 200A/s IF = 30A, dIF /dt = 200A/s ta tb QRR CJ RJC DEFINITIONS VF = Instantaneous forward voltage (pw = 300s, D = 2%). IR = Instantaneous reverse current. trr = Reverse recovery time (See Figure 9), summation of ta + tb. ta = Time to reach peak reverse current (See Figure 9). tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 9). QRR = Reverse recovery charge. CJ = Junction Capacitance. RJC = Thermal resistance junction to case. pw = Pulse width. D = Duty cycle. IF = 30A, dIF /dt = 200A/s IF = 30A, dIF /dt = 200A/s IF = 30A, dIF /dt = 200A/s VR = 10V, I F = 0A TEST CONDITION MIN TYP 22 18 100 85 MAX 2.1 1.7 250 1.0 40 45 1.2 MIN RHRG3060 TYP 22 18 100 85 MAX 2.1 1.7 250 1.0 40 45 1.2 UNITS V V A A mA mA ns ns ns ns nC pF
oC/W
Typical Performance Curves
300 2000 IR , REVERSE CURRENT (A) 175oC 100
IF, FORWARD CURRENT (A)
100
100oC 175oC 25oC
10
100oC
10
1
0.1
25oC
1 0 1 2 VF, FORWARD VOLTAGE (V) 3 4
0.01 0 100 200 300 400 500 600 VR , REVERSE VOLTAGE (V)
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
2
RHRG3040, RHRG3060 Typical Performance Curves
50 TC = 25oC, dIF/dt = 200A/s t, RECOVERY TIMES (ns) t, RECOVERY TIMES (ns) 40 trr
(Continued)
100
TC = 100oC, dIF/dt = 200A/s
80
30
60
trr
20
ta
40
ta
10
tb
20
tb
0 1 10 IF, FORWARD CURRENT (A) 30
0 1 10 IF, FORWARD CURRENT (A) 30
FIGURE 3. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. trr, ta AND tb CURVES vs FORWARD CURRENT
150 TC = 175oC, dIF/dt = 200A/s 125 t, RECOVERY TIMES (ns) 100 75 ta tb 25 0 1 10 IF, FORWARD CURRENT (A) 30
IF(AV) , AVERAGE FORWARD CURRENT (A)
30 25 DC 20 SQ. WAVE 15 10 5 0 75 100 125 150 175 TC , CASE TEMPERATURE (oC)
trr
50
FIGURE 5. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 6. CURRENT DERATING CURVE
150 CJ , JUNCTION CAPACITANCE (pF) 125 100 75 50 25 0
0
50
100
150
200
VR , REVERSE VOLTAGE (V)
FIGURE 7. JUNCTION CAPACITANCE vs REVERSE VOLTAGE
3
RHRG3040, RHRG3060 Test Circuits and Waveforms
VGE AMPLITUDE AND RG CONTROL dIF/dt t1 AND t2 CONTROL IF L
DUT RG VGE t1 t2
CURRENT SENSE + VDD 0
IF
dIF dt ta
trr tb
IGBT
-
0.25 IRM IRM
FIGURE 8. trr TEST CIRCUIT
IMAX = 1A L = 40mH R < 0.1 EAVL = 1/2LI2 [VR(AVL) /(VR(AVL) - VDD)] Q1 = IGBT (BVCES > DUT VR(AVL)) L CURRENT SENSE Q1 VDD DUT R + VDD IV
FIGURE 9. trr WAVEFORMS AND DEFINITIONS
VAVL
IL
IL
t0 t1 t2 t
FIGURE 10. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 11. AVALANCHE CURRENT AND VOLTAGE WAVEFORMS
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com 4


▲Up To Search▲   

 
Price & Availability of RHRG3040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X