Part Number Hot Search : 
M054BN 0509S SF2N4931 WT203 DETF09 WT203 CAPA110 DM036
Product Description
Full Text Search
 

To Download RH1021-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RH1021-10 Precision 10V Reference
DESCRIPTION
The RH1021-10 is a precision 10V reference with ultralow drift and noise, extremely good long-term stability and almost total immunity to input voltage variations. The reference output will source and sink up to 10mA. This reference can also be used as a shunt regulator (2-terminal Zener). Unique circuit design makes the RH1021-10 the first IC reference to offer ultralow drift without the use of high power on-chip heaters. The wafer lots are processed to Linear Technology's inhouse Class S flow to yield circuits usable in stringent military applications.
, LTC and LT are registered trademarks of Linear Technology Corporation.
ABSOLUTE MAXIMUM RATINGS
Input Voltage ........................................................... 40V Input/Output Voltage Differential ............................. 35V Output to Ground Voltage (Shunt Mode Current Limit) ............................... 16V Trim Pin to Ground Voltage Positive................................................ Equal to VOUT Negative ........................................................... - 20V Output Short-Circuit Duration VIN = 35V ........................................................ 10 sec VIN 20V ................................................... Indefinite Operating Temperature Range .............. - 55C to 125C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
BUR -I CIRCUIT
PACKAGE/ORDER INFORMATION
TOP VIEW NC*
7
8 1 20V 2 3 4 RH1021-10 5
8 NC* 1
6
7 NC* 6 VOUT 5 TRIM 4 GND
VIN 2 NC* 3
-20V
H PACKAGE 8-LEAD TO-5 METAL CAN
* Connected internally. Do not connect external circuitry to these pins.
U
U
W
WW U
W
U
UU
1
RH1021-10 TABLE 1: ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER VOUT TCVOUT VOUT VIN VOUT IOUT Output Voltage Output Voltage Temperature Coefficient Line Regulation Load Regulation (Sourcing Current) Load Regulation (Shunt Mode) IS IMIN Supply Current (Series Mode) Minimum Current (Shunt Mode) VIN Is Open Output Voltage Noise Long-Term Stability of VOUT Temperature Hysteresis of VOUT 0.1Hz f 10Hz 10Hz f 1kHz T = 1000 Hrs Noncumulative T = 25C 5 5 6 6 6 15 5 4 CONDITIONS RH1021CM-10 RH1021BM-10, DM-10 RH1021BM-10 RH1021CM-10, DM-10 11.5V VIN 14.5V 14.5V VIN 40V 0 IOUT 10mA 1.7mA IOUT 10mA NOTES 1 1 2 2 3 3 3 3,4 4 2 25 100 1.7 1.5 1 1 1 1 1 1
(Preirradiation) (Note 9)
TA = 25C TYP MAX 10.005 10.05 SUB- - 55C TA 125C SUBGROUP MIN TYP MAX GROUP 1 1 5 20 6 4 40 150 2.0 1.7 2,3 2,3 2,3 2,3 2,3 2,3 2,3 2,3
MIN
UNITS V V ppm/C ppm/C ppm/V ppm/V ppm/mA ppm/mA mA mA VP-P VRMS ppm ppm
9.995 9.95
TABLE 1A: ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER VOUT TCVOUT VOUT VIN VOUT IOUT Output Voltage Output Voltage Temperature Coefficient Line Regulation Load Regulation (Sourcing Current) Load Regulation (Shunt Mode) IMIN IS Minimum Current (Shunt Mode) Supply Current (Series Mode) CONDITIONS RH1021CM-10 RH1021BM-10, DM-10 RH1021BM-10 RH1021CM-10, DM-10 11.5V VIN 14.5V 14.5V VIN 40V 0 IOUT 10mA 1.7mA IOUT 10mA VIN Is Open 10Krad(Si) NOTES MIN MAX 1 1 2 2 3 3 3,8 3,4
(Postirradiation) (Note 7)
20Krad(Si) 50Krad(Si) MIN MAX MIN MAX 100Krad(Si) 200Krad(Si) MIN MAX MIN MAX UNITS V V ppm/C ppm/C ppm/V ppm/V ppm/mA ppm/mA mA mA
9.995 10.005 9.99 10.01 9.987 10.013 9.985 10.015 9.98 10.02 9.95 10.05 9.945 10.055 9.942 10.06 9.98 10.06 9.935 10.065 5 20 4 2 25 100 1.5 1.7 5 20 4 2 25 100 1.5 1.7 5 20 4.5 2 25 100 1.5 1.7 7 22 5 2 25 100 1.5 1.7 10 25 6 3 25 150 1.5 1.7
2
RH1021-10 TABLE 1A: ELECTRICAL CHARACTERISTICS
Note 1: Output voltage is measured immediately after turn-on. Changes due to chip warm-up are typically less than 0.005%. Note 2: Temperature coefficient is measured by dividing the change in output voltage over the temperature range by the change in temperature. Separate tests are done for hot and cold; TMIN to 25C and 25C to TMAX. Incremental slope is also measured at 25C. Note 3: Line and load regulation are measured on a pulse basis. Output changes due to die temperature change must be taken into account separately. Package thermal resistance is 150C/W for the TO-5 (H) package. Note 4: Shunt mode regulation is measured with the input open. With the input connected, shunt mode current can be reduced to 0mA. Load regulation will remain the same. Note 5: RMS noise is measured with a 2-pole highpass filter at 10Hz and a 2-pole lowpass filter at 1kHz. The resulting output is full wave rectified and then integrated for a fixed period, making the final reading an average as opposed to RMS. Correction factors are used to convert from average to RMS and to correct for the nonideal bandpass of the filters. Peak-to-peak noise is measured with a single highpass filter at 0.1Hz and a 2-pole lowpass filter at 10Hz. The unit is enclosed in a still-air environment to eliminate thermocouple effects on the leads. Test time is 10 seconds. Note 6: Consult factory for units with long term stability data. Note 7: VIN = 12V, IOUT = 0, TA = 25C, unless otherwise noted. Note 8: IOUT(MAX) (Sourcing) is 5mA for exposures greater than 100Krad (Si). Note 9: VIN = 12V, IOUT = 0, unless otherwise noted.
TABLE 2: ELECTRICAL TEST REQUIRE E TS
MIL-STD-883 TEST REQUIREMENTS Final Electrical Test Requirements (Method 5004) Group A Test Requirements (Method 5005) Group B and D for Class S, and Group C and D for Class B End Point Electrical Parameters (Method 5005) * PDA Applies to subgroup 1. See PDA Test Notes. SUBGROUP 1*,2,3,4 1,2,3,4 1 PDA Test Notes The PDA is specified as 5% based on failures from group A, subgroup 1, tests after cooldown as the final electrical test in accordance with method 5004 of MIL-STD-883. The verified failures of group A, subgroup 1, after burn-in divided by the total number of devices submitted for burn-in in that lot shall be used to determine the percent for the lot. Linear Technology Corporation reserves the right to test to tighter limits than those given.
TOTAL DOSE BIAS CIRCUIT
15V VIN
GND -15V
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
UW
3
RH1021-10 TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage
10.01 V IN = 15V IOUT = 0 60 50 40 30 20 10 0 1 10 100 TOTAL DOSE Krad (Si) 1000
RH1021-10 G01
LOAD REGULATION (ppm/mA)
LOAD REGULATION (ppm/mA)
OUTPUT VOLTAGE (V)
10.00
9.99
Line Regulation
1.0 15
TEMPERATURE COEFFICIENT (ppm/C)
0.5
LINE REGULATION (ppm/V)
0 -0.5 -1.0 -1.5 -2.0
14.5V VIN 40V 11.5V VIN 14.5V
5 0 -5 -10 -15
MINIMUM CURRENT (mA)
1
10 100 TOTAL DOSE Krad (Si)
4
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
UW
RH1021-10 G04
Load Regulation (Shunt Mode)
18 VIN = OPEN 1.2mA IOUT 10mA 16 14 12 10 8
Load Regulation (Sourcing)
V IN = 15V 0mA IOUT 10mA
NOTE 8 6 4
1
10 100 TOTAL DOSE Krad (Si)
1000
RH1021-10 G02
1
10 100 TOTAL DOSE Krad (Si)
1000
RH1021-10 G03
Temperature Coefficient
1.2 VIN = 15V 10 1.1 1.0 0.9 0.8 0.7 0.6
Minimum Current (Shunt Mode)
VIN = OPEN
1000
1
10 100 TOTAL DOSE Krad (Si)
1000
RH1021-10 G05
1
10 100 TOTAL DOSE Krad (Si)
1000
RH1021-10 G06
I.D. No. 66-10-0179 Rev. A 0796
LT/HP 0796 500 REV A * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1990


▲Up To Search▲   

 
Price & Availability of RH1021-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X