Part Number Hot Search : 
E004846 KIA78L05 DD502 KA22136 R6522 BZV85130 21M10 3015BGC
Product Description
Full Text Search
 

To Download Q67041-S4029 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data
SIPMOS Small-Signal-Transistor Features * Single N channel
*
BSO 302SN
Product Summary
Drain source voltage Drain-Source on-state resistance Continuous drain current
VDS ID
30 9.8
V A
Enhancement mode
RDS(on) 0.013
* Avalanche rated * Logic Level * dv/dt rated
Type BSO 302SN
Parameter Continuous drain current
Package SO 8
Symbol
Ordering Code Q67041-S4029
Value 9.8 39.2 250 9.8 0.2 6 mJ A mJ kV/s Unit A
Maximum Ratings, at T j = 25 C, unless otherwise specified
ID IDpulse EAS IAR EAR
dv/dt
T C = 25 C
Pulsed drain current
T C = 25 C
Avalanche energy, single pulse
I D = 9.8 A, V DD = 25 V, R GS = 25
Avalanche current,periodic limited by T jmax Avalanche energy, periodic limited by Tjmax Reverse diode dv/dt
I S = 9.8 A, V DS = 24 V, di/dt = 200 A/s, T jmax = 150 C
Gate source voltage Power dissipation
VGS Ptot Tj Tstg
20 2 -55 ... +150 -55 ... +150 55/150/56
V W C
T C = 25 C
Operating temperature Storage temperature IEC climatic category; DIN IEC 68-1
Data Sheet
1
05.99
BSO 302SN
Thermal Characteristics Parameter Characteristics Thermal resistance, junction - soldering point Thermal resistance @ 10 sec., min. footprint Thermal resistance @ 10 sec., 6 cm2 cooling area 1) Symbol min. Values typ. max. 25 75 62.5 K/W Unit
RthJS Rth(JA) Rth(JA)
-
Electrical Characteristics, at T j = 25 C, unless otherwise specified Symbol Values Parameter min. Static Characteristics Drain- source breakdown voltage typ. 1.6 max. 2
Unit
V(BR)DSS VGS(th) IDSS
30 1.2
V
VGS = 0 V, I D = 0.25 mA
Gate threshold voltage, VGS = VDS I D = 80 A Zero gate voltage drain current
A 0.1 10 1 100 100 nA 0.012 0.008 0.017 0.013
VDS = 30 V, V GS = 0 V, T j = 25 C VDS = 30 V, V GS = 0 V, T j = 150 C
Gate-source leakage current
IGSS RDS(on)
VGS = 20 V, VDS = 0 V
Drain-Source on-state resistance
VGS = 4.5 V, I D = 8.6 A VGS = 10 V, I D = 9.8 A
1 Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. PCB is vertical without blown air.
Data Sheet
2
05.99
BSO 302SN
Electrical Characteristics Parameter Characteristics Transconductance Symbol min. Values typ. 28 1630 710 335 20 max. 2040 890 420 30 ns S pF Unit
gfs Ciss Coss Crss td(on)
14 -
VDS2*I D*RDS(on)max , ID = 8.6 A
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
VDD = 15 V, V GS = 4.5 V, ID = 8.6 A, RG = 1.6
Rise time
tr
-
120
180
VDD = 15 V, V GS = 4.5 V, ID = 8.6 A, RG = 1.6
Turn-off delay time
td(off)
-
37
55
ns
VDD = 15 V, V GS = 4.5 V, ID = 8.6 A, RG = 1.6
Fall time
tf
-
72
110
ns
VDD = 15 V, V GS = 4.5 V, ID = 8.6 A, RG = 1.6
Data Sheet
3
05.99
BSO 302SN
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Symbol Values Parameter at Tj = 25 C, unless otherwise specified Dynamic Characteristics Gate charge at threshold min. typ. 2 37 60 2.95 max. 3 55 90 -
Unit
QG(th) Qg(5) Qg V(plateau)
-
nC
VDD = 24 V, ID0,1 A, VGS = 0 to 1 V
Gate charge at Vgs=5V VDD = 24 V, ID = 9.8 A , VGS = 0 to 5 V Gate charge total
nC V
VDD = 15 V, ID = 9.8 A, VGS = 0 to 10 V
Gate plateau voltage
VDD = 24 V, ID = 9.8 A
Reverse Diode Inverse diode continuous forward current
IS I SM VSD t rr Q rr
-
0.9 70 80
9.8 39.2 1.6 105 120
A
TC = 25 C
Inverse diode direct current,pulsed
TC = 25 C
Inverse diode forward voltage V ns C
VGS = 0 V, I F = 19.6 A
Reverse recovery time
VR = 15 V, IF=IS , diF/dt = 100 A/s
Reverse recovery charge
VR = 15 V, IF=l S , diF/dt = 100 A/s
Data Sheet
4
05.99
BSO 302SN
Power dissipation
Drain current
Ptot= f (TA)
BSO 302SN
ID = f (TA )
BSO 302SN
2.6
W
11
A
2.2 2.0 1.8
9 8 7 6 5 4 3 2
Ptot
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 20 40 60 80 100 120
C
ID
1 0 0 20 40 60 80 100 120
C
160
160
TA
TA
Safe operating area
Transient thermal impedance
ID = f ( V DS )
parameter : D = 0 , TA = 25 C
10
A
2 BSO 302SN
S( on )
ZthJA = f(tp )
parameter : D= tp/T
10 2
tp = 2.2s
=
VD
S
BSO 302SN
RD
K/W
10 1
10 s
1 ms
10
0 10 ms
Z thJA
100 s
10 1
ID
D = 0.50 0.20 10
0
0.10 single pulse 0.05 0.02 0.01
10 -1 DC
10 -2 -1 10
10
0
10
1
V
10
2
10 -1 -5 -4 -3 -2 -1 0 1 2 10 10 10 10 10 10 10 10
s
10
4
VDS
tp
Data Sheet
5
05.99
BSO 302SN
Typ. output characteristics
Drain-source on-resistance
I D = f (VDS)
parameter: tp = 80 s
BSO 302SN
RDS(on) = f (Tj)
parameter : I D = 8.6 A, VGS = 4.5 V
BSO 302SN
24
A
Ptot = 2W
jh ig f k le dc
0.040
VGS [V] a 2.5
b c 3.0
20 18 16
0.032
RDS(on)
3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 8.0 10.0
0.028 0.024
d e f
ID
14 12 10 8 6 4 2
a
98%
0.020 0.016 0.012 0.008 0.004 0.000 -60
g h
bi
j k l
typ
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
5.0
-20
20
60
100
140
C
200
VDS
Tj
Typ. capacitances C = f (VDS) parameter: V GS = 0 V, f = 1 MHz
10 4
pF
Ciss
C
10 3
Coss
Crss
10 2 0
5
10
15
20
V
30
VDS
Data Sheet
6
05.99
BSO 302SN
Typ. transfer characteristics I D= f (VGS) parameter: tp = 80 s VDS 2 x I D x RDS(on) max
20
A
Gate threshold voltage
VGS(th) = f (Tj)
parameter : VGS = VDS , ID = 80 A
3.0 V
16 14
2.4
VGS(th)
2.2 2.0 1.8 1.6 1.4
ID
12 10 8 6 4 2
1.2 1.0 0.8 0.6 0.4 0.2
max
typ
min
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
5.0
0.0 -60
-20
20
60
100
V
160
VGS
Tj
Forward characteristics of reverse diode
I F = f (VSD)
parameter: Tj , tp = 80 s
10 2
BSO 302SN
A
10 1
IF
10 0
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Data Sheet
7
05.99
BSO 302SN
Avalanche Energy EAS = f (Tj) parameter: ID = 9.8 A, VDD = 25 V RGS = 25
260
mJ
Typ. gate charge
VGS = f (Q Gate)
parameter: ID puls = 9.8 A
BSO 302SN
16
V
220 200 180 12
VGS
EAS
160 140
10
8 120 100 80 60 40 20 0 20 40 60 80 100 120
C
6
0,2 VDS max
0,8 VDS max
4
2
160
0 0
10
20
30
40
50
60
70
Drain-source breakdown voltage
Tj
nC 85 Q Gate
V(BR)DSS = f (Tj)
BSO 302SN
37
V
35
V(BR)DSS
34 33 32 31 30 29 28 27 -60
-20
20
60
100
C
180
Tj
Data Sheet
8
05.99


▲Up To Search▲   

 
Price & Availability of Q67041-S4029

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X