Part Number Hot Search : 
15SMC13A 48VDC HT95A200 LB11975 W25Q32DW KA7522 XC164KM MC1458
Product Description
Full Text Search
 

To Download PLVA2600ASERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D088
PLVA2600A series Low-voltage avalanche regulator double diodes
Product specification Supersedes data of 1999 May 10 2001 Oct 15
Philips Semiconductors
Product specification
Low-voltage avalanche regulator double diodes
FEATURES * Very low dynamic impedance at low currents: approximately 120 of conventional series * Hard breakdown knee * Low noise: approximately 110 of conventional series * Total power dissipation: max. 250 mW * Small tolerances of VZ * Working voltage range: nom. 5.0 to 6.8 V * Non-repetitive peak reverse power dissipation: max. 30 W. APPLICATIONS * Low current, low power, low noise applications * CMOS RAM back-up circuits * Voltage stabilizers * Voltage limiters * Smoke detector relays.
2 1
PLVA2600A series
MARKING TYPE NUMBER PLVA2650A PLVA2653A PLVA2656A PLVA2659A PLVA2662A PLVA2665A PLVA2668A Note 1. = p : Made in Hong Kong. = t : Made in Malaysia. = W: Made in China. PINNING PIN 1 2 3 cathode (k1) cathode (k2) common anode DESCRIPTION MARKING CODE(1) 9J 9K 9L 9M 9N 9O 9P
DESCRIPTION The PLVA2600A series consists of two high performance voltage regulator diodes with common anodes, in small SOT23 plastic SMD packages. The series consists of PLVA2650A to PLVA2668A.
Top view
2 3 3
MAM245
1
Fig.1 Simplified outline (SOT23) and symbol.
2001 Oct 15
2
Philips Semiconductors
Product specification
Low-voltage avalanche regulator double diodes
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL IF IZRM PZSM Ptot PARAMETER continuous forward current repetitive peak working current non-repetitive peak reverse power dissipation total power dissipation tp = 100 s; = 10% tp = 100 s; Tj = 150 C single diode loaded; Tamb = 25 C; note 1 double diode loaded; Tamb = 25 C; note 1 Tstg Tj Note 1. Device mounted on an FR4 printed circuit-board. storage temperature junction temperature CONDITIONS
PLVA2600A series
MIN. - - - - - -65 -
MAX. 250 250 30 250 180 +150 150
UNIT mA mA W mW mW C C
2001 Oct 15
3
Philips Semiconductors
Product specification
Low-voltage avalanche regulator double diodes
ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VF VZ PARAMETER forward voltage working voltage PLVA2650A PLVA2653A PLVA2656A PLVA2659A PLVA2662A PLVA2665A PLVA2668A working voltage PLVA2650A PLVA2653A PLVA2656A PLVA2659A PLVA2662A PLVA2665A PLVA2668A RZ dynamic resistance PLVA2650A PLVA2653A PLVA2656A to PLVA2668A SZ temperature coefficient PLVA2650A PLVA2653A PLVA2656A PLVA2659A PLVA2662A PLVA2665A PLVA2668A IR reverse current PLVA2650A PLVA2653A PLVA2656A PLVA2659A PLVA2662A PLVA2665A PLVA2668A VR = 80%; VZ nominal - - - - - - - IZ = 250 A - - - - - - - 1 kHz superimposed; IZAC is 10% of IZDC; IZ = 250 A IZ = 10 A - - - - - - - - - - CONDITIONS IF = 10 mA IZ = 250 A 4.80 5.10 5.40 5.70 6.00 6.30 6.60 -
PLVA2600A series
MIN. -
TYP.
MAX. 0.9 5.20 5.50 5.80 6.10 6.40 6.70 7.00 - - - - - - - 700 250 100 - - - - - - - 20000 5000 1000 500 100 50 10
UNIT V V V V V V V V V V V V V V V mV/K mV/K mV/K mV/K mV/K mV/K mV/K nA nA nA nA nA nA nA
5.00 5.30 5.60 5.90 6.20 6.50 6.80 4.30 5.20 5.51 5.85 6.19 6.49 6.80 - - - 0.20 1.60 1.90 2.40 2.65 2.90 3.40 - - - - - - -
2001 Oct 15
4
Philips Semiconductors
Product specification
Low-voltage avalanche regulator double diodes
PLVA2600A series
SYMBOL IR
PARAMETER reverse current PLVA2650A PLVA2653A PLVA2656A PLVA2659A PLVA2662A PLVA2665A PLVA2668A reverse current PLVA2650A PLVA2653A PLVA2656A PLVA2659A PLVA2662A PLVA2665A PLVA2668A
CONDITIONS VR = 50%; VZ nominal - - - - - - - VR = 90%; VZ nominal - - - - - - - - - - - -
MIN.
TYP. 34 22 1.1 0.9 0.9 0.9 0.8 21 3.5 1.3 1.0 0.05 0.04 0.006 - - - - -
MAX. - - - - - - - - - - - - - - 0.1 0.1 0.4 0.2 1.0
UNIT nA nA nA nA nA nA nA A A A A A A A V V V V V ----------Hz
VZ
line regulation PLVA2659A to PLVA2668A ILO = 10 A; IHi = 1 mA PLVA2656A PLVA2650A PLVA2653A ILO = 50 A; IHi = 1 mA ILO = 100 A; IHi = 1 mA ILO = 100 A; IHi = 1 mA f = 1 kHz; B = 1 kHz; IZ = 250 A
Vn
noise voltage density
THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a Note 1. Device mounted on an FR4 printed circuit-board. PARAMETER thermal resistance from junction to tie-point thermal resistance from junction to ambient note 1 CONDITIONS VALUE 360 500 UNIT K/W K/W
2001 Oct 15
5
Philips Semiconductors
Product specification
Low-voltage avalanche regulator double diodes
PACKAGE OUTLINE Plastic surface mounted package; 3 leads
PLVA2600A series
SOT23
D
B
E
A
X
HE
vMA
3
Q A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1
OUTLINE VERSION SOT23
REFERENCES IEC JEDEC TO-236AB EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 99-09-13
2001 Oct 15
6
Philips Semiconductors
Product specification
Low-voltage avalanche regulator double diodes
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS
PLVA2600A series
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2001 Oct 15
7
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613514/04/pp8
Date of release: 2001
Oct 15
Document order number:
9397 750 08768


▲Up To Search▲   

 
Price & Availability of PLVA2600ASERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X