Part Number Hot Search : 
N82002MT NW6006 KF902FU EVQP7 TDA9183T MC5430L PLT132 IRF78
Product Description
Full Text Search
 

To Download PG240128-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 240128-A
OUTLINE DIMENSION & BLOCK DIAGRAM
72.0 8.0 128.0 114.0 107.95 4- 3.0 PAD4- 7.0 H1 H2
4- 1.0 57.55
74.0 64.0
240 x 128 Dots
K 2.0
55.0
18.0
20 20- 1.0 P2.54 x 19=48.26
1 2.5 3.5 1.6
1.8 13.74 3.0
138.0 144.0 0.5
5 3 2
Negative Voltage Generator BACKLIGHT
A K
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 144.0 x 104.0 114.0 x 64.0 0.40 x 0.40 0.45 x 0.45
0.3mm
Module W /O B/L EL B/L LED / CCFL B/L H2 / H1 5.2 / 9.8 5.2 / 9.8 9.2 / 13.8
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. 1 2 3 4 5 6 7-14 15 16 17 18 19 20 Function Power supply(GND) Power supply(+) Contrast Adjust Command / data select C/D Data read RD Data write WR DB0-DB7 Data bus line Chip enable CE Reset RST Negative output Vee MD2 Select number of columns FS1 Font selection No connection NC Symbol Vss Vdd Vo
Item
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin
Supply for logic voltage
Min. -0.3 0 -0.3
Max. Units V 7.0 22.0 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units 25oC 4.5 V Power supply voltage Vdd-Vss 5.5 Top N WNW NW V 18.8 19.8 20.8 -20oC V LCD operation voltage Vop
0oC 25oC 50oC 70oC
LCM current consumption (No B/L) 12.5 13.1 13.7 11.7 17.2 12.3 18.1 12.9 19.1 10.9 16.1 11.4 16.9 11.9 17.7
0.05 0.4
DB0~DB7 WR RD CE CD RESET FS1 MD2 Vdd Vss Vo Vee
8
COM COM
64 64 80
LCD PANEL
80 80
T6963C
13 8 2
45.0
20.0 97.0 104 0.5
A
0.4 0.05
SRAM
4
COL
4
COL
4
COL
4
CRYSTAL
Idd
Vdd=5V
35 120 900
50
Backlight current consumption
LED/edge VB/L=3.5V LED/array VB/L=4.2V
V V V V mA mA mA
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PG240128-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X