Part Number Hot Search : 
ON2908 SSM3J DNA03 DS75LXUT 73069 ALVCH163 AHA4210 SB1045CT
Product Description
Full Text Search
 

To Download PF0310A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PF0310A
MOS FET Power Amplifier Module for VHF Band
ADE-208-315A (Z) 2nd. Edition July 1996 Features
* Small package: 30 x 10 x 5.9 mm * High efficiency: 55% Typ * Low power control current: 0.5 mA Max
Pin Arrangement
* RF-J 5 1 2 3 4 1: Pin 2: VPC 3: VDD 4: Pout 5: GND (Flange)
PF0310A
Internal Diagram and External Circuit
G GND Pin1 Pin Pin2 VPC Pin3 VDD Pin4 Pout
G GND
Z1
C1
FB1
C3
C4
FB2
C2
Z2
Pin
VPC
VDD
Pout
C1 = C2 = 0.01 F (Ceramic chip capacitor) C3 = C4 = 10 F (Aluminum Electrolyte Capacitor) FB = Ferrite bead BL01RN1-A62-001 (Manufacture: MURATA) or equivalent Z1 = Z2 = 50 (Microstrip line)
Absolute Maximum Ratings (Tc = 25C)
Item Supply voltage Supply current PC voltage Input power Operating case temperature Storage temperature Symbol VDD IDD VPC Pin Tc (op) Tstg Rating 17 3 4.5 100 Unit V A V mW C C
-30 to +100 -40 to +110
PF0310A
Electrical Characteristics (Tc = 25C)
Item Frequency range Drain cutoff current Total efficiency 2nd harmonic distortion 3rd harmonic distortion 4th harmonic distortion Input VSWR Output VSWR Output power (1) Output power (2) Load VSWR tolerance Symbol f IDS T 2nd H.D. 3rd H.D. 4rd H.D. VSWR (in) Min 136 Typ Max 150 100 Unit MHz A % dBc dBc dBc Test Condition
-- --
55
--
VDD = 17 V, VPC = 0 V Pin = 20 mW, VDD = 9.6 V, Pout = 7 W (at VPC controlled), RL = Rg = 50 , Tc = 25C
--
45
-- -20 -30 -30
3.0
-- -- -- --
-25 -35 -40
1.5 1.5 9 3.5
-- --
W W Pin = 20 mW, VDD = 9.6 V, VPC = 4 V, RL = Rg = 50 Pin = 20 mW, VDD = 6 V, VPC = 3.7 V, RL = Rg = 50 Pin = 20 mW, VDD = 15 V, Pout 7 W, (at VPC controlled), Output VSWR = 6:1 All phases Pin = 20 mW, VDD = 6 to 15 V, Pout 7 W, (at VPC controlled), Output VSWR = 3:1 All phases
VSWR (out) -- Pout (1) Pout (2) 7 2.5
-- -- --
--
No degradation
--
Stability
--
No parasitic oscillation
--
Mechanical Characteristics
Item Torque for screw up the heatsink flange Warp size of the heatsink flange: S Conditions M2.6 Screw Bolts Spec 1.5 to 3.5 kg*cm S=0 +0.1/-0 mm S
PF0310A
Characteristics Curve
Pout vs. Frequency (1) 10.0 9.5 Output Power Pout (W) 9.0 8.5 8.0 7.5 7.0 6.5 135 Pin = 20 mW VDD = 9.6 V VPC = 4 V
140 145 Frequency f (MHz)
150
Pout vs. Frequency (2) 3.0 Pin = 20 mW VDD = 4.8 V VPC = 3.5 V
Output Power Pout (W)
2.5
2.0
1.5 135
140 145 Frequency f (MHz)
150
PF0310A
Pout, T vs. Pin (1) 3.0 60 f = 136 MHz VDD = 4.8 V VPC = 3.5 V 55 2.6 Efficiency T (%) Efficiency T (%)
2.8 Output Power Pout (W)
T 50
2.4 Pout 45 2.2
2.0 0 5 10 15 20 Inpuit Power Pin (mW)
40 25
Pout, T vs. Pin (2) 3.0 60 f = 150 MHz VDD = 4.8 V VPC = 3.5 V T 55
2.8 Output Power Pout (W)
2.6 Pout 2.4 45 2.2 50
2.0 0 5 10 15 20 Inpuit Power Pin (mW)
40 25
PF0310A
Pout, T vs. Pin (3) 10 60 f = 136 MHz VDD = 9.6 V VPC = 4 V T 9 50 Pout 45 8 40
55 Efficiency T (%) Efficiency T (%)
Output Power Pout (W)
7 0 5 10 15 20 Inpuit Power Pin (mW)
35 25
Pout, T vs. Pin (4) 10 60 f = 150 MHz VDD = 9.6 V VPC = 4 V
T
55
Output Power Pout (W)
9 50 Pout 45 8 40
7 0 5 10 15 20 Inpuit Power Pin (mW)
35 25
PF0310A
Pout, T vs. VPC (1) 10 f = 136 MHz Pin = 20 mW VDD = 9.6 V T 50 60
8 Output Power Pout (W)
6 Pout 4 20 2 30
10
0 0 1 2 3 4 5 PC Voltage VPC (V)
0
Pout, T vs. VPC (2) 10 f = 150 MHz Pin = 20 mW VDD = 9.6 V T 60
8 Output Power Pout (W)
50
6 Pout 4 20 2 30
10
0 0 1 2 3 4 5 PC Voltage VPC (V)
0
Efficiency T (%)
40
Efficiency T (%)
40
PF0310A
Pout, T vs. VPC (3) 3 f = 136 MHz Pin = 20 mW VDD = 4.8 V Output Power Pout (W) T 60
50
Pout 30
1
20
10
0 0 1 2 3 4 5 PC Voltage VPC (V)
0
Pout, T vs. VPC (4) 3 f = 150 MHz Pin = 20 mW VDD = 4.8 V Output Power Pout (W) T 50 60
Pout
30
1
20
10
0 0 1 2 3 4 5 PC Voltage VPC (V)
0
Efficiency T (%)
2
40
Efficiency T (%)
2
40
PF0310A
Package Dimensions
Unit: mm
300.5 26.60.3 220.5 5 (2-R1.5) +0.5 0.5-0.15 1 2 34 6.11 11.21 16.31 23.91
4 Min (1.5)
(2.2)
0.125 -0.05
+0.5
5.9Max
30.3 60.3 100.5
Hitachi code EIAJ code JEDEC code
RF-J -- --


▲Up To Search▲   

 
Price & Availability of PF0310A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X