Part Number Hot Search : 
PS235 MT9076AP 52000 AD7608 Q4010R5 TG123200 ZB6YD001 21008
Product Description
Full Text Search
 

To Download PEB2055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Extended PCM Interface Controller (EPIC(R)-1)
PEB 2055
General Description Information from subscriber lines needs to be transferred to time-slots on system internal PCM communication highways. The EPIC-1 concentrates the circuitry necessary to do this interfacing for a large number of transmission lines on a single IC. Therefore, it is not necessary to repeat this PCM interface circuitry for every line. Since the system cost of the EPIC-1 is divided by the number of lines it controls, powerful and comfortable functions can be economically performed. Features * PCM interface controller for up to 32 ISDN or 64 analog subscribers * Time-slot assignment freely programmable for all subscribers * Non-blocking switch for 128 channels * Switching of 16-, 32-, 64-kbit/s channels (128 kbit/s via two consecutive 64 kbit/s channels) * Two serial interfaces: PCM and configurable (IOM-2, IOM-1, SLD, PCM).
Type PEB 2055-N PEF 2055-N
Package P-LCC-44-1 (SMD) P-LCC-44-1 (SMD)
* Interfacing with four full-duplex PCM highways (up to 8 Mbit/s) * Data rates of PCM and configurable interfaces independent of each other * Change detection ("last look") logic for C/l or signaling channels * 16-byte FIFO for monitor or feature control channels * Standard P interface with multiplexed or demultiplexed address/data bus or separate address and data busses * Advanced low power CMOS technology * Also available with extended temperature range - 40 to 85 C (PEF 2055-N)
RES
DCL / SCLK FSC / DIR
Timing
PDC PFS
DD0 / SIP0 DU0 / SIP4 DD1 / SIP1 DU1 / SIP5 DD2 / SIP2 DU2 / SIP6 DD3 / SIP3 DU3 / SIP7
Configurable Interface
Data Memory
PCM Interface
RxD 0 TxD 0 TSC 0 RxD 1 TxD 1 TSC 1 RxD 2 TxD 2 TSC 2 RxD 3 TxD 3 TSC 3
Control Memory Layer-1 Controller Buffer
P Interface
Block Diagram
AD0-AD7 WR RD CS ALE INT
1
ITB00687
Siemens Aktiengesellschaft


▲Up To Search▲   

 
Price & Availability of PEB2055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X