Part Number Hot Search : 
ZMY100 S573D PA240 E000981 2232592 JDV2S01S WM8569 90010
Product Description
Full Text Search
 

To Download PDTC124TEF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D425
PDTC124TEF NPN resistor-equipped transistor; R1 = 22 k, R2 = open
Product specification 2003 Jan 20
Philips Semiconductors
Product specification
NPN resistor-equipped transistor; R1 = 22 k, R2 = open
FEATURES * Built-in bias resistors * 250 mW total power dissipation * Very small 1.6 mm x 0.85 mm thin package * Excellent coplanarity * Flat leads * Improved thermal behaviour * Reduces number of components and required PCB area. APPLICATIONS * General purpose switching and amplification * Inverter and interface circuits * Circuit driver.
handbook, halfpage
PDTC124TEF
QUICK REFERENCE DATA SYMBOL VCEO IO R1 R2 PINNING PIN 1 2 3 base/input emitter/ground (+) collector/output DESCRIPTION PARAMETER collector-emitter voltage output current (DC) bias resistor open MAX. 50 100 22 - UNIT V mA k -
3
3 R1 1 2
MAM463
DESCRIPTION NPN resistor equipped transistor in a SOT490 (SC-89) plastic package.
1
Top view
2
MARKING TYPE NUMBER PDTC124TEF MARKING CODE 35 Fig.1 Simplified outline (SOT490) and symbol.
1 2
MGA893 - 1
3
Fig.2 Equivalent inverter symbol.
2003 Jan 20
2
Philips Semiconductors
Product specification
NPN resistor-equipped transistor; R1 = 22 k, R2 = open
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IO ICM Ptot Tstg Tj Tamb Note PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage output current (DC) peak collector current total power dissipation storage temperature junction temperature operating ambient temperature Tamb 25 C; note 1 CONDITIONS open emitter open base open collector - - - - - - -65 - -65 MIN.
PDTC124TEF
MAX. 50 50 10 100 100 250 +150 150 +150 V V V
UNIT
mA mA mW C C C
1. For mounting conditions, see "Thermal considerations and footprint design for SOT490 in the SC18 Data Handbook". THERMAL CHARACTERISTICS SYMBOL Rth j-a Note 1. For mounting conditions, see "Thermal considerations and footprint design for SOT490 in the SC18 Data Handbook". CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL ICBO ICEO IEBO hFE VCEsat R1 Cc PARAMETER collector-base cut-off current collector-emitter cut-off current emitter-base cut-off current DC current gain collector-emitter saturation voltage input resistor collector capacitance IE = ie = 0; VCB = 10 V; f = 1 MHz CONDITIONS VCB = 50 V; IE = 0 VCE = 30 V; IB = 0 VCE = 30 V; IB = 0; Tj = 150 C VEB = 5 V; IC = 0 VCE = 5 V; IC = 1 mA IC = 10 mA; IB = 0.5 mA MIN. - - - - 100 - 15.4 - TYP. - - - - - - 22 - MAX. 100 1 50 100 - 150 28.6 2.5 mV k pF UNIT nA A A nA PARAMETER thermal resistance from junction to ambient CONDITIONS in free air; note 1 VALUE 500 UNIT K/W
2003 Jan 20
3
Philips Semiconductors
Product specification
NPN resistor-equipped transistor; R1 = 22 k, R2 = open
PACKAGE OUTLINE Plastic surface mounted package; 3 leads
PDTC124TEF
SOT490
D
B
E
A
X
HE
vMA
3
A
1
e1 e bp
2
wMB Lp detail X
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 0.8 0.6 bp 0.33 0.23 c 0.2 0.1 D 1.7 1.5 E 0.95 0.75 e 1.0 e1 0.5 HE 1.7 1.5 Lp 0.5 0.3 v 0.1 w 0.1
OUTLINE VERSION SOT490
REFERENCES IEC JEDEC EIAJ SC-89
EUROPEAN PROJECTION
ISSUE DATE 98-10-23
2003 Jan 20
4
Philips Semiconductors
Product specification
NPN resistor-equipped transistor; R1 = 22 k, R2 = open
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
PDTC124TEF
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2003 Jan 20
5
Philips Semiconductors
Product specification
NPN resistor-equipped transistor; R1 = 22 k, R2 = open
NOTES
PDTC124TEF
2003 Jan 20
6
Philips Semiconductors
Product specification
NPN resistor-equipped transistor; R1 = 22 k, R2 = open
NOTES
PDTC124TEF
2003 Jan 20
7
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2003
SCA75
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613514/01/pp8
Date of release: 2003
Jan 20
Document order number:
9397 750 10701


▲Up To Search▲   

 
Price & Availability of PDTC124TEF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X