Part Number Hot Search : 
2N5905 TA8880CN 40008 HS9148 W064T SM2Z150 AR3510 1N4749A
Product Description
Full Text Search
 

To Download PC7410NBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * * * * * * * * * *
22.8 SPECint95 (estimated), 17SPECfp95 at 500 MHz (estimated) 917MIPS at 500 MHz Selectable Bus Clock (14 CPU Bus Dividers Up To 9x) Seven Selectable Core-to-L2 Frequency Divisors Selectable 603 Interface Voltage Below 3.3V (1.8V, 2.5V) Selectable L2 interface of 1.8V or 2.5V PD Typical 5.3W at 500 MHz, Full Operating Conditions Nap, Doze and Sleep Modes for Power Saving Superscalar (Four Instructions fetched per Clock Cycle) 4 GB Direct Addressing Range Virtual Memory: 4 hexabytes (252) 64-bit Data and 32-bit Address Bus Interface 32 KB Instruction and Data Cache Eight Independent Execution Units and Three Register Files Write-back and Write-through Operations fINT Max = 450 MHz (500 MHz to be confirmed) fBUS Max = 133 MHz
Description
The PC7410 is the second microprocessor that uses the fourth (G4) full implementation of the PowerPCTM Reduced Instruction Set Computer (RISC) architecture. It is fully JTAG-compliant. The PC7410 maintains some of the characteristics of G3 microprocessors: * * * The design is superscalar, capable of issuing three instructions per clock cycle into eight independent execution units The microprocessor provides four software controllable power-saving modes and a thermal assist unit management The microprocessor has separate 32-Kbyte, physically-addressed instruction and data caches with dedicated L2 cache interface with on-chip L2 tags
PowerPC 7410 RISC Microprocessor Preliminary Specification -site PC7410
In addition, the PC7410 integrates full hardware-based multiprocessing capability, including a 5-state cache coherency protocol (4 MESI states plus a fifth state for shared intervention) and an implementation of the new AltiVecTM technology instruction set. New features have been developed to make latency equal for double-precision and single-precision floating-point operations involving multiplication. Additionally, in memory subsystem (MSS) bandwidth, the PC7410 offers an optional, high-bandwidth MPX bus interface. Unlike the PC7400, the PC7410 does not support the 3.3V I/O on the L2 cache interface.
Screening
* * * CBGA Upscreenings Based on Atmel Standards Full Military Temperature Range (Tj = -55C, +125C), Industrial Temperature Range (Tj = -40C, +110C) CI-CGA Package Versions
Rev. 2141A-HIREL-03/02
1
Block Diagram
Figure 1. PC7410 Microprocessor Block Diagram
2
128 bits (4 instructions)
Instruction MMU Instruction Unit
SRs (Shadow) 128-entry ITLB IBAT Array Tags 32-Kbyte iCache
Fetcher Branch Processing Unit 64-entry BTIC/512-entry BHT LR/CTR Data MMU Dispatch Unit
EA
PC7410
Instruction Queue 6-word
SRs (Original) Tags
PA
Additional features Time Base Counter/Decrementer Clock Multiplier JTAG/COP Interface Thermal/Power Management Performance Monitor
2 Instructions 128-entry DTLB DBAT Array 32-Kbyte DCache
64-bit (2 Instructions)
Reservation Station Reservation Station
Reservation Station
VR File 6 Rename Buffers 6 Rename Buffers
32-bit
Reservation Station Reservation Station
GPR File
Reservation Station 2-entry
FPR File 6 Rename Buffers
Reservation Station
Load/Store Unit
- Add EA Calculation
Vector Permute Unit Vector ALU
Add-Multiplydivide - Add -
Integer Unit 1 Integer Unit 2 System Register Unit
Finished Stores Completed Stores
64-bit
Floating
64-bit Point Unit
Add-Multiplydivide
VSIU VCIU VFPU
FPSCR
32-bit 128-bit 32-bit
VSCR
128-bit
128 bits
Completion Unit L2 Controller L2 Data L2 Tags Transaction L2CR Queue L2PMCR L2 Castout
19-bit L2 Address Bus 64- or 32-bit L2 Data Bus 32-bit Address Bus 64-bit Data Bus
8-entry Reorder Buffer
Bus Interface Unit L2 Miss Data Transaction Queue
Memory Subsystem Data Reload Data Reload Buffer Table
2141A-HIREL-03/02
Instruction Instruction Reload Buffer Reload Table
PC7410
General Parameters
Table 1 provides a summary of the general parameters of the PC7410. Table 1. Device Parameters
Parameter Technology Die size Transistor count Logic design Packages Core power supply I/O power supply Description 0.18 m CMOS, six-layer metal 6.32 mm x 8.26 mm (52 mm2) 10.5 million Fully-static Surface-mount, ceramic 360-ball or -column grid array (CBGA/CI-CGA) 1.8V 100 mV dc or 1.5V 50 mV dc (nominal; see Table 4 for Recommended Operating Conditions) 1.8V 100 mV dc or 2.5V 100 mV dc (input thresholds are configuration pin selectable) or 3.3V 100 mV (603 bus only) (1)
Note:
1. 3.3V I/O bus not supported for 1.5V core power supply processor version.
Features
This section summarizes features of the PC7410's implementation of the PowerPC architecture. Major features of the PC7410 are as follows: * Branch Processing Unit - - - - - * Four instructions fetched per clock One branch processed per cycle (plus resolving two speculations) Up to one speculative stream in execution, one additional speculative stream in fetch 512-entry branch history table (BHT) for dynamic prediction 64-entry, 4-way set associative branch target instruction cache (BTIC) for eliminating branch delay slots Full hardware detection of dependencies (resolved in the execution units) Dispatch two instructions to eight independent units (system, branch, load/store, fixed-point unit 1, fixed-point unit 2, floating-point, AltiVec permute, AltiVec ALU) Serialization control (predispatch, postdispatch, execution serialization) Register file access Forwarding control Partial instruction decode 8-entry completion buffer Instruction tracking and peak completion of two instructions per cycle Completion of instructions in program order while supporting out-of-order instruction execution, completion serialization and all instruction flow changes Fixed-point unit 1 (FXU1)--multiply, divide, shift, rotate, arithmetic, logical 3
Dispatch Unit - -
- * - - - * - - -
Decode
Completion
*
Fixed-point Units (FXUs) that Share 32 GPRs for Integer Operands -
2141A-HIREL-03/02
- - - - * - - - - - * - - * - - - -
Fixed-point unit 2 (FXU2)--shift, rotate, arithmetic, logical Single-cycle arithmetic, shifts, rotates, logical Multiply and divide support (multi-cycle) Early out multiply Support for IEEE-754 standard single- and double-precision floating-point arithmetic Three-cycle latency, one-cycle throughput (single or double precision) Hardware support for divide Hardware support for denormalized numbers Time deterministic non-IEEE mode Executes CR logical instructions and miscellaneous system instructions Special register transfer instructions Full 128-bit data paths Two dispatchable units: vector permute unit and vector ALU unit Contains its own 32-entry 128-bit vector register file (VRF) with six renames The vector ALU unit is further sub-divided into the vector simple integer unit (VSIU), the vector complex integer unit (VCIU) and the vector floating-point unit (VFPU). Fully pipelined One-cycle load or store cache access (byte, half-word, word, double-word) Two-cycle load latency with one-cycle throughput Effective address generation Hits under misses (multiple outstanding misses) Single-cycle unaligned access within double-word boundary Alignment, zero padding, sign extend for integer register file Floating-point internal format conversion (alignment, normalization) Sequencing for load/store multiples and string operations Store gathering Executes the cache and TLB instructions Big- and little-endian byte addressing supported Misaligned little-endian supported Supports FXU, FPU, and AltiVec load/store traffic Complete support for all four architecture AltiVec DST streams 32K 32-byte line, 8-way set associative instruction cache (iL1) 32K 32-byte line, 8-way set associative data cache (dL1) Single-cycle cache access Pseudo least-recently-used (LRU) replacement Data cache supports AltiVec LRU and transient instructions algorithm Copy-back or write-through data cache (on a page-per-page basis)
Three-stage Floating-point Unit and a 32-entry FPR File
System Unit
AltiVec Unit
- * - - - - - - - - - - - - - - * - - - - - - 4
Load/Store Unit
Level 1 (L1) Cache Structure
PC7410
2141A-HIREL-03/02
PC7410
- - - - * - - - - - - - - - * - - - - - - - * - - - - - - - Supports all PowerPC memory coherency modes Non-blocking instruction and data cache Separate copy of data cache tags for efficient snooping No snooping of instruction cache except for ICBI instruction Internal L2 cache controller and tags; external data SRAMs 512K, 1M and 2-Mbyte 2-way set associative L2 cache support Copyback or write-through data cache (on a page basis or for all L2) 32-byte (512K), 64-byte (1M), or 128-byte (2M) sectored line size Supports pipelined (register-register) synchronous burst SRAMs and pipelined (register-register) late-write synchronous burst SRAMs Supports direct mapped mode for 256K, 512K, 1M or 2 Mbytes of SRAM (either all, half or none of L2 SRAM must be configured as direct mapped. Core-to-L2 frequency divisors of /1, /1.5, /2, /2.5, /3, /3.5, and /4 supported 64-bit data bus which also support 32-bits bus mode Selectable interface voltages of 1.8V and 2.5V 128 entry, 2-way set associative instruction TLB 128 entry, 2-way set associative data TLB Hardware reload for TLBs Four instruction BATs and four data BATs Virtual memory support for up to four petabytes (252) of virtual memory Real memory support for up to four gigabytes (232) of physical memory Snooped and invalidated for TLBI instructions All data buses between VRF, load/store unit, dL1, iL1, L2 and the bus are 128 bits wide dL1 is fully pipelined to provide 128 bits per cycle to/from the VRF L2 is fully pipelined to provide 128 bits per L2 clock cycle to the L1s Up to eight outstanding out-of-order cache misses between dL1 and L2/bus Up to seven outstanding out-of-order transactions on the bus Load folding to fold new dL1 misses into older outstanding load and store misses to the same line Store miss merging for multiple store misses to the same line. Only coherency action taken (i.e., address only) for store misses merged to all 32 bytes of a cache line (no data tenure needed). Two-entry finished store queue and four-entry completed store queue between load/store unit and dL1 Separate additional queues for efficient buffering of outbound data (castouts, write throughs, etc.) from dL1 and L2 MPX bus extension to 60X processor interface Mode-compatible with 60x processor interface 32-bit address bus
Level 2 (L2) Cache Interface
Memory Management Unit
Efficient Data Flow
- - *
Bus Interface - - -
5
2141A-HIREL-03/02
- - - * - - - - - * - - - - * -
64-bit data bus Bus-to-core frequency multipliers of 2x, 2.5x, 3x, 3.5x, 4x, 4.5x, 5x, 5.5x, 6x, 6.5x, 7x, 7.5x, 8x, 9x supported Selectable interface voltages of 1.8V, 2.5V and 3.3V Low-power design with thermal requirements very similar to PC740 and PC750 Low voltage 1.8V or 1.5V processor core Selectable interface voltages of 1.8V can reduce power in output buffers Three static power saving modes: doze, nap, and sleep Dynamic power management LSSD scan design IEEE 1149.1 JTAG interface Array built-in self test (ABIST) - factory test only Redundancy on L1 data arrays and L2 tag arrays Parity checking on 60x and L2 cache buses
Power Management
Testability
Reliability and Serviceability
6
PC7410
2141A-HIREL-03/02
PC7410
Signal Description
Figure 2. PC7410 Microprocessor Signal Groups
L2OVDD GND L2AVDD
BR L2ADDR[0:18] L2DATA[0:63] L2DP[0:7]
1 1 1 1 32 4 5 1 3 1 1 1 1 1 1 1 1 1 64 8
Address Arbitration
13
49
1
19 64 8 1 1 1 2 1 1 1 1 1 1 1
BG ABB/AMON[0]
L2 Cache Address/Data
Address Start Address Bus
TS A[0:31] AP[0:3] TT[0:4] TBST TSIZ[0:2]
L2CE L2WE L2CLKOUTA, L2CLKOUTB L2SYNC_OUT L2SYNC_IN L2ZZ INT SMI MCP SRESET HRESET CKSTP_IN CKSTP_OUT HIT SHDO, SHD1 RSRV TBEN EMODE QREQ QACK DRDY SYSCLK PLL_CFG[0:3] CLK_OUT JTAG:COP Factory Test L1_TSTCLK, L2_TSTCLK BVSEL L2VSEL
L2 Cache Clock/Control
Transfer Attribute
GBL WT CI CHK AACK ARTRY DBG
PCX7410
1 1 1 1 2 1 1 1 1
Interrupts Reset
Address Termination
Data Arbitration
DBWO, DTI(0) DBB, DMON(0) D[0:63]
Processor Status Control
1 1 1 4
Data Transfer
DP[0:7] DTI(2) TA
Clock Control Test Interface LSSD_MODE I/O Voltage Selection
1 1 1 1 12 20 1
1 5 3
Data Termination
DTI1 TEA
1 1
VDD
OVDD
AVDD
7
2141A-HIREL-03/02
Detailed Specification Scope Applicable Documents Requirements
General Design and Construction
Terminal Connections Depending on the package, the terminal connections are as shown in Table 15, Table 4 and Figure 2. The microcircuits are in accordance with the applicable documents and as specified herein. This drawing describes the specific requirements for the microprocessor PC7410 in compliance with Atmel-Grenoble standard screening. 1. MIL-STD-883: Test methods and procedures for electronics 2. MIL-PRF-38535: Appendix A: General specifications for microcircuits
Absolute Maximum Ratings
Table 2. Absolute Maximum Ratings(1)
Symbol VDD AVDD L2AVDD OVDD L2OVDD VIN VIN VIN TSTG Characteristic Core supply voltage PLL supply voltage L2 DLL supply voltage 60x bus supply voltage L2 bus supply voltage Processor bus input voltage L2 bus input voltage JTAG signal input voltage Storage temperature range Rework temp Notes: Value -0.3 to 2.1(4) -0.3 to 2.1(4) -0.3 to 2.1
(4) (3)
Unit V V V V V V V V C C
-0.3 to 3.465
-0.3 to 2.6(3) -0.3 to OVDD + 0,2V(2)(5) -0.3 to L2OVDD + 0,2V
(2)(5)
-0.3 to OVDD + 0,2V -55 to 150 260
1. Functional and tested operating conditions are given in Table 4. Absolute maximum ratings are stress ratings only. Stresses beyond those listed may affect device reliability or cause permanent damage to the device. 2. Caution: VIN must not exceed OVDD or L2OVDD by more than 0.2V at any time including during power-on reset. 3. Caution: L2OVDD/OVDD must not exceed VDD/AVDD/L2AVDD by more than 2.0V at any time including during power-on reset. 4. Caution: VDD/AVDD/L2AVDD must not exceed L2OVDD/OVDD by more than 0.4V at any time including during power-on reset. In addition, operation at nominal VDD/AVDD/L2AVDD greater than nominal L2OVDD or OVDD in the 1.8V input threshold select mode can cause erratic operation and AC timing values worse than described in this specification. 5. VIN may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 3.
8
PC7410
2141A-HIREL-03/02
PC7410
Figure 3. Overshoot/Undershoot Voltage
(L2)OVDD + 20% (L2)OVDD + 5% (L2)OVDD
VIH
VIL GND GND - 0.3V
GND - 0.7V Not to exceed 10% of tSYSCLK
The PC7410 provides several I/O voltages to support both compatibility with existing systems and migration to future systems. The PC7410 "core" voltage must always be provided at nominal voltage (see Table 4 for actual recommended core voltage). Voltage to the L2 I/Os and processor interface I/Os are provided through separate sets of supply pins and may be provided at the voltages shown in Table 3. The input voltage threshold for each bus is selected by sampling the state of the voltage select pins at the negation of the signal HRESET. The output voltage will swing from GND to the maximum voltage applied to the OVDD or L2OVDD power pins. Table 3. Input Threshold Voltage Setting
BVSEL Signal 0(1) HRESET 1(1)(3) HRESET Notes:
(1) (2)
Processor Bus Input Threshold is Relative to: 1.8V 2.5V 3.3V(5) 3.3V(5)
L2VSEL Signal 0 HRESET 1 HRESET
L2 Bus Input Threshold is Relative to: 1.8 2.5 2.5 Not supported
1. Caution: The input threshold selection must agree with the OVDD/L2OVDD voltages supplied. 2. To select the 2.5V threshold option, L2VSEL/BVSEL should be tied to HRESET so that the two signals change state together. This is the preferred method for selecting this mode operation. 3. Default voltage setting if left unconnected (internal pull-up). 4. To overcome the internal pull up resistance, a pull down resistance less than 250 should be used. 5. Not supported for 1.5V core power supply processor version.
9
2141A-HIREL-03/02
Recommended Operating Conditions
Table 4. Recommended Operating Conditions(1)
Symbol VDD AVDD L2AVDD OVDD OVDD OVDD
(2)(3)
Characteristic Core supply voltage PLL supply voltage L2 DLL supply voltage Processor bus supply voltage see note (3) BVSEL = 0 BVSEL = HRESET BVSEL = 1 or = HRESET L2 bus supply voltage L2VSEL = 0 L2VSEL = 1 Input voltage
(2)
Recommended Value 1.8 100 mV or 1.5 50 mV 1.8 100 mV or 1.5 50 mV 1.8 100 mV or 1.5 50 mV 1.8 100 mV 2.5 100 mV 3.3 165 mV 1.8 100 mV or L2VSEL = HRESET 2.5 100 mV GND to OVDD GND to L2OVDD GND to OVDD -55 to 125
Unit V V V V V V V V V V V C
L2OVDD L2OVDD VIN VIN VIN Tj Notes:
Processor bus L2 Bus JTAG Signals
Die-junction temperature
1. These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not guaranteed. 2. Only available on rev 1.4 PC7410 XXX nnn LE and later revision. 3. OVDD = 3.3V not supported for 1.5V core power supply processor versions.
Thermal Characteristics
Package Characteristics Table 5. Package Thermal Characteristics
Symbol JC JB JB JA Characteristic CBGA and CI-CBGA packages thermal resistance, die junction-to-case thermal resistance (typical) CBGA package thermal resistance, die junction-to-lead thermal resistance (typical) CI-CBGA package thermal resistance, die junction-to-lead thermal resistance (typical) CBGA package thermal resistance, die junction-to-ambiant resistance (typical) Value 0.03 3.8 4 17.9 Rating C/W C/W C/W C/W
The board designer can choose between several commercially available heat sink types to place on the PC7410. For exposed-die packaging technology as in Table 5, the intrinsic conduction thermal resistance paths are shown in Figure 4.
10
PC7410
2141A-HIREL-03/02
PC7410
Internal Package Conduction Resistance Figure 4 depicts the primary heat transfer path for a package with an attached heat sink mounted on a printed circuit board. Heat generated on the active side of the chip is conducted through the silicon, then through the heat sink attach material (or thermal interface material) and finally to the heat sink where it is removed by forced-air convection. Since the silicon thermal resistance is quite small, for a first-order analysis the temperature drop in the silicon may be neglected. Thus, the heat sink attach material and the heat sink conduction/convective thermal resistances are the dominant terms. Figure 4. C4 Package with Heat Sink Mounted on a Printed Circuit Board
External Resistance Radiation Convection
Heat Sink Thermal Interface Material Die Junction
Internal Resistance
Printed Circuit Board
Die/Package Package/Leads
External Resistance
Radiation
Convection
Thermal Management Assistance
The PC7410 incorporates a thermal management assist unit (TAU) composed of a thermal sensor, digital-to-analog converter, comparator, control logic and dedicated specialpurpose registers (SPRs). More information on the use of this feature is given in the MPC RISC Microprocessor User's Manual from Motorola. Table 6. Thermal Sensor Specifications at VDD = AVDD = L2VDD = 1.8V 100 mV or 1.5V 50mV, -55C Tj 125C
Characteristic Temperature range
(1)
Min 0 20 4 -12
Max 127
Unit C s C
Comparator settling time(2) Resolution Accuracy Notes:
(3)
+12
C
1. The temperature is the junction temperature of the die. The thermal assist unit's raw output does not indicate an absolute temperature, but it must be interpreted by software to derive the absolute junction temperature. For information about the use and calibration of the TAU, see Motorola application note, "Programming the Thermal Assist Unit in the MPC750 Microprocessor". 2. The comparator settling time value must be converted into the number of CPU clocks that need to be written into the THRM3 SPR. 3. The resolution is guaranteed by design and characterization.
11
2141A-HIREL-03/02
Thermal Management Information
This section provides thermal management information for the ceramic ball grid array (CBGA) package for air-cooled applications. Proper thermal control design is primarily dependent upon the system-level design - the heat sink, airflow and thermal interface material. To reduce the die-junction temperature, heat sinks may be attached to the package by several methods: adhesive, spring clip to holes in the printed-circuit board or package and mounting clip and screw assembly; see Figure 5. This spring force should not exceed 5.5 pounds of force. Ultimately, the final selection of an appropriate heat sink depends on many factors such as thermal performance at a given air velocity, spatial volume, mass, attachment method, assembly and cost. Figure 5. CBGA Package Cross-section with Heat Sink Options
Heat Sink Heat Sink Clip
Adhesive or Thermal Interface Material
Option Printed-Circuit Board
Adhesives and Thermal Interface Materials
A thermal interface material is recommended at the package lid-to-heat sink interface to minimize the thermal contact resistance. For those applications where the heat sink is attached by spring clip mechanism, Figure 6 shows the thermal performance of three thin-sheet thermal-interface materials (silicone, graphite/oil, floroether oil), a bare joint and a joint with thermal grease as a function of contact pressure. As shown, the performance of these thermal interface materials improves with increasing contact pressure. The use of thermal grease significantly reduces the interface thermal resistance. That is, the bare joint results in a thermal resistance approximately seven times greater than the thermal grease joint. Heat sinks are attached to the package by means of a spring clip to holes in the printedcircuit board (see Figure 5). This spring force should not exceed 5.5 pounds of force. Therefore, synthetic grease offers the best thermal performance, considering the low interface pressure. The board designer can choose between several types of thermal interface. Heat sink adhesive materials should be selected based upon high conductivity, yet must have adequate mechanical strength to meet equipment shock/vibration requirements.
12
PC7410
2141A-HIREL-03/02
PC7410
Figure 6. Thermal Performance of Different Thermal Interface Materials
2
Silicone Sheet (0.006 inch) Bare Joint Floroether Oil Sheet (0.007 inch) Graphite/Oil Sheet (0.005 inch) Synthetic Grease
Specific Thermal Resistance (Kin2/W)
1.5
1
0.5
0 0 10 20 30 40 50 Contact Pressure (psi) 60 70 80
Heat Sink Selection Example
For preliminary heat sink sizing, the die-junction temperature can be expressed as follows: T j = T a + T r + ( jc + int + sa ) x P d where: Tj = die-junction temperature Ta = inlet cabinet ambient temperature Tr = air temperature rise within the computer cabinet jc = junction-to-case thermal resistance int = adhesive or interface material thermal resistance sa = heat sink base-to-ambient thermal resistance Pd = power dissipated by the device During operation, the die-junction temperatures (Tj) should be maintained less than the value specified in Table 4. The temperature of the air cooling the component greatly depends upon the ambient inlet air temperature and the air temperature rise within the electronic cabinet. An electronic cabinet inlet-air temperature (Ta) may range from 30C to 40C. The air temperature rise within a cabinet (Tr) may be in the range of 5C to 10C. The thermal resistance of the thermal interface material (int) is typically about 1C/W. Assuming a Ta of 30C, a Tr of 5C, a CBGA package jc = 0.03, and a power consumption (Pd) of 5.0 watts, the following expression for Tj is obtained: T j = 30C + 5C + ( 0.03C W + 1.0C W + sa ) x 5W 13
2141A-HIREL-03/02
For a Thermally heat sink #2328B, the heat sink-to-ambient thermal resistance (sa) versus airflow velocity is shown in Figure 7. Figure 7. Thermalloy #2328B Heat Sink-to-ambient Thermal Resistance vs. Airflow Velocity
8
7 Heat Sink Thermal Resistance (C/W)
Thermalloy #2328B Pin-fin Heat Sink (25 x28 x 15 mm)
6
5
4
3
2
1 0 0.5 1 1.5 2 2.5 3 3.5 Approach Air Velocity (m/s)
Assuming an air velocity of 0.5 m/s, the effective Rsa is 7C/W, thus T j = 30C + 5C + ( 0.03C W + 1.0C W + 7C W ) x 5W , resulting in a die-junction temperature of approximately 75C which is well within the maximum operating temperature of the component. Other heat sinks offered by Chip Coolers, IERC, Thermalloy, Wakefield Engineering and Aavid Engineering offer different heat sink-to-ambient thermal resistances and may or may not need air flow. Though the die junction-to-ambient and the heat sink-to-ambient thermal resistances are a common figure of merit used for comparing the thermal performance of various microelectronic packaging technologies, one should exercise caution when only using this metric in determining thermal management because no single parameter can adequately describe three-dimensional heat flow. The final die-junction operating temperature is not only a function of the component-level thermal resistance, but of the system-level design and its operating conditions. In addition to the component's power consumption, a number of factors affect the final operating die-junction temperature - airflow, board population (local heat flux of adjacent components), heat sink efficiency, heat sink attach, heat sink placement, next-level interconnect technology, system air temperature rise, altitude, etc.
14
PC7410
2141A-HIREL-03/02
PC7410
Due to the complexity and the many variations of system-level boundary conditions for today's microelectronic equipment, the combined effects of the heat transfer mechanisms (radiation, convection and conduction) may vary widely. For these reasons, it is recommended to use conjugate heat transfer models for the board, as well as systemlevel designs. To expedite system-level thermal analysis, several "compact" thermal-package models are available within FLOTHERM(R). These are available upon request.
Power Consideration
Power Management The PC7410 provides four power modes, selectable by setting the appropriate control bits in the MSR and HIDO registers. The four power modes are: * Full-power: This is the default power state of the PC7410. The PC7410 is fully powered and the internal functional units are operating at the full processor clock speed. If the dynamic power management mode is enabled, functional units that are idle will automatically enter a low-power state without affecting performance, software execution or external hardware. Doze: All the functional units of the PC7410 are disabled except for the time base/decrementer registers and the bus snooping logic. When the processor is in doze mode, an external asynchronous interrupt, a system management interrupt, a decrementer exception, a hard or soft reset or machine check brings the PC7410 into the full-power state. The PC7410 in doze mode maintains the PLL in a fully powered state and locked to the system external clock input (SYSCLK) so a transition to the full-power state takes only a few processor clock cycles. Nap: The nap mode further reduces power consumption by disabling bus snooping, leaving only the time base register and the PLL in a powered state. The PC7410 returns to the full-power state upon receipt of an external asynchronous interrupt, a system management interrupt, a decrementer exception, a hard or soft reset or a machine check input (MCP). A return to full-power state from a nap state takes only a few processor clock cycles. When the processor is in nap mode, if QACK is negated, the processor is put in doze mode to support snooping. Sleep: Sleep mode minimizes power consumption by disabling all internal functional units, after which external system logic may disable the PLL and SYSCLK. Returning the PC7410 to the full-power state requires the enabling of the PLL and SYSCLK, followed by the assertion of an external asynchronous interrupt, a system management interrupt, a hard or soft reset or a machine check input (MCP) signal after the time required to relock the PLL.
*
*
*
15
2141A-HIREL-03/02
Power Dissipation Table 7. Power Consumption for PC7410 (1.8V)
Processor (CPU) Frequency Power Mode Core power supply Full-On Mode Typical(1)(3) Maximum(1)(2)(4)(5) Doze Mode Maximum(1)(2)(5) Nap Mode Maximum(1)(2)(5) Sleep Mode Maximum(1)(2)(5) 1.3 1.3 1.45 1.45 1.6 W 1.35 1.35 1.5 1.5 1.65 W 3.6 4.3 4.1 4.8 5.3 W 2.92 6.6 4.2 9.5 3.29 7.43 4.7 10.7 5.3 11.9 W W 400 MHz 1.5V 1.8V 450 MHz 1.5V 1.8V 500 MHz 1.8 V Unit
Sleep Mode - PLL and DLL Disabled Typical(1)(3) Maximum Notes:
(1)(2)(5)
600 1.1
600 1.1
600 1.1
600 1.1
600 1.1
mW W
1. These values apply for all valid processor bus and L2 bus ratios. The values do not include I/O supply power (OVDD and L2OVDD) or PLL/DLL supply power (AVDD and L2AVDD). OVDD and L2OVDD power is system dependent, but is typically <10% of VDD power. Worst case power consumption for AVDD = 15 mW and L2AVDD = 15 mW. 2. Maximum power is measured at 105C, at VDD = 1.8V or 1.5Vwhile running an entirely cache-resident, contrived sequence of instructions which keep the execution units, including AltiVec, maximally busy. 3. Typical power is an average value measured at 65C, VDD = 1.8V or 1.5V, OVDD = L2OVDD = 2.5V in a system while running a codec application that is AltiVec intensive. 4. These values include the use of AltiVec. Without AltiVec operation, estimate a 25% decrease. 5. Power consumption derating at low temperatures to be defined after device characterization.
16
PC7410
2141A-HIREL-03/02
PC7410
Electrical Characteristics
Static Characteristics
Table 8. DC Electrical Specifications (see Table 4 for Recommended Operating Conditions)
Symbol VIH VIH VIH VIL VIL VIL CVIH CVIH CVIH CVIL CVIL CVIL IIN ITSI VOH VOH VOH VOL VOL VOL CIN Notes: 1. 2. 3. 4. 5. Capacitance, VIN = 0V, f = 1 MHz(3)(4) Output low voltage, IOL = 6 mA Input leakage current, VIN = L2OVDD/OVDD(2)(3) High-Z (off-state) leakage current, VIN = L2OVDD/OVDD(2)(3)(5) Output high voltage, IOH = -6 mA 1.8 2.5 3.3 1.8 2.5 3.3 (L2)OVDD - 0.45 1.7 2.4 0.45 0.4 0.4 7.5 SYSCLK input low voltage SYSCLK input high voltage
(2)
Characteristic Input high voltage (all inputs except SYSCLK)(2)(3)
Nominal Bus Voltage(1) 1.8 2.5 3.3
Min 0.65 x (L2)OVDD 1.7 2.0 -0.3 -0.3 -0.3 1.5 2.0 2.4 -0.3 -0.3 -0.3
Max (L2)OVDD + 0.2 (L2)OVDD + 0.2 (L2)OVDD + 0.3 0.35 x OVDD 0.2 x (L2)OVDD 0.8 OVDD + 0.2 OVDD + 0.2 OVDD + 0.3 0.2 0.4 0.4 10 10
Unit V V V V V V V V V V V V A A V V V V V V pF
Input low voltage (all inputs except SYSCLK)
1.8 2.5 3.3 1.8 2.5 3.3 1.8 2.5 3.3
Nominal voltages; see Table 4 for Recommended Operating Conditions. For processor bus signals, the reference is OVDD while L2OVDD is the reference for the L2 bus signals. Excludes test signals (LSSD_MODE, L1_TSTCLK, L2_TSTCLK) and IEEE 1149.1 boundary scan (JTAG) signals. Capacitance is periodically sampled rather than 100% tested. The leakage is measured for nominal OVDD and VDD, or both OVDD and VDD must vary in the same direction (for example, both OVDD and VDD vary by either +5% or -5%).
17
2141A-HIREL-03/02
Dynamic Characteristics
After fabrication, parts are sorted by maximum processor core frequency as shown in "Clock AC Specifications" and tested for conformance to the AC specifications for that frequency. These specifications are for valid processor core frequencies. The processor core frequency is determined by the bus (SYSCLK) frequency and the settings of the PLL_CFG[0:3] signals. Parts are sold by maximum processor core frequency. Table 9 provides the clock AC timing specifications as defined in Figure 8.
Clock AC Specifications
Table 9. Clock AC Timing Specifications (See Table 4 for Recommended Operating Conditions)
Maximum Processor Core Frequency 400 MHz Symbol fCORE fVCO
(1)
450 MHz Min 350 450 33 7.5 Max 450 900 133 30 1.0 0.5 40 60 150 100
500 MHz Min 350 450 33 7.5 Max 500 1000 133 30 1 0.5 40 60 150 100 Unit MHz MHz MHz ns ns ns % ps s
Characteristic Processor frequency VCO frequency SYSCLK frequency SYSCLK cycle time
Min 350 450 33 7.5
Max 400 800 133 30 1.0 0.5
(1)
fSYSCLK(1) tSYSCLK tKR & tKF tKR & tKF
(2) (3)
SYSCLK rise and fall time
tKHKL/tSYSCLK(4)
SYSCLK duty cycle measured at OVDD/2 SYSCLK jitter
(5) (6)
40
60 150 100
Internal PLL relock time Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0:3] settings must be chosen such that the resulting SYSCLK (bus) frequency, CPU (core) frequency and PLL (VCO) frequency do not exceed their respective maximum or minimum operating frequencies. Refer to the PLL_CFG[0:3] signal description in "Clock Selection" on page 36 for valid PLL_CFG[0:3] settings 2. Rise and fall times for the SYSCLK input measured from 0.4V to 2.4V when OVDD = 3.3V nominal. 3. Rise and fall times for the SYSCLK input measured from 0.2V to 1.2V when OVDD = 1.8V or 2.5V nominal. 4. Timing is guaranteed by design and characterization. 5. This represents total input jitter, short-term and long-term combined, and is guaranteed by design. 6. Relock timing is guaranteed by design and characterization. PLL-relock time is the maximum amount of time required for PLL lock after a stable VDD and SYSCLK are reached during the power-on reset sequence. This specification also applies when the PLL has been disabled and subsequently re-enabled during sleep mode. Also note that HRESET must be held asserted for a minimum of 255 bus clocks after the PLL-relock time during the power-on reset sequence.
Figure 8. SYSCLK Input Timing Diagram
tSYSCLK tKHKL SYSCLK VM VM VM CVIH CVIL tKR
tKF
Note:
VM = Midpoint Voltage (OVDD/2)
18
PC7410
2141A-HIREL-03/02
PC7410
Processor Bus AC Specifications Table 10 provides the processor AC timing specifications for the PC7410 as defined in Figure 10 and Figure 11. Timing specifications for the L2 bus are provided in "L2 Bus AC Specifications" on page 24.
Table 10. Processor Bus AC Timing Specifications(1) at VDD = AVDD = 1.8V 100 mV; -55C Tj 125C, OVDD = 1.8V 100 mV
400, 450, 500 MHz Symbol
(2)
Parameter Mode select input setup to HRESET HRESET to mode select input hold Input Setup Input Hold Output Valid Times:(7)(8) TS ARTRY/SHD0/SHD1 All Other Outputs Output Hold Times:(7)(12) TS ARTRY/SHD0/SHD1 All Other Outputs SYSCLK to Output Enable SYSCLK to Output High Impedance (all except ABB/AMON[0], ARTRY/SHD, DBB/DMON[0]), SHD0, SHD1) SYSCLK to ABB/AMON[0], DBB/DMON[0] High Impedance after precharge Maximum Delay to ARTRY/SHD0/SHD1 Precharge SYSCLK to ARTRY/SHD0/SHD1 High Impedance After Precharge
Min 8 0 1.0 0
Max
Unit tSYSCLK ns ns ns ns
tMVRH(3)(4)(5)(6) tMXRH tIVKH tIXKH tKHTSV tKHARV tKHOV tKHTSX tKHARX tKHOX tKHOE(11) tKHOZ tKHABPZ(5)(9)(11) tKHARP Notes:
(5)(10)(11) (5)(10)(11) (2)(3)(5)
3.0 2.3 3.0 ns 0.5 0.5 0.5 0.5 3.5 1.0 1 2 ns ns tSYSCLK tSYSCLK tSYSCLK
tKHARPZ
1. All input specifications are measured from the midpoint of the signal in question to the midpoint of the rising edge of the input SYSCLK. All output specifications are measured from the midpoint of the rising edge of SYSCLK to the midpoint of the signal in question. All output timings assume a purely resistive 50 load (see Figure 10). Input and output timings are measured at the pin; time-of-flight delays must be added for trace lengths, vias and connectors in the system. 2. The symbology used for timing specifications herein follows the pattern of t(signal)(state)(reference)(state) for inputs and t(reference)(state)(signal)(state) for outputs. For example, tIVKH symbolizes the time input signals (I) reach the valid state (V) relative to the SYSCLK reference (K) going to the high (H) state or input setup time. And tKHOV symbolizes the time from SYSCLK (K) going high (H) until outputs (O) are valid (V) or output valid time. Input hold time can be read as the time that the input signal (I) went invalid (X) with respect to the rising clock edge (KH) - note the position of the reference and its state for inputs -and output hold time can be read as the time from the rising edge (KH) until the output went invalid (OX). 3. The setup and hold time is with respect to the rising edge of HRESET (see Figure 11). 4. This specification is for configuration mode select only. Also note that the HRESET must be held asserted for a minimum of 255 bus clocks after the PLL re-lock time during the power-on reset sequence. 5. tSYSCLK is the period of the external clock (SYSCLK) in nanoseconds(ns). The numbers given in the table must be multiplied by the period of SYSCLK to compute the actual time duration (in nanoseconds) of the parameter in question. 6. Mode select signals are BVSEL, EMODE, L2VSEL, PLL_CFG[0:3] 7. All other output signals are composed of the following - A[0:31], AP[0:3], TT[0:4], TBST, TSIZ[0:2], GBL, WT, CI, DH[0:31], DL[0:31], DP[0:7], BR, CKSTP_OUT, DRDY, HIT, QREQ, RSRV. 8. Output valid time is measured from 2.4V to 0.8V which may be longer than the time required to discharge from Vdd to 0.8V.
19
2141A-HIREL-03/02
9. According to the 60x bus protocol, ABB and DBB are driven only by the currently active bus master. They are asserted low then precharged high before returning to high-Z as shown in Figure 9. The nominal precharge width for ABB or DBB is 0.5 x tSYSCLK, i.e., less than the minimum tSYSCLK period, to ensure that another master asserting ABB, or DBB on the following clock will not contend with the precharge. Output valid and output hold timing is tested for the signal asserted. Output valid time is tested for precharge.The high-Z behavior is guaranteed by design. 10. According to the 60x bus protocol, ARTRY can be driven by multiple bus masters through the clock period immediately following AACK. Bus contention is not an issue since any master asserting ARTRY will be driving it low. Any master asserting it low in the first clock following AACK will then go to high-Z for one clock before precharging it high during the second cycle after the assertion of AACK. The nominal precharge width for ARTRY is 1.0 tSYSCLK ; i.e., it should be high-Z as shown in Figure 9 before the first opportunity for another master to assert ARTRY. Output valid and output hold timing are tested for the signal asserted. Output valid time is tested for precharge. The high-Z behavior is guaranteed by design. 11. Guaranteed by design and not tested. 12. Output hold time characteristics can be altered by the use of the L2_TSTCK pin during system reset, similar to L2 output hold being altered by the use of bits [14-15] in the L2CR register. Information on the operation of the L2_TSTCLK will be included in future revisions of this specification.
Figure 9. Input/Output Timing Diagram
VM VM VM
SYSCLK tIVKH tIXKH All Inputs
All Outputs (except TS, ABB, ARTRY, DBB)
tKHOV
tKHOX
All Outputs (except TS, ABB, ARTRY, DBB)
tKHOE
tKHOZ
tKHABPZ TS, ABB/AMON[0], DBB/DMON[0] tKHTSV tKHTSV tKHTSX
tKHARPZ tKHARP ARTRY, tKHARV SHD0, SHD1 tKHARX tKHARV
VM = Midpont Voltage (OVDD/2)
20
PC7410
2141A-HIREL-03/02
PC7410
Figure 10. AC Test Load for the 60x Interface
Output Z0 = 50 Ohms RL = 50 Ohms OVDD/2
Figure 11. Mode Input Timing Diagram
VM HRESET
tMVRH tMXRH
MODE SIGNALS
where VM = Midpoint Voltage (OVDD/2) L2 Clock AC Specifications The L2CLK frequency is programmed by the L2 configuration register (L2CR[4:6]) coreto-L2 divisor ratio. See Table 17 for example core and L2 frequencies at various divisors. Table 11 provides the potential range of L2CLK output AC timing specifications as defined in Figure 12. The L2SYNC_OUT signal is intended to be routed halfway out to the SRAMs and then returned to the L2SYNC_IN input of the MPC7410 to synchronize L2CLKOUT at the SRAM with the processor's internal clock. L2CLKOUT at the SRAM can be offset forward or backward in time by shortening or lengthening the routing of L2SYNC_OUT to L2SYNC_IN. See Motorola Application Note AN179/D "PowerPC Backside L2 Timing Analysis for the PCB Design Engineer." The minimum L2CLK frequency of Table 11 is specified by the maximum delay of the internal DLL. The variable-tap DLL introduces up to a full clock period delay in the L2CLKOUTA, L2CLKOUTB and L2SYNC_OUT signals so that the returning L2SYNC_IN signal is phase aligned with the next core clock (divided by the L2 divisor ratio). Do not choose a core-to-L2 divisor which results in an L2 frequency below this minimum, or the L2CLKOUT signals provided for SRAM clocking will not be phase aligned with the PC7410 core clock at the SRAMs. The maximum L2CLK frequency shown in Table 11 is the core frequency divided by one. Very few L2 SRAM designs will be able to operate in this mode. Most designs will select a greater core-to-L2 divisor to provide a longer L2CLK period for read and write access to the L2 SRAMs. The maximum L2CLK frequency for any application of the PC7410 will be a function of the AC timings of the PC7410, the AC timings for the SRAM, bus loading and printed circuit board trace length. Atmel is similarly limited by system constraints and cannot perform tests of the L2 interface on a socketed part on a functional tester at the maximum frequencies of Table 11. Therefore, functional operation and AC timing information are tested at core-to-L2 divisors of 2 or greater.
21
2141A-HIREL-03/02
L2 input and output signals are latched or enabled respectively by the internal L2CLK (which is SYSCLK multiplied up to the core frequency and divided down to the L2CLK frequency). In other words, the AC timings of Table 12 are entirely independent of L2SYNC_IN. In a closed loop system, where L2SYNC_IN is driven through the board trace by L2SYNC_OUT, L2SYNC_IN only controls the output phase of L2CLKOUTA and L2CLKOUTB which are used to latch or enable data at the SRAMs. However, since in a closed loop system L2SYNC_IN is held in phase alignment with the internal L2CLK, the signals of Table 12 are referenced to this signal rather than the not-externally-visible internal L2CLK. During manufacturing test, these times are actually measured relative to SYSCLK. Table 11. L2CLK Output AC Timing Specifications at Recommended Operating Conditions (See Table 4)
400 MHz Symbol fL2CLK(1)(4) tL2CLK tCHCL/tL2CLK
(2)
450 MHz Min 133 2.5 50 640 10 50 0 10 50 150 Max 400 7.5
500 MHz Min 133 2.5 50 640 0 10 50 150 Max 400 7.5 Unit MHz ns % L2CLK ns ps ps
Parameter L2CLK frequency L2CLK cycle time L2CLK duty cycle Internal DLL-relock time DLL capture window(5)
(3)
Min 133 2.5 50 640 0 -
Max 400 7.5
tL2CSKW
L2CLKOUT output-to-output skew(6) L2CLKOUT output jitter(6)
150
Notes:
1. L2CLK outputs are L2CLK_OUTA, L2CLK_OUTB, and L2SYNC_OUT pins. The L2CLK frequency to core frequency settings must be chosen such that the resulting L2CLK frequency and core frequency do not exceed their respective maximum or minimum operating frequencies. The maximum L2LCK frequency will be system-dependent. L2CLK_OUTA and L2CLK_OUTB must have equal loading. 2. The nominal duty cycle of the L2CLK is 50% measured at midpoint voltage. 3. The DLL re-lock time is specified in terms of L2CLKs. The number in the table must be multiplied by the period of L2CLK to compute the actual time duration in nanoseconds. Re-lock timing is guaranteed by design and characterization. 4. The L2CR[L2SL] bit should be set for L2CLK frequencies less than 110 MHz. This adds more delay to each tap of the DLL. 5. Allowable skew between L2SYNC_OUT and L2SYNC_IN. 6. Guaranteed by design and not tested. This output jitter number represents the maximum delay of one tap forward or one tap back from the current DLL tap as the phase comparator seeks to minimize the phase difference between L2SYNC_IN and the internal L2CLK. This number must be comprehended in the L2 timing analysis. The input jitter on SYSCLK affects L2CLKOUT and the L2 address/data/control signals equally and therefore is already comprehended in the AC timing and does not have to be considered in the L2 timing analysis.
22
PC7410
2141A-HIREL-03/02
PC7410
Figure 12. L2CLK_OUT Output Timing Diagram
L2 Single-Ended Clock Mode
tL2CLK tCHCL L2CLK_OUTA VM VM VM tL2CR tL2CF
L2CLK_OUTB
VM
VM
VM tL2CSKW
L2SYNC_OUT
VM
VM
VM
VM
L2 Differential Clock Mode
tCHCL L2CLK_OUTB L2CLK_OUTA VM
tL2CLK
VM
VM
L2SYNC_OUT
VM
VM
VM
Note:
VM = Midpoint Voltage (L2OVDD/2)
23
2141A-HIREL-03/02
L2 Bus AC Specifications
Table 12 provides the L2 bus interface AC timing specifications for the PC7410 as defined in Figure 13 and Figure 14 for the loading conditions described in Figure 15.
Table 12. L2 Bus Interface AC Timing Specifications at VDD = AVDD = L2AVDD = 1.8V 100mV or 1.5V 50mV ; -55C Tj 125C, L2OVDD = 2.5V 100mV or L2OVDD = 1.8V 100mV
400, 450, 500 MHz Symbol tL2CR & tL2CF(1) tDVL2CH(2) tDXL2CH(2) tL2CHOV
(3)(4)
Parameter L2SYNC_IN rise and fall time Setup Times Data and parity Input Hold Times Data and parity Valid Times All outputs when L2CR[14:15] = 00 All outputs when L2CR[14:15] = 01 All outputs when L2CR[14:15] = 10 All outputs when L2CR[14:15] = 11 Output Hold Times All outputs when L2CR[14:15] = 00 All outputs when L2CR[14:15] = 01 All outputs when L2CR[14:15] = 10 All outputs when L2CR[14:15] = 11 L2SYNC_IN to high impedance All outputs when L2CR[14:15] = 00 All outputs when L2CR[14:15] = 01 All outputs when L2CR[14:15] = 10 All outputs when L2CR[14:15] = 11
Min
Max 1.0
Unit ns ns
1.5 ns 0.0 ns 2.5 2.5 2.9 3.5 ns 0.4 0.8 1.2 1.6 ns 2.0 2.5 3.0 3.5
tL2CHOX(3)
tL2CHOZ
Notes:
1. Rise and fall times for the L2SYNC_IN input are measured from 20% to 80% of L2OVDD. 2. All input specifications are measured from the midpoint of the signal in question to the midpoint voltage of the rising edge of the input L2SYNC_IN (see Figure 13). Input timings are measured at the pins. 3. All output specifications are measured from the midpoint voltage of the rising edge of L2SYNC_IN to the midpoint of the signal in question. The output timings are measured at the pins. All output timings assume a purely resistive 50 load (see Figure 15). 4. The outputs are valid for both single-ended and differential L2CLK modes. For pipelined registered synchronous burst RAMs, L2CR[14:15] = 00 is recommended. For pipelined late-write synchronous burst SRAMs, L2CR[14:15] = 10 is recommended.
Figure 13. L2 Bus Input Timing Diagram
tL2CR L2SYNC_IN tDVL2CH L2 Data and Data Parity Inputs
VM
tL2CF
tDXL2CH
Note:
VM = Midpoint Voltage (L2OVDD/2)
24
PC7410
2141A-HIREL-03/02
PC7410
Figure 14. L2 Bus Output Timing Diagram
L2SYNC_IN
VM
VM
tL2CHOV tL2CHOX All Outputs
tL2CHOZ L2DATA BUS
Note:
VM = Midpoint Voltage (L2OVDD/2)
Figure 15. AC Test Load for the L2 Interface
Output Z0 = 50 Ohms RL = 50 Ohms L2OVDD/2
25
2141A-HIREL-03/02
IEEE 1149.1 AC Timing Specifications
Table 13 provides the IEEE 1149.1 (JTAG) AC timing specifications as defined in Figure 16, Figure 17, Figure 18 and Figure 19. Table 13. JTAG AC Timing Specifications (Independent of SYSCLK) mended Operating Conditions (see Table 4)
Symbol fTCLK t TCLK tJHJL tJR & tJF tTRST
(2)
(1)
at RecomUnit MHz ns ns
Parameter TCK frequency of operation TCK cycle time TCK clock pulse width measured at OVDD/2 TCK rise and fall times TRST assert time Input Setup Times: Boundary-scan data TMS, TDI Input Hold Times: Boundary-scan data TMS, TDI Valid Times: Boundary-scan data TDO TCK to output high impedance: Boundary-scan data TDO
Min 0 30 15 0 25 4 0
Max 33.3
2
ns ns ns
tDVJH(3) tIVJH tDXJH(3) tIXJH tJLDV(4) tJLOV tJLDZ(4)(5) tJLOZ(5) Notes:
ns 20 25 ns 4 4 3 3 20 25 ns 19 9
1. All outputs are measured from the midpoint voltage of the falling/rising edge of TCLK to the midpoint of the signal in question. The output timings are measured at the pins. All output timings assume a purely resistive 50 load (see Figure 16). Time-of-flight delays must be added for trace lengths, vias and connectors in the system. 2. TRST is an asynchronous level sensitive signal. The setup time is for test purposes only. 3. Non-JTAG signal input timing with respect to TCK. 4. Non-JTAG signal output timing with respect to TCK. 5. Guaranteed by design and characterization
Figure 16. Alternate AC Test Load for the JTAG Interface
Output Z0 = 50 Ohms RL = 50 Ohms OVDD/2
Figure 17. JTAG Clock Input Timing Diagram
tJR TCLK VM tJHJL VM
VM
tJF
tTCLK
Note:
VM = Midpoint Voltage (OVDD/2)
26
PC7410
2141A-HIREL-03/02
PC7410
Figure 18. TRST Timing Diagram
tTRST
VM
TRST
VM
Note:
VM = Midpoint Voltage (OVDD/2)
Figure 19. Boundary-scan Timing Diagram
TCK
VM VM
Boundary Data Inputs
tJLDV tJLDX
tDVJH
Input Data Valid
tDXJH
Boundary Data Outputs
Output Data Valid
tJLDZ
Boundary Data Outputs
Output Data Valid
Note:
VM = Midpoint Voltage (OVDD/2)
Figure 20. Test Access Port Timing Diagram
VM VM
TCK
tIVJH
tIXJH
Input Data Valid
TDI, TMS
tJLOV tJLOX
TDO
Output Data Valid
tJLOZ
TDO
Output Data Valid
Note:
VM = Midpoint Voltage (OVDD/2)
27
2141A-HIREL-03/02
Preparation for Delivery
Certificate of Compliance Atmel-Grenoble supplies a certificate of compliance with each shipment of parts, confirming the parts are in compliance with MIL-PRF-38535 and guaranteeing the parameters not tested at extreme temperatures for the entire temperature range.
Handling
MOS devices must be handled with certain precautions to avoid damage due to accumulation of static charge. Input protection devices have been designed in the chip to minimize the effect of static buildup. However, the following handling practices are recommended: * * * * * * * Devices should be handled on benches with conductive and grounded surfaces. Ground test equipment, tools and operator. Do not handle devices by the leads. Store devices in conductive foam or carriers. Avoid use of plastic, rubber or silk in MOS areas. Maintain relative humidity above 50% if practical. For CI-CGA packages, use specific tray to take care of the highest height of the package compared with the normal CBGA.
Package Mechanical Data
Parameters
The package parameters are as provided in the following list. The package type is 25x25 mm, 360-lead CBGA and CI-CGA. Table 14. Package Parameters
Parameter Package outline Interconnects Pitch Minimum module height Maximum module height Ball or column diameter 25 mm x 25 mm 360 (19 x 19 ball array minus one) 1.27 mm (50 mil) 2.65 mm (CBGA), 3.65 mm (CI-CGA) 3.20 mm (CBGA), 4.20 mm (CI-CGA) 0.89 mm (35 mil)
The following remarks apply to Figure 25 and Figure 26: * * * * * Dimensions and tolerancing are as per ASME Y14.5M-1994. All dimensions are in millimeters. Top side A1 corner index is a metallized feature with various shapes. Bottom side A1 corner is designated with a ball missing from the array. Dimension B is the maximum solder ball diameter measured parallel to datum A. D2 and E2 define the area occupied by the die and underfill. Actual size of this area may be smaller than shown. D3 and E3 are the minimum clearance from the package edge to the chip capacitors.
28
PC7410
2141A-HIREL-03/02
PC7410
Pin Assignment
BGA360 Package
Figure 21, Figure 22, Figure 23 and Figure 24 show top views of the packages available for the PC7410. Note that these drawings are not to scale. Figure 21. Top View of 360-Ball CBGA and 360-Pin CI-CGA Packages
Pin A1 Index
Figure 22. Top View of 360-pin CBGA and CI-CGA Packages
1 A B C D E F G H J K L M N P R T U V W 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
29
2141A-HIREL-03/02
Figure 23. Cross-section of 360-ball CBGA Package
Substrate Assembly Encapsulant View Die
Figure 24. Cross-section of 360-column CI-CGA Package
Substrate Assembly Encapsulant View Die
Table 15. Pinout Listing for the PC7410, 360-ball CBGA and CI-CGA packages
Signal Name A[0:31] Pin Number A13, D2, H11, C1, B13, F2, C13, E5, D13, G7, F12, G3, G6, H2, E2, L3, G5, L4, G4, J4, H7, E1, G2, F3, J7, M3, H3, J2, J6, K3, K2, L2 N3 L7 C4, C5, C6, C7 L6 A8 H1 E7
(1)(3)(8)(9)(14)
Active High
I/O I/O
I/F Select(1) BVSEL
AACK ABB AMON[0](12) AP[0:3] ARTRY AVDD BG BR BVSEL CHK CI CKSTP_IN CKSTP_OUT CLK_OUT DBB DMON[0](12) DBG
(12) (12)
Low Low High Low
Input Output I/O I/O
BVSEL BVSEL BVSEL BVSEL Vdd
Low Low High Low Low Low Low High Low Low
Input Output Input Input I/O Input Output Output Output Input
BVSEL BVSEL N/A BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL
W1 K11 C2 B8 D7 E3 K5 K1
(4)(8)(9)
30
PC7410
2141A-HIREL-03/02
PC7410
Table 15. Pinout Listing for the PC7410, 360-ball CBGA and CI-CGA packages (Continued)
Signal Name DH[0:31] Pin Number W12, W11, V11, T9, W10, U9, U10, M11, M9, P8, W7, P9, W9, R10, W6, V7, V6, U8, V9, T7, U7, R7, U6, W5, U5, W4, P7, V5, V4, W3, U4, R5 M6, P3, N4, N5, R3, M7, T2, N6, U2, N7, P11, V13, U12, P12, T13, W13, U13, V10, W8, T11, U11, V12, V8, T1, P1, V1, U1, N1, R2, V3, U3, W2 L1, P2, M2, V2, M1, N2, T3, R1 K9 D1 H6, G1 A3 B1 D10, D14, D16, D4, D6, E12, E8, F4, F6, F10, F14, F16, G9, G11, H5, H8, H10, H12, H15, J9, J11, K4, K6, K8, K10, K12, K14, K16, L9, L11, M5, M8, M10, M12, M15, N9, N11, P4, P6, P10, P14, P16, R8, R12, T4, T6, T10, T14, T16 B5 B6 C11
(2)
Active High
I/O I/O
I/F Select(1) BVSEL
DL[0:31]
High
I/O
BVSEL
DP[0:7] DRDY(6)(8)(13) DBWO DTI[0] DTI[1:2](10)(13) EMODE(7)(10) GBL GND
High Low Low High Low Low
I/O Output Input Input Input I/O
BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL N/A
HIT(6)(8) HRESET INT L1_TSTCLK
Low Low Low High High High
Output Input Input Input Output Output
BVSEL BVSEL BVSEL BVSEL L2VSEL L2VSEL Vdd
F8 L17, L18, L19, M19, K18, K17, K15, J19, J18, J17, J16, H18, H17, J14, J13, H19, G18 K19, W19 L13 P17 N15 L16 U14, R13, W14, W15, V15, U15, W16, V16, W17, V17, U17, W18, V18, U18, V19, U19, T18, T17, R19, R18, R17, R15, P19, P18, P13, N14, N13, N19, N17, M17, M13, M18, H13, G19, G16, G15, G14, G13, F19, F18, F13, E19, E18, E17, E15, D19, D18, D17, C18, C17, B19, B18, B17, A18, A17, A16, B16, C16, A14, A15, C15, B14, C14, E13 V14, U16, T19, N18, H14, F17, C19, B15 D15, E14, E16, H16, J15, L15, M16, K13, P15, R14, R16, T15, F15 L14 M14 F7 A19
L2ADDR[0:16] L2ADDR[17:18](8) L2AVDD L2CE L2CLKOUTA L2CLKOUTB L2DATA[0:63]
Low High High High
Output Output Output I/O
L2VSEL L2VSEL L2VSEL L2VSEL
L2DP[0:7] L2OVDD
(11)
High
I/O
L2VSEL N/A
L2SYNC_IN L2SYNC_OUT L2_TSTCLK(2) L2VSEL
(1)(3)(8)(9)(14)
High High High High
Input Output Input Input
L2VSEL L2VSEL BVSEL N/A
31
2141A-HIREL-03/02
Table 15. Pinout Listing for the PC7410, 360-ball CBGA and CI-CGA packages (Continued)
Signal Name L2WE L2ZZ LSSD_MODE MCP OVDD PLL_CFG[0:3] QACK QREQ RSRV SHD0 SHD1 SMI SRESET SYSCLK TA TBEN TBST TCK TDI
(9) (8) (5)(8) (2)
Pin Number N16 G17 F9 B11 D5, D8, D12, E4, E6, E9, E11, F5, H4, J5, L5, M4, P5, R4, R6, R9, R11, T5, T8, T12 A4, A5, A6, A7 B2 J3 D3 B3 B4 A12 E10 H9 F1 A2 A11 B10 B7 D9 J1 C8 A10 K7 A9, B9, C9 C10, D11, B12, C12, F11 C3 G8, G10, G12, J8, J10, J12, L8, L10, L12, N8, N10, N12
Active Low High Low Low
I/O Output Output Input Input
I/F Select(1) L2VSEL L2VSEL BVSEL BVSEL N/A
High Low Low Low Low Low Low Low
Input Input Output Output I/O I/O Input Input Input
BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL BVSEL N/A
Low High Low High High High Low High Low Low High High Low
Input Input Output Input Input Output Input Input Input I/O Output I/O I/O
TDO TEA TMS(9) TRST TS TSIZ[0:2] TT[0:4] WT VDD Notes:
(9)(14)
1. OVDD supplies power to the processor bus, JTAG and all control signals except the L2 cache controls (L2CE, L2WE, and L2ZZ); L2OVDD supplies power to the L2 cache interface (L2ADDR[0:18], L2ASPARE, L2DATA[0:63], L2DP[0:7] and L2SYNC_OUT) and the L2 control signals and VDD supplies power to the processor core and the PLL and DLL (after filtering to become AVDD and L2AVDD respectively). These columns serve as a reference for the nominal voltage supported on a given signal as selected by the BVSEL/L2VSEL pin configurations of Table 3 and the voltage supplied. For actual recommended value of VIN or supply voltages, see Table 4. 2. These are test signals for factory use only and must be pulled up to OVDD for normal machine operation. 3. To allow for future I/O voltage changes, provide the option to connect BVSEL and L2VSEL independently to either OVDD (selects 2.5V), GND (selects 1.8V), or to HRESET (selects 2.5V). The PC7410 Both the 60x processor bus and the L2 bus only support the 1.8 and 2.5 options (see Table 3). the default selection if BVSEL and/or L2VSEL is left unconnected is 2.5V 4. Connect to HRESET to trigger post power-on-reset (por) internal memory test.
32
PC7410
2141A-HIREL-03/02
PC7410
5. Ignored in 60x bus mode. 6. Unused output in 60x bus mode. 7. Deasserted (pulled high) at HRESET for 60x bus mode. 8. Uses one of 9 existing no-connects in PC750's 360-ball BGA package. 9. Internal pull-up on die. 10. Reuses PC750's DRTRY, DBDIS and TLBISYNC pins (DTI1, DTI2 and EMODE respectively). 11. The VOLTDET pin position on the PC750 360-ball CBGA package is now an L2OVDD pin on the PC7410 packages. 12. Output only for PC7410, was I/O for PC750. 13. Enhanced mode only. 14. To overcome the internal pull-up resistance and ensure this input will recognize a low signal, a pull-down resistance less than 250 should be used.
33
2141A-HIREL-03/02
Figure 25. Mechanical Dimensions and Bottom Surface Nomenclature of the 360-ball CBGA Package
2X PIN A1 INDEX D 0.2 B
360 X
2X 0.2
A
C6
2 1
C1
0.15 A3 A4
A
C5
0.35
A
E2
E4
21 21
C4
1 1
C2
2 2
E
C3
1 2 C E 3
2X 0.2
D3 D2 TOP VIEW
D4
D1
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 W V U T R P N M L K J H G F E D C B A A2 A1 A
E1
K
G 360X
B
K
0.3 0.15
GND : C1.2 C2.2 C3.2 C4.2 C5.2 C6.2
T
T
E
F
C1.1, C2.1 : L2OVDD C3.1, C6.1 : OVDD C4.1, C5.1 : OVDD
BOTTOM VIEW
Parameter A A1 A2 A3 A4 B D D1 D2
Min 2.62 0.8 1.10 - 0.82 0.82 25.00 BASIC 22.86 BASIC 10 typ
Max 3.20 1.00 1.30 0.6 0.9 0.93
Parameter D3 D4 E E1 E2 E3 E4 G
Min 2.75 6.32 25.00 BASIC 22.86 BASIC 12.6 typ 3.00 8.26 1.27 BASIC
Max -
-
34
PC7410
2141A-HIREL-03/02
PC7410
Figure 26. Mechanical Dimensions and Bottom Surface Nomenclature of the 360-column CI-CGA Package
2X PIN A1 INDEX D 0.2 B
360 X
2X 0.2
A
C6
2 1
C1
A3 A4
0.15
A
C5
0.35
A
E2
E4
21 21
C4
1 1
C2
2 2
E
C3
1 2
2X 0.2 C E3
D4 D3 D2 TOP VIEW
D1
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 W V U T R P N M L K J H G F E D C B A A2 A1 A
E1
K
G 360X
B
K
0.3 0.15
GND : C1.2 C2.2 C3.2 C4.2 C5.2 C6.2 C1.1, C2.1 : L2OVDD
T
T
E
F C3.1, C6.1 : OVDD
C4.1, C5.1 : OVDD
Parameter A A1 A2 A3 A4 B D D1 D2
Min 3.4 1.545 1.10 - 0.82 0.82 25.00 BASIC 22.86 BASIC -
Max 4.20 1.695 1.30 0.6 0.9 0.93
Parameter D3 D4 E E1 E2 E3 E4 G
Min 2.75 6.32 25.00 BASIC 22.86 BASIC - 3.00 8.26 1.27 BASIC
Max -
15 -
13
35
2141A-HIREL-03/02
Clock Selection
The PC7410's PLL is configured by the PLL_CFG[0:3] signals. For a given SYSCLK (bus) frequency, the PLL configuration signals set the internal CPU and VCO frequency of operation. The PLL configuration for the PC7410 is shown in Table 16 for example frequencies.
Table 16. PC7410 Microprocessor PLL Configuration
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz) PLL_C FG[0:3] 0100 0110 1000 1110 1010 0111 1011 1001 1101 0101 0010 0001 1100 0000 0011 1111 Notes: Bus-toCore Multiplier 2x 2.5x 3x 3.5x 4x 4.5x 5x 5.5x 6x 6.5x 7x 7.5x 8x 9x Core-toVCO Multiplier 2x 2x 2x 2x 2x 2x 2x 2x 2x 2x 2x 2x 2x 2x 400 (800) 450 (900) PLL off, SYSCLK clocks core circuitry directly, 1x bus-to-core implied PLL off, no core clocking occurs 366 (733) 400 (800) 433 (866) 350 (700) 375 (750) 375 (750) 412 (825) 450 (900) 488 (967) 466 (933) 500 (1000) 375 (750) 416 (833) 458 (916) 500 (1000) 350 (700) 400 (800) 450 (900) 500 (1000) 400 (800) 465 (930) Bus 33.3 MHz Bus 50 MHz Bus 66.6 MHz Bus 75 MHz Bus 83.3 MHz Bus 100 MHz Bus 133 MHz
PLL off/bypass PLL off
1. PLL_CFG[0:3] settings not listed are reserved. 2. The sample bus-to-core frequencies shown are for reference only. Some PLL configurations may select bus, core, or VCO frequencies which are not useful, not supported, or not tested for by the PC7410; see "Clock AC Specifications" on page 18 for valid SYSCLK, core, and VCO frequencies. 3. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly, the PLL is disabled, and the bus mode is set for 1:1 mode operation. This mode is intended for factory use only. Note: The AC timing specifications given in this document do not apply in PLL-bypass mode. 4. In PLL-off mode, no clocking occurs inside the PC7410 regardless of the SYSCLK input.
36
PC7410
2141A-HIREL-03/02
PC7410
The PC7410 generates the clock for the external L2 synchronous data SRAMs by dividing the core clock frequency of the PC7410. The divided-down clock is then phaseadjusted by an on-chip delay-lock-loop (DLL) circuit and should be routed from the PC74107410 to the external RAMs. A separate clock output, L2SYNC_OUT is sent out half the distance to the SRAMs and then returned as an input to the DLL on pin L2SYNC_IN so that the rising-edge of the clock as seen at the external RAMs can be aligned to the clocking of the internal latches in the L2 bus interface. The core-to-L2 frequency divisor for the L2 PLL is selected through the L2CLK bits of the L2CR register. Generally, the divisor must be chosen according to the frequency supported by the external RAMs, the frequency of the PC7410 core and the phase adjustment range that the L2 DLL supports. Table 17 shows various examples of L2 clock frequencies that can be obtained for a given set of core frequencies. The minimum L2 frequency target is 100 MHz. Table 17. Sample Core-to-L2 Frequencies
Core Frequency in MHz 350 366 400 433 450 466 500 Note: /1 350 366 400 /1.5 233 244 266 288 300 311 333 /2 175 183 200 216 225 233 250 /2.5 140 147 160 173 180 186 200 /3 117 122 133 144 150 155 166 /3.5 100 105 114 123 128 133 143 100 108 112 116 125 /4
The core and L2 frequencies are for reference only. Some examples may represent core or L2 frequencies which are not useful, not supported or not tested for by the PC7410; see "L2 Clock AC Specifications" on page 21 for valid L2CLK frequencies. The L2CR[L2SL] bit should be set for L2CLK frequencies less than 110 MHz.
System Design Information
PLL Power Supply Filtering
The AVDD and L2AVDD power signals are provided on the PC7410 to provide power to the clock generation phase-locked loop and L2 cache delay-locked loop, respectively. To ensure stability of the internal clock, the power supplied to the AV DD input signal should be filtered of any noise in the 500 kHz to 10 MHz resonant frequency range of the PLL. A circuit similar to the one shown in Figure 27 using surface mount capacitors with minimum effective series inductance (ESL) is recommended. The circuit should be placed as close as possible to the AVDD pin to minimize noise coupled from nearby circuits. An identical but separate circuit should be placed as close as possible to the L2AVDD pin. It is often possible to route directly from the capacitors to the AVDD pin, which is on the periphery of the 360-ball CBGA footprint without the inductance of vias. The L2AVDD pin may be more difficult to route but is proportionately less critical.
37
2141A-HIREL-03/02
Figure 27. PLL Power Supply Filter Circuit
Low ESL surface mount capacitor
10 VDD 2.2 F GND 2.2 F AVDD (or L2AVDD)
Power Supply Voltage Sequency
The notes in Table 2 contain cautions about the sequencing of the external bus voltages and core voltage of the PC7410 (when they are different). These cautions are necessary for the long term reliability of the part. If they are violated, the electrostatic discharge (ESD) protection diodes will be forward-biased and excessive current can flow through these diodes. If the system power supply design does not control the voltage sequencing, one or both of the circuits of Figure 28 can be added to meet these requirements. The MUR420 Schottky diodes of Figure 28 control the maximum potential difference between the external bus and core power supplies on power-up and the 1N5820 diodes regulate the maximum potential difference on power-down. Figure 28. Example Voltage Sequencing Circuits
2.5V MUR420 MUR420 1.8V
1N5820
1N5820
Decoupling Recommendations
Due to the PC7410's dynamic power management feature, large address and data buses and high operating frequencies, the PC7410 can generate transient power surges and high frequency noise in its power supply, especially while driving large capacitive loads. This noise must be prevented from reaching other components in the PC7410 system and the PC7410 itself requires a clean, tightly regulated source of power. Therefore, it is recommended that the system designer place at least one decoupling capacitor at each VDD, OVDD, and L2OVDD pin of the PC7410. It is also recommended that these decoupling capacitors receive their power from separate VDD, (L2)OVDD, and GND power planes in the PCB, utilizing short traces to minimize inductance. These capacitors should have a value of 0.01 F or 0.1 F. Only ceramic SMT (surface mount technology) capacitors should be used to minimize lead inductance, preferably 0508 or 0603 orientations where connections are made along the length of the part. Consistent with the recommendations of Dr. Howard Johnson in High Speed Digital Design: A Handbook of Black Magic (Prentice Hall, 1993) and contrary to previous recommendations for decoupling PowerPC microprocessors, multiple small capacitors of equal value are recommended over using multiple values of capacitance.
38
PC7410
2141A-HIREL-03/02
PC7410
In addition, it is recommended that there be several bulk storage capacitors distributed around the PCB, feeding the VDD, L2OVDD, and OVDD planes to enable quick recharging of the smaller chip capacitors. These bulk capacitors should have a low ESR (equivalent series resistance) rating to ensure the quick response time necessary. They should also be connected to the power and ground planes through two vias to minimize inductance. Suggested bulk capacitors are 100 - 330 F (AVX TPS tantalum or Sanyo OSCON).
Connection Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal level. Unused active low inputs should be tied to OV DD . Unused active high inputs should be connected to GND. All NC (no-connect) signals must remain unconnected. Power and ground connections must be made to all external VDD, OVDD, L2OVDD, and GND pins of the PC7410. See "L2 Clock AC Specifications" on page 21 for a discussion of the L2SYNC_OUT and L2SYNC_IN signals.
Output Buffer DC Impedance
The PC7410 60x and L2 I/O drivers are characterized over process, voltage and temperature. To measure Z0, an external resistor is connected from the chip pad to OVDD or GND. Then the value of each resistor is varied until the pad voltage is OVDD/2 (see Figure 29). The output impedance is the average of two components, the resistances of the pull-up and pull-down devices. When data is held low, SW2 is closed (SW1 is open), and RN is trimmed until the voltage at the pad equals OVDD/2. RN then becomes the resistance of the pull-down devices. When data is held high, SW1 is closed (SW2 is open), and RP is trimmed until the voltage at the pad equals OVDD/2. RP then becomes the resistance of the pull-up devices. RP and RN are designed to be close to each other in value. Then Z0 = (RP + RN)/2. Figure 29. Driver Impedance Measurement
OVDD
RN
SW2 Pad Data SW1
RP
OGND
39
2141A-HIREL-03/02
Table 18 summarizes the signal impedance results. The impedance increases with junction temperature and is relatively unaffected by bus voltage. Table 18. Impedance Characteristics with VDD = 1.8V, OVDD = 1.8V or 2.5V, Tj = -55C to 125C
Impedance RN RP Processor bus 41.5 - 54.3 37.3 - 55.3 L2 Bus 42.7 - 54.1 39.3 - 50 Symbol Z0 Z0 Unit Ohms Ohms
Pull-up Resistor Requirements
The PC7410 requires high-resistive (weak: 10 k) pull-up resistors on several control pins of the bus interface to maintain the control signals in the negated state after they have been actively negated and released by the PC7410 or other bus masters. These pins are TS, ARTRY, SHDO and SHD1. In addition, the PC7410 has one open-drain style output that requires a pull-up resistor (weak or stronger: 4.7 k - 10 k) if it is used by the system. This pin is CKSTP_OUT. During inactive periods on the bus, the address and transfer attributes may not be driven by any master and may therefore float in the high-impedance state for relatively long periods of time. Since the PC7410 must continually monitor these signals for snooping, this float condition may cause excessive power draw by the input receivers on the PC7410 or by other receivers in the system. It is recommended that these signals be pulled up through weak (10 k) pull-up resistors by the system, or that they may be otherwise driven by the system during inactive periods of the bus. The snooped address and transfer attribute inputs are A[0:31], AP[0:3], TT[0:4], and GBL. In systems where GBL is not connected and another device may be asserting TS for a snoopable transaction while not driving GBL to the processor, we recommend that a strong (1 k) pull-up resistor be used on GBL. The data bus input receivers are normally turned off when no read operation is in progress and therefore do not require pull-up resistors on the bus. Other data bus receivers in the system, however, may require pull-ups, or that those signals be otherwise driven by the system during inactive periods by the system. The data bus signals are D[0:63], DP[0:7] If address or data parity is not used by the system, and the respective parity checking is disabled through HID0, the input receivers for those pins are disabled, and those pins do not require pull-up resistors and should be left unconnected by the system. If all parity generation is disabled through HID0, then all parity checking should also be disabled through HID0, and all parity pins may be left unconnected by the system. The L2 interface does not normally require pull-up resistors.
40
PC7410
2141A-HIREL-03/02
PC7410
JTAG Configuration Signals
Figure 30. Suggested TRST Connection
PC7410
HRESET HRESET From Target Board Sources QACK QACK
TRST
2KW COP Header
2KW
Figure 31. COP Connector Diagram
CKSTP_OUT RUN/STOP HRESET SRESET
TMS
15
13
11
9 Top View
7
5
3
16
KEY No pin
12
10
8
6
4
VDD_SENSE
Ground
CKSTP_IN
Note:
Pins 10, 12 and 14 are no connects. Pin 14 is not physically present.
Table 19. COP Pin Definitions
Pins 1 2 3 4 5 6 7 8 Signal TDO QACK TDI TRST RUN/STOP VDD_SENSE TCK CKSTP_IN Connection TDO QACK TDI TRST No Connect VDD TCK CKSTP_IN Optional. Add 10K pull-up to OVDD. Used on several emulator products. Useful for checkstopping the processor from a logic analyzer of other external trigger. Add 2K pull-down to ground. Must be merged with on-board TRST if any. See Figure 30. Used on 604e; leave no-connect for all other processors. Add 2K pull-up to OVDD (for short circuit limiting protection only). Add 2K pull-down to ground. Must be merged with on-board QACK, if any. Special Notes
QACK
TRST
TDO 1 2
TCK
TDI
41
2141A-HIREL-03/02
Table 19. COP Pin Definitions (Continued)
Pins 9 10 11 12 13 14 15 16 Signal TMS N/A SRESET N/A HRESET N/A CKSTP_OUT Ground CKSTP_OUT Digital Ground HRESET Merge with on-board HRESET. Key location; pin should be removed. Add 10K pull-up to OVDD. SRESET Merge with on-board SRESET, if any. Connection TMS Special Notes
Boundary scan testing is enabled through the JTAG interface signals. (BSDL descriptions of the PC7410 are available on the Internet at www.mot.com/PowerPC/teksupport.) The TRST signal is optional in the IEEE 1149.1 specification but is provided on all PowerPC implementations. While it is possible to force the TAP controller to the reset state using only the TCK and TMS signals, more reliable power-on reset performance will be obtained if the TRST signal is asserted during power-on reset. Since the JTAG interface is also used for accessing the common on-chip processor (COP) function of PowerPC processors, simply tying TRST to HRESET is not practical. The common on-chip processor (COP) function of PowerPC processors allows a remote computer system (typically a PC with dedicated hardware and debugging software) to access and control the internal operations of the processor. The COP interface connects primarily through the JTAG port of the processor with some additional status monitoring signals. The COP port requires the ability to independently assert HRESET or TRST in order to fully control the processor. If the target system has independent reset sources, such as voltage monitors, watchdog timers, power supply failures or push-button switches, then the COP reset signals must be merged into these signals with logic. The arrangement shown in Figure 30 allows the COP to independently assert HRESET or TRST, while ensuring that the target can drive HRESET as well. The pull-down resistor on TRST ensures that the JTAG scan chain is initialized during power-on if a JTAG interface cable is not attached; if it is attached, it is responsible for driving TRST when needed. The COP header shown in Figure 30 adds many benefits - breakpoints, watchpoints, register and memory examination/modification and other standard debugger features are possible through this interface - and can be as inexpensive as an unpopulated footprint for a header to be added when needed. The COP interface has a standard header for connection to the target system, based on the 0.025" square-post 0.100" centered header assembly (often called a "Berg" header). The connector typically has pin 14 removed as a connector key, as shown in Figure 31.
42
PC7410
2141A-HIREL-03/02
PC7410
Definitions
Datasheet Status Description
Table 20. Datasheet Status
Datasheet Status Objective specification This datasheet contains target and goal specifications for discussion with customer and application validation. This datasheet contains target or goal specifications for product development. This datasheet contains preliminary data. Additional data may be published later; could include simulation results. This datasheet also contains characterization results. This datasheet contains final product specification. Validity Before design phase
Target specification Preliminary specification -site Preliminary specification -site Product specification Limiting Values
Valid during the design phase Valid before characterization phase
Valid before the industrialization phase Valid for production purposes
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application Information Where application information is given, it is advisory and does not form part of the specification.
Life Support Applications
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Atmel customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Atmel for any damages resulting from such improper use or sale.
43
2141A-HIREL-03/02
Ordering Information
PC (X) 7410 Prefix Prototype Type Application modifier (1) L: 1.8V 100 mV N: 1.5V 50 mV Max Internal Processor Speed(1) 400 MHz 450 MHz 500 MHz (TBC) V GS U 400 L x Revision Level(1) Rev. E
Temperature Range: Tj (1) V: -40C, +110C M: -55C, +125C Package (1) G: CBGA GS: CI-CBGA
Screening Level(1) U: Upscreening
Note:
1. For availability of the different versions, contact your Atmel sales office.
44
PC7410
2141A-HIREL-03/02
PC7410
45
2141A-HIREL-03/02
Atmel Headquarters
Corporate Headquarters
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 487-2600
Atmel Operations
Memory
Atmel Corporate 2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 436-4270 FAX 1(408) 436-4314 Atmel Corporate 2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 436-4270 FAX 1(408) 436-4314 Atmel Nantes La Chantrerie BP 70602 44306 Nantes Cedex 3, France TEL (33) 2-40-18-18-18 FAX (33) 2-40-18-19-60
RF/Automotive
Europe
Atmel SarL Route des Arsenaux 41 Casa Postale 80 CH-1705 Fribourg Switzerland TEL (41) 26-426-5555 FAX (41) 26-426-5500 Atmel Asia, Ltd. Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimhatsui East Kowloon Hong Kong TEL (852) 2721-9778 FAX (852) 2722-1369 Atmel Japan K.K. 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581
Microcontrollers
Atmel Heilbronn Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany TEL (49) 71-31-67-0 FAX (49) 71-31-67-2340 Atmel Colorado Springs 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759
Asia
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
ASIC/ASSP/Smart Cards
Japan
Atmel Rousset Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4-42-53-60-00 FAX (33) 4-42-53-60-01 Atmel Colorado Springs 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759 Atmel Smart Card ICs Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland TEL (44) 1355-803-000 FAX (44) 1355-242-743
Atmel Grenoble Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France TEL (33) 4-76-58-30-00 FAX (33) 4-76-58-34-80
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
(c) Atmel Corporation 2002. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. ATMEL (R) is the registered trademark of Atmel Corporation. PowerPC is the trademark of IBM Corporation. Other terms and product names may be the trademark of others. Printed on recycled paper.
2141A-HIREL-03/02 0M


▲Up To Search▲   

 
Price & Availability of PC7410NBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X