Part Number Hot Search : 
TD123 GRM188R7 WS4503SA 033M5X1 SP7120 CM1895 E170A UCY7410N
Product Description
Full Text Search
 

To Download P600K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND UC TO R S
P600A - P600M
6.0A SILICON RECTIFIER
Features
! ! ! ! ! Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability A B A
Mechanical Data
! ! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 2.1 grams (approx.) Mounting Position: Any Marking: Type Number Epoxy: UL 94V-O rate flame retardant D
P-600 Dim Min Max A 25.4 -- B 8.60 9.10 C 1.20 1.30 D 8.60 9.10 All Dimensions in mm
C
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TA = 60C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 6.0A @TA = 25C @TA = 100C
Symbol VRRM VRWM VR VR(RMS) IO
P600A
P600B
P600D
P600G
P600J
P600K
P600M
Unit
50 35
100 70
200 140
400 280 6.0
600 420
800 560
1000 700
V V A
IFSM VFM IRM Cj RJA Tj TSTG
400 1.0 5.0 1.0 150 20 -50 to +150 -50 to +150
A V A mA pF K/W C C
Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient (Note 1) Operating Temperature Range Storage Temperature Range
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
P600A - P600M
1 of 3
(c) 2002 Won-Top Electronics
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
100
7
IO, AVERAGE RECTIFIED CURRENT (A)
6 5 4 3 2 1 0 0 25 50 75 100 125 150 175 200
10
1.0
Tj = 25C Pulse Width = 300 s 2% Duty Cycle
0.1 0 0.2 0.6 1.0 1.4 1.8
TA , AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2, Typical Forward Characteristics
500
IFSM , PEAK FORWARD SURGE CURRENT (A)
1000
Tj = 25C f = 1MHz
300
Cj, CAPACITANCE (pF)
8.3ms Single Half Sine-Wave JEDEC Method
400
100
200
100
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current 100
10 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
P600A - P600M
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
P600A-T3 P600A P600B-T3 P600B P600D-T3 P600D P600G-T3 P600G P600J-T3 P600J P600K-T3 P600K P600M-T3 P600M
Package Type
P-600 P-600 P-600 P-600 P-600 P-600 P-600 P-600 P-600 P-600 P-600 P-600 P-600 P-600
Shipping Quantity
800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box
Products listed in bold are WTE Preferred devices. ! T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
P600A - P600M
3 of 3


▲Up To Search▲   

 
Price & Availability of P600K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X