Part Number Hot Search : 
D2012 CM1895 4N23TXV LB1609 DRP10 00TTS LT3526 KBPC1008
Product Description
Full Text Search
 

To Download P600K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P600A THRU P600M
GENERAL PURPOSE PLASTIC RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 6.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High forward current capability Construction utilizes void-free molded plastic technique High surge current capability High temperature soldering guaranteed: 250 /10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3Kg) tension
Mechanical Data
Case: Void-free molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.074 ounce, 2.1 grams
DIM ENSIONS DIM A B C D inches Min. 0.339 0.339 0.047 1.000 Max. 0.358 0.358 0.052 Min. 8.6 8.6 1.2 25.40 mm Max. 9.1 9.1 1.3 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified.
Symbols
P600A
P600B
P600D
P600G
P600J
P600K
P600M
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TA=60 , 0.375" (9.5mm) lead length (Fig 1) TL=60 , 0.125" (3.18mm) lead length (Fig 2) Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at 6.0A 100A Maximum DC reverse current at rated DC blocking voltage TA=25 TA=100
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ R R
JA JL
50 35 50
100 70 100
200 140 200
400 280 400 6.0 22.0 400.0 0.90 1.30 5.0 1.0 2.5 150.0 20.0 4.0 -50 to +150
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps
Amps 1.0 1.4 Volts A mA S F /W
Typical reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating junction and storage temperature range
TJ, TSTG
Notes: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts (3) Thermal resistance from junction to ambient and from junction to lead at 0.375 (9.5mm) lead length, P.C.B. mounted with 1.1X1.1 (30X30mm) copper pads
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of P600K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X