Part Number Hot Search : 
00800 DM74121 ADV7189B HFS4N65 XF5006T7 60M303 FMS6346 UA200
Product Description
Full Text Search
 

To Download NJG1533KB2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJG1533KB2 SPDT SWITCH GaAs MMIC
nGENERAL DESCRIPTION NJG1533KB2 is a SPDT switch IC featured low insertion loss, medium handling power and high isolation. This device is suitable for switching of Tx/Rx signals at sub-microwave applications. This switch exhibits wide frequency range from 50MHz to 3.0GHz at low operating voltage of 2.5V, and is operated up to 25dBm at 3.0V operating voltage. The ultra small & ultra thin FLP6 package is applied. Reversed logic version of this device is NJG1523KB2. nFEATURES lSingle low voltage control lLow insertion loss lHigh isolation lHandling power lLow current consumption lUltra small & ultra thin package nPIN CONFIGURATION Orientation Mark KB2 Type Top view 1 2 3 6 5 4 Pin connection 1.P1 2.GND 3.P2 4.VCTL2 5.PC 6.VCTL1 nPACKAGE OUTLINE
NJG1533KB2
+2.5~+6.5V 0.4dB typ. @f=1GHz, PIN=23dBm 0.5dB typ. @f=2GHz, PIN=23dBm 29dB typ. @f=2GHz, PIN=23dBm 25dBm max. @f=2GHz, VCTL=3.0V 8uA typ. @f=0.05~2.5GHz, PIN=23dBm FLP6-B2 (Package size: 2.0x2.1x0.75mm)
nTRUTH TABLE "H"=VCTL (H), "L"=VCTL (L) VCTL1 VCTL2 PC - P1 PC - P2 H L OFF ON L H ON OFF L L
Insertion loss=17dB P1 return Loss=2dB Insertion loss=17dB P2 return Loss=2dB
H H
Insertion loss=18dB P1 return Loss=2dB Insertion loss=18dB P2 return Loss=2dB
Note: Reversed logic version of this device is NJG1523KB2. The values of insertion losses and return losses are the typical values at 2GHz.
-1-
NJG1533KB2
nABSOLUTE MAXIMUM RATINGS (Ta=25C) PARAMETER Input Power Control Voltage Power Dissipation Operating Temp. Storage Temp. SYMBOL Pin VCTL PD Topr Tstg CONDITIONS VCTL (L)=0V, VCTL (H)=2.7V VCTL (H)-VCTL (L) RATINGS 32 7.5 450 -30~+85 -55~+125 UNITS dBm V mW C C
nELECTRICAL CHARACTERISTICS (VCTL (L)=0V, VCTL (H)=2.7V, ZS=Zl =50, Ta=25C) PARAMETERS Operating voltage (LOW) Operating voltage (HIGH) Control current Insertion loss 1 Insertion loss 2 Isolation 1
(PC-P1, PC-P2, P1-P2)
SYMBOL VCTL (L) VCTL (H) ICTL LOSS1 LOSS2 ISL1 ISL2 Pin 1 Pin 2 Pin 3 P-1dB VSWR TSW
CONDITIONS
MIN -0.2 2.5
TYP 0 2.7 8 0.4 0.5 29 29 30.5 1.4 20
MAX 0.2 6.5 14 0.7 0.8 24.0 25.0 34.5 1.6 -
UNITS V V uA dB dB dB dB dBm dBm dBm dBm
f=2.0GHz, PIN=23dBm f=1GHz, PIN=23dBm f=2GHz, PIN=23dBm f=1GHz, PIN=23dBm f=2GHz, PIN=23dBm VCTL (H)=2.7V, f=2GHz VCTL (H)=3.0V, f=2GHz VCTL (H)=6.5V, f=2GHz f=2.0GHz f=0.05~2.2GHz, ON State fin =0.05~2.5GHz
27 26 28 -
Isolation 2
(PC-P1, PC-P2, P1-P2)
Maximum input power 1* Maximum input power 2* Maximum input power 3* Pin at 1dB compression point VSWR (PC, P1, P2) Switching time
ns
* Maximum input power: This value is defined as maximum input power of linear operating region or damage free operating region
-2-
NJG1533KB2
nTERMINAL INFORMATION No. 1 SYMBOL P1 DESCRIPTION RF port. This port is connected with PC port by controlling 4th pin (VCTL(H)) th to 2.5~6.5V and 6 pin(VCTL(L)) to -0.2~+0.2V. An external capacitor is required to block the DC bias voltage of internal circuit. (50~100MHz: 0.01uF, 0.1~0.5GHz: 1000pF, 0.5~2.5GHz: 56pF) Ground terminal. Please connect this terminal with ground plane as close as possible for excellent RF performance. RF port. This port is connected with PC port by controlling 6th pin (VCTL (H)) th to 2.5~6.5V and 4 pin(VCTL(L)) to -0.2~+0.2V. An external capacitor is required to block the DC bias voltage of internal circuit. (50~100MHz: 0.01uF, 0.1~0.5GHz: 1000pF, 0.5~2.5GHz: 56pF) Control port 2. The voltage of this port controls PC to P1 state. The `ON' and `OFF' state is toggled by controlling voltage of this terminal such as high-state (2.5~6.5V) or low-state (-0.2~+0.2V). The voltage of 6th pin have to be set to opposite state. The bypass capacitor has to be chosen to reduce switching time delay from 10pF~1000pF range. Common RF port. In order to block the DC bias voltage of internal circuit, an external capacitor is required. (50~100MHz:0.01uF, 0.1~0.5GHz: 1000pF, 0.5~2.5GHz: 56pF) Control port 1. The voltage of this port controls PC to P2 state. The `ON' and `OFF' state is toggled by controlling voltage of this terminal such as high-state (2.5~6.5V) or low-state (-0.2~+0.2V). The voltage of 4th pin have to be set to opposite state. The bypass capacitor has to be chosen to reduce switching time delay from 10pF~1000pF range.
2
GND
3
P2
4
VCTL2
5
PC
6
VCTL1
-3-
NJG1533KB2
nELECTRICAL CHARACTERISTICS
(f=0.1~3.0GHz, with Application circuit, Losses of external circuit are excluded)
PC-P1 Insertion Loss vs. Frequency
0
PC-P2 Insertion Loss vs. Frequency
0 (V =0V,V =2.7V,Pin=0dBm) (VCTL1=2.7V, VCTL2=0V, PIN=0dBm) CTL1 CTL2
(V (V
CTL1 CTL1
=2.7V,V =0V, V
CTL2 CTL2
=0V,Pin=0dBm) =2.7V, P =0dBm)
IN
-0.4 Insertion Loss (dB) Insertion Loss (dB) 0 0.5 1 1.5 2 2.5 3
-0.4
-0.8
-0.8
-1.2
-1.2
-1.6
-1.6
-2 Frequency (GHz)
-2 0 0.5 1 1.5 2 2.5 3 Frequency (GHz)
PC-P1 Isolation vs. Frequency
0 (V =0V,V =2.7V,Pin=0dBm) (VCTL1=2.7V, VCTL2=0V, PIN=0dBm) CTL1 CTL2 0
PC-P2 Isolation vs. Frequency
(V =2.7V,V =2.7V, PIN=0dBm) (VCTL1=0V, VCTL2CTL2=0V,Pin=0dBm) CTL1
-10
-10
Isolation (dB)
-20
Isolation (dB) 0 0.5 1 1.5 2 2.5 3
-20
-30
-30
-40
-40
-50 Frequency (GHz)
-50 0 0.5 1 1.5 2 2.5 3 Frequency (GHz)
PC-P1 VSWR vs. Frequency
3 (V =2.7V,V =0V,PC port) (VCTL1=0V, VCTL2=2.7V, PC port) CTL1 CTL2 3
P1-PC VSWR vs. Frequency
(V =2.7V,V =0V,P1 port) (VCTL1=0V, VCTL2=2.7V, P1 port) CTL1 CTL2
2.6
2.6
2.2 VSWR VSWR 1.8
2.2
1.8
1.4
1.4
1 0 0.5 1 1.5 2 2.5 3 Frequency (GHz)
1 0 0.5 1 1.5 2 2.5 3 Frequency (GHz)
-4-
NJG1533KB2
nELECTRICAL CHARACTERISTICS
(with application circuit, without DC Blocking Capacitor, Losses of external circuit are excluded) P2-PC VSWR vs. Frequency Input Power vs. Output Power,
3 (V =0V,V =2.7V,P2 port) (VCTL1=2.7V, VCTL2=0V, P2 port) CTL1 CTL2 35 2.6 30 2.2 VSWR Output Power (dBm)
Pout P-1dB P-1dB=30dBm
(VCTL(L) =0V, VCTL(H)=2.7V)
16
14
1.8
20
10
1.4
15
ICTL
8
1 0 0.5 1 1.5 2 2.5 3 Frequency (GHz)
10 10 15 20 25 Input Power (dBm) 30 35
6
Switching Speed
(VCTL (L)=0V, VCTL (H)=2.7V)
625mV VCTL 23.8ns RF
Insertion Loss vs. Ambient Temperature
1
(PC-P1 port,fin=1GHz,VCTL(L)=0V)
VCTL(H)=2.5V VCTL(H)=2.7V VCTL(H)=3.0V VCTL(H)=3.5V VCTL(H)=5.0V VCTL(H)=6.5V
0.8 Insertion Loss (dB)
100mV /div
0.6
0.4
Trig'd
0.2
-375mV -13.8nF 10ns/div 86.2nF
0 -50
0 50 Ambient Temperature o( C)
100
Isolation vs. Ambient Temperature
35
ICTL vs. Ambient Temperature
30 25
(PC-P1 port,fin=1GHz,VCTL(L)=0V)
(PC-P1 port,fin=1GHz,VCTL(L)=0V)
VCTL(H)=2.5V VCTL(H)=2.7V VCTL(H)=3.0V VCTL(H)=3.5V VCTL(H)=5.0V VCTL(H)=6.5V
Isolation (dB)
30
Control Current (uA)
20 15 10 5 0 -50
25
VCTL(H)=2.5V VCTL(H)=2.7V VCTL(H)=3.0V VCTL(H)=3.5V VCTL(H)=5.0V VCTL(H)=6.5V
20 -50
0 50 Ambient Temperature o(C)
100
0 50 Ambient Temperature o(C)
100
-5-
ICTL (uA)
25
12
NJG1533KB2
nELECTRICAL CHARACTERISTICS
(f=50~100MHz, with Application circuit (Parts list 1), Losses of PCB, connector and DC blocking capacitor are included)
PC-P1 Insertion Loss vs. Frequency
0
PC-P2 Insertion Loss vs. Frequency
0 (V =0V,V =2.7V,Pin=0dBm) (VCTL1=2.7V, VCTL2=0V, PIN=0dBm) CTL1 CTL2
(V(V CTL1=2.7V,VCTL2=0V,Pin=0dBm) CTL1=0V, VCTL2=2.7V, PIN=0dBm)
-0.4 Insertion Loss (dB) Insertion Loss (dB) 50 60 70 80 90 100
-0.4
-0.8
-0.8
-1.2
-1.2
-1.6
-1.6
-2 Frequency (MHz)
-2 50 60 70 80 90 100 Frequency (MHz)
PC-P1 Isolation vs. Frequency
0
PC-P2 Isolation vs. Frequency
0 (V =2.7V,V =0V,Pin=0dBm) (VCTL1=0V, VCTL2=2.7V, PIN=0dBm) CTL1 CTL2
(V(V CTL1=0V,VCTL2=2.7V,Pin=0dBm) CTL1=2.7V, VCTL2=0V, PIN=0dBm)
-10
-10
Isolation (dB)
-20
Isolation (dB) 50 60 70 80 90 100
-20
-30
-30
-40
-40
-50 Frequency (MHz)
-50 50 60 70 80 90 100 Frequency (MHz)
PC-P1 VSWR vs. Frequency
3 (V =2.7V,V =0V,PC port) (VCTL1=0V, VCTL2=2.7V, PC port) CTL1 CTL2 3
P1-PC,P2-PC VSWR vs. Frequency
(V =2.7V,V =0V,P1 port) (VCTL1=0V, VCTL2=2.7V, P1 port) CTL1 CTL2
2.6
2.6
2.2 VSWR VSWR 1.8
2.2
1.8
1.4
1.4
1 50 60 70 80 90 100 Frequency (MHz)
1 50 60 70 80 90 100 Frequency (MHz)
-6-
NJG1533KB2
nELECTRICAL CHARACTERISTICS
(f=100~500MHz, with Application circuit (Parts list 2), Losses of PCB, connector and DC blocking capacitor are included)
PC-P1 Insertion Loss vs. Frequency
0
PC-P2 Insertion Loss vs. Frequency
0 (V CTL1=0V,V VCTL2=0V, PIN=0dBm) (VCTL1=2.7V, CTL2=2.7V,Pin=0dBm)
(V(V CTL1=2.7V,VCTL2=0V,Pin=0dBm) CTL1=0V, VCTL2=2.7V, PIN=0dBm)
-0.4 Insertion Loss (dB) Insertion Loss (dB) 150 200 250 300 350 400 450 500
-0.4
-0.8
-0.8
-1.2
-1.2
-1.6
-1.6
-2 100
-2 100
150
200
250
300
350
400
450
500
Frequency (MHz)
Frequency (MHz)
PC-P1 Isolation vs. Frequency
0
PC-P2 Isolation vs. Frequency
0 (V =2.7V,V =0V,Pin=0dBm) (VCTL1=0V, VCTL2=2.7V, PIN=0dBm) CTL1 CTL2
(V(V CTL1=0V,VCTL2=2.7V,Pin=0dBm) CTL1=2.7V, VCTL2=0V, PIN=0dBm)
-10
-10
Isolation (dB)
-20
Isolation (dB) 150 200 250 300 350 400 450 500
-20
-30
-30
-40
-40
-50 100
-50 100
150
200
250
300
350
400
450
500
Frequency (MHz)
Frequency (MHz)
PC-P1 VSWR vs. Frequency
3 (V =2.7V,V =0V,PC port) (VCTL1=0V, VCTL2=2.7V, PC port) CTL1 CTL2 3
PC-P1,P2-PC VSWR vs. Frequency
(V =2.7V,V =0V,P1 port) (VCTL1=0V, VCTL2=2.7V, P1 port) CTL1 CTL2
2.6
2.6
2.2 VSWR VSWR 1.8
2.2
1.8
1.4
1.4
1 100
150
200
250
300
350
400
450
500
1 100
150
200
250
300
350
400
450
500
Frequency (MHz)
Frequency (MHz)
-7-
NJG1533KB2
nELECTRICAL CHARACTERISTICS
(f=0.1~3.0GHz, with Application circuit (Parts list 3), Losses of PCB, connector and DC blocking capacitor are included)
PC-P1 Insertion Loss vs. Frequency
0 (V =2.7V,V =0V,Pin=0dBm) (VCTL1=0V, VCTL2=2.7V, PIN=0dBm) CTL1 CTL2 0
PC-P2 Insertion Loss vs. Frequency
(V =0V,V =2.7V,Pin=0dBm) (VCTL1=2.7V, VCTL2=0V, PIN=0dBm) CTL1 CTL2
-0.4 Insertion Loss (dB) Insertion Loss (dB) 0 0.5 1 1.5 2 2.5 3
-0.4
-0.8
-0.8
-1.2
-1.2
-1.6
-1.6
-2 Frequency (GHz)
-2 0 0.5 1 1.5 2 2.5 3 Frequency (GHz)
PC-P1 Isolation vs. Frequency
0 (V =0V,V =2.7V,Pin=0dBm) (VCTL1=2.7V, VCTL2=0V, PIN=0dBm) CTL1 CTL2 0
PC-P2 Isolation vs. Frequency
(V =2.7V,V =0V,Pin=0dBm) (VCTL1=0V, VCTL2=2.7V, PIN=0dBm) CTL1 CTL2
-10
-10
Isolation (dB)
Isolation (dB)
-20
-20
-30
-30
-40
-40
-50 0 0.5 1 1.5 2 2.5 3 Frequency (GHz)
-50 0 0.5 1 1.5 2 2.5 3 Frequency (GHz)
PC-P1 VSWR vs. Frequency
3
P1-PC,P2-PC VSWR vs. Frequency
3
(V(V CTL1=2.7V,VCTL2=0V,PC port) CTL1=0V, VCTL2=2.7V, PC port)
(V(V CTL1=2.7V,VCTL2=0V,P1 port) CTL1=0V, VCTL2=2.7V, P1 port)
2.6
2.6
2.2 VSWR VSWR 1.8
2.2
1.8
1.4
1.4
1 0 0.5 1 1.5 2 2.5 3 Frequency (GHz)
1 0 0.5 1 1.5 2 2.5 3 Frequency (GHz)
-8-
NJG1533KB2
nELECTRICAL CHARACTERISTICS
(Losses of PCB, connector and DC blocking capacitor at each frequency.)
PCB Through Loss vs. Frequency
(Frequency:50MHz-100MHz) 0 0
PCB Through Loss vs. Frequency
(Frequency:100MHz-500MHz)
-0.4 Insertion Loss (dB) Insertion Loss (dB) 50 60 70 80 90 100
-0.4
-0.8
-0.8
-1.2
-1.2
-1.6
-1.6
-2 Frequency (MHz)
-2 100
150
200
250
300
350
400
450
500
Frequency (MHz)
PCB Through Loss vs. Frequency
(Frequency:100MHz-3GHz) 0
-0.4 Insertion Loss (dB)
-0.8
-1.2
-1.6
-2 0 0.5 1 1.5 2 2.5 3 Frequency (GHz)
-9-
NJG1533KB2
nAPPLICATION CIRCUIT Zo=50 P1 C1 2 Zo=50 P2 C2 NJG1533KB2 Parts List Parts number C1~C3 C4, C5 List 1 50~100MHz 0.01uF 10pF List 2 0.1~0.5GHz 1000pF 10pF List 3 0.5~2.5GHz 56pF 10pF Notes GRM36 MURATA GRM36 MURATA 3 4 5 C3 C4 VCTL2 (2.7V/0V) 1 6 C5 Zo=50 PC VCTL1 (0V/2.7V)
nRECOMMENDED PCB DESIGN (TOP VIEW)
C2 P2 C4 VCTL2
C1 C5 VCTL1 P1
PCB SIZE=19.4x14.0mm PCB: FR-4, t=0.2mm CAPACITOR: size 1005 STRIPLINE WIDTH=0.4mm
C3 PC
PRECAUTIONS [1] The DC blocking capacitors have to be placed at RF terminal of P1, P2 and PC. Please choose appropriate capacitance values to the application frequency. [2]To reduce stlipline influence on RF characteristics, please locate bypass capacitors (C4, C5) close to each terminals. [3]For good isolation, the GND terminal (2nd pin) must be placed possibly close to ground plane of substrate, and through holes for GND should be placed near by the pin connection.
- 10 -
NJG1533KB2
n PACKAGE OUTLINE (FLP6-B2)
2 .0 0.1
0 50 5 .7 .0 + .1 0 0 5 .0 .1 -0 5
6
5
4
1.70.1
1 05 .6 2 05 .6 3
0.2 0.2 2.10.1
0.1
+0 .1 0 -0 5 .2 .0
Lead material Lead surface finish Molding material UNIT Weight
: Copper : Solder plating : Epoxy resin : mm : 6.5mg
0.1
Cautions on using this product This product contains Gallium-Arsenide (GaAs) which is a harmful material. * Do NOT eat or put into mouth. * Do NOT dispose in fire or break up this product. * Do NOT chemically make gas or powder with this product. * To waste this product, please obey the relating law of your country. This product may be damaged with electric static discharge (ESD) or spike voltage. Please handle with care to avoid these damages.
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
- 11 -


▲Up To Search▲   

 
Price & Availability of NJG1533KB2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X