Part Number Hot Search : 
GBF08 0GD06 M6249 AAYP37 AN4107 H0009NL 00ETT GBPC40
Product Description
Full Text Search
 

To Download MTD20N03HDLD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MTD20N03HDL/D
Designer'sTM Data Sheet
MTD20N03HDL
Motorola Preferred Device
HDTMOS E-FET.TM High Density Power FET DPAK for Surface Mount
N-Channel Enhancement-Mode Silicon Gate
This advanced HDTMOS power FET is designed to withstand high energy in the avalanche and commutation modes. This new energy efficient design also offers a drain-to-source diode with a fast recovery time. Designed for low voltage, high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients. * Avalanche Energy Specified * Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode * Diode is Characterized for Use in Bridge Circuits * IDSS and VDS(on) Specified at Elevated Temperature * Surface Mount Package Available in 16 mm, 13-inch/2500 Unit Tape & Reel, Add T4 Suffix to Part Number MAXIMUM RATINGS (TC = 25C unless otherwise noted)
Rating Drain-Source Voltage Drain-Gate Voltage (RGS = 1.0 M) Gate-Source Voltage -- Continuous Gate-Source Voltage -- Non-Repetitive (tp 10 ms) Drain Current -- Continuous Drain Current -- Continuous @ 100C Drain Current -- Single Pulse (tp 10 s) Total Power Dissipation Derate above 25C Total Power Dissipation @ TC = 25C, when mounted with the minimum recommended pad size Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy -- Starting TJ = 25C (VDD = 25 Vdc, VGS = 5.0 Vdc, Peak IL = 20 Apk, L = 1.0 mH, RG = 25 ) Thermal Resistance -- Junction to Case Thermal Resistance -- Junction to Ambient Thermal Resistance -- Junction to Ambient, when mounted with the minimum recommended pad size Maximum Lead Temperature for Soldering Purposes, 1/8 from case for 10 seconds
TMOS POWER FET LOGIC LEVEL 20 AMPERES 30 VOLTS RDS(on) = 0.035 OHM
TM
D
G S
CASE 369A-13, Style 2 DPAK
Symbol VDSS VDGR VGS VGSM ID ID IDM PD
Value 30 30 15 20 20 16 60 74 0.6 1.75 - 55 to 150 200 1.67 100 71.4 260
Unit Vdc Vdc Vdc Vpk Adc Apk Watts W/C C mJ C/W
TJ, Tstg EAS RJC RJA RJA TL
C
Designer's Data for "Worst Case" Conditions -- The Designer's Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit curves -- representing boundaries on device characteristics -- are given to facilitate "worst case" design.
Designer's, E-FET, and HDTMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value. REV 2
(c) Motorola TMOS Motorola, Inc. 1999
Power MOSFET Transistor Device Data
1
MTD20N03HDL
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (VGS = 0 Vdc, ID = 250 Adc) Temperature Coefficient (Positive) Zero Gate Voltage Drain Current (VDS = 30 Vdc, VGS = 0 Vdc) (VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125C) Gate-Body Leakage Current (VGS = 15 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS (1) Gate Threshold Voltage (VDS = VGS, ID = 250 Adc) Threshold Temperature Coefficient (Negative) Static Drain-to-Source On-Resistance (VGS = 4.0 Vdc, ID = 10 Adc) (VGS = 5.0 Vdc, ID = 10 Adc) Drain-to-Source On-Voltage (VGS = 5.0 Vdc) (ID = 20 Adc) (ID = 10 Adc, TJ = 125C) Forward Transconductance (VDS = 5.0 Vdc, ID = 10 Adc) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance SWITCHING CHARACTERISTICS (2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge (See Figure 8) ( (VDS = 24 Vd , ID = 20 Adc, Vdc, Ad , VGS = 5.0 Vdc) Vdc, (VDD = 15 Vd ID = 20 Adc, Ad VGS = 5.0 Vdc, 5 0 Vdc RG = 9.1 ) ) td(on) tr td(off) tf QT Q1 Q2 Q3 SOURCE-DRAIN DIODE CHARACTERISTICS Forward On-Voltage (Cpk 2.0) (3) Reverse Recovery Time (See Figure 15) ( (IS = 20 Adc, VGS = 0 Vdc, Ad , Vd , dIS/dt = 100 A/s) Reverse Recovery Stored Charge INTERNAL PACKAGE INDUCTANCE Internal Drain Inductance (Measured from the drain lead 0.25 from package to center of die) Internal Source Inductance (Measured from the source lead 0.25 from package to source bond pad) (1) Pulse Test: Pulse Width 300 s, Duty Cycle 2%. (2) Switching characteristics are independent of operating junction temperature. (3) Reflects typical values. Cpk = Absolute Value of Spec (Spec-AVG/3.516 A). LD -- LS -- 7.5 -- 4.5 -- nH nH (IS = 20 Adc, VGS = 0 Vdc) (IS = 20 Adc, VGS = 0 Vdc, TJ = 125C) VSD -- -- trr ta tb QRR -- -- -- -- 0.95 0.87 33 23 10 33 1.1 -- -- -- -- -- C ns Vdc -- -- -- -- -- -- -- -- 13 212 23 84 13.4 3.0 7.3 6.0 20 238 40 140 18.9 -- -- -- nC ns (VDS = 25 Vdc, VGS = 0 Vdc, Vdc Vdc f = 1.0 MHz) Ciss Coss Crss -- -- -- 880 300 80 1260 420 150 pF (Cpk 2.0) (3) VGS(th) 1.0 -- (Cpk 2.0) (3) RDS(on) -- VDS(on) -- -- gFS 10 13 -- 0.55 -- 0.8 0.7 mhos 0.034 0.030 0.040 0.035 Vdc 1.5 5.0 2.0 -- Vdc mV/C Ohm (Cpk 2.0) (3) V(BR)DSS 30 -- IDSS -- -- IGSS -- -- 100 -- -- 10 100 nAdc -- 43 -- -- Vdc mV/C Adc Symbol Min Typ Max Unit
2
Motorola TMOS Power MOSFET Transistor Device Data
MTD20N03HDL
TYPICAL ELECTRICAL CHARACTERISTICS
40 TJ = 25C I D , DRAIN CURRENT (AMPS) 30 VGS = 10 V 8V 6V 5V 4.5 V 4V I D , DRAIN CURRENT (AMPS) 40 VDS 10 V
30
20 3.5 V 10 3V 2.5 V 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VDS, DRAIN-TO-SOURCE VOLTAGE (Volts)
20
10 100C 0 1.0 25C TJ = - 55C 1.4 1.8 2.2 2.6 3.0 3.4 3.8 4.2 4.6 5.0 VGS, GATE-TO-SOURCE VOLTAGE (Volts)
Figure 1. On-Region Characteristics
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS)
Figure 2. Transfer Characteristics
0.052 VGS = 5 V 0.044
0.036 TJ = 25C 0.032 VGS = 5 V
TJ = 100C
0.036 25C 0.028 - 55C 0.020 0 8 16 24 32 40 ID, DRAIN CURRENT (Amps)
0.028
0.024
10 V
0.020 0 8 16 24 32 40 ID, DRAIN CURRENT (Amps)
Figure 3. On-Resistance versus Drain Current and Temperature
Figure 4. On-Resistance versus Drain Current and Gate Voltage
R DS(on) , DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 - 50
VGS = 5 V ID = 10 A
1000 VGS = 0 V TJ = 125C I DSS, LEAKAGE (nA) 100 100C
10 25C
- 25
0
25
50
75
100
125
150
1
0
6
12
18
24
30
TJ, JUNCTION TEMPERATURE (C)
VDS, DRAIN-TO-SOURCE VOLTAGE (Volts)
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-To-Source Leakage Current versus Voltage
Motorola TMOS Power MOSFET Transistor Device Data
3
MTD20N03HDL
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted by recognizing that the power MOSFET is charge controlled. The lengths of various switching intervals (t) are determined by how fast the FET input capacitance can be charged by current from the generator. The published capacitance data is difficult to use for calculating rise and fall because drain-gate capacitance varies greatly with applied voltage. Accordingly, gate charge data is used. In most cases, a satisfactory estimate of average input current (IG(AV)) can be made from a rudimentary analysis of the drive circuit so that t = Q/IG(AV) During the rise and fall time interval when switching a resistive load, VGS remains virtually constant at a level known as the plateau voltage, VSGP. Therefore, rise and fall times may be approximated by the following: tr = Q2 x RG/(VGG - VGSP) tf = Q2 x RG/VGSP where VGG = the gate drive voltage, which varies from zero to VGG RG = the gate drive resistance and Q2 and VGSP are read from the gate charge curve. During the turn-on and turn-off delay times, gate current is not constant. The simplest calculation uses appropriate values from the capacitance curves in a standard equation for voltage change in an RC network. The equations are: td(on) = RG Ciss In [VGG/(VGG - VGSP)] td(off) = RG Ciss In (VGG/VGSP) The capacitance (Ciss) is read from the capacitance curve at a voltage corresponding to the off-state condition when calculating td(on) and is read at a voltage corresponding to the on-state when calculating td(off). At high switching speeds, parasitic circuit elements complicate the analysis. The inductance of the MOSFET source lead, inside the package and in the circuit wiring which is common to both the drain and gate current paths, produces a voltage at the source which reduces the gate drive current. The voltage is determined by Ldi/dt, but since di/dt is a function of drain current, the mathematical solution is complex. The MOSFET output capacitance also complicates the mathematics. And finally, MOSFETs have finite internal gate resistance which effectively adds to the resistance of the driving source, but the internal resistance is difficult to measure and, consequently, is not specified. The resistive switching time variation versus gate resistance (Figure 9) shows how typical switching performance is affected by the parasitic circuit elements. If the parasitics were not present, the slope of the curves would maintain a value of unity regardless of the switching speed. The circuit used to obtain the data is constructed to minimize common inductance in the drain and gate circuit loops and is believed readily achievable with board mounted components. Most power electronic loads are inductive; the data in the figure is taken with a resistive load, which approximates an optimally snubbed inductive load. Power MOSFETs may be safely operated into an inductive load; however, snubbing reduces switching losses.
2800 VDS = 0 V 2400 C, CAPACITANCE (pF) 2000 1600 1200 800 400 0 10 5 VGS 0 VDS Coss Crss 5 10 15 20 25 Crss Ciss Ciss VGS = 0 V TJ = 25C
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (Volts)
Figure 7. Capacitance Variation
4
Motorola TMOS Power MOSFET Transistor Device Data
MTD20N03HDL
VDS , DRAIN-TO-SOURCE VOLTAGE (VOLTS) VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 14 12 QT 10 8 6 Q1 4 2 Q3 0 0 2 4 6 8 10 VDS 12 QG, TOTAL GATE CHARGE (nC) Q2 8 ID = 20 A TJ = 25C 4 0 14 VGS 20 16 12 28 24 1000 VDD = 15 V ID = 20 A VGS = 5.0 V TJ = 25C t, TIME (ns) tr 100 tf
td(off) 10 td(on) 1 10 RG, GATE RESISTANCE (Ohms) 100
Figure 8. Gate-To-Source and Drain-To-Source Voltage versus Total Charge
Figure 9. Resistive Switching Time Variation versus Gate Resistance
DRAIN-TO-SOURCE DIODE CHARACTERISTICS
The switching characteristics of a MOSFET body diode are very important in systems using it as a freewheeling or commutating diode. Of particular interest are the reverse recovery characteristics which play a major role in determining switching losses, radiated noise, EMI and RFI. System switching losses are largely due to the nature of the body diode itself. The body diode is a minority carrier device, therefore it has a finite reverse recovery time, trr, due to the storage of minority carrier charge, QRR, as shown in the typical reverse recovery wave form of Figure 12. It is this stored charge that, when cleared from the diode, passes through a potential and defines an energy loss. Obviously, repeatedly forcing the diode through reverse recovery further increases switching losses. Therefore, one would like a diode with short trr and low QRR specifications to minimize these losses. The abruptness of diode reverse recovery effects the amount of radiated noise, voltage spikes, and current ringing. The mechanisms at work are finite irremovable circuit parasitic inductances and capacitances acted upon by high
20 I S , SOURCE CURRENT (AMPS) VGS = 0 V TJ = 25C
di/dts. The diode's negative di/dt during ta is directly controlled by the device clearing the stored charge. However, the positive di/dt during tb is an uncontrollable diode characteristic and is usually the culprit that induces current ringing. Therefore, when comparing diodes, the ratio of tb/ta serves as a good indicator of recovery abruptness and thus gives a comparative estimate of probable noise generated. A ratio of 1 is considered ideal and values less than 0.5 are considered snappy. Compared to Motorola standard cell density low voltage MOSFETs, high cell density MOSFET diodes are faster (shorter trr), have less stored charge and a softer reverse recovery characteristic. The softness advantage of the high cell density diode means they can be forced through reverse recovery at a higher di/dt than a standard cell MOSFET diode without increasing the current ringing or the noise generated. In addition, power dissipation incurred from switching the diode will be less due to the shorter recovery time and lower switching losses.
16
12
8
4 0 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.85 0.90 0.95 VSD, SOURCE-TO-DRAIN VOLTAGE (Volts)
1.0
Figure 10. Diode Forward Voltage versus Current
Motorola TMOS Power MOSFET Transistor Device Data
5
MTD20N03HDL
di/dt = 300 A/s Standard Cell Density trr High Cell Density trr tb ta
I S , SOURCE CURRENT
t, TIME
Figure 11. Reverse Recovery Time (trr)
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define the maximum simultaneous drain-to-source voltage and drain current that a transistor can handle safely when it is forward biased. Curves are based upon maximum peak junction temperature and a case temperature (TC) of 25C. Peak repetitive pulsed power limits are determined by using the thermal response data in conjunction with the procedures discussed in AN569, "Transient Thermal Resistance - General Data and Its Use." Switching between the off-state and the on-state may traverse any load line provided neither rated peak current (IDM) nor rated voltage (VDSS) is exceeded, and that the transition time (tr, tf) does not exceed 10 s. In addition the total power averaged over a complete switching cycle must not exceed (TJ(MAX) - TC)/(RJC). A power MOSFET designated E-FET can be safely used in switching circuits with unclamped inductive loads. For reliable operation, the stored energy from circuit inductance dissipated in the transistor while in avalanche must be less than the rated limit and must be adjusted for operating conditions differing from those specified. Although industry practice is to rate in terms of energy, avalanche energy capability is not a constant. The energy rating decreases non-linearly with an increase of peak current in avalanche and peak junction temperature. Although many E-FETs can withstand the stress of drain- to-source avalanche at currents up to rated pulsed current (IDM), the energy rating is specified at rated continuous current (ID), in accordance with industry custom. The energy rating must be derated for temperature as shown in the accompanying graph (Figure 13). Maximum energy at currents below rated continuous ID can safely be assumed to equal the values indicated.
100 VGS = 20 V SINGLE PULSE TC = 25C 100 s 10 1 ms 10 ms RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 1 0.1 1.0 10 dc EAS, SINGLE PULSE DRAIN-TO-SOURCE AVALANCHE ENERGY (mJ)
200 ID = 20 A 160
I D , DRAIN CURRENT (AMPS)
120
80
40
100
0
25
50
75
100
125
150
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
TJ, STARTING JUNCTION TEMPERATURE (C)
Figure 12. Maximum Rated Forward Biased Safe Operating Area
Figure 13. Maximum Avalanche Energy versus Starting Junction Temperature
6
Motorola TMOS Power MOSFET Transistor Device Data
MTD20N03HDL
TYPICAL ELECTRICAL CHARACTERISTICS
r(t), EFFECTIVE TRANSIENT THERMAL RESISTANCE (NORMALIZED) 1.0 D = 0.5 0.2 0.1 0.1 0.05 0.02 0.01 SINGLE PULSE 0.01 1.0E-05 t2 DUTY CYCLE, D = t1/t2 1.0E-03 1.0E-02 t, TIME (s) 1.0E-01 t1 P(pk) RJC(t) = r(t) RJC D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) RJC(t)
1.0E-04
1.0E+00
1.0E+01
Figure 14. Thermal Response
di/dt IS trr ta tb TIME tp IS 0.25 IS
Figure 15. Diode Reverse Recovery Waveform
Motorola TMOS Power MOSFET Transistor Device Data
7
MTD20N03HDL
INFORMATION FOR USING THE DPAK SURFACE MOUNT PACKAGE
RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to ensure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.165 4.191
0.100 2.54
0.118 3.0
0.063 1.6 0.190 4.826 0.243 6.172
inches mm
POWER DISSIPATION FOR A SURFACE MOUNT DEVICE
The power dissipation for a surface mount device is a function of the drain pad size. These can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA. Using the values provided on the data sheet, PD can be calculated as follows: PD = TJ(max) - TA RJA dissipation can be increased. Although one can almost double the power dissipation with this method, one will be giving up area on the printed circuit board which can defeat the purpose of using surface mount technology. For example, a graph of RJA versus drain pad area is shown in Figure 16.
RJA , THERMAL RESISTANCE, JUNCTION TO AMBIENT (C/W) 100 Board Material = 0.0625 G-10/FR-4, 2 oz Copper 1.75 Watts 80 TA = 25C 60 3.0 Watts 40 5.0 Watts 20 0
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device. For a DPAK device, PD is calculated as follows. PD = 150C - 25C = 1.75 Watts 71.4C/W The 71.4C/W for the DPAK package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 1.75 Watts. There are other alternatives to achieving higher power dissipation from the surface mount packages. One is to increase the area of the drain pad. By increasing the area of the drain pad, the power
2
4 6 A, AREA (SQUARE INCHES)
8
10
Figure 16. Thermal Resistance versus Drain Pad Area for the DPAK Package (Typical) Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
8
Motorola TMOS Power MOSFET Transistor Device Data
MTD20N03HDL
SOLDER STENCIL GUIDELINES
Prior to placing surface mount components onto a printed circuit board, solder paste must be applied to the pads. Solder stencils are used to screen the optimum amount. These stencils are typically 0.008 inches thick and may be made of brass or stainless steel. For packages such as the SC-59, SC-70/SOT-323, SOD-123, SOT-23, SOT-143, SOT-223, SO-8, SO-14, SO-16, and SMB/SMC diode packages, the stencil opening should be the same as the pad size or a 1:1 registration. This is not the case with the DPAK and D2PAK packages. If one uses a 1:1 opening to screen solder onto the drain pad, misalignment and/or "tombstoning" may occur due to an excess of solder. For these two packages, the opening in the stencil for the paste should be approximately 50% of the tab area. The opening for the leads is still a 1:1 registration. Figure 17 shows a typical stencil for the DPAK and D2PAK packages. The pattern of the opening in the stencil for the drain pad is not critical as long as it allows approximately 50% of the pad to be covered with paste.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds.
Motorola TMOS Power MOSFET Transistor Device Data
CCCCCCCC CCCCCCCC CC CCCCCCCC CC CCCCCCCC CCCCCC
SOLDER PASTE OPENINGS
STENCIL
Figure 17. Typical Stencil for DPAK and D2PAK Packages
* When shifting from preheating to soldering, the maximum * After soldering has been completed, the device should be
allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. * Due to shadowing and the inability to set the wave height to incorporate other surface mount components, the D2PAK is not recommended for wave soldering. temperature gradient shall be 5C or less.
9
MTD20N03HDL
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control settings that will give the desired heat pattern. The operator must set temperatures for several heating zones, and a figure for belt speed. Taken together, these control settings make up a heating "profile" for that particular circuit board. On machines controlled by a computer, the computer remembers these profiles from one operating session to the next. Figure 18 shows a typical heating profile for use when soldering a surface mount device to a printed circuit board. This profile will vary among soldering systems but it is a good starting point. Factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. This profile shows temperature versus time. The line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. The two profiles are based on a high density and a low density board. The Vitronics SMD310 convection/infrared reflow soldering system was used to generate this profile. The type of solder used was 62/36/2 Tin Lead Silver with a melting point between 177 -189C. When this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. The components on the board are then heated by conduction. The circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints.
STEP 1 PREHEAT ZONE 1 "RAMP" 200C
STEP 2 STEP 3 VENT HEATING "SOAK" ZONES 2 & 5 "RAMP"
DESIRED CURVE FOR HIGH MASS ASSEMBLIES 150C
STEP 5 STEP 4 HEATING HEATING ZONES 3 & 6 ZONES 4 & 7 "SPIKE" "SOAK" 170C 160C
STEP 6 VENT
STEP 7 COOLING 205 TO 219C PEAK AT SOLDER JOINT
150C SOLDER IS LIQUID FOR 40 TO 80 SECONDS (DEPENDING ON MASS OF ASSEMBLY)
100C 100C
140C
DESIRED CURVE FOR LOW MASS ASSEMBLIES 50C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
Figure 18. Typical Solder Heating Profile
10
Motorola TMOS Power MOSFET Transistor Device Data
MTD20N03HDL
PACKAGE DIMENSIONS
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.250 0.250 0.265 0.086 0.094 0.027 0.035 0.033 0.040 0.037 0.047 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.175 0.215 0.020 0.050 0.020 --- 0.030 0.050 0.138 --- MILLIMETERS MIN MAX 5.97 6.35 6.35 6.73 2.19 2.38 0.69 0.88 0.84 1.01 0.94 1.19 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.45 5.46 0.51 1.27 0.51 --- 0.77 1.27 3.51 ---
-T- B V R
4
SEATING PLANE
C E
A S
1 2 3
Z U
K F L D G
2 PL
J H 0.13 (0.005) T
STYLE 2: PIN 1. 2. 3. 4. GATE DRAIN SOURCE DRAIN
DIM A B C D E F G H J K L R S U V Z
M
CASE 369A-13 ISSUE Z
Motorola TMOS Power MOSFET Transistor Device Data
11
MTD20N03HDL
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 2, Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong. - http://sps.motorola.com/mfax/ 852-26668334 HOME PAGE: http://motorola.com/sps/ JAPAN: Motorola Japan Ltd.; SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan. 81-3-5487-8488
12
MTD20N03HDL/D Motorola TMOS Power MOSFET Transistor Device Data


▲Up To Search▲   

 
Price & Availability of MTD20N03HDLD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X