Part Number Hot Search : 
MC12060 P75N08 CXP5080 SP6829TR LC503 MH205 200CT T9G01812
Product Description
Full Text Search
 

To Download MTB50N06VLD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MTB50N06VL/D
Designer'sTM Data Sheet
TMOS VTM Power Field Effect Transistor D2PAK for Surface Mount
TMOS V is a new technology designed to achieve an on-resistance area product about one-half that of standard MOSFETs. This new technology more than doubles the present cell density of our 50 and 60 volt TMOS devices. Just as with our TMOS E-FET designs, TMOS V is designed to withstand high energy in the avalanche and commutation modes. Designed for low voltage, high speed switching applications in power supplies, converters and power motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients. New Features of TMOS V * On-resistance Area Product about One-half that of Standard MOSFETs with New Low Voltage, Low RDS(on) Technology * Faster Switching than E-FET Predecessors Features Common to TMOS V and TMOS E-FETs * Avalanche Energy Specified * IDSS and VDS(on) Specified at Elevated Temperature * Static Parameters are the Same for both TMOS V and TMOS E-FET * Surface Mount Package Available in 16 mm 13-inch/2500 Unit Tape & Reel, Add T4 Suffix to Part Number MAXIMUM RATINGS (TC = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Drain-to-Gate Voltage (RGS = 1.0 M) Gate-to-Source Voltage -- Continuous Gate-Source Voltage -- Non-Repetitive (tp 10 ms) Drain Current -- Continuous @ 25C Drain Current -- Continuous @ 100C Drain Current -- Single Pulse (tp 10 s) Total Power Dissipation @ 25C Derate above 25C Total Power Dissipation @ TA = 25C (1) Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy -- STARTING TJ = 25C (VDD = 25 Vdc, VGS = 5 Vdc, PEAK IL = 42 Apk, L = 0.3 mH, RG = 25 ) Thermal Resistance -- Junction to Case Thermal Resistance -- Junction to Ambient Thermal Resistance -- Junction to Ambient (1)
MTB50N06VL
Motorola Preferred Device
N-Channel Enhancement-Mode Silicon Gate
TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.032 OHM
TM
D
G S CASE 418B-02, Style 2 D2PAK
Symbol VDSS VDGR VGS VGSM ID ID IDM PD
Value 60 60 15 20 42 30 147 125 0.83 3.0 - 55 to 175 265 1.2 62.5 50 260
Unit Vdc Vdc Vdc Vpk Adc Apk Watts W/C Watts C mJ C/W
TJ, Tstg EAS RJC RJA RJA TL
Maximum Lead Temperature for Soldering Purposes, 1/8 from Case for 10 seconds (1) When surface mounted to an FR4 board using the minimum recommended pad size.
C
Designer's Data for "Worst Case" Conditions -- The Designer's Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit curves -- representing boundaries on device characteristics -- are given to facilitate "worst case" design.
Designer's is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 2
Motorola TMOS (c) Motorola, Inc. 1996 Power
MOSFET Transistor Device Data
1
MTB50N06VL
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (VGS = 0 Vdc, ID = .25 mAdc) Temperature Coefficient (Positive) Zero Gate Voltage Drain Current (VDS = 60 Vdc, VGS = 0 Vdc) (VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150C) Gate-Body Leakage Current (VGS = 15 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS (1) Gate Threshold Voltage (VDS = VGS, ID = 250 Adc) Threshold Temperature Coefficient (Negative) Static Drain-to-Source On-Resistance (VGS = 5 Vdc, ID = 21 Adc) Drain-to-Source On-Voltage (VGS = 5 Vdc, ID = 42 Adc) (VGS = 5 Vdc, ID = 21 Adc, TJ = 150C) Forward Transconductance (VDS = 6 Vdc, ID = 20 Adc) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance SWITCHING CHARACTERISTICS (2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge (See Figure 8) (VDS = 48 Vdc, ID = 42 Adc, VGS = 5 Vdc) (VDD = 30 Vdc, ID = 42 Adc, VGS = 5 Vdc, RG = 9.1 ) td(on) tr td(off) tf QT Q1 Q2 Q3 SOURCE-DRAIN DIODE CHARACTERISTICS Forward On-Voltage (IS = 42 Adc, VGS = 0 Vdc) (IS = 42 Adc, VGS = 0 Vdc, TJ = 150C) VSD -- -- trr (IS = 42 Adc, VGS = 0 Vdc, dIS/dt = 100 A/s) Reverse Recovery Stored Charge INTERNAL PACKAGE INDUCTANCE Internal Drain Inductance (Measured from contact screw on tab to center of die) (Measured from the drain lead 0.25 from package to center of die) Internal Source Inductance (Measured from the source lead 0.25 from package to source bond pad) (1) Pulse Test: Pulse Width 300 s, Duty Cycle 2%. (2) Switching characteristics are independent of operating junction temperature. LD -- -- LS -- 7.5 -- 3.5 4.5 -- -- nH nH ta tb QRR -- -- -- -- 1.03 0.94 91.1 63.8 27.3 0.299 2.5 -- -- -- -- -- C ns Vdc -- -- -- -- -- -- -- -- 16 355 80 160 40 11 20 16 30 701 160 320 60 -- -- -- nC ns (VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Ciss Coss Crss -- -- -- 1570 508 135 2200 710 270 pF VGS(th) 1.0 -- RDS(on) VDS(on) -- -- gFS 17 -- -- 28 1.6 1.5 -- Mhos -- 1.4 4.3 0.025 2.0 -- 0.032 Vdc mV/C Ohms Vdc V(BR)DSS 60 -- IDSS -- -- IGSS -- -- -- -- 10 100 100 nAdc -- 64 -- -- Vdc mV/C Adc Symbol Min Typ Max Unit
Reverse Recovery Time
2
Motorola TMOS Power MOSFET Transistor Device Data
MTB50N06VL
TYPICAL ELECTRICAL CHARACTERISTICS
90 80 I D , DRAIN CURRENT (AMPS) 70 60 50 40 30 20 10 0 0 0.5 1 1.5 2 2.5 3 3V 6V TJ = 25C 8V 7V 4V VGS = 10 V 5V 80 I D , DRAIN CURRENT (AMPS) 70 60 50 40 30 20 10 0 0 1 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) 2 3 4 5 6 90 VDS 10 V TJ = -55C 25C 100C
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS)
Figure 2. Transfer Characteristics
0.06 VGS = 5 V 0.05 0.04 0.03 0.02 0.01 0 0 9 18 36 45 54 63 27 ID, DRAIN CURRENT (AMPS) 72 81 90 TJ = 100C
0.04 0.035 0.03 0.025 0.02 0.015 0.01 0.005 0 0 10 20 40 50 30 60 ID, DRAIN CURRENT (AMPS) 70 80 90 TJ = 25C
VGS = 5 V 10 V
25C - 55C
Figure 3. On-Resistance versus Drain Current and Temperature
Figure 4. On-Resistance versus Drain Current and Gate Voltage
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 - 50 - 25 0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (C) 150 175 VGS = 5 V ID = 21 A I DSS , LEAKAGE (nA)
1000 VGS = 0 V
TJ = 125C 100
100C
10
0
10 20 40 50 30 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
60
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-To-Source Leakage Current versus Voltage
Motorola TMOS Power MOSFET Transistor Device Data
3
MTB50N06VL
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted by recognizing that the power MOSFET is charge controlled. The lengths of various switching intervals (t) are determined by how fast the FET input capacitance can be charged by current from the generator. The published capacitance data is difficult to use for calculating rise and fall because drain-gate capacitance varies greatly with applied voltage. Accordingly, gate charge data is used. In most cases, a satisfactory estimate of average input current (IG(AV)) can be made from a rudimentary analysis of the drive circuit so that t = Q/IG(AV) During the rise and fall time interval when switching a resistive load, VGS remains virtually constant at a level known as the plateau voltage, VSGP. Therefore, rise and fall times may be approximated by the following: tr = Q2 x RG/(VGG - VGSP) tf = Q2 x RG/VGSP where VGG = the gate drive voltage, which varies from zero to VGG RG = the gate drive resistance and Q2 and VGSP are read from the gate charge curve. During the turn-on and turn-off delay times, gate current is not constant. The simplest calculation uses appropriate values from the capacitance curves in a standard equation for voltage change in an RC network. The equations are: td(on) = RG Ciss In [VGG/(VGG - VGSP)] td(off) = RG Ciss In (VGG/VGSP)
6000 5000 C, CAPACITANCE (pF) 4000 3000 2000 1000 VDS = 0 V 0 10 5 VGS 0 VDS 5 10 15 20 25 Ciss Coss Crss Ciss
The capacitance (Ciss) is read from the capacitance curve at a voltage corresponding to the off-state condition when calculating td(on) and is read at a voltage corresponding to the on-state when calculating td(off). At high switching speeds, parasitic circuit elements complicate the analysis. The inductance of the MOSFET source lead, inside the package and in the circuit wiring which is common to both the drain and gate current paths, produces a voltage at the source which reduces the gate drive current. The voltage is determined by Ldi/dt, but since di/dt is a function of drain current, the mathematical solution is complex. The MOSFET output capacitance also complicates the mathematics. And finally, MOSFETs have finite internal gate resistance which effectively adds to the resistance of the driving source, but the internal resistance is difficult to measure and, consequently, is not specified. The resistive switching time variation versus gate resistance (Figure 9) shows how typical switching performance is affected by the parasitic circuit elements. If the parasitics were not present, the slope of the curves would maintain a value of unity regardless of the switching speed. The circuit used to obtain the data is constructed to minimize common inductance in the drain and gate circuit loops and is believed readily achievable with board mounted components. Most power electronic loads are inductive; the data in the figure is taken with a resistive load, which approximates an optimally snubbed inductive load. Power MOSFETs may be safely operated into an inductive load; however, snubbing reduces switching losses.
VGS = 0 V
TJ = 25C
Crss
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
4
Motorola TMOS Power MOSFET Transistor Device Data
MTB50N06VL
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 12 QT 10 8 6 Q1 4 2 0 Q2 TJ = 25C ID = 42 A Q3 0 10 20 VDS 30 40 10 5 0 50 VGS 25 20 15 30 1000 TJ = 25C ID = 42 A VDD = 30 V VGS = 5 V t, TIME (ns) 100 tr tf td(off) VDS , DRAIN-TO-SOURCE VOLTAGE (VOLTS)
10
td(on)
1 1 10 RG, GATE RESISTANCE (OHMS) 100
QT, TOTAL CHARGE (nC)
Figure 8. Gate-To-Source and Drain-To-Source Voltage versus Total Charge
Figure 9. Resistive Switching Time Variation versus Gate Resistance
DRAIN-TO-SOURCE DIODE CHARACTERISTICS
25 TJ = 25C VGS = 0 V I S , SOURCE CURRENT (AMPS) 20
15
10
5
0 0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage versus Current
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define the maximum simultaneous drain-to-source voltage and drain current that a transistor can handle safely when it is forward biased. Curves are based upon maximum peak junction temperature and a case temperature (TC) of 25C. Peak repetitive pulsed power limits are determined by using the thermal response data in conjunction with the procedures discussed in AN569, "Transient Thermal Resistance-General Data and Its Use." Switching between the off-state and the on-state may traverse any load line provided neither rated peak current (IDM) nor rated voltage (VDSS) is exceeded and the transition time (tr,tf) do not exceed 10 s. In addition the total power averaged over a complete switching cycle must not exceed (TJ(MAX) - TC)/(RJC). A Power MOSFET designated E-FET can be safely used in switching circuits with unclamped inductive loads. For reliable operation, the stored energy from circuit inductance dissipated in the transistor while in avalanche must be less than the rated limit and adjusted for operating conditions differing from those specified. Although industry practice is to rate in terms of energy, avalanche energy capability is not a constant. The energy rating decreases non-linearly with an increase of peak current in avalanche and peak junction temperature. Although many E-FETs can withstand the stress of drain-to-source avalanche at currents up to rated pulsed current (I DM ), the energy rating is specified at rated continuous current (ID), in accordance with industry custom. The energy rating must be derated for temperature as shown in the accompanying graph (Figure 12). Maximum energy at currents below rated continuous ID can safely be assumed to equal the values indicated.
Motorola TMOS Power MOSFET Transistor Device Data
5
MTB50N06VL
SAFE OPERATING AREA
1000 I D , DRAIN CURRENT (AMPS) VGS = 20 V SINGLE PULSE TC = 25C 300 E , SINGLE PULSE DRAIN-TO-SOURCE AS AVALANCHE ENERGY (mJ) RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 10 s ID = 42 A 250 200 150 100 50 0 25 150 50 75 100 125 TJ, STARTING JUNCTION TEMPERATURE (C) 175
100
10
100 s 1 ms 10 ms dc
1 0.1 1 10 100 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 11. Maximum Rated Forward Biased Safe Operating Area
Figure 12. Maximum Avalanche Energy versus Starting Junction Temperature
1.00 D = 0.5 r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE 0.2 0.1 0.10 0.02 0.01 SINGLE PULSE t2 DUTY CYCLE, D = t1/t2 0.01 1.0E-05 1.0E-04 1.0E-03 1.0E-02 t, TIME (s) 1.0E-01 t1 0.05 P(pk)
RJC(t) = r(t) RJC D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) RJC(t)
1.0E+00
1.0E+01
Figure 13. Thermal Response
3 PD, POWER DISSIPATION (WATTS) 2.5 2.0 1.5 1 0.5 0
RJA = 50C/W Board material = 0.065 mil FR-4 Mounted on the minimum recommended footprint Collector/Drain Pad Size 450 mils x 350 mils
di/dt IS trr ta tb TIME tp IS 0.25 IS
25
50
75
100
125
150
175
TA, AMBIENT TEMPERATURE (C)
Figure 14. Diode Reverse Recovery Waveform
Figure 15. D2PAK Power Derating Curve
6
Motorola TMOS Power MOSFET Transistor Device Data
MTB50N06VL
INFORMATION FOR USING THE D2PAK SURFACE MOUNT PACKAGE
RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to ensure proper solder connection interface
0.33 8.38
between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.42 10.66
0.08 2.032 0.04 1.016 0.12 3.05 0.63 17.02
0.24 6.096
inches mm
POWER DISSIPATION FOR A SURFACE MOUNT DEVICE
The power dissipation for a surface mount device is a function of the drain pad size. These can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA. Using the values provided on the data sheet, PD can be calculated as follows: PD = TJ(max) - TA RJA dissipation can be increased. Although one can almost double the power dissipation with this method, one will be giving up area on the printed circuit board which can defeat the purpose of using surface mount technology. For example, a graph of RJA versus drain pad area is shown in Figure 16.
RJA , THERMAL RESISTANCE, JUNCTION TO AMBIENT (C/W) 70 Board Material = 0.0625 G-10/FR-4, 2 oz Copper 60 50 3.5 Watts 40 30 20 5 Watts 2.5 Watts TA = 25C
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device. For a D2PAK device, PD is calculated as follows. PD = 175C - 25C = 3.0 Watts 50C/W The 50C/W for the D2PAK package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 3.0 Watts. There are other alternatives to achieving higher power dissipation from the surface mount packages. One is to increase the area of the drain pad. By increasing the area of the drain pad, the power
0
2
4 6 8 10 A, AREA (SQUARE INCHES)
12
14
16
Figure 16. Thermal Resistance versus Drain Pad Area for the D2PAK Package (Typical) Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
Motorola TMOS Power MOSFET Transistor Device Data
7
MTB50N06VL
Figure 17. Typical Stencil for DPAK and D2PAK Packages
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds.
* When shifting from preheating to soldering, the maximum * After soldering has been completed, the device should be
allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. * Due to shadowing and the inability to set the wave height to incorporate other surface mount components, the D2PAK is not recommended for wave soldering. temperature gradient shall be 5C or less.
8
Motorola TMOS Power MOSFET Transistor Device Data
CC CC CC CC
Prior to placing surface mount components onto a printed circuit board, solder paste must be applied to the pads. Solder stencils are used to screen the optimum amount. These stencils are typically 0.008 inches thick and may be made of brass or stainless steel. For packages such as the SC-59, SC-70/SOT-323, SOD-123, SOT-23, SOT-143, SOT-223, SO-8, SO-14, SO-16, and SMB/SMC diode packages, the stencil opening should be the same as the pad size or a 1:1 registration. This is not the case with the DPAK and D2PAK packages. If one uses a 1:1 opening to screen solder onto the drain pad, misalignment and/or "tombstoning" may occur due to an excess of solder. For these two packages, the opening in the stencil for the paste should be approximately 50% of the tab area. The opening for the leads is still a 1:1 registration. Figure 17 shows a typical stencil for the DPAK and D2PAK packages. The pattern of the opening in the stencil for the drain pad is not critical as long as it allows approximately 50% of the pad to be covered with paste.
CCCCC C CCCCC C CCCCC C CCC C CCCCC CCC CCCCC C CCCCC C CCCCC C CCC
SOLDER STENCIL GUIDELINES
CC CC CC CC CC CC CC CC CC
SOLDER PASTE OPENINGS
STENCIL
MTB50N06VL
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control settings that will give the desired heat pattern. The operator must set temperatures for several heating zones, and a figure for belt speed. Taken together, these control settings make up a heating "profile" for that particular circuit board. On machines controlled by a computer, the computer remembers these profiles from one operating session to the next. Figure 18 shows a typical heating profile for use when soldering a surface mount device to a printed circuit board. This profile will vary among soldering systems but it is a good starting point. Factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. This profile shows temperature versus time. The line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. The two profiles are based on a high density and a low density board. The Vitronics SMD310 convection/infrared reflow soldering system was used to generate this profile. The type of solder used was 62/36/2 Tin Lead Silver with a melting point between 177 -189C. When this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. The components on the board are then heated by conduction. The circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints.
STEP 1 PREHEAT ZONE 1 "RAMP" 200C
STEP 2 STEP 3 VENT HEATING "SOAK" ZONES 2 & 5 "RAMP"
STEP 4 STEP 5 HEATING HEATING ZONES 3 & 6 ZONES 4 & 7 "SOAK" "SPIKE" 170C 160C
STEP 6 VENT
STEP 7 COOLING
DESIRED CURVE FOR HIGH MASS ASSEMBLIES 150C
205 TO 219C PEAK AT SOLDER JOINT
150C 100C 100C DESIRED CURVE FOR LOW MASS ASSEMBLIES 50C 140C
SOLDER IS LIQUID FOR 40 TO 80 SECONDS (DEPENDING ON MASS OF ASSEMBLY)
TIME (3 TO 7 MINUTES TOTAL)
TMAX
Figure 18. Typical Solder Heating Profile
Motorola TMOS Power MOSFET Transistor Device Data
9
MTB50N06VL
PACKAGE DIMENSIONS
C E B
4
V
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. STYLE 2: PIN 1. 2. 3. 4. INCHES MIN MAX 0.340 0.380 0.380 0.405 0.160 0.190 0.020 0.035 0.045 0.055 0.100 BSC 0.080 0.110 0.018 0.025 0.090 0.110 0.575 0.625 0.045 0.055 MILLIMETERS MIN MAX 8.64 9.65 9.65 10.29 4.06 4.83 0.51 0.89 1.14 1.40 2.54 BSC 2.03 2.79 0.46 0.64 2.29 2.79 14.60 15.88 1.14 1.40
A
1 2 3
S
GATE DRAIN SOURCE DRAIN
-T-
SEATING PLANE
K G D 3 PL 0.13 (0.005) H
M
J
DIM A B C D E G H J K S V
T
CASE 418B-02 ISSUE B
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
10
Motorola TMOS Power MOSFET Transistor Device Data MTB50N06VL/D
*MTB50N06VL/D*


▲Up To Search▲   

 
Price & Availability of MTB50N06VLD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X