Part Number Hot Search : 
HCT138 SZ6516 2450BL 76400003 0ETTT UPG2179T 259613 2560G
Product Description
Full Text Search
 

To Download MM74C00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74C00 * MM74C02 * MM74C04 Quad 2-Input NAND Gate * Quad 2-Input NOR Gate * Hex Inverter
October 1987 Revised May 2002
MM74C00 * MM74C02 * MM74C04 Quad 2-Input NAND Gate * Quad 2-Input NOR Gate * Hex Inverter
General Description
The MM74C00, MM74C02, and MM74C04 logic gates employ complementary MOS (CMOS) to achieve wide power supply operating range, low power consumption, high noise immunity and symmetric controlled rise and fall times. With features such as this the 74C logic family is close to ideal for use in digital systems. Function and pin out compatibility with series 74 devices minimizes design time for those designers already familiar with the standard 74 logic family. All inputs are protected from damage due to static discharge by diode clamps to VCC and GND.
Features
s Wide supply voltage range: 3V to 15V s Guaranteed noise margin: 1V s High noise immunity: 0.45 VCC (typ.) s Low power consumption: 10 nW/package (typ.) s Low power: TTL compatibility: Fan out of 2 driving 74L
Ordering Code:
Order Number MM74C00M MM74C00N MM74C02N MM74C04M MM74C04N Package Number M14A N14A N14A M14A N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Connection Diagrams
MM74C00 MM74C02
Top View MM74C04
Top View
Top View (c) 2002 Fairchild Semiconductor Corporation DS005877 www.fairchildsemi.com
MM74C00 * MM74C02 * MM74C04
Absolute Maximum Ratings(Note 1)
Voltage at Any Pin Operating Temperature Range Storage Temperature Range Operating VCC Range Maximum VCC Voltage Power Dissipation (PD) Dual-In-Line Small Outline Lead Temperature (Soldering, 10 seconds) 300C 700 mW 500 mW
-0.3V to VCC + 0.3V -55C to +125C -65C to +150C
3.0V to 15V 18V
Note 1: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. Except for "Operating Temperature Range" they are not meant to imply that the devices should be operated at these limits. The table of "Electrical Characteristics" provides conditions for actual device operation.
DC Electrical Characteristics
Min/Max limits apply across the guaranteed temperature range unless otherwise noted Symbol Parameter Conditions CMOS TO CMOS VIN(1) VIN(0) VOUT(1) VOUT(0) IIN(1) IIN(0) ICC VIN(1) VIN(0) VOUT(1) VOUT(0) VIN(1) VIN(0) VOUT(1) VOUT(0) ISOURCE ISOURCE ISINK ISINK Logical "1" Input Voltage Logical "0" Input Voltage Logical "1" Output Voltage Logical "0" Output Voltage Logical "1" Input Current Logical "0" Input Current Supply Current Logical "1" Input Voltage Logical "0" Input Voltage Logical "1" Output Voltage Logical "0" Output Voltage Logical "1" Input Voltage Logical "0" Input Voltage Logical "1" Output Voltage Logical "0" Output Voltage Output Source Current Output Source Current Output Sink Current Output Sink Current VCC = 5.0V VCC = 10V VCC = 5.0V VCC = 10V VCC = 5.0V, IO = -10 A VCC = 10V, IO = -10 A VCC = 5.0V, IO = 10 A VCC = 10V, IO = 10 A VCC = 15V, VIN = 15V VCC = 15V, VIN = 0V VCC = 15V 74C, VCC = 4.75V 74C, VCC = 4.75V 74C, VCC = 4.75V, IO = -10 A 74C, VCC = 4.75V, IO = 10 A 74C, VCC = 4.75V 74C, VCC = 4.75V 74C, VCC = 4.75V, IO = -360 A 74C, VCC = 4.75V, IO = 360 A VCC = 5.0V, VIN(0) = 0V, VOUT = 0V VCC = 10V, VIN(0) = 0V, VOUT = 0V VCC = 5.0V, VIN(1) = 5.0V, VOUT = VCC VCC = 10V, VIN(1) = 10V, VOUT = VCC -1.75 -8.0 1.75 8.0 2.4 0.4 4.0 1.0 4.4 0.4 VCC - 1.5 0.8 -1.0 0.005 -0.005 0.01 15 4.5 9.0 0.5 1.0 1.0 3.5 8.0 1.5 2.0 V V V V A A A V V V V V V V V mA mA mA mA Min Typ Max Units
LOW POWER TO CMOS
CMOS TO LOW POWER
OUTPUT DRIVE (see Family Characteristics Data Sheet) TA = 25C (short circuit current)
AC Electrical Characteristics
TA = 25C, CL = 50 pF, unless otherwise specified Symbol tpd0, tpd1 CIN CPD Parameter Propagation Delay Time to Logical "1" or "0" Input Capacitance Power Dissipation Capacitance MM74C00, MM74C02, MM74C04
(Note 2)
Conditions VCC = 5.0V VCC = 10V (Note 3) Per Gate or Inverter (Note 4) Min Typ 50 30 6.0 12 Max 90 60 Units
ns pF pF
Note 2: AC Parameters are guaranteed by DC correlated testing. Note 3: Capacitance is guaranteed by periodic testing. Note 4: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics Application Note--AN-90.
www.fairchildsemi.com
2
MM74C00 * MM74C02 * MM74C04
Typical Performance Characteristics
Gate Transfer Characteristics Propagation Delay vs. Ambient Temperature MM74C00, MM74C02, MM74C04
Guaranteed Noise Margin Over Temperature vs. VCC
Propagation Delay vs. Ambient Temperature MM74C00, MM74C02, MM74C04
Power Dissipation vs. Frequency MM74C00, MM74C02, MM74C04
Propagation Delay Time vs. Load Capacitance MM74C00, MM74C02, MM74C04
3
www.fairchildsemi.com
MM74C00 * MM74C02 * MM74C04
Switching Time Waveforms and AC Test Circuit
CMOS to CMOS
Delays measured with input tr, tf 20 ns.
www.fairchildsemi.com
4
MM74C00 * MM74C02 * MM74C04
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M14A
5
www.fairchildsemi.com
MM74C00 * MM74C02 * MM74C04 Quad 2-Input NAND Gate * Quad 2-Input NOR Gate * Hex Inverter
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MM74C00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X