Part Number Hot Search : 
NSSU100 96KFKE SMAB36 43223 TG320 H26N60Q MM5Z33V LTC4413
Product Description
Full Text Search
 

To Download MLN2037F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MLN2037F
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI MLN2037F is Designed for Class A Linear Applications up to 2.0 GHz.
PACKAGE STYLE .250 2L FLG
A OD C E .060 x 45 CHAMFER
FEATURES:
* Class A Operation * PG = 5.0 dB at 5.0 W/2.0 GHz * OmnigoldTM Metalization System * Common Emitter
DIM
B
G L
H J
F I K M NP
MINIMUM
inches / mm
MAXIMUM
inches / mm
MAXIMUM RATINGS
IC VCB VCE PDISS TJ TSTG JC 10 A 60 V 35 V 140 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 5.5 C/W
A B C D E F G H I J K L M N P
.028 / 0.71 .740 / 18.80 .245 / 6.22 .128 / 3.25 .125 / 3.18 .110 / 2.79 .117 / 2.97 .560 / 14.22 .790 / 20.07 .225 / 5.72 .165 / 4.19 .003 / 0.08 .058 / 1.47 .119 / 3.02 .149 / 3.78
.032 / 0.81
.255 / 6.48 .132 / 3.35
.117 / 2.97
.570 / 14.48 .810 / 20.57 .235 / 5.97 .185 / 4.70 .007 / 0.18 .068 / 1.73 .135 / 3.43 .187 / 4.75
ORDER CODE: ASI10635
CHARACTERISTICS
SYMBOL
BVCEO BVCER BVEBO ICES hFE Cob PG IC = 50 mA IC = 50 mA IE = 10 mA VE = 28 V VCE = 5.0 V VCB = 28 V
TC = 25 C
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
35 60 4.0 5
UNITS
V V V mA --pF dB
IC = 1.0 A f = 1.0 MHz ICQ = 800 mA f = 2.0 GHz
10
100 15
VCE = 20 V POUT = 5.0 W
5.0
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. C
1/2
ERROR! REFERENCE SOURCE NOT FOUND. MLN2037F
TYPICAL S PARAMETERS:
ZO = 50 VCE = 15 V, IC = 160 mA, TA = 25C
FREQ. GHz 0.20 0.50 1.00 1.50 2.00 dB 16.40 9.00 5.20 1.40 -0.60
S21 Mag 6.60 2.81 1.81 1.17 0.93 Ang 90 71 55 42 24 Mag 0.0281 0.0467 0.0944 0.1548 0.2344
S12 Ang 42 52 63 62 52 Mag 0.8709 0.8709 0.8128 0.7673 0.7762
S11 Ang -173 170 156 141 112 Mag 0.2511 0.4027 0.3801 0.5888 0.6998
S22 Ang -138 -144 -136 -139 -171
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. C
2/2


▲Up To Search▲   

 
Price & Availability of MLN2037F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X