Part Number Hot Search : 
BM324 TSI721 CM349 IRG4PC 109332 050V3C KB4339 LA112
Product Description
Full Text Search
 

To Download MK2308-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MK2308-1
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Description
The MK2308-1 is a low phase noise, high-speed PLL based, 8-output, low-skew zero delay buffer. Based on ICS' proprietary low jitter Phase Locked Loop (PLL) techniques, the device provides eight low skew outputs at speeds up to 133 MHz at 3.3 V. The outputs can be generated from the PLL (for zero delay), or directly from the input (for testing), and can be set to tri-state mode or to stop at a low level. For normal operation as a zero delay buffer, any output clock is tied to the FBIN pin. ICS manufactures a variety of clock generators and buffers.
Features
* * * * * * * * * * * *
Clock outputs from 10 to 133 MHz Zero input-output delay Eight low skew (<200 ps) outputs Device-to-device skew <700 ps Full CMOS outputs with 25 mA output drive capability at TTL levels 5 V tolerant FBIN and CLKIN pins Tri-state mode for board-level testing Advanced, low power, sub-micron CMOS process Operating voltage of 3.3 V Industrial temperature range available Available in Pb (lead) free package Packaged in 16-pin SOIC
Block Diagram
VDD 2 2 Control Logic
S2, S1
CLKA1 CLKA2
CLKIN
CLKA3 CLKA4
FBIN
Clock Synthesis PLL
1
0
CLKB1 CLKB2 CLKB3 CLKB4
GND
2
Feedback is shown from CLKB4 for illustration, but may come from any output.
MDS 2308-1 B I n t e gra te d C i r c u i t S y s te m s
1
52 5 Ra ce Street, San Jose, CA 9 512 6
Revision 012805 tel (408 ) 297 -120 1
w ww.i c s t. c om
MK2308-1 3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Pin Assignment
C L K IN C LKA1 C LKA2 VDD GND C LKB1 C LKB2 S2 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 F B IN C LKA4 C LKA3 VDD GND C LKB4 C LKB3 S1
1 6 p in n a rro w (1 5 0 m il) S O IC
Output Clock Mode Select Table
S2 0 0 1 1 S1 0 1 0 1 CLKA1:A4 Tri-state (note 1) Running Running Running CLKB1:B4 Tri-state (note 1) Tri-state (note 1) Running Running A & B Source PLL PLL CLKIN (note 2) PLL PLL Status OFF ON OFF ON
Note 1. Outputs are in high impedance state Note 2. Buffer mode only; not zero delay between input and output
Pin Descriptions
Pin Number 1 2-3 4 5 6-7 8 9 10 - 11 12 13 14 - 15 16 Pin Name CLKIN CLKA1:A4 VDD GND CLKB1:B4 S2 S1 CLKB1:B4 GND VDD CLKA1:A4 FBIN Pin Type Input Output Power Power Output Input Input Output Power Power Output Input Clock input (5 V tolerant). Clock outputs A1:A4. See table above. Power supply. Connect to 3.3 V. Connect to ground. Clock outputs B1:B4. See table above. Select input 2. See table above. Internal pull-up. Select input 1. See table above. Internal pull-up. Clock outputs B1:B4. See table above. Connect to ground. Power supply. Connect to 3.3 V. Clock outputs A1:A4. See table above. Feedback input. Connect to any output under normal operation (5 V tolerant). Pin Description
MDS 2308-1 B In te grated Circuit Systems
2
5 25 Race Stree t, San Jose, CA 951 26
Revision 012805 te l (40 8) 2 97-12 01
www.icst.com
MK2308-1 3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
External Components
The MK2308-1 requires a minimum number of external components for proper operation. Decoupling capacitors of 0.01 mF should be connected between VDD and GND on pins 4 and 5, and VDD and GND on pins 13 and 12, as close to the device as possible. A series termination resistor of 33 may be used to each clock output pin to reduce reflections.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the MK2308-1. These ratings, which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range.
Item
Supply Voltage, VDD All Inputs and Outputs CLKIN and FBIN inputs Electrostatic Discharge Ambient Operating Temperature Industrial Temperature Commercial temperature Storage Temperature Junction Temperature Soldering Temperature 7V
Rating
-0.5 V to VDD+0.5 V -0.5 V to 5.5 V 2000 V 0 to +70C -40 to +85C 0 to 70C -65 to +150C 150C 260C
Recommended Operation Conditions
Parameter
Ambient Operating Temperature (Industrial) Ambient Operating Temperature (Commercial) Power Supply Voltage (measured in respect to GND)
Min.
-40 0 +3.0
Typ.
Max.
+85 +70 +3.6
Units
C C V
MDS 2308-1 B In te grated Circuit Systems
3
5 25 Race Stree t, San Jose, CA 951 26
Revision 012805 te l (40 8) 2 97-12 01
www.icst.com
MK2308-1 3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
DC Electrical Characteristics
VDD=3.3 V 10%, Ambient temperature -40 to +85C(Industrial), (0-70C Commercial),
Parameter
Operating Voltage Input High Voltage Input Low Voltage Input Low Current Input High Current Output High Voltage Output Low Voltage Output High Voltage, CMOS level Operating Supply Current Power Down Supply Current Short Circuit Current Input Capacitance
Symbol
VDD VIH VIL IIL IIH VOH VOL VOH IDD IDDPD IOS CIN
Conditions
Min.
3.0 2
Typ.
Max.
3.6 0.8
Units
V V V A A V V V
VIN = 0V VIN = VDD IOH = -12 mA IOL = 12 mA IOH = -4 mA No Load, S2 = 1, S1 = 1, Note 1 CLKIN = 0, S2 = 0, S1 = 1 CLKIN = 0, Note 2 Each output S2, S1, FBIN 12 12 50 5 VDD-0.4 2.4
50 100 0.4
70
mA A A mA pF
AC Electrical Characteristics
VDD = 3.3 V 10%, Ambient Temperature -40 to +85C(Industrial), (0-70C Commercial)
Parameter
Input Clock Frequency Output Clock Frequency Output Rise Time Output Fall Time Output Clock Duty Cycle Device to Device Skew Output to Output Skew Input to Output Skew Maximum Absolute Jitter
Symbol
fIN tOR tOF tDC
Conditions
See table on page 2 See table on page 2 0.8 to 2.0 V, CL=30 pF 2.0 to 0.8 V, CL=30 pF measured at VDD/2 rising edges at VDD/2 rising edges at VDD/2 Delay CLKIN Rising Edge to FBIN Rising Edge CL=15 pF, measured at 66.67M
Min.
10 10
Typ.
Max. Units
133 133 1.5 1.25 MHz MHz ns ns % ps ps ps ps
45
50
55 700 200 250
130
MDS 2308-1 B In te grated Circuit Systems
4
5 25 Race Stree t, San Jose, CA 951 26
Revision 012805 te l (40 8) 2 97-12 01
www.icst.com
MK2308-1 3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Parameter
Cycle to Cycle Jitter
Symbol
Conditions
CL=30 pF, measured at 66.67M CL=15 pF, measured at 66.67M CL=15 pF, measured at 133.33M
Min.
Typ.
Max. Units
200 200 100 1.0 ps ps ps ms
PLL Lock Time
Note 3
Note 1: With CLKIN = 100MHz, FBIN to CLKA4, all outputs at 100 MHz Note 2: When there is no clock signal present at CLKIN, the MK2308-1 will enter power down mode. The PLL is stopped and the outputs are tri-state. Note 3: With VDD at a steady rate and valid clocks at CLKIN and FBIN
Thermal Characteristics
Parameter
Thermal Resistance Junction to Ambient
Symbol
JA JA JA JC
Conditions
Still air 1 m/s air flow 3 m/s air flow
Min.
Typ.
120 115 105 58
Max. Units
C/W C/W C/W C/W
Thermal Resistance Junction to Case
MDS 2308-1 B In te grated Circuit Systems
5
5 25 Race Stree t, San Jose, CA 951 26
Revision 012805 te l (40 8) 2 97-12 01
www.icst.com
MK2308-1
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
16
Millimeters Symbol Min Max
Inches Min Max
E INDEX AREA
H
12 D
A A1 B C D E e H h L
h x 45
1.35 1.75 0.10 0.25 0.33 0.51 0.19 0.25 9.80 10.00 3.80 4.00 1.27 BASIC 5.80 6.20 0.25 0.50 0.40 1.27 0 8
.0532 .0688 .0040 .0098 .013 .020 .0075 .0098 .3859 .3937 .1497 .1574 0.050 BASIC .2284 .2440 .010 .020 .016 .050 0 8
A A1
C
-Ce
B SEATING PLANE L
.10 (.004)
C
Ordering Information
Part / Order Number
MK2308S-1I MK2308S-1IT MK2308S-1 MK2308S-1T MK2308S-1ILF MK2308S-1ILFT MK2308S-1LF MK2308S-1LFT
Marking
MK2308S-1I MK2308S-1I MK2308S-1 MK2308S-1 MK2308S-1ILF MK2308S-1ILF MK2308S-1LF MK2308S-1LF
Shipping Packaging
Tubes Tape and Reel Tubes Tape and Reel Tubes Tape and Reel Tubes Tape and Reel
Package
16-pin SOIC 16-pin SOIC 16-pin SOIC 16-pin SOIC 16-pin SOIC 16-pin SOIC 16-pin SOIC 16-pin SOIC
Temperature
-40 to +85 C -40 to +85 C 0 to +70 C 0 to +70 C -40 to +85 C -40 to +85 C 0 to +70 C 0 to +70 C
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
MDS 2308-1 B I n t e gra te d C i r c u i t S y s te m s
6
52 5 Ra ce Street, San Jose, CA 9 512 6
Revision 012805 tel (408 ) 297 -120 1
w ww.i c s t. c om


▲Up To Search▲   

 
Price & Availability of MK2308-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X