Part Number Hot Search : 
C0663A UB5305S SM80C15 ON0443 B1215 C1455 SP8782B HC257
Product Description
Full Text Search
 

To Download MC74HC374A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74HC374A Octal 3-State Non-Inverting D Flip-Flop
High-Performance Silicon-Gate CMOS
The MC74HC374A is identical in pinout to the LS374. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. Data meeting the setup time is clocked to the outputs with the rising edge of the clock. The Output Enable input does not affect the states of the flip-flops, but when Output Enable is high, the outputs are forced to the high-impedance state; thus, data may be stored even when the outputs are not enabled. The HC374A is identical in function to the HC574A which has the input pins on the opposite side of the package from the output. This device is similar in function to the HC534A which has inverting outputs.
http://onsemi.com MARKING DIAGRAMS
20 PDIP-20 P SUFFIX CASE 738
1
MC74HC374AN AWLYYWW 1 20
20
20 1
* * * * * * *
Output Drive Capability: 15 LSTTL Loads Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2.0 to 6.0 V Low Input Current: 1.0 A High Noise Immunity Characteristic of CMOS Devices In Compliance with the Requirements Defined by JEDEC Standard No. 7A Chip Complexity: 266 FETs or 66.5 Equivalent Gates
LOGIC DIAGRAM
D0 D1 D2 DATA INPUTS D3 D4 D5 D6 D7 CLOCK 3 4 7 8 13 14 17 18 19 11 2 5 6 9 12 15 16 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 NONINVERTING OUTPUTS
SOIC WIDE-20 DW SUFFIX CASE 751D 1 TSSOP-20 DT SUFFIX CASE 948G
HC374A AWLYYWW 20 HC 374A ALYW 1
20 1
A WL YY WW
= Assembly Location = Wafer Lot = Year = Work Week
PIN ASSIGNMENT
OUTPUT ENABLE Q0 D0 D1 Q1 Q2 D2 D3 PIN 20 = VCC PIN 10 = GND Q3 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC Q7 D7 D6 Q6 Q5 D5 D4 Q4 CLOCK
OUTPUT ENABLE
1
FUNCTION TABLE
Inputs Output Enable L L L H Clock D H L X X Output Q H L No Change Z
ORDERING INFORMATION
Device MC74HC374AN MC74HC374ADW MC74HC374ADWR2 MC74HC374ADT MC74HC374ADTR2 1 Package PDIP-20 SOIC-WIDE SOIC-WIDE TSSOP-20 TSSOP-20 Shipping 1440 / Box 38 / Rail 1000 / Reel 75 / Rail 2500 / Reel
L,H, X
X = don't care Z = high impedance
(c) Semiconductor Components Industries, LLC, 1999
March, 2000 - Rev. 8
Publication Order Number: MC74HC374A/D
MC74HC374A
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I I II II II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIII I II I I I II I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I III I I I I I II I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I II I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIII I II I I I II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIII III I II I I IIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII II I IIII I II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII II I II I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I
IIIIIIIIIIIIIIIIIIII II I IIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIIIIIIIII II I II I I III II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII II I III II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I IIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
SymbolIIIIIIIIIIIIII Parameter VCC Vin DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) Value Unit - 0.5 to + 7.0III V V V - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 20 35 75 750 500 450 Vout Iin DC Output Voltage (Referenced to GND) DC Input Current, per Pin mA mA mA Iout DC Output Current, per Pin ICC PD DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP SOIC Package TSSOP Package mW Tstg TL Storage Temperature - 65 to + 150 260
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
v
v
_C _C
Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP, SOIC, SSOP or TSSOP Package)
*Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Parameter Min 2.0 0 Max 6.0 Unit V V
DC Supply Voltage (Referenced to GND)
Vin, Vout TA
DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1)
VCC
- 55 0 0 0
+ 125 1000 500 400
_C
ns
tr, tf
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Symbol VIH
Parameter
Test Conditions
VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 4.5 6.0 3.0 4.5 6.0
- 55 to 25_C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.90 4.40 5.90 2.48 2.98 5.48
v 85_C v 125_C
1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.90 4.40 5.90 2.34 3.84 5.34 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.90 4.40 5.90 2.20 3.70 5.20
Unit V
Minimum High-Level Input Voltage
Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A
v v
VIL
Maximum Low-Level Input Voltage
Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A
V
VOH
Minimum High-Level Output Voltage
Vin = VIH or VIL |Iout| 20 A
v
V
Vin = VIH or VIL |Iout| |Iout| |Iout|
v 2.4 mA v 6.0 mA v 7.8 mA
V
http://onsemi.com
2
III I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II II II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIII I II I I I I I IIIIIIIIIIII II III I I I I I II I I I II I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I II I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII II II I I I I III I I I I I II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I III I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
* Used to determine the no-load dynamic power consumption: P D = C PD V CC 2 f + I CC V CC . For load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Symbol
Symbol
VOL
tPLZ tPHZ
tPLZ tPHZ
tPLH tPHL
tTLH tTHL
fmax
CPD
Cout
ICC
IOZ
Cin
Iin
Maximum Quiescent Supply Current (per Package)
Maximum Three-State Leakage Current
Maximum Input Leakage Current
Maximum Low-Level Output Voltage
Power Dissipation Capacitance (Per Enabled Output)*
Maximum Three-State Output Capacitance (Output in High-Impedance State)
Maximum Input Capacitance
Maximum Output Transition Time, Any Output (Figures 1 and 5)
Maximum Propagation Delay, Output Enable to Q (Figures 3 and 6)
Maximum Propagation Delay, Output Enable to Q (Figures 3 and 6)
Maximum Propagation Delay, Input Clock to Q (Figures 1 and 5)
Maximum Clock Frequency (50% Duty Cycle)
Parameter
Parameter
Output in High-Impedance State Vin = VIL or VIH Vout = VCC or GND
Vin = VIH or VIL |Iout| 20 A
Vin = VCC or GND Iout = 0 A
Vin = VCC or GND
Vin = VIH or VIL |Iout| |Iout| |Iout|
v
Test Conditions
http://onsemi.com
MC74HC374A
3
v 2.4 mA v 6.0 mA v 7.8 mA
VCC V
VCC V
2.0 3.0 4.5 6.0
2.0 3.0 4.5 6.0
2.0 3.0 4.5 6.0
2.0 3.0 4.5 6.0
2.0 3.0 4.5 6.0
6.0
6.0
6.0
3.0 4.5 6.0
2.0 4.5 6.0
- 55 to 25_C
- 55 to 25_C
Typical @ 25C, VCC = 5.0 V 0.5 0.1 0.26 0.26 0.26 0.10 0.10 0.10 150 100 30 26 150 100 30 26 125 80 25 21 6 15 30 35 15 10 75 27 15 13 4 Guaranteed Limit Guaranteed Limit
v 85_C v 125_C
v 85_C v 125_C
5.0
1.0
0.33 0.33 0.33
0.10 0.10 0.10
190 125 38 33
190 125 38 33
155 110 31 26
5 10 24 28
15
10
95 32 19 16
40
34 1.0 0.40 0.40 0.40 0.10 0.10 0.10 10 225 150 45 38 225 150 45 38 190 130 38 32 160 110 36 22 19 4 8 20 24 15 10
MHz
Unit
Unit
A
A
A
pF
pF
pF ns ns ns ns V V
II I I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIIIIIII I I II I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIIIIIII I I II I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII I I II I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII I IIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIII I II I I I I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII I IIIIIIIIIIIIII IIIIIIIIIIIIIIIIII IIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
TIMING REQUIREMENTS (CL = 50 pF, Input tr = tf = 6.0 ns)
SymbolIIIIIIIIIIIII Fig. Parameter tr, tf tsu tw th Maximum Input Rise and Fall Times Minimum Pulse Width, Clock Minimum Hold Time, Clock to Data Minimum Setup Time, Data to Clock
CLOCK
Q
50% 10%
90%
10%
tr 90% 50%
tW
tPLH
tTLH
Figure 1.
1/fmax
tf
tPHL
tTHL
CLOCK
DATA
SWITCHING WAVEFORMS
GND
VCC
http://onsemi.com
MC74HC374A
50%
tsu
Figure 3.
50%
1
1
3
3III 50 2.0 3.0 40 4.5 10 6.0 9
4 VALID OUTPUT ENABLE th VCC Volts 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 Q Q - 55 to 25_C Min 5.0 5.0 5.0 5.0 60 23 12 10 50% 50% 50% 1000 800 500 400 MaxIII Min Max GND VCC VCC GND tPZL tPZH
Figure 2.
Guaranteed Limit 5.0 50 5.0 5.0 75 27 15 13 65 50 13 11 tPHZ tPLZ
v 85_C
1000 800 500 400
10%
Min
90% 5.0 5.0 5.0 5.0 90 32 18 15 75 60 15 13
v 125_C
1000 800 500 400
Max
VOH VOL HIGH IMPEDANCE GND VCC Unit ns ns ns ns
HIGH IMPEDANCE
MC74HC374A
TEST CIRCUITS
TEST POINT OUTPUT DEVICE UNDER TEST DEVICE UNDER TEST TEST POINT OUTPUT 1 k CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH.
CL*
CL*
*Includes all probe and jig capacitance
*Includes all probe and jig capacitance
Figure 4.
Figure 5.
EXPANDED LOGIC DIAGRAM
D0 3 D Q D1 4 D Q D2 7 D Q D3 8 D Q D4 13 D Q D5 14 D Q D6 17 D Q D7 18 D Q
C Clock 11
C
C
C
C
C
C
C
Output 1 Enable
2 Q0
5 Q1
6 Q2
9 Q3
12 Q4
15 Q5
16 Q6
19 Q7
http://onsemi.com
5
MC74HC374A
PACKAGE DIMENSIONS
PDIP-20 N SUFFIX PLASTIC DIP PACKAGE CASE 738-03 ISSUE E
11
-A-
20
B
1 10
C
L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. INCHES MIN MAX 1.010 1.070 0.240 0.260 0.150 0.180 0.015 0.022 0.050 BSC 0.050 0.070 0.100 BSC 0.008 0.015 0.110 0.140 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 25.66 27.17 6.10 6.60 3.81 4.57 0.39 0.55 1.27 BSC 1.27 1.77 2.54 BSC 0.21 0.38 2.80 3.55 7.62 BSC 0_ 15_ 0.51 1.01
-T-
SEATING PLANE
K M E G F D
20 PL
N J 0.25 (0.010)
M 20 PL
0.25 (0.010) TA
M
M
TB
M
DIM A B C D E F G J K L M N
SO-20 DW SUFFIX CASE 751D-05 ISSUE F
D A
11 X 45 _
q
NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF B DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 2.35 2.65 0.10 0.25 0.35 0.49 0.23 0.32 12.65 12.95 7.40 7.60 1.27 BSC 10.05 10.55 0.25 0.75 0.50 0.90 0_ 7_
H
M
B
M
20
10X
0.25
E
1
10
h
20X
B 0.25
M
B TA
S
B
S
A
SEATING PLANE
DIM A A1 B C D E e H h L
L
18X
e
A1
q
T
C
http://onsemi.com
6
MC74HC374A
PACKAGE DIMENSIONS
20X
K REF
M
TSSOP-20 DT SUFFIX CASE 948E-02 ISSUE A
TU
S
0.15 (0.006) T U
S
0.10 (0.004)
V
S
K K1
2X
L/2
L
PIN 1 IDENT 1 10
B -U-
J J1
N 0.15 (0.006) T U
S
A -V- N F
C D 0.100 (0.004) -T- SEATING
PLANE
G
H
http://onsemi.com
7
IIII IIII IIII
SECTION N-N M DETAIL E DETAIL E
20
11
0.25 (0.010)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
-W-
DIM A B C D F G H J J1 K K1 L M
MC74HC374A
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC74HC374A/D


▲Up To Search▲   

 
Price & Availability of MC74HC374A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X