Part Number Hot Search : 
YSS915 TC622VOA 991505 H78L12BM 2SD1214 AE9937 A301RU 2805D
Product Description
Full Text Search
 

To Download MC74ACT534 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74AC534 MC74ACT534 Octal D Type Flip Flop With 3 State Outputs
The MC74AC534/74ACT534 is a high-speed, low-power octal D-type flip-flop featuring separate D-type inputs for each flip-flop and 3-state outputs for bus oriented applications. A buffered Clock (CP) and Output Enable (OE) are common to all flip flops. The AC/ACT534 is the same as the AC/ACT374 except that the outputs are inverted. * Edge-Triggered D-Type Inputs * Buffered Positive Edge-Triggered Clock * 3-State Outputs for Bus Oriented Applications
VCC 20 O7 19 D7 18 D6 17 O6 16 O5 15 D5 14 D4 13 O4 12 CP 11 N SUFFIX CASE 738-03 PLASTIC
OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
1 OE
2 O0
3 D0
4 D1
5 O1
6 O2
7 D2
8 D3
9 O3
10 GND
DW SUFFIX CASE 751D-04 PLASTIC
PIN NAMES D0-D7 CP OE O0-O7 Data Inputs Clock Pulse Input 3-State Output Enable Input Complementary 3-State Outputs
LOGIC SYMBOL
3 4 7 8 13 14 17 18
11 1
D0 D1 D2 D3 D4 D5 D6 D7 CP OE O0 O1 O2 O3 O4 O5 O6 O7
2
5
6
9 12 15 16 19
FACT DATA 5-1
MC74AC534 MC74ACT534
FUNCTIONAL DESCRIPTION
The MC74AC534/74ACT534 consists of eight edge-triggered flip-flops with individual D-type inputs and 3-state true outputs. The buffered clock and buffered Output Enable are common to all flip-flops. The eight flip-flops will store the state of their individual D inputs that meet the setup and hold times requirements on the LOW-to-HIGH Clock (CP) transition. With the Output Enable (OE) LOW, the contents of the eight flip-flops are available at the outputs. When the OE is HIGH, the outputs go to the high impedance state. Operation of the OE input does not affect the state of the flip-flops.
LOGIC DIAGRAM
D0 CP CP Q D CP D Q CP D Q CP D Q CP D Q CP D Q CP D Q CP D Q D1 D2 D3 D4 D5 D6 D7
OE O0 O1 O2 O3 O4 O5 O6 O7
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
MAXIMUM RATINGS*
Symbol VCC Vin Vout Iin Iout ICC Tstg Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Sink/Source Current, per Pin DC VCC or GND Current per Output Pin Storage Temperature Value -0.5 to +7.0 -0.5 to VCC +0.5 -0.5 to VCC +0.5 20 50 50 -65 to +150 Unit V V V mA mA mA C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Vin, Vout Supply Voltage DC Input Voltage, Output Voltage (Ref. to GND) VCC @ 3.0 V tr, tf Input Rise and Fall Time (Note 1) AC Devices except Schmitt Inputs VCC @ 4.5 V VCC @ 5.5 V tr, tf TJ TA IOH IOL Input Rise and Fall Time (Note 2) ACT Devices except Schmitt Inputs Junction Temperature (PDIP) Operating Ambient Temperature Range Output Current -- High Output Current -- Low -40 25 VCC @ 4.5 V VCC @ 5.5 V Parameter AC ACT Min 2.0 4.5 0 150 40 25 10 ns/V 8.0 140 85 -24 24 C C mA mA ns/V Typ 5.0 5.0 Max 6.0 5.5 VCC V Unit V
1. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times. 2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.
FACT DATA 5-2
MC74AC534 MC74ACT534
DC CHARACTERISTICS
74AC Symbol Parameter VCC (V) TA = +25C Typ VIH Minimum High Level Input Voltage 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 VOL Maximum Low Level Output Voltage 3.0 4.5 5.5 3.0 4.5 5.5 IIN IOZ Maximum Input Leakage Current Maximum 3-State Current Minimum Dynamic Output Current Maximum Quiescent Supply Current 5.5 0.002 0.001 0.001 1.5 2.25 2.75 1.5 2.25 2.75 2.99 4.49 5.49 74AC TA = -40C to +85C Unit Conditions
Guaranteed Limits 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.56 3.86 4.86 0.1 0.1 0.1 0.36 0.36 0.36 0.1 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.46 3.76 4.76 0.1 0.1 0.1 0.44 0.44 0.44 1.0 V VOUT = 0.1 V or VCC - 0.1 V VOUT = 0.1 V or VCC - 0.1 V IOUT = -50 A V *VIN = VIL or VIH -12 mA IOH -24 mA -24 mA IOUT = 50 A V *VIN = VIL or VIH 12 mA IOL 24 mA 24 mA VI = VCC, GND VI (OE) = VIL, VIH VI = VCC, GND VO = VCC, GND VOLD = 1.65 V Max VOHD = 3.85 V Min VIN = VCC or GND
VIL
Maximum Low Level Input Voltage
V
VOH
Minimum High Level Output Voltage
V
V
A
5.5 5.5 5.5 5.5
0.5
5.0 75 -75
A mA mA A
IOLD IOHD ICC
8.0
80
* All outputs loaded; thresholds on input associated with output under test. Maximum test duration 2.0 ms, one output loaded at a time. Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.
FACT DATA 5-3
MC74AC534 MC74ACT534
AC CHARACTERISTICS (For Figures and Waveforms -- See Section 3)
74AC Symbol Parameter VCC* (V) Min fmax tPLH tPHL tPZH tPZL tPHZ tPLZ Maximum Clock Frequency Propagation Delay CP to On Propagation Delay CP to On Output Enable Time OE to On Output Enable Time OE to On Output Disable Time OE to On Output Disable Time OE to On 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 70 150 3.0 2.5 3.0 2.5 3.0 2.5 3.0 2.5 2.0 1.5 2.0 1.5 TA = +25C CL = 50 pF Typ Max 70 150 14.0 10.5 13.0 9.5 12.5 10.0 12.5 10.0 13.5 11.5 12.0 10.0 74AC TA = -40C to +85C CL = 50 pF Min 70 140 2.5 2.0 2.5 2.0 2.5 2.0 2.5 2.0 1.5 1.0 1.5 1.0 Max 70 140 16.0 12.0 15.0 11.0 14.0 11.5 14.0 11.5 15.0 12.5 13.5 11.0 MHz ns ns ns ns ns ns 3-3 3-6 3-6 3-7 3-8 3-7 3-8 Unit Fig. No.
* Voltage Range 3.3 V is 3.3 V 0.3 V. Voltage Range 5.0 V is 5.0 V 0.5 V.
AC OPERATING REQUIREMENTS
74AC Symbol Parameter VCC* (V) Typ ts th tw Setup Time, HIGH or LOW Dn to CP Hold Time, HIGH or LOW Dn to CP CP Pulse Width HIGH or LOW 3.3 5.0 3.3 5.0 3.3 5.0 TA = +25C CL = 50 pF 74AC TA = -40C to +85C CL = 50 pF Unit Fig. No.
Guaranteed Minimum 5.0 3.5 1.0 1.0 5.0 3.5 6.5 4.0 1.5 1.5 6.5 4.0 ns ns ns 3-9 3-9 3-6
* Voltage Range 3.3 V is 3.3 V 0.3 V. Voltage Range 5.0 V is 5.0 V 0.5 V.
FACT DATA 5-4
MC74AC534 MC74ACT534
DC CHARACTERISTICS
74ACT Symbol Parameter VCC (V) TA = +25C Typ VIH VIL VOH Minimum High Level Input Voltage Maximum Low Level Input Voltage Minimum High Level Output Voltage 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum Low Level Output Voltage 4.5 5.5 4.5 5.5 IIN ICCT IOZ Maximum Input Leakage Current Additional Max. ICC/Input Maximum 3-State Current Minimum Dynamic Output Current Maximum Quiescent Supply Current 5.5 5.5 5.5 5.5 5.5 5.5 8.0 0.6 0.5 0.001 0.001 1.5 1.5 1.5 1.5 4.49 5.49 74ACT TA = -40C to +85C Unit Conditions
Guaranteed Limits 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 1.5 5.0 75 -75 80 V V V VOUT = 0.1 V or VCC - 0.1 V VOUT = 0.1 V or VCC - 0.1 V IOUT = -50 A *VIN = VIL or VIH -24 mA IOH -24 mA IOUT = 50 A *VIN = VIL or VIH 24 mA IOL 24 mA VI = VCC, GND VI = VCC - 2.1 V VI (OE) = VIL, VIH VI = VCC, GND VO = VCC, GND VOLD = 1.65 V Max VOHD = 3.85 V Min VIN = VCC or GND
V
V
V
A mA A mA mA A
IOLD IOHD ICC
* All outputs loaded; thresholds on input associated with output under test. Maximum test duration 2.0 ms, one output loaded at a time.
FACT DATA 5-5
MC74AC534 MC74ACT534
AC CHARACTERISTICS (For Figures and Waveforms -- See Section 3)
74ACT Symbol Parameter VCC* (V) Min fmax tPLH tPHL tPZH tPZL tPHZ tPLZ Maximum Clock Frequency Propagation Delay CP to On Propagation Delay CP to On Output Enable Time OE to On Output Enable Time OE to On Output Disable Time OE to On Output Disable Time OE to On 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.5 2.0 2.5 2.0 1.5 1.5 TA = +25C CL = 50 pF Typ 100 6.5 6.0 6.5 6.0 7.0 5.5 11.5 10.5 12 11 12.5 10.5 Max 74ACT TA = -40C to +85C CL = 50 pF Min 120 2.0 2.0 2.0 2.0 1.0 1.0 12.5 12 12.5 11.5 13.5 10.5 Max MHz ns ns ns ns ns ns 3-3 3-6 3-6 3-7 3-8 3-7 3-8 Unit Fig. No.
* Voltage Range 5.0 V is 5.0 V 0.5 V.
AC OPERATING REQUIREMENTS
74ACT Symbol Parameter VCC* (V) Typ ts th tw Setup Time, HIGH or LOW Dn to CP Hold Time, HIGH or LOW Dn to CP CP Pulse Width HIGH or LOW 5.0 5.0 5.0 1.0 -1.0 2.0 TA = +25C CL = 50 pF 74ACT TA = -40C to +85C CL = 50 pF Unit Fig. No.
Guaranteed Minimum 3.5 1.0 3.5 4.0 1.5 3.5 ns ns ns 3-9 3-9 3-6
* Voltage Range 5.0 V is 5.0 V 0.5 V.
CAPACITANCE
Symbol CIN CPD Input Capacitance Power Dissipation Capacitance Parameter Value Typ 4.5 40 Unit pF pF Test Conditions VCC = 5.0 V VCC = 5.0 V
FACT DATA 5-6
MC74AC534 MC74ACT534
OUTLINE DIMENSIONS
N SUFFIX PLASTIC DIP PACKAGE CASE 738-03 ISSUE E
11
-A-
20
B
1 10
C
L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. INCHES MIN MAX 1.010 1.070 0.240 0.260 0.150 0.180 0.015 0.022 0.050 BSC 0.050 0.070 0.100 BSC 0.008 0.015 0.110 0.140 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 25.66 27.17 6.10 6.60 3.81 4.57 0.39 0.55 1.27 BSC 1.27 1.77 2.54 BSC 0.21 0.38 2.80 3.55 7.62 BSC 0_ 15_ 0.51 1.01
-T-
SEATING PLANE
K M E G F D
20 PL
N J 0.25 (0.010)
M 20 PL
0.25 (0.010) TA
M
M
TB
M
DIM A B C D E F G J K L M N
-A-
20 11
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E
-B-
1 10
10X
P 0.010 (0.25)
M
B
M
20X
D
M
J TA
S
0.010 (0.25)
B
S
F R X 45 _ C -T-
18X SEATING PLANE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS INCHES DIM MIN MAX MIN MAX A 12.65 12.95 0.499 0.510 B 7.40 7.60 0.292 0.299 C 2.35 2.65 0.093 0.104 D 0.35 0.49 0.014 0.019 F 0.50 0.90 0.020 0.035 G 1.27 BSC 0.050 BSC J 0.25 0.32 0.010 0.012 K 0.10 0.25 0.004 0.009 M 0_ 7_ 0_ 7_ P 10.05 10.55 0.395 0.415 R 0.25 0.75 0.010 0.029
G
K
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com -TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
FACT DATA 5-7
*MC74AC534/D*
MC74AC534/D


▲Up To Search▲   

 
Price & Availability of MC74ACT534

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X