Part Number Hot Search : 
MC68331 LM2903HD ADR5040 LV1110NM AD5065 74HCT04 KDS165T G2406
Product Description
Full Text Search
 

To Download MC74AC244MEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74AC244, MC74ACT244 Octal Buffer/Line Driver with 3-State Outputs
The MC74AC244/74ACT244 is an octal buffer and line driver designed to be employed as a memory address driver, clock driver and bus oriented transmitter/receiver which provides improved PC board density.
http://onsemi.com
PDIP-20 N SUFFIX CASE 738
20 1
* 3-State Outputs Drive Bus Lines or Buffer Memory Address * Outputs Source/Sink 24 mA * ACT244 Has TTL Compatible Inputs
VCC 20 OE2 19 18 17 16 15 14 13 12 11
Registers
20 1
SO-20 DW SUFFIX CASE 751
20 1
TSSOP-20 DT SUFFIX CASE 948E EIAJ-20 M SUFFIX CASE 967
1 OE1
2
3
4
5
6
7
8
9
10 GND
20 1
Figure 1. Pinout: 20-Lead Packages Conductors (Top View) TRUTH TABLE
Inputs OE1 L L H NOTE: D L H X Outputs (Pins 12, 14, 16, 18) L H Z
ORDERING INFORMATION
Device MC74AC244N MC74ACT244N MC74AC244DW MC74AC244DWR2 MC74ACT244DW MC74ACT244DWR2 MC74AC244DT MC74AC244DTR2 Package PDIP-20 PDIP-20 SOIC-20 SOIC-20 SOIC-20 SOIC-20 TSSOP-20 Shipping 18 Units/Rail 18 Units/Rail 38 Units/Rail 1000 Tape & Reel 38 Units/Rail 1000 Tape & Reel 75 Units/Rail
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance
TRUTH TABLE
Inputs OE2 L L H NOTE: D L H X Outputs (Pins 3, 5, 7, 9) L H Z
TSSOP-20 2500 Tape & Reel TSSOP-20 75 Units/Rail
MC74ACT244DT MC74ACT244DTR2 MC74AC244M MC74AC244MEL MC74ACT244M MC74ACT244MEL
TSSOP-20 2500 Tape & Reel EIAJ-20 EIAJ-20 EIAJ-20 EIAJ-20 40 Units/Rail 2000 Tape & Reel 40 Units/Rail 2000 Tape & Reel
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance
DEVICE MARKING INFORMATION
See general marking information in the device marking section on page 186 of this data sheet.
Semiconductor Components Industries, LLC, 2001
182
May, 2001 - Rev. 5
Publication Order Number: MC74AC244/D
MC74AC244, MC74ACT244
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC Tstg Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Sink/Source Current, per Pin DC VCC or GND Current per Output Pin Storage Temperature Value -0.5 to +7.0 -0.5 to VCC +0.5 -0.5 to VCC +0.5 20 50 50 -65 to +150 Unit V V V mA mA mA C
*Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT Supply S ppl Voltage DC Input Voltage, Output Voltage (Ref. to GND) VCC @ 3.0 V tr, tf Input Rise and Fall Time (Note 1) AC Devices except Schmitt Inputs VCC @ 4.5 V VCC @ 5.5 V tr, tf TJ TA IOH IOL In ut Input Rise and Fall Time (Note 2) ACT Devices except Schmitt Inputs Junction Temperature (PDIP) Operating Ambient Temperature Range Output Current - High Output Current - Low VCC @ 4.5 V VCC @ 5.5 V Parameter AC ACT Min 2.0 4.5 0 - - - - - - -40 - - Typ 5.0 5.0 - 150 40 25 10 8.0 - 25 - - Max 6.0 5.5 VCC - - - - ns/V - 140 85 -24 24 C C mA mA ns/V V V Unit
1. VIN from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times. 2. VIN from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.
http://onsemi.com
183
MC74AC244, MC74ACT244
DC CHARACTERISTICS
74AC Symbol Parameter VCC (V) TA = +25C Typ VIH Minimum High Level g Input Voltage Maximum Low Level Input Voltage Minimum High Level g Output Voltage 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 VOL Maximum Low Level Output Voltage 3.0 4.5 5.5 3.0 4.5 5.5 IIN IOZ Maximum Input Leakage Current Maximum 3-State C Current Minimum Dynamic Output C O t t Current t Maximum Q Quiescent Supply Current 5.5 55 1.5 2.25 2.75 1.5 2.25 2.75 2.99 4.49 5.49 - - - 0.002 0.001 0.001 - - - - 74AC TA = -40C to +85C Unit Conditions
Guaranteed Limits 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.56 3.86 4.86 0.1 0.1 0.1 0.36 0.36 0.36 0.1 0 1 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.46 3.76 4.76 0.1 0.1 0.1 0.44 0.44 0.44 1.0 1 0 V VOUT = 0.1 V or VCC - 0.1 V VOUT = 0.1 V or VCC - 0.1 V IOUT = -50 A V *VIN = VIL or VIH -12 mA IOH -24 mA -24 mA IOUT = 50 A V *VIN = VIL or VIH 12 mA IOL 24 mA 24 mA VI = VCC, GND VI (OE) = VIL, VIH VI = VCC, GND VO = VCC, GND VOLD = 1.65 V Max VOHD = 3.85 V Min VIN = VCC or GND
VIL
V
VOH
V
V
A
5.5 5.5 5.5 5.5 55
- - - -
0.5 - - 8.0 80
5.0 75 -75 80
A mA mA A
IOLD IOHD ICC
*All outputs loaded; thresholds on input associated with output under test. Maximum test duration 2.0 ms, one output loaded at a time. NOTE: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.
http://onsemi.com
184
MC74AC244, MC74ACT244
AC CHARACTERISTICS (For Figures and Waveforms - See Section 3)
74AC Symbol Parameter VCC* (V) Min tPLH tPHL tPZH tPZL tPHZ tPLZ Propagation Delay Data to Output Propagation Delay Data to Output Output Enable Time Output Enable Time Output Disable Time Output Disable Time 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 2.0 1.5 2.0 1.5 2.0 1.5 2.5 1.5 3.0 2.5 2.5 2.0 TA = +25C CL = 50 pF Typ 6.5 5.0 6.5 5.0 6.0 5.0 7.5 5.5 7.0 6.5 7.5 6.5 Max 9.0 7.0 9.0 7.0 10.5 7.0 10.0 8.0 10.0 9.0 10.5 9.0 74AC TA = -40C to +85C CL = 50 pF Min 1.5 1.0 2.0 1.0 1.5 1.5 2.0 1.5 1.5 1.0 2.5 2.0 Max 10.0 7.5 10.0 7.5 11.0 8.0 11.0 8.5 10.5 9.5 11.5 9.5 ns ns ns ns ns ns 3-5 3-5 3-7 3-8 3-7 3-8 Unit Fig. No.
*Voltage Range 3.3 V is 3.3 V 0.3 V. *Voltage Range 5.0 V is 5.0 V 0.5 V.
DC CHARACTERISTICS
74ACT Symbol Parameter VCC (V) TA = +25C Typ VIH VIL VOH Minimum High Level g Input Voltage Maximum Low Level Input Voltage Minimum High Level g Output Voltage 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum Low Level Output Voltage 4.5 5.5 4.5 5.5 IIN ICCT IOZ Maximum Input Leakage Current Additional Max. ICC/Input Maximum 3-State Current C Minimum Dynamic Output C O t t Current t Maximum Q Quiescent Supply Current 5.5 55 5.5 5.5 5.5 5.5 55 5.5 1.5 1.5 1.5 1.5 4.49 5.49 - - 0.001 0.001 - - - 0.6 - - - - 74ACT TA = -40C to +85C Unit Conditions
Guaranteed Limits 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 0 1 - 0.5 - - 80 8.0 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 1 0 1.5 5.0 75 -75 80 V V V VOUT = 0.1 V or VCC - 0.1 V VOUT = 0.1 V or VCC - 0.1 V IOUT = -50 A *VIN = VIL or VIH -24 mA IOH -24 mA IOUT = 50 A *VIN = VIL or VIH 24 mA IOL 24 mA VI = VCC, GND VI = VCC - 2.1 V VI (OE) = VIL, VIH VI = VCC, GND VO = VCC, GND VOLD = 1.65 V Max VOHD = 3.85 V Min VIN = VCC or GND
V
V
V
A mA A mA mA A
IOLD IOHD ICC
*All outputs loaded; thresholds on input associated with output under test. Maximum test duration 2.0 ms, one output loaded at a time.
http://onsemi.com
185
MC74AC244, MC74ACT244
AC CHARACTERISTICS (For Figures and Waveforms - See Section 3)
74ACT Symbol Parameter VCC* (V) Min tPLH tPHL tPZH tPZL tPHZ tPLZ Pro agation Propagation Delay Data to Output Propagation Delay Pro agation Data to Output Output Enable Time Output Enable Time Output Disable Time Output Disable Time 5.0 50 50 5.0 5.0 5.0 5.0 5.0 2.0 20 20 2.0 1.5 2.0 2.0 2.5 TA = +25C CL = 50 pF Typ 6.5 65 70 7.0 6.0 7.0 7.0 7.5 Max 9.0 90 90 9.0 8.5 9.5 9.5 10.0 74ACT TA = -40C to +85C CL = 50 pF Min 1.5 15 15 1.5 1.0 1.5 1.5 2.0 Max 10.0 10 0 10 0 10.0 9.5 10.5 10.5 10.5 ns ns ns ns ns ns 3-5 3-5 3-7 3-8 3-7 3-8 Unit Fig. No.
*Voltage Range 5.0 V is 5.0 V 0.5 V.
CAPACITANCE
Symbol CIN CPD Input Capacitance Power Dissipation Capacitance Parameter Value Typ 4.5 45 Unit pF pF Test Conditions VCC = 5.0 V VCC = 5.0 V
MARKING DIAGRAMS
PDIP-20 MC74AC244N AWLYYWW SO-20 AC244 AWLYYWW TSSOP-20 EIAJ-20
AC 244 ALYW
74AC244 AWLYWW
MC74ACT244N AWLYYWW
ACT244 AWLYYWW
ACT 244 ALYW
74ACT244 AWLYWW
A WL, L YY, Y WW, W
= Assembly Location = Wafer Lot = Year = Work Week
http://onsemi.com
186


▲Up To Search▲   

 
Price & Availability of MC74AC244MEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X