Part Number Hot Search : 
KBPC1001 BC160 47101SC MJE210 60TCL CL1117 MT6L57AT LCX244F
Product Description
Full Text Search
 

To Download MC34151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC34151/D
High Speed Dual MOSFET Drivers
The MC34151/MC33151 are dual inverting high speed drivers specifically designed for applications that require low current digital circuitry to drive large capacitive loads with high slew rates. These devices feature low input current making them CMOS and LSTTL logic compatible, input hysteresis for fast output switching that is independent of input transition time, and two high current totem pole outputs ideally suited for driving power MOSFETs. Also included is an undervoltage lockout with hysteresis to prevent erratic system operation at low supply voltages. Typical applications include switching power supplies, dc to dc converters, capacitor charge pump voltage doublers/inverters, and motor controllers. These devices are available in dual-in-line and surface mount packages. * Two Independent Channels with 1.5 A Totem Pole Output
MC34151 MC33151
HIGH SPEED DUAL MOSFET DRIVERS
SEMICONDUCTOR TECHNICAL DATA
P SUFFIX PLASTIC PACKAGE CASE 626
8 1
* * * * * * *
Output Rise and Fall Times of 15 ns with 1000 pF Load CMOS/LSTTL Compatible Inputs with Hysteresis Undervoltage Lockout with Hysteresis Low Standby Current Efficient High Frequency Operation Enhanced System Performance with Common Switching Regulator Control ICs Pin Out Equivalent to DS0026 and MMH0026
8 1
D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8)
PIN CONNECTIONS
N.C.
1 2 3 4 (Top View)
8 7 6 5
N.C. Drive Output A VCC Drive Output B
Representative Block Diagram
VCC 6 + + + + Logic Input A 100k 2 Drive Output A 7 - 5.7V +
Logic Input A Gnd Logic Input B
+
ORDERING INFORMATION
+ Logic Input B 4 100k Drive Output B 5 Device MC34151D MC34151P MC33151D Gnd 3 MC33151P Operating Temperature Range TA = 0 to +70C TA = - 40 to +85C Package SO-8 Plastic DIP SO-8 Plastic DIP
Rev 0
(c) Motorola, Inc. 1996
MOTOROLA ANALOG IC DEVICE DATA
1
MC34151 MC33151
MAXIMUM RATINGS
Rating Power Supply Voltage Logic Inputs (Note 1) Drive Outputs (Note 2) Totem Pole Sink or Source Current Diode Clamp Current (Drive Output to VCC) Power Dissipation and Thermal Characteristics D Suffix SO-8 Package Case 751 Maximum Power Dissipation @ TA = 50C Thermal Resistance, Junction-to-Air P Suffix 8-Pin Package Case 626 Maximum Power Dissipation @ TA = 50C Thermal Resistance, Junction-to-Air Operating Junction Temperature Operating Ambient Temperature MC34151 MC33151 Storage Temperature Range Symbol VCC Vin IO IO(clamp) Value 20 -0.3 to VCC 1.5 1.0 Unit V V A
PD RJA PD RJA TJ TA
0.56 180 1.0 100 +150 0 to +70 -40 to +85
W C/W W C/W C C
Tstg
-65 to +150
C
ELECTRICAL CHARACTERISTICS (VCC = 12 V, for typical values TA = 25C, for min/max values TA is the only operating ambient
temperature range that applies [Note 3], unless otherwise noted.) Characteristics LOGIC INPUTS Input Threshold Voltage - High State Logic 1 Input Threshold Voltage - Low State Logic 0 Input Current - High State (VIH = 2.6 V) Input Current - Low State (VIL = 0.8 V) DRIVE OUTPUT Output Voltage - Low State (ISink = 10 mA) Output Voltage - Low State (ISink = 50 mA) Output Voltage - Low State (ISink = 400 mA) Output Voltage - High State (ISource = 10 mA) Output Voltage - High State (ISource = 50 mA) Output Voltage - High State (ISource = 400 mA) Output Pull-Down Resistor SWITCHING CHARACTERISTICS (TA = 25C) Propagation Delay (10% Input to 10% Output, CL = 1.0 nF) Logic Input to Drive Output Rise Logic Input to Drive Output Fall Drive Output Rise Time (10% to 90%) CL = 1.0 nF Drive Output Rise Time (10% to 90%) CL = 2.5 nF Drive Output Fall Time (90% to 10%) CL = 1.0 nF Drive Output Fall Time (90% to 10%) CL = 2.5 nF TOTAL DEVICE Power Supply Current Standby (Logic Inputs Grounded) Operating (CL = 1.0 nF Drive Outputs 1 and 2, f = 100 kHz) Operating Voltage ICC - - VCC 6.5 6.0 10.5 - 10 15 18 V mA ns tPLH(in/out) tPHL(in/out) tr tf - - - - - - 35 36 14 31 16 32 100 100 30 - 30 - ns ns VOL - - - 10.5 10.4 9.5 - 0.8 1.1 1.7 11.2 11.1 10.9 100 1.2 1.5 2.5 - - - - V VIH VIL IIH IIL 2.6 - - - 1.75 1.58 200 20 - 0.8 500 100 V A Symbol Min Typ Max Unit
VOH
RPD
k
NOTES: 1. For optimum switching speed, the maximum input voltage should be limited to 10 V or VCC, whichever is less. 2. Maximum package power dissipation limits must be observed. 3. Tlow = 0C for MC34151 Thigh = +70C for MC34151 -40C for MC33151 +85C for MC33151
2
MOTOROLA ANALOG IC DEVICE DATA
MC34151 MC33151
Figure 1. Switching Characteristics Test Circuit
12V 4.7 + 6 + + + Logic Input 50 + + 4 100k 5 2 100k + - 5.7V 7 CL Drive Output tf + Drive Output 5.0 V Logic Input tr, tf 10 ns 0V 90% 10% tPHL 90% 10% tr tPLH 0.1
Figure 2. Switching Waveform Definitions
3
Figure 3. Logic Input Current versus Input Voltage
2.4 V th , INPUT THRESHOLD VOLTAGE (V) I in , INPUT CURRENT (mA) 2.0 1.6 1.2 0.8 0.4 0 0 2.0 4.0 6.0 8.0 Vin, INPUT VOLTAGE (V) 10 12 VCC = 12 V TA = 25C 2.2 2.0 1.8 1.6 1.4 1.2 1.0 -55
Figure 4. Logic Input Threshold Voltage versus Temperature
VCC = 12 V
Upper Threshold Low State Output
Lower Threshold High State Output
-25
0 25 50 75 TA, AMBIENT TEMPERATURE (C)
100
125
t PLH(IN/OUT) , DRIVE OUTPUT PROPAGATION DELAY (ns)
200 160 120 80 40 Vth(lower) 0 -1.6 -1.2 -0.8 -0.4 0 Vin, INPUT OVERDRIVE VOLTAGE BELOW LOWER THRESHOLD (V) VCC = 12 V CL = 1.0 nF TA = 25C Overdrive Voltage is with Respect to the Logic Input Lower Threshold
t PHL(IN/OUT) , DRIVE OUTPUT PROPAGATION DELAY (ns)
Figure 5. Drive Output Low-to-High Propagation Delay versus Logic Overdrive Voltage
Figure 6. Drive Output High-to-Low Propagation Delay versus Logic Input Overdrive Voltage
200 Overdrive Voltage is with Respect to the Logic Input Lower Threshold 160 120 80 40 0 Vth(upper) 0 1.0 2.0 3.0 4.0 Vin, INPUT OVERDRIVE VOLTAGE ABOVE UPPER THRESHOLD (V) VCC = 12 V CL = 1.0 nF TA = 25C
MOTOROLA ANALOG IC DEVICE DATA
3
MC34151 MC33151
Figure 7. Propagation Delay
V clamp , OUTPUT CLAMP VOLTAGE (V) 3.0 2.0 1.0 VCC 0 0 Gnd -1.0 50 ns/DIV 0 0.2 Low State Clamp (Drive Output Driven Below Ground) 1.2 1.4
Figure 8. Drive Output Clamp Voltage versus Clamp Current
High State Clamp (Drive Output Driven Above VCC)
90% Logic Input
VCC = 12 V Vin = 5 V to 0 V CL = 1.0 nF TA = 25C
VCC = 12 V 80 s Pulsed Load 120 Hz Rate TA = 25C
10%
Drive Output
0.4 0.6 0.8 1.0 IO, OUTPUT LOAD CURRENT (A)
Figure 9. Drive Output Saturation Voltage versus Load Current
V sat , OUTPUT SATURATION VOLTAGE(V) VCC Source Saturation VCC = 12 V (Load to Ground) 80 s Pulsed Load 120 Hz Rate TA = 25C V sat , OUTPUT SATURATION VOLTAGE(V) 0 -1.0 -2.0 -3.0 3.0 2.0 1.0 0 0 0.2 Sink Saturation (Load to VCC) Gnd 1.2 1.4 0 -0.5 -0.7 -0.9 -1.1 1.9 1.7
Figure 10. Drive Output Saturation Voltage versus Temperature
Source Saturation (Load to Ground) VCC Isource = 10 mA Isource = 400 mA VCC = 12 V
Isink = 400 mA
0.4 0.6 0.8 1.0 IO, OUTPUT LOAD CURRENT (A)
1.5 1.0 Isink = 10 mA 0.8 Gnd Sink Saturation 0.6 (Load to VCC) 0 -55 -25 0 25 50 75 TA, AMBIENT TEMPERATURE (C)
100
125
Figure 11. Drive Output Rise Time
Figure 12. Drive Output Fall Time
90%
90%
VCC = 12 V Vin = 5 V to 0 V CL = 1.0 nF TA = 25C
10%
VCC = 12 V Vin = 5 V to 0 V CL = 1.0 nF TA = 25C
10%
10 ns/DIV
10 ns/DIV
4
MOTOROLA ANALOG IC DEVICE DATA
MC34151 MC33151
Figure 13. Drive Output Rise and Fall Time versus Load Capacitance
80 t r -t f , OUTPUT RISE-FALL TIME(ns) ICC, SUPPLY CURRENT (mA) VCC = 12 V VIN = 0 V to 5.0 V TA = 25C 80 VCC = 12 V Both Logic Inputs Driven 0 V to 5.0 V 50% Duty Cycle Both Drive Outputs Loaded TA = 25C f = 500 kHz 20
Figure 14. Supply Current versus Drive Output Load Capacitance
60
60
f = 200 kHz
40
40
20
tf tr
f = 50 kHz
0 0.1
1.0 CL, OUTPUT LOAD CAPACITANCE (nF)
10
0 0.1
1.0 CL, OUTPUT LOAD CAPACITANCE (nF)
10
Figure 15. Supply Current versus Input Frequency
80 ICC , SUPPLY CURRENT (mA) 1 2 3 4 ICC , SUPPLY CURRENT (mA) Both Logic Inputs Driven 0 V to 5.0 V, 50% Duty Cycle Both Drive Outputs Loaded TA = 25C 1 - VCC = 18 V, CL = 2.5 nF 2 - VCC = 12 V, CL = 2.5 nF 3 - VCC = 18 V, CL = 1.0 nF 4 - VCC = 12 V, CL = 1.0 nF 8.0
Figure 16. Supply Current versus Supply Voltage
TA = 25C 6.0 Logic Inputs at VCC Low State Drive Outputs
60
40
4.0 Logic Inputs Grounded High State Drive Outputs 2.0
20
0
10 k
100 f, INPUT FREQUENCY (Hz)
1.0 M
0
0
4.0
8.0 VCC, SUPPLY VOLTAGE (V)
12
16
APPLICATIONS INFORMATION
Description The MC34151 is a dual inverting high speed driver specifically designed to interface low current digital circuitry with power MOSFETs. This device is constructed with Schottky clamped Bipolar Analog technology which offers a high degree of performance and ruggedness in hostile industrial environments. Input Stage The Logic Inputs have 170 mV of hysteresis with the input threshold centered at 1.67 V. The input thresholds are insensitive to VCC making this device directly compatible with CMOS and LSTTL logic families over its entire operating voltage range. Input hysteresis provides fast output switching that is independent of the input signal transition time, preventing output oscillations as the input thresholds are crossed. The inputs are designed to accept a signal amplitude ranging from ground to VCC. This allows the output of one channel to directly drive the input of a second channel for master-slave operation. Each input has a 30 k pull-down resistor so that an unconnected open input will cause the associated Drive Output to be in a known high state. Output Stage Each totem pole Drive Output is capable of sourcing and sinking up to 1.5 A with a typical `on' resistance of 2.4 at MOTOROLA ANALOG IC DEVICE DATA 1.0 A. The low `on' resistance allows high output currents to be attained at a lower VCC than with comparative CMOS drivers. Each output has a 100 k pull-down resistor to keep the MOSFET gate low when VCC is less than 1.4 V. No over current or thermal protection has been designed into the device, so output shorting to VCC or ground must be avoided. Parasitic inductance in series with the load will cause the driver outputs to ring above VCC during the turn-on transition, and below ground during the turn-off transition. With CMOS drivers, this mode of operation can cause a destructive output latch-up condition. The MC34151 is immune to output latch-up. The Drive Outputs contain an internal diode to VCC for clamping positive voltage transients. When operating with VCC at 18 V, proper power supply bypassing must be observed to prevent the output ringing from exceeding the maximum 20 V device rating. Negative output transients are clamped by the internal NPN pull-up transistor. Since full supply voltage is applied across the NPN pull-up during the negative output transient, power dissipation at high frequencies can become excessive. Figures 19, 20, and 21 show a method of using external Schottky diode clamps to reduce driver power dissipation. Undervoltage Lockout An undervoltage lockout with hysteresis prevents erratic system operation at low supply voltages. The UVLO forces the Drive Outputs into a low state as VCC rises from 1.4 V to 5
MC34151 MC33151
the 5.8 V upper threshold. The lower UVLO threshold is 5.3 V, yielding about 500 mV of hysteresis. Power Dissipation Circuit performance and long term reliability are enhanced with reduced die temperature. Die temperature increase is directly related to the power that the integrated circuit must dissipate and the total thermal resistance from the junction to ambient. The formula for calculating the junction temperature with the package in free air is: TJ = TA + PD (RJA) where: TJ = Junction Temperature TA = Ambient Temperature PD = Power Dissipation RJA = Thermal Resistance Junction to Ambient There are three basic components that make up total power to be dissipated when driving a capacitive load with respect to ground. They are: where: PD = PQ = PC = PT = PQ + PC + PT Quiescent Power Dissipation Capacitive Load Power Dissipation Transition Power Dissipation completely switch the MOSFET `on', the gate must be brought to 10 V with respect to the source. The graph shows that a gate charge Qg of 110 nC is required when operating the MOSFET with a drain to source voltage VDS of 400 V. Figure 17. Gate-To-Source Voltage versus Gate Charge
V GS , GATE-TO-SOURCE VOLTAGE (V) 16 MTM15N50 ID = 15 A TA = 25C VDS = 100 V 8.0 8.9 nF 4.0 2.0 nF 0 CGS = 40 80 Qg, GATE CHARGE (nC) 120 VDS = 400 V
12
Qg VGS 160
0
The quiescent power supply current depends on the supply voltage and duty cycle as shown in Figure 16. The device's quiescent power dissipation is: PQ = VCC where: ICCL (1-D) + ICCH (D)
The capacitive load power dissipation is directly related to the required gate charge, and operating frequency. The capacitive load power dissipation per driver is: PC(MOSFET) = VC Qg f The flat region from 10 nC to 55 nC is caused by the drain-to-gate Miller capacitance, occuring while the MOSFET is in the linear region dissipating substantial amounts of power. The high output current capability of the MC34151 is able to quickly deliver the required gate charge for fast power efficient MOSFET switching. By operating the MC34151 at a higher VCC, additional charge can be provided to bring the gate above 10 V. This will reduce the `on' resistance of the MOSFET at the expense of higher driver dissipation at a given operating frequency. The transition power dissipation is due to extremely short simultaneous conduction of internal circuit nodes when the Drive Outputs change state. The transition power dissipation per driver is approximately: PT VCC (1.08 VCC CL f - 8 x 10-4) PT must be greater than zero. Switching time characterization of the MC34151 is performed with fixed capacitive loads. Figure 13 shows that for small capacitance loads, the switching speed is limited by transistor turn-on/off time and the slew rate of the internal nodes. For large capacitance loads, the switching speed is limited by the maximum output current capability of the integrated circuit.
ICCL = Supply Current with Low State Drive Outputs ICCH = Supply Current with High State Drive Outputs D = Output Duty Cycle
The capacitive load power dissipation is directly related to the load capacitance value, frequency, and Drive Output voltage swing. The capacitive load power dissipation per driver is: where: PC = VOH = VOL = CL = f= VCC (VOH - VOL) CL f High State Drive Output Voltage Low State Drive Output Voltage Load Capacitance frequency
When driving a MOSFET, the calculation of capacitive load power PC is somewhat complicated by the changing gate to source capacitance CGS as the device switches. To aid in this calculation, power MOSFET manufacturers provide gate charge information on their data sheets. Figure 17 shows a curve of gate voltage versus gate charge for the Motorola MTM15N50. Note that there are three distinct slopes to the curve representing different input capacitance values. To
6
MOTOROLA ANALOG IC DEVICE DATA
MC34151 MC33151
LAYOUT CONSIDERATIONS
High frequency printed circuit layout techniques are imperative to prevent excessive output ringing and overshoot. Do not attempt to construct the driver circuit on wire-wrap or plug-in prototype boards. When driving large capacitive loads, the printed circuit board must contain a low inductance ground plane to minimize the voltage spikes induced by the high ground ripple currents. All high current loops should be kept as short as possible using heavy copper runs to provide a low impedance high frequency path. For optimum drive performance, it is recommended that the initial circuit design contains dual power supply bypass capacitors connected with short leads as close to the VCC pin and ground as the layout will permit. Suggested capacitors are a low inductance 0.1 F ceramic in parallel with a 4.7 F tantalum. Additional bypass capacitors may be required depending upon Drive Output loading and circuit layout. Proper printed circuit board layout is extremely critical and cannot be over emphasized.
Figure 18. Enhanced System Performance with Common Switching Regulators
VCC 47 0.1 6 + ++ - 5.7V + 7 100k Vin
Figure 19. MOSFET Parasitic Oscillations
Vin
+ Rg 100k D1 1N5819
+ 2
TL494 or TL594
+ + 4 100k 5
3
The MC34151 greatly enhances the drive capabilities of common switching regulators and CMOS/TTL logic devices.
Series gate resistor Rg may be needed to damp high frequency parasitic oscillations caused by the MOSFET input capacitance and any series wiring inductance in the gate-source circuit. Rg will decrease the MOSFET switching speed. Schottky diode D1 can reduce the driver's power dissipation due to excessive ringing, by preventing the output pin from being driven below ground.
Figure 20. Direct Transformer Drive
+ + 7 100k
Figure 21. Isolated MOSFET Drive
+
Isolation Boundary
+
100k
4X 1N5819 + 5 100k 3
1N 5819
3 Output Schottky diodes are recommended when driving inductive loads at high frequencies. The diodes reduce the driver's power dissipation by preventing the output pins from being driven above VCC and below ground.
MOTOROLA ANALOG IC DEVICE DATA
7
MC34151 MC33151
Figure 22. Controlled MOSFET Drive
Vin + + Rg(on) 100k 0 - + C1 Rg(off) 100k Base Charge Removal
Figure 23. Bipolar Transistor Drive
IB Vin
In noise sensitive applications, both conducted and radiated EMI can be reduced significantly by controlling the MOSFET's turn-on and turn-off times.
The totem-pole outputs can furnish negative base current for enhanced transistor turn-off, with the addition of capacitor C1.
Figure 24. Dual Charge Pump Converter
VCC = 15 V 4.7 + 6 + - 5.7V + 2 100k 7 6.8 10 + 1N5819 47 + + VO 2.0 VCC 0.1
+ +
+
+ + 4 100k 330pF 5 6.8 10 +
1N5819 47
- VO - VCC +
3 10k
The capacitor's equivalent series resistance limits the Drive Output Current to 1.5 A. An additional series resistor may be required when using tantalum or other low ESR capacitors.
Output Load Regulation IO (mA) 0 1.0 10 20 30 50 +VO (V) 27.7 27.4 26.4 25.5 24.6 22.6 -VO (V) -13.3 -12.9 -11.9 -11.2 -10.5 -9.4
8
MOTOROLA ANALOG IC DEVICE DATA
MC34151 MC33151
OUTLINE DIMENSIONS
P SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE K -B-
1 4 NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
8
5
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M
H
G 0.13 (0.005) TA
M
B
M
-A-
8 5
D SUFFIX PLASTIC PACKAGE CASE 751-05 (SO-8) ISSUE N
-B-
1 4
4X
P 0.25 (0.010)
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.18 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.189 0.196 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.007 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
G C -T-
8X SEATING PLANE
R
X 45 _
F
D 0.25 (0.010)
M
K TB
M_
S
J
S
A
MOTOROLA ANALOG IC DEVICE DATA
9
MC34151 MC33151
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
10
*MC34151/D*
MOTOROLA ANALOG IC DEVICE DATA MC34151/D


▲Up To Search▲   

 
Price & Availability of MC34151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X