Part Number Hot Search : 
E004846 KIA78L05 DD502 KA22136 R6522 BZV85130 21M10 3015BGC
Product Description
Full Text Search
 

To Download MC10138L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10138 Bi-Quinary Counter
The MC10138 is a four bit counter capable of divide by two, five, or ten functions. It is composed of four set-reset master-slave flip-flops. Clock inputs trigger on the positive going edge of the clock pulse. Set or reset input override the clock, allowing asynchronous "set" or "clear." Individual set and common reset inputs are provided, as well as complementary outputs for the first and fourth bits. * PD = 370 mW typ/pkg (No Load) * ftog = 150 MHz typ * tr, tf = 2.5 ns typ (20%-80%)
LOGIC DIAGRAM
11 S0 15 Q0 10 S1 13 Q1 6 S2 4 Q2 5 S3 2 Q3
http://onsemi.com MARKING DIAGRAMS
16 CDIP-16 L SUFFIX CASE 620 1 16 MC10138L AWLYYWW
S D1 12 Clock 9 Reset 14 7 Q Q' C1 R Q D1 D2 C2
S Q Q' Q R D1 C1 C2
S Q Q' Q R D1 D2 C2
S Q' Q Q R
PDIP-16 P SUFFIX CASE 648 1
MC10138P AWLYYWW
1 PLCC-20 FN SUFFIX CASE 775
Q3
10138 AWLYYWW
Q0
C2
3
VCC1 = PIN 1; VCC2 = PIN 16; VEE = PIN 8
DIP PIN ASSIGNMENT
VCC1 Q3 Q3 Q2 S3 S2 C2 VEE 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC2 Q0 Q0 Q1 C1 S0 S1 RESET
A WL YY WW
= Assembly Location = Wafer Lot = Year = Work Week
ORDERING INFORMATION
Device MC10138L MC10138P MC10138FN Package CDIP-16 PDIP-16 PLCC-20 Shipping 25 Units / Rail 25 Units / Rail 46 Units / Rail
Pin assignment is for Dual-in-Line Package. For PLCC pin assignment, see the Pin Conversion Tables on page 18 of the ON Semiconductor MECL Data Book (DL122/D).
(c) Semiconductor Components Industries, LLC, 2002
1
January, 2002 - Rev. 7
Publication Order Number: MC10138/D
MC10138
COUNTER TRUTH TABLES
BI-QUINARY (Clock connected to C2 and Q3 connected to C1) COUNT 0 1 2 3 4 5 6 7 8 9 Q1 L H L H L L H L H L Q2 L L H H L L L H H L Q3 L L L L H L L L L H Q0 L L L L L H H H H H 0 1 2 3 4 5 6 7 8 9 BCD (Clock connected to C1 and Q0 connected to C2) COUNT Q0 L H L H L H L H L H Q1 L L H H L L H H L L Q2 L L L L H H H H L L Q3 L L L L L L L L H H
COUNTER STATE DIAGRAM -- POSITIVE LOGIC
CLOCK CONNECTED TO C2
0 0
Q0 CONNECTED TO C2
1 2 3 4
4
7
1
14
10
11
5 6 3 2 9
15
12
13
8
7
6
5
http://onsemi.com
2
MC10138
ELECTRICAL CHARACTERISTICS
Test Limits Pin Under Test 8 12 5,6,10,11 7 9 All 3,14 (3.) 2,4,13,15 (2.) 3,14 (2.) 2,4,13,15 (3.) 2,4,13,15 (2.) 3,14 (3.) 13,15 (2.) 2,4,13,15 (3.) 3,14 (2.) 13,15 (3.) 0.5 -1.060 -1.060 -1.890 -1.890 -1.080 -1.080 -1.080 -1.655 -1.655 -1.655 -0.890 -0.890 -1.675 -1.675 -30C Min Max 97 350 390 460 650 0.5 -0.960 -0.960 -1.850 -1.850 -0.980 -0.980 -0.980 -1.630 -1.630 -1.630 -0.810 -0.810 -1.650 -1.650 Min +25C Typ 70 Max 88 220 245 290 410 0.3 -0.890 -0.890 -1.825 -1.825 -0.910 -0.910 -0.910 -1.595 -1.595 -1.595 -0.700 -0.700 -1.615 -1.615 Min +85C Max 97 220 245 290 Unit mAdc Adc
Characteristic Power Supply Drain Current Input Current
Symbol IE IinH
IinL Output Voltage Output Voltage Logic 1 Logic 0 VOH VOL VOHA
Adc Vdc Vdc Vdc
Threshold Voltage Logic 1
Threshold Voltage Logic 0
VOLA
Vdc
Switching Times Load)
(50 t12+15+ t12+14+ t7+13+ t7+4+ t7+2+ t7+3+ t12+15- t12+14- t7+13- t7+4- t7+2- t7+3- 15 14 13 4 2 3 15 14 13 4 2 3 15 14 14 15 14 15 14 15 2 15 1.4 1.4 1.4 1.4 1.4 1.4 1.4 1.4 1.4 1.4 1.4 1.4 1.4 1.4 1.4 1.4 1.1 1.1 1.1 1.1 125 125 5.0 5.0 5.2 5.2 5.2 5.2 5.0 5.0 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 4.7 4.7 4.7 4.7 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.1 1.1 1.1 1.1 125 125 2.5 2.5 2.5 2.5 150 150 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 4.8 4.8 5.0 5.0 5.0 5.0 4.8 4.8 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 4.5 4.5 4.5 4.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.1 1.1 1.1 1.1 125 125 5.3 5.3 5.5 5.5 5.5 5.5 5.3 5.3 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.0 5.0 5.0 5.0
ns
Propagation Clock Delays Delay
Set Delay Reset Delay Rise Time Fall Time (20 to 80%) (20 to 80%)
t11+15+ t11+14- t9+14+ t9+15- t14+ t15+ t14- t15- fcount
Counting Frequency
MHz
1. Individually test each input; apply VILmin to pin under test. VIHmax 2. Set all four flip-flops by applying pulse VILmin VIHmax 3. Reset all four flip-flops by applying pulse VILmin
to pins 5, 6, 10, and 11 prior to applying test voltage indicated. to pin 9 prior to applying test voltage indicated.
http://onsemi.com
3
MC10138
ELECTRICAL CHARACTERISTICS (continued)
NOTE: Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater g than 500 linear fpm is maintained Outputs are maintained. terminated through a 50-ohm resistor to -2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the same manner.
TEST VOLTAGE VALUES (Volts) @ Test Temperature -30C +25C +85C Pin Under Test 8 12 5,6,10,11 7 9 All 3,14 (3.) 2,4,13,15 (2.) 3,14 (2.) 2,4,13,15 (3.) 2,4,13,15 (2.) 3,14 (3.) 13,15 (2.) 2,4,13,15 (3.) 3,14 (2.) 13,15 (3.) Pulse In t12+15+ t12+14+ t7+13+ t7+4+ t7+2+ t7+3+ t12+15- t12+14- t7+13- t7+4- t7+2- t7+3- 15 14 13 4 2 3 15 14 13 4 2 3 15 14 14 15 14 15 14 15 2 15 12 12 7 7 7 7 12 12 7 7 7 7 11 11 9 9 11 11 9 9 7 12 9 5,6,10,11 5,6,10,11 9 5,6,10,11 9 7,12 5,6,10,11 9 7,12 Pulse Out 15 14 13 4 2 3 15 14 13 4 2 3 15 14 14 15 14 15 14 15 2 15 VIHmax -0.890 -0.810 -0.700 VILmin -1.890 -1.850 -1.825 VIHAmin -1.205 -1.105 -1.035 VILAmax -1.500 -1.475 -1.440 VEE -5.2 -5.2 -5.2
TEST VOLTAGE APPLIED TO PINS LISTED BELOW VIHmax 9 12 5,6,10,11 7 9 Note 1. VILmin VIHAmin VILAmax VEE 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 -3.2 V 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 (VCC) Gnd 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 +2.0 V 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16
Characteristic Power Supply Drain Current Input Current
Symbol IE IinH
IinL Output Voltage Output Voltage Threshold Voltage Logic 1 Logic 0 Logic 1 VOH VOL VOHA
Threshold Voltage
Logic 0
VOLA
Switching Times
(50 Load)
Propagation Delay Clock Delays
Set Delay Reset Delay Rise Time Fall Time Counting Frequency (20 to 80%) (20 to 80%)
t11+15+ t11+14- t9+14+ t9+15- t14+ t15+ t14- t15- fcount
1. Individually test each input; apply V ILmin to pin under test. VIHmax 2. Set all four flip-flops by applying pulse VILmin VIHmax 3. Reset all four flip-flops by applying pulse VILmin
to pins 5, 6, 10, and 11 prior to applying test voltage indicated. to pin 9 prior to applying test voltage indicated.
http://onsemi.com
4
MC10138
PACKAGE DIMENSIONS
PLCC-20 FN SUFFIX PLASTIC PLCC PACKAGE CASE 775-02 ISSUE C
B -N- Y BRK D -L- -M- W D X V A Z R 0.007 (0.180) 0.007 (0.180)
M
0.007 (0.180) U
M
T L-M
M
S
N
S S
0.007 (0.180)
T L-M
N
S
Z
20
1
G1
0.010 (0.250)
S
T L-M
S
N
S
VIEW D-D T L-M T L-M
S
N N
S
H
0.007 (0.180)
M
T L-M
S
N
S
M
S
S
K1 K
C
E 0.004 (0.100) G G1 0.010 (0.250) S T L-M J -T-
SEATING PLANE
F VIEW S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
0.007 (0.180)
M
T L-M
S
N
S
VIEW S
S
N
S
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.385 0.395 0.385 0.395 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --0.025 --0.350 0.356 0.350 0.356 0.042 0.048 0.042 0.048 0.042 0.056 --0.020 2_ 10 _ 0.310 0.330 0.040 ---
MILLIMETERS MIN MAX 9.78 10.03 9.78 10.03 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --0.64 --8.89 9.04 8.89 9.04 1.07 1.21 1.07 1.21 1.07 1.42 --0.50 2_ 10 _ 7.88 8.38 1.02 ---
http://onsemi.com
5
MC10138
PACKAGE DIMENSIONS
CDIP-16 L SUFFIX CERAMIC DIP PACKAGE CASE 620-10 ISSUE T
-A-
16 9
-B-
1 8
C
L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. DIM A B C D E F G H K L M N INCHES MIN MAX 0.750 0.785 0.240 0.295 --0.200 0.015 0.020 0.050 BSC 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.93 6.10 7.49 --5.08 0.39 0.50 1.27 BSC 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 0_ 15 _ 0.51 1.01
-T-
SEATING PLANE
N E F D G
16 PL
K M J
16 PL
0.25 (0.010)
M
M
TB
S
0.25 (0.010)
TA
S
-A-
16 9
PDIP-16 P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R
B
1
8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
http://onsemi.com
6
MC10138
Notes
http://onsemi.com
7
MC10138
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC10138/D


▲Up To Search▲   

 
Price & Availability of MC10138L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X