Part Number Hot Search : 
20ETT NJL5168K 8FU60 P6N60F XF0053A BR9771 HAZ680 TPS40
Product Description
Full Text Search
 

To Download MBRM110E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRM110E Surface Mount Schottky Power Rectifier
POWERMITE(R) Power Surface Mount Package
The Schottky Powermite employs the Schottky Barrier principle with a barrier metal and epitaxial construction that produces optimal forward voltage drop-reverse current tradeoff. The advanced packaging techniques provide for a highly efficient micro miniature, space saving surface mount Rectifier. With its unique heatsink design, the Powermite has the same thermal performance as the SMA while being 50% smaller in footprint area, and delivering one of the lowest height profiles, < 1.1 mm in the industry. Because of its small size, it is ideal for use in portable and battery powered products such as cellular and cordless phones, chargers, notebook computers, printers, PDAs and PCMCIA cards. Typical applications are ac/dc and dc-dc converters, reverse battery protection, and "Oring" of multiple supply voltages and any other application where performance and size are critical.
Features: http://onsemi.com
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 10 VOLTS
CATHODE POWERMITE CASE 457 PLASTIC
ANODE
* * * * * * * * * *
Low IR Extends Battery Life Low Profile - Maximum Height of 1.1 mm Small Footprint - Footprint Area of 8.45 mm2 150C Operating Junction Temperature Low Thermal Resistance with Direct Thermal Path of Die on Exposed Cathode Heat Sink Powermite is JEDEC Registered as D0-216AA Case: Molded Epoxy Epoxy Meets UL 94V-O at 1/8 Weight: 62 mg (approximately) Lead and Mounting Surface Temperature for Soldering Purposes. 260C Maximum for 10 Seconds
MARKING DIAGRAM
Mechanical Characteristics:
M 1E1
1E1 = Device Code M = Date Code
MAXIMUM RATINGS
Please See the Table on the Following Page
ORDERING INFORMATION
Device Package Shipping 3,000/Tape & Reel
MBRM110ET1 POWERMITE
MBRM110ET3 POWERMITE 12,000/Tape & Reel
(c) Semiconductor Components Industries, LLC, 2001
1
October, 2001 - Rev. 0
Publication Order Number: MBRM110E/D
MBRM110E
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (TL = 100C) Non-Repetitive Peak Surge Current (Non-Repetitive peak surge current, halfwave, single phase, 60 Hz) Storage Temperature Operating Junction Temperature Voltage Rate of Change (Rated VR, TJ = 25C) Symbol VRRM VRWM VR IO IFSM Value 10 Unit V
1.0 50
A A
Tstg TJ dv/dt
-55 to +150 -55 to +150 10,000
C C V/ms
THERMAL CHARACTERISTICS
Thermal Resistance - Junction-to-Lead (Anode) (Note 1) Thermal Resistance - Junction-to-Tab (Cathode) (Note 1) Thermal Resistance - Junction-to-Ambient (Note 1) Rtjl Rtjtab Rtja 35 23 277 C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2) (IF = 0.1 A) (IF = 1.0 A) (IF = 2.0 A) Maximum Instantaneous Reverse Current (Note 2) (VR = 5.0 V) (VR = 10 V) 1. Mounted with minimum recommended pad size, PC Board FR4, See Figures 8 and 9. 2. Pulse Test: Pulse Width 250 s, Duty Cycle 2%. IR VF TJ = 25C 0.455 0.530 0.595 TJ = 25C 0.5 1.0 TJ = 100C 0.360 0.455 0.540 TJ = 100C 300 500 mA V
http://onsemi.com
2
MBRM110E
i F, INSTANTANEOUS FORWARD CURRENT (AMPS)
IF, INSTANTANEOUS FORWARD CURRENT (AMPS)
10 TJ = 150C TJ = 100C TJ = 25C TJ = -40C
10 TJ = 150C TJ = 100C 1.0 TJ = 25C
1.0
0.1
0.2
0.4
0.6
0.8
0.1
0.2
0.4
0.6
0.8
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
IR, REVERSE CURRENT (AMPS)
10E-3 1E-3 TJ = 150C TJ = 100C
I R, MAXIMUM REVERSE CURRENT (AMPS)
100E-3
100E-3 10E-3 1E-3 TJ = 150C TJ = 100C
100E-6 10E-6 1E-6
100E-6 10E-6 1E-6 TJ = 25C
100E-9 10E-9 0 2.5
TJ = 25C 5 7.5
100E-9 10E-9 0 2.5 5 7.5 10
10
VR, REVERSE VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
http://onsemi.com
3
MBRM110E
PFO , AVERAGE POWER DISSIPATION (WATTS) I O , AVERAGE FORWARD CURRENT (AMPS) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 25 45 SQUARE WAVE Ipk/Io = p Ipk/Io = 5 Ipk/Io = 10 Ipk/Io = 20 dc FREQ = 20 kHz 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 Ipk/Io = 10 Ipk/Io = 20 Ipk/Io = p Ipk/Io = 5 SQUARE WAVE dc
65
85
105
125
145
165
TL, LEAD TEMPERATURE (C)
IO, AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Current Derating
1000
Figure 6. Forward Power Dissipation
C, CAPACITANCE (pF)
TJ = 25C
100
10
0
1
2
3
4
5
6
7
8
9
10
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Capacitance
http://onsemi.com
4
MBRM110E
R (T) , TRANSIENT THERMAL RESISTANCE (NORMALIZED)
1.0 50% 0.1 20% 10% 5.0% 0.01 2.0% 1.0% Rtjl(t) = Rtjl*r(t)
0.001 0.00001
0.0001
0.001
0.01 T, TIME (s)
0.1
1.0
10
100
Figure 8. Thermal Response Junction to Lead
R (T) , TRANSIENT THERMAL RESISTANCE (NORMALIZED)
1.0 50% 0.1 20% 10% 5.0% 0.01
2.0% Rtjl(t) = Rtjl*r(t)
1.0% 0.001 0.00001
0.0001
0.001
0.01
0.1 T, TIME (s)
1.0
10
100
1,000
Figure 9. Thermal Response Junction to Ambient
0.025 0.635 0.030 0.762
0.105 2.67
0.100 2.54 inches mm Minimum Recommended Footprint
0.050 1.27
http://onsemi.com
5
MBRM110E
PACKAGE DIMENSIONS
POWERMITE PLASTIC PACKAGE CASE 457-04 ISSUE D
-A- C J S F 0.08 (0.003)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. DIM A B C D F H J K L R S MILLIMETERS INCHES MIN MAX MIN MAX 1.75 2.05 0.069 0.081 1.75 2.18 0.069 0.086 0.85 1.15 0.033 0.045 0.40 0.69 0.016 0.027 0.70 1.00 0.028 0.039 -0.05 +0.10 -0.002 +0.004 0.10 0.25 0.004 0.010 3.60 3.90 0.142 0.154 0.50 0.80 0.020 0.031 1.20 1.50 0.047 0.059 0.50 REF 0.019 REF
M
TB
S
C
S
TERM. 1
-B- K
TERM. 2
R L J H -T- 0.08 (0.003)
M
D TB
S
C
S
http://onsemi.com
6
MBRM110E
Notes
http://onsemi.com
7
MBRM110E
POWERMITE is a registered trademark of and used under a license from MicroSemi Corporation
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MBRM110E/D


▲Up To Search▲   

 
Price & Availability of MBRM110E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X