Part Number Hot Search : 
2DT120P X85C33 HC402 TLE4215 FT0009B AC2626M Y7C10 FT6XXXXX
Product Description
Full Text Search
 

To Download MBRB3030CTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20628 05/01
MBRB3030CTL
SCHOTTKY RECTIFIER 30 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM VF TJ @ tp = 5 s sine @ 15 Apk, TJ = 125C range
Description/Features Units
A V A V This center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap configuration Very low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability
Values
30 30 1100 0.34
(per leg)
- 55 to 150
C
Case Styles MBRB3030CTL
BASE COMMON CATHODE 2
1
2
3
ANODE COMMON ANODE CATHODE 1 2
D2PAK
www.irf.com
1
MBRB3030CTL
Bulletin PD-20628 05/01
Voltage Ratings
Parameters
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V) MBRB3030CTL 30
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 (Per Leg) (Per Device)
Values Units
15 30 1100 360 22.4 3 A mJ A A
Conditions
50% duty cycle @ TC = 121C, rectangular wave form Following any rated 5s Sine or 3s Rect. pulse load condition and with 10ms Sine or 6ms Rect. pulse rated V RRM applied TJ = 25 C, IAS = 3 Amps, L = 3 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
Values
0.44 0.51 0.34 0.45 2 183 0.22 6.76 2840 8.0 10000 (Per Leg)
Units
V V V V mA mA V
m
Conditions
@ 15A @ 30A @ 15A @ 30A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1)
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance (Per Leg) Typical Series Inductance
pF nH V/ s
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
(1) Pulse Width < 300s, Duty Cycle <2%
Values Units
-55 to 150 -55 to 150 2.0 1.0 0.50 2 (0.07) Min. Max. 6 (5) 12 (10) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight MountingTorque
C/W DC operation C/W DC operation C/W Mounting surface , smooth and greased (only for TO-220) g (oz.) Kg-cm (Ibf-in)
2
www.irf.com
MBRB3030CTL
Bulletin PD-20628 05/01
10 0 0 Reverse Cu rrent - I R (m A ) 1 0 00 T J = 15 0 C 125 C 10 100 C 75 C 1 50 C 0.1 25 C
10 0
Instan tan eo us Fo rw a rd C urren t - I F (A )
1 00
0 .01 0 5 10 15 20 25 30 Reverse V oltag e - V R (V )
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10 0 00 T J = 150 C T J = 125 C T J = 25 C Junction C ap a cita n ce - C T (p F)
10
T J= 25 C
10 0 0
1 0 0.2 0.4 0 .6 0 .8 1 1 .2 1 .4 1 .6 1 .8 Forw ard V oltag e D rop - V F M (V )
10 0 0 5 10 15 20 25 30 35 Reverse V oltag e - V R (V )
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10 Th erm al Im pedance Z thJC ( C /W )
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D D D D D
= = = = =
0.75 0.50 0.33 0.25 0.20
PD M
0 .1 Notes: Sing le Pu lse (Therm a l Resista n ce) 0.01 0.0 000 1
t1 t2
1. D uty factor D = t 1/ t 2 2. Peak TJ = PD M x Z thJC+ T C 0 .1 1 10 100
0.0001
0.001
0 .01
t 1 , R ectan gula r Pulse Du ratio n (Seco n d s)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
MBRB3030CTL
Bulletin PD-20628 05/01
15 0 Allo w able C ase Tem p erature - ( C ) Avera ge Pow er Loss - (W a tts) 16 D D D D D = = = = = 0.20 0.25 0.33 0.50 0.75
14 0 DC 13 0
12
8
RM S Lim it
DC
12 0
Squa re w ave (D = 0.50) 80% Ra ted V R ap p lied
4
11 0
see note (2)
10 0 0 5 10 15 20 25 30 Averag e Forw ard C urrent - I F(A V ) (A )
0 0 5 10 15 20 25 30 Averag e Forw ard C urrent - I F(A V) (A )
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
1000 N on-Rep etitive Surg e C urrent - I F SM (A)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
A t An y Rated Load C ondition A nd W ith Ra ted V RRM App lied Follow in g Surge 100 10
100
1000 p
10000 (m icrosec)
Square W ave Pulse D uration - t
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L H IG H-SPE ED SW ITC H FR EE-W H E EL D IO D E 40H FL40 S02 V d = 25 V olt
D UT
IRFP460 Rg = 25 ohm
+
C URRE NT M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 10 V
4
www.irf.com
MBRB3030CTL
Bulletin PD-20628 05/01
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
BASE COMMON CATHODE 2
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
1 2 3
3
4.57 (0.18)
ANODE COMMON ANODE CATHODE 1 2
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
2.54 (0.10) 2X
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) FEED DIRECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069) 24.30 (0.957) 23.90 (0.941)
TRL
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
DIA.
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532) 12.80 (0.504)
DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples
60 (2.362) DIA. MIN.
360 (14.173) DIA. MAX.
of 800 pieces per reel for both TRL and TRR.
Dimensions in millimeters and (inches)
www.irf.com
5
MBRB3030CTL
Bulletin PD-20628 05/01
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 05/01
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of MBRB3030CTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X